Part Number Hot Search : 
APT100 ALVCH16 SC2383 HN2S04FU ISD1020 ISD1020 HN2S04FU 1W005M
Product Description
Full Text Search
 

To Download MAX6138 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2090; Rev 1; 3/03
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
General Description
The MAX6138 is a precision, two-terminal shunt mode, bandgap voltage reference available in fixed reverse breakdown voltages of 1.2205V, 2.048V, 2.5V, 3.0V, 3.3V, 4.096V, and 5.0V. Ideal for space-critical applications, the MAX6138 is offered in the subminiature 3-pin SC70 surface-mount package (1.8mm X 1.8mm), 50% smaller than comparable devices in SOT23 surfacemount packages. Laser-trimmed resistors ensure precise initial accuracy. With a 25ppm/C temperature coefficient, the device is offered in three grades of initial accuracy ranging from 0.1% to 0.5%. The MAX6138 has a 60A to 15mA shuntcurrent capability with low-dynamic impedance, ensuring stable reverse breakdown voltage accuracy over a wide range of operating temperatures and currents. The MAX6138 does not require an external stabilizing capacitor while ensuring stability with capacitive loads. The MAX6138 is a higher precision device in a smaller package than the LM4040/LM4050. o Ultra-Small 3-Pin SC70 Package o 0.1% (max) Initial Accuracy o 25ppm/C (max) Temperature Coefficient Guaranteed Over -40C to +85C Temperature Range o Wide Operating Current Range: 60A to 15mA o Low 28VRMS Output Noise (10Hz to 10kHz) o 1.2205V, 2.048V, 2.5V, 3.0V, 3.3V, 4.096V, and 5.0V Fixed Reverse Breakdown Voltages o No Output Capacitors Required o Stable with Capacitive Loads
Features
MAX6138
Selector Guide
PART TEMP. RANGE OUTPUT PINVOLTAGE PACKAGE (V) 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 1.2205 2.0480 2.5000 3.0000 3.3000 4.0960 5.0000
Applications
Portable, Battery-Powered Equipment Notebook Computers Cell Phones Industrial Process Control
MAX6138_EXR12-T -40C to +85C MAX6138_EXR21-T -40C to +85C MAX6138_EXR25-T -40C to +85C MAX6138_EXR30-T -40C to +85C MAX6138_EXR33-T -40C to +85C MAX6138_EXR41-T -40C to +85C MAX6138_EXR50-T -40C to +85C
Ordering Information appears at end of data sheet.
Typical Operating Circuit Pin Configuration
TOP VIEW
+ 1 RS VS
ISHUNT + ILOAD ILOAD VR
MAX6138
-2
3
N.C.*
ISHUNT
SC70
*PIN 3 MUST BE LEFT FLOATING OR CONNECTED TO PIN 2.
MAX6138
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages MAX6138
ABSOLUTE MAXIMUM RATINGS
Reverse Current (cathode to anode) ..................................20mA Forward Current (anode to cathode) ..................................10mA Human Body Model ...........................................................2000V Machine Model.....................................................................200V Continuous Power Dissipation (TA = +70C) 3-Pin SC70 (derate 2.17mW/C above +70C) ...........174mW Operating Temperature Range .........................-40C to +125C Storage Temperature Range .............................-65C to +150C Junction Temperature ......................................................+150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS--MAX6138_12 (1.2205V)
(IR = 100A, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER Reverse Breakdown Voltage (Note 2) Minimum Operating Current Reverse Voltage Temperature Coefficient (Notes 2, 3) Reverse Breakdown Voltage Change with Operating Current Change Reverse Dynamic Impedance (Note 3) Wideband Noise Reverse Breakdown Voltage SYMBOL CONDITIONS MAX6138A (0.1%) VR IRMIN TC IRMIN IR 1mA VR/IR 1mA IR 12mA IR = 1mA, f = 120Hz, IAC = 0.1IR IR = 10A, 10Hz f 10kHz t = 1000h TA = +25C MAX6138B (0.2%) MAX6138C (0.5%) MIN 1.2193 1.2181 1.2144 TYP 1.2205 1.2205 1.2205 45 4 MAX 1.2217 1.2229 1.2266 60 25 A ppm/C V UNITS
0.3 2.5 0.3 20 120
1.0 mV 8.0 0.8 VRMS ppm
ZR eN VR
2
_______________________________________________________________________________________
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
ELECTRICAL CHARACTERISTICS--MAX6138_21 (2.048V)
(IR = 100A, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER Reverse Breakdown Voltage (Note 2) Minimum Operating Current Reverse Voltage Temperature Coefficient (Notes 2, 3) Reverse Breakdown Voltage Change with Operating Current Change Reverse Dynamic Impedance (Note 3) Wideband Noise Reverse Breakdown Voltage Long-Term Stability SYMBOL VR IRMIN TC IRMIN IR 1mA 1mA IR 15mA IR = 1mA, f = 120Hz, IAC = 0.1IR 10Hz f 10kHz t = 1000h TA = +25C CONDITIONS MAX6138A (0.1%) MAX6138B (0.2%) MAX6138C (0.5%) MIN 2.0460 2.0439 2.0378 TYP 2.0480 2.0480 2.0480 45 4 MAX 2.0500 2.0521 2.0582 65 25 A ppm/C V UNITS
MAX6138
VR/IR
0.3 2.5 0.3 28 120
1.0 mV 8.0 0.8 VRMS ppm
ZR eN VR
ELECTRICAL CHARACTERISTICS--MAX6138_25 (2.5V)
(IR = 100A, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER Reverse Breakdown Voltage (Note 2) Minimum Operating Current Reverse Voltage Temperature Coefficient (Notes 2, 3) Reverse Breakdown Voltage Change with Operating Current Change Reverse Breakdown Voltage Change with Operating Current Change Reverse Dynamic Impedance (Note 3) Wideband Noise Reverse Breakdown Voltage Long-Term Stability SYMBOL CONDITIONS MAX6138A (0.1%) VR IRMIN TC TA = +25C MAX6138B (0.2%) MAX6138C (0.2%) MIN 2.4975 2.4950 2.4875 TYP 2.5000 2.5000 2.5000 45 4 MAX 2.5025 2.5050 2.5125 65 25 A ppm/C V UNITS
VR/IR
IRMIN IR 1mA
0.3
1.0
mV
VR/IR
1mA IR 15mA
2.5
8.0
mV
ZR eN VR
IR = 1mA, f = 120Hz, IAC = 0.1IR 10Hz f 10kHz t = 1000h
0.3 35 120
0.8
VRMS ppm
_______________________________________________________________________________________
3
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages MAX6138
ELECTRICAL CHARACTERISTICS--MAX6138_30 (3.0V)
(IR = 100A, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER Reverse Breakdown Voltage (Note 2) Minimum Operating Current Reverse Voltage Temperature Coefficient (Notes 2, 3) Reverse Breakdown Voltage Change with Operating Current Change Reverse Dynamic Impedance (Note 3) Wideband Noise Reverse Breakdown Voltage Long-Term Stability SYMBOL CONDITIONS MAX6138A (0.1%) VR TA = +25C MAX6138B (0.2%) MAX6138C (0.5%) IRMIN MIN 2.9970 2.9940 2.9850 TYP 3.0000 3.0000 3.0000 45 MAX 3.0030 3.0060 3.0150 65 A V UNITS
TC
4
25
ppm/C
VR/IR
IRMIN IR 1mA 1mA IR 15mA IR = 1mA, f =120Hz, IAC = 0.1IR 10Hz f 10kHz t = 1000h
0.3 2.5 0.3 45 120
1.0 mV 8.0 0.8 VRMS ppm
ZR eN VR
ELECTRICAL CHARACTERISTICS--MAX6138_33 (3.3V)
(IR = 100A, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER Reverse Breakdown Voltage (Note 2) Minimum Operating Current Reverse Voltage Temperature Coefficient (Notes 2, 3) Reverse Breakdown Voltage Change with Operating Current Change Reverse Dynamic Impedance (Note 3) Wideband Noise Reverse Breakdown Voltage Long-Term Stability SYMBOL CONDITIONS MAX6138A (0.1%) VR IRMIN TC TA = +25C MAX6138B (0.2%) MAX6138C (0.5%) MIN 3.2967 3.2934 3.2835 TYP 3.3000 3.3000 3.3000 45 MAX 3.3033 3.3066 3.3165 67 A V UNITS
4
25
ppm/C
VR/IR
IRMIN IR 1mA 1mA IR 15mA IR = 1mA, f =120Hz, IAC = 0.1IR 10Hz f 10kHz t = 1000h
0.3
1.0 mV 8.0
ZR eN VR
0.3 50 120
0.8
VRMS ppm
4
_______________________________________________________________________________________
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
ELECTRICAL CHARACTERISTICS--MAX6138_41 (4.096V)
(IR = 100A, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER Reverse Breakdown Voltage (Note 2) Minimum Operating Current Reverse Voltage Temperature Coefficient (Notes 2, 3) Reverse Breakdown Voltage Change with Operating Current Change Reverse Dynamic Impedance (Note 3) Wideband Noise Reverse Breakdown Voltage Long-Term Stability SYMBOL VR TA = +25C CONDITIONS MAX6138A (0.1%) MAX6138B (0.2%) MAX6138C (0.5%) IRMIN MIN 4.0919 4.0878 4.0755 TYP 4.0960 4.0960 4.0960 50 MAX 4.1001 4.1042 4.1165 73 A V UNITS
MAX6138
TC
4
25
ppm/C
VR/IR
IRMIN IR 1mA 1mA IR 15mA IR = 1mA, f = 120Hz, IAC = 0.1IR 10Hz f 10kHz t = 1000h
0.5 3.0 0.5 64 120
1.2 mV 10.0 1.0 VRMS ppm
ZR eN VR
ELECTRICAL CHARACTERISTICS--MAX6138_50 (5.0V)
(IR = 100A, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER Reverse Breakdown Voltage (Note 2) Minimum Operating Current Reverse Voltage Temperature Coefficient (Notes 2, 3) Reverse Breakdown Voltage Change with Operating Current Change Reverse Dynamic Impedance (Note 3) Wideband Noise Reverse Breakdown Voltage Long-Term Stability SYMBOL VR IRMIN TC IRMIN IR 1mA 1mA IR 15mA IR = 1mA, f = 120Hz, IAC = 0.1IR 10Hz f 10kHz t = 1000h TA = +25C CONDITIONS MAX6138A (0.1%) MAX6138B (0.2%) MAX6138C (0.5%) MIN 4.9950 4.9900 4.9750 TYP 5.0000 5.0000 5.0000 54 4 MAX 5.0050 5.0100 5.0250 80 25 A ppm/C V UNITS
0.5 3.5 0.5 80 120
1.4 mV 12.0 1.1 VRMS ppm
VR/IR
ZR eN VR
Note 1: All devices are 100% production tested at +25C and are guaranteed by correlation for TA = TMAX to TMIN, as specified. Note 2: TC is measured by the "box" method, i.e. (VMAX - VMIN) / (TMAX - TMIN) Note 3: Guaranteed by design. _______________________________________________________________________________________ 5
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages MAX6138
Typical Operating Characteristics
(IR = 100A, TA = +25C, unless otherwise noted.)
REVERSE CHARACTERISTICS AND MINIMUM OPERATING CURRENT
MAX6138_50 MAX6138_41 4 MAX6138_30 3 2 1 MAX6138_25 MAX6138_20 MAX6138_12
MAX6138 toc01
MAX6138_12 TEMPERATURE DRIFT
MAX6138 toc02
MAX6138_25 TEMPERATURE DRIFT
MAX6138 toc03
6 5 REVERSE VOLTAGE (V)
1.2215
2.5015 2.5010 REVERSE VOLTAGE (V) 2.5005 2.5000 2.4995 2.4990 2.4895
REVERSE VOLTAGE (V)
1.2210
1.2205
1.2200 3 TYPICAL PARTS
3 TYPICAL PARTS 2.4890 20 40 60 80 -40 -20 0 20 40 60 80
0 0 20 40 60 80 100 REVERSE CURRENT (A)
1.2195 -40 -20 0 TEMPERATURE (C)
TEMPERATURE (C)
MAX6138_50 TEMPERATURE DRIFT
5.003 5.002 REVERSE VOLTAGE (V) 5.001 5.000 4.999 4.998 4.997 3 TYPICAL PARTS 4.996 -40 -20 0 20 40 60 80 TEMPERATURE (C)
MAX6138 toc04
MAX6138_12 REVERSE VOLTAGE vs. ISHUNT
4.5 REVERSE VOLTAGE CHANGE (mV) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 5 10 ISHUNT (mA) 15 20 TA = -40C TA = +25C TA = +85C
MAX61438 toc05
5.0
6
_______________________________________________________________________________________
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Typical Operating Characteristics (continued)
(IR = 100A, TA = +25C, unless otherwise noted.)
MAX6138_25 REVERSE VOLTAGE vs. ISHUNT
MAX61438 toc06
MAX6138
MAX6138_50 REVERSE VOLTAGE vs. ISHUNT
4.5 REVERSE VOLTAGE CHANGE (mV) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 TA = -40C TA = +25C TA = +85C
MAX61438 toc07
5.0 4.5 REVERSE VOLTAGE CHANGE (mV) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 5 10 ISHUNT (mA) 15 TA = -40C TA = +25C TA = +85C
5.0
20
0
5
10 ISHUNT (mA)
15
20
MAX6138_12 LOAD-TRANSIENT RESPONSE
MAX6138 toc08
MAX6138_25 LOAD-TRANSIENT RESPONSE
MAX6138 toc09
+25A +25A -25A -25A
VR AC-COUPLED 10mV/div
VR AC-COUPLED 10mV/div
4s/div ISHUNT = 100A 25A RL = 48k ISHUNT = 100A RL = 100k
10s/div
ISHUNT + ILOAD
VB
+ VR
1k RL
VGEN
Figure 1. Load Transient Circuit _______________________________________________________________________________________ 7
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages MAX6138
Typical Operating Characteristics (continued)
(IR = 100A, TA = +25C, unless otherwise noted.)
MAX6138_50 LOAD-TRANSIENT RESPONSE
MAX6138 toc10
MAX6138_12 LOAD-TRANSIENT RESPONSE
MAX6138 toc11
+25A +250A
-25A
-250A
VR AC-COUPLED 20mV/div
VR AC-COUPLED 2.0mV/div
40s/div ISHUNT = 100A RL = 100k ISHUNT = 1mA RL = 10k
10s/div
MAX6138_25 LOAD-TRANSIENT RESPONSE
MAX6138 toc12
MAX6138_50 LOAD-TRANSIENT RESPONSE
MAX6138 toc13
+250A +250A -250A -250A
VR AC-COUPLED 10mV/div
VR AC-COUPLED 2mV/div
10s/div ISHUNT = 1mA RL = 10k ISHUNT = 1mA RL = 10k
40s/div
RS
VIN 1Hz RATE 50% DUTY CYCLE
VR
Figure 2. Startup Characteristics Test Circuit 8 _______________________________________________________________________________________
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Typical Operating Characteristics (continued)
(IR = 100A, TA = +25C, unless otherwise noted.)
MAX6138_12 LOAD-TRANSIENT RESPONSE
MAX6138 toc14
MAX6138
MAX6138_25 LOAD-TRANSIENT RESPONSE
MAX6138 toc15
+2.5mA
+2.5mA
-2.5mA
-2.5mA
VR AC-COUPLED 100mV/div
VR AC-COUPLED 5mV/div
10s/div ISHUNT = 10mA RL = 1k ISHUNT = 10mA RL = 1k
10s/div
MAX6138_50 LOAD-TRANSIENT RESPONSE
MAX6138 toc16
MAX6138_12 STARTUP CHARACTERISTICS
MAX6138 toc17
+2.5mA
5V
-2.5mA
VIN
0
1.2V VR AC-COUPLED 100mV/div VOUT 40s/div ISHUNT = 10mA RL = 1k ISHUNT = 100A RS = 30k 200ns/div 0
MAX6138_25 STARTUP CHARACTERISTICS
MAX6138 toc18
MAX6138_50 STARTUP CHARACTERISTICS
MAX6138 toc19
MAX6138_12 OUTPUT IMPEDANCE vs. FREQUENCY
5V CL = 0 100 0 5V IMPEDANCE ()
MAX6138 toc20
1000
5V VIN 0 2V VIN
10 IR = 150A 1
VOUT
0
VOUT 0
CL = 1F 0.1 IR = 1mA 100 1k 10k FREQUENCY (Hz) 100k 1M
2s/div ISHUNT = 100A RS = 30k ISHUNT = 100A RS = 16k
100s/div
_______________________________________________________________________________________
9
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages MAX6138
Typical Operating Characteristics (continued)
(IR = 100A, TA = +25C, unless otherwise noted.)
MAX6138_25 OUTPUT IMPEDANCE vs. FREQUENCY
MAX61438 toc21
MAX6138_50 OUTPUT IMPEDANCE vs. FREQUENCY
CL = 0
MAX6138 toc22
1000 CL = 1F 100 IMPEDANCE ()
100
10
IR = 150A
CL = 0 1 IR = 1mA 0.1 0.1 1 10 FREQUENCY (Hz) 100 1000
IMPEDANCE ()
10
IR = 150A
1
IR = 1mA CL = 1F
0.1 0.1 1 10 FREQUENCY (Hz) 100 1000
MAX6138_12 NOISE vs. FREQUENCY
10,000
MAX6138 toc23
MAX6138_25 NOISE vs. FREQUENCY
MAX6138 toc24
10,000
NOISE (nVHz)
NOISE (nV/Hz)
1000
1000
100 1 10 100 FREQUENCY (Hz) 1k 10k
100 1 10 100 FREQUENCY (Hz) 1k 10k
MAX6138_50 NOISE vs. FREQUENCY
MAX6138 toc25
10,000
NOISE (nV/Hz)
1000
100 1 10 100 FREQUENCY (Hz) 1k 10k
10
______________________________________________________________________________________
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Pin Description
PIN 1 2 3 NAME + N.C. Positive Terminal of the Shunt Reference Negative Terminal of the Shunt Reference No Connection. Leave this pin unconnected or connect to Pin 2. FUNCTION
MAX6138
Detailed Description
The MAX6138 shunt reference uses the bandgap principle to produce a stable, accurate voltage. The device behaves similarly to an ideal zener diode; a fixed voltage is maintained across its output terminals when biased with 60A to 15mA of reverse current. The MAX6138 behaves similarly to a silicon diode when biased with forward currents up to 10mA. Figure 3 shows a typical operating circuit. The MAX6138 is ideal for providing a stable reference from a high-voltage power supply.
RS
VS
ISHUNT + ILOAD ILOAD VR
ISHUNT
MAX6138
Applications Information
The MAX6138's internal pass transistor is used to maintain a constant output voltage (VSHUNT) by sinking the necessary amount of current across a source resistor. The source resistance (RS) is determined from the load current (ILOAD) range, supply voltage (VS) variations, VSHUNT, and desired quiescent current. Choose the value of RS when VS is at a minimum and ILOAD is at a maximum. Maintain a minimum ISHUNT of 60A at all times. The RS value should be large enough to keep ISHUNT less than 15mA for proper regulation when VS is maximum and ILOAD is at a minimum. To prevent damage to the device, ISHUNT should never exceed 20mA. Therefore, the value of RS is bounded by the following equation: [VS(MIN) - VR] / [60A + ILOAD(MAX)] > RS > [VS(MAX) - VR] / [20mA + ILOAD(MIN)] Choosing a larger resistance minimizes the total power dissipation in the circuit by reducing the shunt current (PD(TOTAL) = VS X ISHUNT). Provide a safety margin to incorporate the worst-case tolerance of the resistor used. Ensure that the resistor's power rating is adequate, using the following general power equation: PDR = ISHUNT (VS(MAX) - VSHUNT) TRANSISTOR COUNT: 70 PROCESS: BiCMOS
Figure 3. Typical Operating Circuit
Output Capacitance
The MAX6138 does not require an external capacitor for operational stability and is stable for any output capacitance.
Temperature Performance
The MAX6138 typically exhibits an output voltage temperature coefficient within 4ppm/C. The polarity of the temperature coefficient may be different from one device to another; some may have positive coefficients, and others may have negative coefficients.
Chip Information
______________________________________________________________________________________
11
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages MAX6138
Ordering Information
PART MAX6138AEXR12-T MAX6138BEXR12-T MAX6138CEXR12-T MAX6138AEXR21-T MAX6138BEXR21-T MAX6138CEXR21-T MAX6138AEXR25-T MAX6138BEXR25-T MAX6138CEXR25-T MAX6138AEXR30-T MAX6138BEXR30-T MAX6138CEXR30-T MAX6138AEXR33-T MAX6138BEXR33-T MAX6138CEXR33-T MAX6138AEXR41-T MAX6138BEXR41-T MAX6138CEXR41-T MAX6138AEXR50-T MAX6138BEXR50-T MAX6138CEXR50-T OUTPUT VOLTAGE 1.2205 1.2205 1.2205 2.0480 2.0480 2.0480 2.5000 2.5000 2.5000 3.0000 3.0000 3.0000 3.3000 3.3000 3.3000 4.0960 4.0960 4.0960 5.0000 5.0000 5.0000 INITIAL ACCURACY (%) 0.1 0.2 0.5 0.1 0.2 0.5 0.1 0.2 0.5 0.1 0.2 0.5 0.1 0.2 0.5 0.1 0.2 0.5 0.1 0.2 0.5 TEMP. RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 3 SC70-3 TOP MARK AEW AEX AEY AFA AFB AFC AFE AFF AFG AFI AFJ AFK ANG ANH ANI AFM AFN AFO AFQ AFR AFS
12
______________________________________________________________________________________
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Package Information
SC70, 3L.EPS
MAX6138
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 13 (c) 2003 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX6138

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X