Part Number Hot Search : 
SVD7N60F SDR628G AKA0600S C3072 SMJ24A IRF78 HAC300S TGP210
Product Description
Full Text Search
 

To Download MAAM26100-P1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Specifications
GaAs MMIC Power Amplifier 2 - 6 GHz
Features
q q q q q q
MAAM26100-P1
V1.A
CR-15
-C.085
+30 dBm Saturated Output Power 18 dB Typical Gain 30% Power Added Efficiency On-Chip Bias Network DC Decoupled RF Input and Output High Performance Ceramic Bolt Down Package
.70 .530 4X .06 X 45 CHAMFER
10X .050 MIN
10 9
8
76
.159
-B-
.328 .010 .318 .010
Description
M/A-COM's MAAM26100-P1 is a GaAs MMIC two stage high efficiency power amplifier in a high performance bolt down ceramic package. The MAAM26100-P1 is a fully monolithic design for operation in 50-ohm systems, with an on-chip negative bias network which eliminates the need for external bias circuitry. The MAAM26100-P1 is ideally suited for driver amplifiers and transmitter outputs in Electronic Warfare Jammers, Missile Subsystems and Phased Array Radars. M/A-COM's MAAM26100-P1 is fabricated using a mature 0.5-micron gate length GaAs process. The process features full passivation for increased performance reliability.
2X .010 SQ. ORIENTATION TAB .115 .010 4X .050 .33
O .096
THRU
12
3
45
10X .010 .003 4X .100
O
.004 M A B C
.005 .002 -A.020
CERAMIC .040 BASE PLATE .090 MAX
Notes: (unless otherwise specified) 1. Dimensions are inches. 2. Tolerance: in .xxx = .010
Ordering Information
Part Number
MAAM26100-P1
Package
Ceramic Bolt Down
Typical Electrical Specifications, TA = +25C , VDD = +8 V, VGG = -5 V
Parameter Small Signal Gain Input VSWR Output VSWR Output Power Power Added Efficiency Output IP3 Test Conditions PIN -10 dBm PIN -10 dBm PIN -10 dBm PIN = +15 dBm PIN = +15 dBm 2 - 6 GHz 2 - 6 GHz 2 - 6 GHz 2 - 6 GHz 2 - 6 GHz 2, 5 & 6 GHz dBm % dBm Units dB Min. Typ. 18 2.0:1 2.2:1 +30 30 40 Max.
The Preliminary Specifications Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction.
M/A-COM, Inc.
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
1
Asia/Pacific: Tel. +81 (03) 3226-1671 Fax +81 (03) 3226-1451
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
GaAs MMIC Power Amplifier
MAAM 26100-P1
V1.A
Absolute Maximum Ratings1, 2
Parameter
VDD VGG Power Dissipation RF Input Power Channel Temperature Storage Temperature Thermal Resistance (Channel to Case)
Functional Diagram3,4
VDD 0.01uF 10 IN 3 6 VGG GND 1,2,4,5,7,9
3. Nominal bias is obtained by first connecting -5 volts to pin 6 (VGG),followed by connecting +9 volts to pin 10 (VDD). Note sequence. 4. RF ground and thermal interface is the flange (case bottom). Adequate heat sinking is required.
Absolute Maximum
10 Volts -10 Volts 8.4 W +23 dBm 150C -65C to +150C 15C/W
MAAM26100-P1
OUT 8
1. Exceeding these limits may cause permanent damage. 2. Case Temperature (Tc) = +25C
Typical Performance @+25C
GAIN vs FREQUENCY
22 20 2.0
VSWR vs FREQUENCY Linear
1.8
S21 (dB)
VSWR
18 16 14 12 10 2.0 2.5 3.0 3.5 4.0
at PIN = +15dBm
1.6 1.4 1.2
S22 S11
1.0 4.5 5.0 5.5 6.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
FREQUENCY (GHz)
FREQUENCY (GHz)
OUTPUT POWER vs FREQUENCY @ PIN = +15 dBm
35 35 30 30 25 20 15 10 2.0 3.0 4.0 5.0 6.0
POWER ADDED EFFICIENCY vs FREQUENCY @ PIN = +15 dBm
POUT (dBm)
PAE (%)
25 20 15 10 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
FREQUENCY (GHz)
FREQUENCY (GHz)
The Preliminary Specifications Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction.
2
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
M/A-COM, Inc.
Asia/Pacific: Tel. +81 (03) 3226-1671 Fax +81 (03) 3226-1451
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020


▲Up To Search▲   

 
Price & Availability of MAAM26100-P1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X