Part Number Hot Search : 
100BGC FAN6754 48D12 200BZ 1067380 H6555SQX ZPSD302R TSI721
Product Description
Full Text Search
 

To Download M57917L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI HYBRID ICs
M57917L
HYBRID IC FOR DRIVING TRANSISTOR MODULES
DESCRIPTION
M57917L is a Hybrid Integrated Circuit designed for driving Transistor Modules QM10XX, QM20XX, etc., in an Inverter application. This device operates as an isolation amplifier for Transistor Modules due to the electrical isolation between the input and output circuits with a opto-coupler, as well as its driving capability which only requires single power supply.
OUTLINE DRAWING
33.5MAX.
21MAX.
Dimensions in mm
q Electrical isolation between input and output with integrated optocoupler. Viso=2500Vrms q Applicable with single power supply (7 ~ 9V) q Applicable with TTL input
5.5MAX. 1
0.350.2 1.8MAX. 8.5MAX. 10.0MAX. 2.54!8=20.320.3 8.0MAX. 2.540.1 9
APPLICATION
To drive Transistor Modules for Inverter applications
BLOCK DIAGRAM
470 8 9 Tr1 INTERFACE CIRCUIT 1 OPTO-COUPLER Tr2 Tr3 5 7 6
470 2
CIRCUIT DIAGRAM
4.51.5
FEATURES
2
9 8 Tr1 7 PC 6 Tr2 Tr3
1
5
Feb.1999
MITSUBISHI HYBRID ICs
M57917L
HYBRID IC FOR DRIVING TRANSISTOR MODULES
ABSOLUTE MAXIMUM RATINGS (Ta=-20 ~ +70C, unless otherwise noted)
Symbol VCC VI IOH IOLP Viso Tj Topg Tstg Parameter Supply voltage Input voltage Output current Isolation voltage Junction temperature Operating temperature Storage temperature Conditions DC Between terminals and Pulse width 10s, Freq. 2kHz, peak value Sinewave voltage 60Hz/min. Ta=25C Ratings 14 -1 ~ 7 -1 3 2500 100 -20 ~ +70 -25 ~ +100 Unit V V A A Vrms C C C
ELECTRICAL CHARACTERISTICS (Ta=25C, VCC=8V, unless otherwise noted)
Symbol IIH IOH IOLP PD tPLH tPHL Parameter "H" input current "H" output current "L" output peak current Internal power dissipation "L-H" propagation delay time "H-L" propagation delay time Test conditions VI=5V Rext=4 Cext=47F IOH=-0.5A, IOLP=1A, f=2kHz, D.F.=50% VI=04V, Tj=100C VI=50V, Tj=100C Min. - - - - - - Limits Typ. 8 -0.9 2 1.3 5 8 Max. - - - - 10 15 Unit mA A A W s s
Feb.1999
MITSUBISHI HYBRID ICs
M57917L
HYBRID IC FOR DRIVING TRANSISTOR MODULES
PERFORMANCE CURVES
PROPAGATION DELAY TIME VS. INPUT SIGNAL VOLTAGE (TYPICAL) 20 VCC=8V Rext=4 load:QM50DY Ta=100C PROPAGATION DELAY TIME VS. AMBIENT TEMPERATURE (TYPICAL) 20 VCC=8V Rext=4 tPLH:VIN=0 4V tPHL:VIN=5 0V load:QM50DY f=200Hz, D.F.=1% tPHL
PROPAGATION DELAY TIME "L-H" tPLH (s) PROPAGATION DELAY TIME "H-L" tPHL (s)
16
PROPAGATION DELAY TIME "L-H" tPLH (s) PROPAGATION DELAY TIME "H-L" tPHL (s)
16
12 tPHL 8
12
8
4 0 3.6
tPLH
4
tPLH
4.0
4.4
4.8
5.2 VI (V)
5.6
0
0
20
40
60
80
100
INPUT SIGNAL VOLTAGE
AMBIENT TEMPERATURE Ta (C)
"L" OUTPUT PEAK CURRENT VS. REVERSE SUPPLY VOLTAGE (TYPICAL) "L" OUTPUT PEAK CURRENT IOLP (A) (IB2) 5 "H" OUTPUT CURRENT IOH (mA) -1000
"H" OUTPUT CURRENT VS. "H" LIMITING RESISTOR (TYPICAL)
4
-800
3
-600
2 VCC=8V f=200Hz, D.F.=1% Rext=4.7 load:QM50DY VIN=5V -1.5 -2.0 -2.5 -3.0 -3.5
-400 VCC=8V VIN=5V Ta=25C 0 4 8 12 16 Rext () 20
1
-200
0 -1.0
0
REVERSE SUPPLY VOLTAGE VEE (V) INTERNAL POWER DISSIPATION VS. AMBIENT TEMPERATURE (MAXIMUM RATING) 2.5
"H" LIMITING RESISTOR
INTERNAL POWER DISSIPATION PD (W)
2.0
1.5
1.0
0.5
0
0
25
50
70 75
100
125
AMBIENT TEMPERATURE Ta (C)
Feb.1999
MITSUBISHI HYBRID ICs
M57917L
HYBRID IC FOR DRIVING TRANSISTOR MODULES
TEST CIRCUIT AND APPLICATION CIRCUIT EXAMPLE
+5V
M57917L Transistor Module 1 2 5 6 7 8 9 Rext IO
DRIVER TTL etc. VIH INPUT SINK 7mA
+ Cext VCC +
VIN 0 -IO IOH(IB1) 0 IOLP(IB2) t VI t
Note: IOH and IOLP correspond to base forward current IB1 and base reverse current IB2 of the transistor module to be driven respectively.
Feb.1999


▲Up To Search▲   

 
Price & Availability of M57917L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X