Part Number Hot Search : 
RM601 2M324VP DL4740A M63P4 MTP88W LM9848 00BACEM TS274ACN
Product Description
Full Text Search
 

To Download K4F160411C-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 K4F170411C, K4F160411C K4F170412C, K4F160412C
CMOS DRAM
4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
DESCRIPTION
This is a family of 4,194,304 x 4 bit Fast Page Mode CMOS DRAMs. Fast Page Mode offers high speed random access of memory cells within the same row. Power supply voltage (+5.0V or +3.3V), refresh cycle (2K Ref. or 4K Ref.), access time (-50 or -60), power consumption(Normal or Low power) and package type(SOJ or TSOP-II) are optional features of this family. All of this family have CASbefore-RAS refresh, RAS-only refresh and Hidden refresh capabilities. Furthermore, Self-refresh operation is available in L-version. This 4Mx4 Fast Page Mode DRAM family is fabricated using Samsungs advanced CMOS process to realize high band-width, low power consumption and high reliability. It may be used as main memory for high level computer, microcomputer and personal computer.
FEATURES
* Part Identification - K4F170411C-B(F) (5V, 4K Ref.) - K4F160411C-B(F) (5V, 2K Ref.) - K4F170412C-B(F) (3.3V, 4K Ref.) - K4F160412C-B(F) (3.3V, 2K Ref.) * Active Power Dissipation Unit : mW Speed 4K -50 -60 324 288 3.3V 2K 396 360 4K 495 440 5V 2K 605 550
* Fast Page Mode operation * CAS-before-RAS refresh capability * RAS-only and Hidden refresh capability * Self-refresh capability (L-ver only) * Fast parallel test mode capability * TTL(5V)/LVTTL(3.3V) compatible inputs and outputs * Early Write or output enable controlled write * JEDEC Standard pinout * Available in Plastic SOJ and TSOP(II) packages * Single +5V10% power supply (5V product) * Single +3.3V0.3V power supply (3.3V product)
* Refresh Cycles Part NO. K4F170411C K4F170412C K4F160411C K4F160412C VCC 5V 3.3V 5V 3.3V 2K 32ms Refresh cycle 4K Refresh period Nor64ms 128ms L-ver
RAS CAS W
FUNCTIONAL BLOCK DIAGRAM
Control Clocks Vcc Vss
VBB Generator
Data in Refresh Timer Refresh Control Refresh Counter Memory Array 4,194,304 x 4 Cells Row Decoder Sense Amps & I/O Buffer
* Performance Range Speed -50 -60
DQ0 to DQ3
tRAC
50ns 60ns
tCAC
13ns 15ns
tRC
90ns 110ns
tPC
35ns 40ns
Remark 5V/3.3V 5V/3.3V
A0-A11 (A0 - A10)*1 A0 - A9 (A0 - A10)*1
Row Address Buffer Col. Address Buffer Column Decoder
Data out Buffer OE
Note) *1 : 2K Refresh
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
K4F170411C, K4F160411C K4F170412C, K4F160412C
CMOS DRAM
PIN CONFIGURATION (Top Views)
* K4F17(6)0411(2)C-B
* K4F17(6)0411(2)C-F
VCC DQ0 DQ1 W RAS *A11(N.C)
1 2 3 4 5 6
24 23 22 21 20 19
VSS DQ3 DQ2 CAS OE A9
VCC DQ0 DQ1 W RAS *A11(N.C)
1 2 3 4 5 6
24 23 22 21 20 19
VSS DQ3 DQ2 CAS OE A9
A10 A0 A1 A2 A3 VCC
7 8 9 10 11 12
18 17 16 15 14 13
A8 A7 A6 A5 A4 VSS
A10 A0 A1 A2 A3 VCC
7 8 9 10 11 12
18 17 16 15 14 13
A8 A7 A6 A5 A4 VSS
*A11 is N.C for K4F160411(2)C (5V/3.3V, 2K Ref. product) B : 300mil 26(24) SOJ F : 300mil 26(24) TSOP II
Pin Name A0 - A11 A0 - A10 DQ0 - 3 VSS RAS CAS W OE VCC N.C
Pin Function Address Inputs (4K Product) Address Inputs (2K Product) Data In/Out Ground Row Address Strobe Column Address Strobe Read/Write Input Data Output Enable Power(+5V) Power(+3.3V) No Connection (2K Ref. product)
K4F170411C, K4F160411C K4F170412C, K4F160412C
ABSOLUTE MAXIMUM RATINGS
Parameter Voltage on any pin relative to VSS Voltage on VCC supply relative to VSS Storage Temperature Power Dissipation Short Circuit Output Current Symbol 3.3V VIN,VOUT VCC Tstg PD IOS Address -0.5 to +4.6 -0.5 to +4.6 -55 to +150 1 50 Rating 5V
CMOS DRAM
Units -1.0 to +7.0 -1.0 to +7.0 -55 to +150 1 50 V V C W mA
* Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to Vss, TA= 0 to 70C)
Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Symbol Min VCC VSS VIH VIL 3.0 0 2.0 -0.3*2 3.3V Typ 3.3 0 Max 3.6 0 VCC+0.3*1 0.8 Min 4.5 0 2.4 -1.0*2 5V Typ 5.0 0 Max 5.5 0 VCC+1.0*1 0.8 V V V V Units
*1 : VCC+1.3V/15ns(3.3V), VCC+2.0V/20ns(5V), Pulse width is measured at VCC *2 : -1.3V/15ns(3.3V), -2.0V/20ns(5V), Pulse width is measured at VSS
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted.)
Max Parameter Input Leakage Current (Any input 0VINVIN+0.3V, all other input pins not under test=0 Volt) 3.3V Output Leakage Current (Data out is disabled, 0VVOUTVCC) Output High Voltage Level(IOH=-2mA) Output Low Voltage Level(IOL=2mA) Input Leakage Current (Any input 0VINVIN+0.5V, all other input pins not under test=0 Volt) 5V Output Leakage Current (Data out is disabled, 0VVOUTVCC) Output High Voltage Level(IOH=-5mA) Output Low Voltage Level(IOL=4.2mA) Symbol II(L) IO(L) VOH VOL II(L) IO(L) VOH VOL Min -5 -5 2.4 -5 -5 2.4 Max 5 5 0.4 5 5 0.4 Units uA uA V V uA uA V V
K4F170411C, K4F160411C K4F170412C, K4F160412C
DC AND OPERATING CHARACTERISTICS (Continued)
Symbol ICC1 ICC2 ICC3 ICC4 ICC5 ICC6 ICC7 ICCS Power Dont care Normal L Dont care Dont care Normal L Dont care L L Speed -50 -60 Dont care -50 -60 -50 -60 Dont care -50 -60 Dont care Dont care Max K4F170412C 90 80 1 1 90 80 80 70 0.5 200 90 80 250 200 K4F160412C 110 100 1 1 110 100 90 80 0.5 200 110 100 250 200 K4F170411C 90 80 2 1 90 80 80 70 1 250 90 80 300 250
CMOS DRAM
K4F160411C 110 100 2 1 110 100 90 80 1 250 110 100 300 250
Units mA mA mA mA mA mA mA mA mA uA mA mA uA uA
ICC1* : Operating Current (RAS and CAS, Address cycling @tRC=min.) ICC2 : Standby Current (RAS=CAS=W=VIH) ICC3* : RAS-only Refresh Current (CAS=VIH, RAS, Address cycling @tRC=min.) ICC4* : Fast Page Mode Current (RAS=VIL, CAS, Address cycling @tPC=min.) ICC5 : Standby Current (RAS=CAS=W=VCC-0.2V) ICC6* : CAS-Before-RAS Refresh Current (RAS and CAS cycling @tRC=min.) ICC7 : Battery back-up current, Average power supply current, Battery back-up mode Input high voltage(VIH)=VCC-0.2V, Input low voltage(VIL)=0.2V, CAS=0.2V, DQ=Dont care, TRC=31.25us(4K/L-ver), 62.5us(2K/L-ver), TRAS=TRASmin~300ns ICCS : Self Refresh Current RAS=CAS=0.2V, W=OE=A0 ~ A11=VCC-0.2V or 0.2V, DQ0 ~ DQ3=VCC-0.2V, 0.2V or Open
*Note : ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1, ICC3 and ICC6 address can be changed maximum once while RAS=VIL. In ICC4, address can be changed maximum once within one fast page mode cycle time, tPC.
K4F170411C, K4F160411C K4F170412C, K4F160412C
CAPACITANCE (TA=25C, VCC=5V or 3.3V, f=1MHz)
Parameter Input capacitance [A0 ~ A11] Input capacitance [RAS, CAS, W, OE] Output capacitance [DQ0 - DQ3] Symbol CIN1 CIN2 CDQ Min -
CMOS DRAM
Max 5 7 7 Units pF pF pF
AC CHARACTERISTICS (0CTA70C, See note 1,2)
Test condition (5V device) : VCC=5.0V10%, Vih/Vil=2.4/0.8V, Voh/Vol=2.4/0.4V Test condition (3.3V device) : VCC=3.3V0.3V, Vih/Vil=2.0/0.8V, Voh/Vol=2.0/0.8V Parameter Random read or write cycle time Read-modify-write cycle time Access time from RAS Access time from CAS Access time from column address CAS to output in Low-Z Output buffer turn-off delay Transition time (rise and fall) RAS precharge time RAS pulse width RAS hold time CAS hold time CAS pulse width RAS to CAS delay time RAS to column address delay time CAS to RAS precharge time Row address set-up time Row address hold time Column address set-up time Column address hold time Column address to RAS lead time Read command set-up time Read command hold time referenced to CAS Read command hold time referenced to RAS Write command hold time Write command pulse width Write command to RAS lead time Write command to CAS lead time Symbol Min -50 Max Min 110 155 50 13 25 0 0 3 30 50 13 50 13 20 15 5 0 10 0 10 25 0 0 0 10 10 13 13 10K 37 25 10K 13 50 0 0 3 40 60 15 60 15 20 15 5 0 10 0 10 30 0 0 0 10 10 15 15 10K 45 30 10K 15 50 60 15 30 -60 Max ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 8 8 4 10 3,4,10 3,4,5 3,10 3 6 2 Units Notes
tRC tRWC tRAC tCAC tAA tCLZ tOFF tT tRP tRAS tRSH tCSH tCAS tRCD tRAD tCRP tASR tRAH tASC tCAH tRAL tRCS tRCH tRRH tWCH tWP tRWL tCWL
90 133
K4F170411C, K4F160411C K4F170412C, K4F160412C
AC CHARACTERISTICS (Continued)
Parameter Data set-up time Data hold time Refresh period (2K, Normal) Refresh period (4K, Normal) Refresh period (L-ver) Write command set-up time CAS to W delay time RAS to W delay time Column address to W delay time CAS precharge to W delay time CAS set-up time (CAS -before-RAS refresh) CAS hold time (CAS -before-RAS refresh) RAS to CAS precharge time Access time from CAS precharge Fast Page cycle time Fast Page read-modify-write cycle time CAS precharge time (Fast Page cycle) RAS pulse width (Fast Page cycle) RAS hold time from CAS precharge OE access time OE to data delay Output buffer turn off delay time from OE OE command hold time Write command set-up time (Test mode in) Write command hold time (Test mode in) W to RAS precharge time(C-B-R refresh) W to RAS hold time(C-B-R refresh) RAS pulse width (C-B-R self refresh) RAS precharge time (C-B-R self refresh) CAS hold time (C-B-R self refresh) Symbol Min -50 Max Min 0 10 32 64 128 0 36 73 48 53 5 10 5 30 35 76 10 50 30 13 13 0 13 10 10 10 10 100 90 -50 13 15 0 15 10 10 10 10 100 110 -50 200K 40 85 10 60 35 0 40 85 55 60 5 10 5 -60
CMOS DRAM
Units Max ns ns 32 64 128 ms ms ms ns ns ns ns ns ns ns ns 35 ns ns ns ns 200K ns ns 15 ns ns 15 ns ns ns ns ns ns us ns ns
Note 9 9
tDS tDH tREF tREF tREF tWCS tCWD tRWD tAWD tCPWD tCSR tCHR tRPC tCPA tPC tPRWC tCP tRASP tRHCP tOEA tOED tOEZ tOEH tWTS tWTH tWRP tWRH tRASS tRPS tCHS
0 10
7 7 7 7
3
6
11 11
13,14,15 13,14,15 13,14,15
K4F170411C, K4F160411C K4F170412C, K4F160412C
TEST MODE CYCLE
Parameter Random read or write cycle time Read-modify-write cycle time Access time from RAS Access time from CAS Access time from column address RAS pulse width CAS pulse width RAS hold time CAS hold time Column address to RAS lead time CAS to W delay time RAS to W delay time Column address to W delay time CAS precharge to W delay time Fast Page cycle time Fast Page read-modify-write cycle time RAS pulse width (Fast Page cycle) Access time from CAS precharge OE access time OE to data delay OE command hold time Symbol Min -50 Max Min 115 160 55 18 30 55 18 18 55 30 41 78 53 58 40 81 55 200K 35 18 18 18 20 20 10K 10K 65 20 20 65 35 45 90 60 65 45 90 65 200K 40 20 65 20 35 10K 10K -60 Max
CMOS DRAM
( Note 11 )
Units ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 3 7 7 7 3,4,10,12 3,4,5,12 3,10,12 Notes
tRC tRWC tRAC tCAC tAA tRAS tCAS tRSH tCSH tRAL tCWD tRWD tAWD tCPWD tPC tPRWC tRASP tCPA tOEA tOED tOEH
95 138
K4F170411C, K4F160411C K4F170412C, K4F160412C
NOTES
CMOS DRAM
1. An initial pause of 200us is required after power-up followed by any 8 RAS-only refresh or CAS-before-RAS refresh cycles before proper device operation is achieved. 2. VIH(min) and VIL(max) are reference levels for measuring timing of input signals. Transition times are measured between VIH(min) and VIL(max) and are assumed to be 5ns for all inputs. 3. Measured with a load equivalent to 2 TTL(5V)/1 TTL(3.3V) loads and 100pF. 4. Operation within the tRCD(max) limit insures that tRAC(max) can be met. tRCD(max) is specified as a reference point only. If tRCD is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC. 5. Assumes that tRCDtRCD(max). 6. tOFF(min)and tOEZ(max) define the time at which the output achieves the open circuit condition and are not referenced Voh or Vol. 7. tWCS, tRWD, tCWD and tAWD are non restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCStWCS(min), the cycle is an early write cycle and the data output will remain high impedance for the duration of the cycle. If tCWDtCWD(min), tRWDtRWD(min) and tAWDtAWD(min), then the cycle is a read-modify-write cycle and the data output will contain the data read from the selected address. If neither of the above conditions is satisfied, the condition of the data out is indeterminate. 8. Either tRCH or tRRH must be satisfied for a read cycle. 9. These parameters are referenced to CAS falling edge in early write cycles and to W falling edge in read-modify-write cycles. 10. Operation within the tRAD(max) limit insures that tRAC(max) can be met. tRAD(max) is specified as a reference point only. If tRAD is greater than the specified tRAD(max) limit, then access time is controlled by tAA. 11. These specifications are applied in the test mode. 12. In test mode read cycle, the value of tRAC, tAA, tCAC is delayed by 2ns to 5ns for the specified values. These parameters should be specified in test mode cycles by adding the above value to the specified value in this data sheet. 13. If tRASS100us, then RAS precharge time must use tRPS instead of tRP. 14. For RAS-only refresh and burst CAS-before-RAS refresh mode, 4096(4K)/2048(2K) cycles of burst refresh must be executed within 64ms/32ms before and after self refresh, in order to meet refresh specification. 15. For distributed CAS-before-RAS with 15.6us interval CAS-before-RAS refresh should be executed with in 15.6us immediately before and after self refresh in order to meet refresh specification.
K4F170411C, K4F160411C K4F170412C, K4F160412C
READ CYCLE
CMOS DRAM
tRC tRAS
RAS VIH VIL -
tRP
tCSH tCRP
CAS VIH VIL -
tRCD
tRSH tCAS tRAL tCAH
COLUMN ADDRESS
tCRP
tRAD tASR
A VIH VIL -
tRAH
tASC
ROW ADDRESS
tRCS
W VIH VIL -
tRCH tRRH tOFF tAA tOEZ tOEA tCAC
OE
VIH VIL -
DQ0 ~ DQ3(7) VOH VOL -
tRAC OPEN
tCLZ
DATA-OUT
Dont care Undefined
K4F170411C, K4F160411C K4F170412C, K4F160412C
WRITE CYCLE ( EARLY WRITE )
NOTE : DOUT = OPEN
CMOS DRAM
tRAS
RAS VIH VIL -
tRC tRP
tCSH tCRP
CAS VIH VIL -
tRCD
tRSH tCAS tRAL tCAH
COLUMN ADDRESS
tCRP
tRAD tASR
A VIH VIL -
tRAH
tASC
ROW ADDRESS
tCWL tRWL tWCS
W VIH VIL -
tWCH tWP
OE
VIH VIL -
DQ0 ~ DQ3(7) VIH VIL -
tDS
tDH
DATA-IN
Dont care Undefined
K4F170411C, K4F160411C K4F170412C, K4F160412C
WRITE CYCLE ( OE CONTROLLED WRITE )
NOTE : DOUT = OPEN
CMOS DRAM
tRC tRAS
RAS VIH VIL -
tRP
tCSH tCRP
CAS VIH VIL -
tRCD
tRSH tCAS tRAL tCAH
COLUMN ADDRESS
tCRP
tRAD tASR tRAH tASC
A
VIH VIL -
ROW ADDRESS
tCWL tRWL
W VIH VIL -
tWP
OE
VIH VIL -
tOED tDS
tOEH tDH
DATA-IN
DQ0 ~ DQ3(7) VIH VIL -
Dont care Undefined
K4F170411C, K4F160411C K4F170412C, K4F160412C
READ - MODIFY - WRTIE CYCLE
CMOS DRAM
tRWC tRAS
RAS VIH VIL -
tRP
tCRP
CAS VIH VIL -
tRCD tRAD tRAH
tRSH tCAS tCAH tCSH
tASR
VIH VIL -
tASC
COLUMN ADDRESS
A
ROW ADDR
tAWD tCWD
W VIH VIL -
tRWL tCWL tWP
OE
VIH VIL -
tRWD tOEA tCLZ tCAC tAA tRAC
VALID DATA-OUT
tOED tOEZ tDS tDH
VALID DATA-IN
DQ0 ~ DQ3(7) VI/OH VI/OL -
Dont care Undefined
K4F170411C, K4F160411C K4F170412C, K4F160412C
FAST PAGE READ CYCLE
CMOS DRAM
tRASP
RAS VIH VIL o
tRP tRHCP
tCRP
CAS VIH VIL -
tPC tRCD tCAS tRAD tASC tCSH tCAH
COLUMN ADDRESS
tCP tCAS
o
tCP
tRSH tCAS
tASR
A VIH VIL ROW ADDR
tRAH
tASC
tCAH
o o
tASC
tCAH
COLUMN ADDRESS
COLUMN ADDRESS
tRCS
W VIH VIL -
tRCH
tRCS
o
tRAL tRCS
tRRH tRCH
OE
VIH VIL -
tCAC tOEA
tCAC tOEA
o o
tCAC tOEA
tAA
DQ0 ~ DQ3(7) VOH VOL -
tRAC tCLZ
tOEZ
VALID DATA-OUT
tAA tOFF tCLZ
tOEZ
VALID DATA-OUT
tAA tOFF tCLZ
VALID DATA-OUT
tOFF tOEZ
Dont care Undefined
K4F170411C, K4F160411C K4F170412C, K4F160412C
FAST PAGE WRITE CYCLE ( EARLY WRITE )
NOTE : DOUT = OPEN
CMOS DRAM
tRASP
RAS VIH VIL o
tRP tRHCP
tCRP
CAS VIH VIL -
tPC tRCD tCAS tRAD tASC tCP
tPC tCP tCAS
o
tRSH tCAS tRAL
tASR
A VIH VIL -
tRAH
tCSH tCAH
COLUMN ADDRESS
tASC
tCAH
o o
tASC
tCAH
ROW ADDR
COLUMN ADDRESS
COLUMN ADDRESS
tWCS
W VIH VIL -
tWCH tWP tCWL
tWCS tWP
tWCH
o
tWCS
tWCH tWP tCWL tRWL
tCWL
o o
OE
VIH VIL -
DQ0 ~ DQ3(7) VIH VIL -
tDS
tDH
tDS
tDH
o
tDS
tDH
VALID DATA-IN
VALID DATA-IN
VALID DATA-IN
o
Dont care Undefined
K4F170411C, K4F160411C K4F170412C, K4F160412C
FAST PAGE READ - MODIFY - WRITE CYCLE
CMOS DRAM
tRASP
RAS VIH VIL -
tRP
tCSH tRCD tRSH tCP tCAS tRAD tRAH tASR tASC
COL. ADDR
tCRP tCAS tPRWC
CAS
VIH VIL -
tCAH
tRAL tASC
COL. ADDR
tCAH
A
VIH VIL -
ROW ADDR
tRCS
W VIH VIL -
tRWL tCWL tWP tCWD tAWD tRWD tOEA tOED tCAC tAA tOEZ tDH tDS tCWD tAWD tCPWD tOEA tCAC tAA tOEZ tOED tDH tDS tCWL tWP
OE
VIH VIL -
DQ0 ~ DQ3(7) VI/OH VI/OL -
tRAC tCLZ
tCLZ
VALID DATA-OUT VALID DATA-IN VALID DATA-OUT VALID DATA-IN
Dont care Undefined
K4F170411C, K4F160411C K4F170412C, K4F160412C
RAS - ONLY REFRESH CYCLE
NOTE : W, OE, DIN = Dont care DOUT = OPEN tRC
CMOS DRAM
tRAS
RAS VIH VIL -
tRP
tCRP
CAS VIH VIL -
tRPC
tCRP
tASR
A VIH VIL ROW ADDR
tRAH
CAS - BEFORE - RAS REFRESH CYCLE
NOTE : OE, A = Dont care tRC tRP
RAS VIH VIL -
tRAS
tRP
tRPC tCP tRPC tCSR tWRP tWRH tCHR
CAS
VIH VIL -
W
VIH VIL -
DQ0 ~ DQ3(7) VOH VOL -
tOFF OPEN
Dont care Undefined
K4F170411C, K4F160411C K4F170412C, K4F160412C
HIDDEN REFRESH CYCLE ( READ )
CMOS DRAM
tRC tRAS
RAS VIH VIL -
tRC tRP tRAS tRP
tCRP
CAS VIH VIL -
tRCD
tRSH
tCHR
tRAD tASR
A VIH VIL -
tRAH
tASC
tCAH
COLUMN ADDRESS
ROW ADDRESS
tRAL tRCS
W VIH VIL -
tWRH
tAA
OE VIH VIL -
tOEA tCAC tOFF tOEZ
DATA-OUT
DQ0 ~ DQ3(7) VOH VOL -
tRAC OPEN
tCLZ
Dont care Undefined
K4F170411C, K4F160411C K4F170412C, K4F160412C
HIDDEN REFRESH CYCLE ( WRITE )
NOTE : DOUT = OPEN
CMOS DRAM
tRC
RAS VIH VIL -
tRC tRP tRAS tRP
tRAS
tCRP
CAS VIH VIL -
tRCD tRAD
tRSH
tCHR
tASR
A VIH VIL -
tRAH
tASC
tCAH
COLUMN ADDRESS
ROW ADDRESS
tRAL
VIH VIL -
tWRH tWRP
tWCS tWP
tWCH
W
OE
VIH VIL -
tDS
DQ0 ~ DQ3(7) VIH VIL -
tDH
DATA-IN
Dont care Undefined
K4F170411C, K4F160411C K4F170412C, K4F160412C
CAS - BEFORE - RAS SELF REFRESH CYCLE
NOTE : OE, A = Dont care
CMOS DRAM
tRP
RAS VIH VIL -
tRASS
tRPS tRPC tCHS
tRPC tCP
CAS
VIH VIL -
tCSR
DQ0 ~ DQ3(7) VOH VOL -
tOFF OPEN tWRP tWRH
W
VIH VIL -
TEST MODE IN CYCLE
NOTE : OE, A = Dont care
tRC tRP
RAS VIH VIL -
tRAS
tRP
tRPC tCP tRPC tCSR tWTS tWTH tCHR
CAS
VIH VIL -
W
VIH VIL -
DQ0 ~ DQ3(7) VOH VOL -
tOFF OPEN
Dont care Undefined
K4F170411C, K4F160411C K4F170412C, K4F160412C
PACKAGE DIMENSION
26(24) SOJ 300mil
CMOS DRAM
Units : Inches (millimeters)
#26(24) 0.330 (8.39) 0.340 (8.63) 0.300 (7.62) 0.260 (6.61) 0.280 (7.11) 0.004 (0.10) 0.010 (0.25)
0.006 (0.15) 0.012 (0.30)
0.691 (17.55) MAX 0.670 (17.03) 0.680 (17.28)
0.0375 (0.95)
0.050 (1.27)
0.026 (0.66) 0.032 (0.81) 0.015 (0.38) 0.021 (0.53)
26(24) TSOP(II) 300mil
0.148 (3.76) MAX
0.027 (0.69) MIN
Units : Inches (millimeters)
0.355 (9.02) 0.371 (9.42)
0.691 (17.54) MAX 0.671 (17.04) 0.679 (17.24) 0.047 (1.20) MAX 0.010 (0.25) TYP 0.018 (0.45) 0.030 (0.75) 0~8
O
0.037 (0.95)
0.050 (1.27)
0.002 (0.05) MIN 0.012 (0.30) 0.020 (0.50)
0.300 (7.62)


▲Up To Search▲   

 
Price & Availability of K4F160411C-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X