Part Number Hot Search : 
7517B N74F863N AM3603 03K8GA A1145 24H12 ADV7510 BGO747
Product Description
Full Text Search
 

To Download JANS2N2906A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
PNP SMALL SIGNAL SILICON TRANSISTOR
Qualified per MIL-PRF-19500/291 Devices 2N2906A 2N2906AL 2N2906AUA 2N2906AUB Qualified Level JAN JANTX JANTXV JANS
2N2907A 2N2907AL 2N2907AUA 2N2907AUB
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Total Power Dissipation
Symbol
VCEO VCBO VEBO IC PT(1) PT(2 / 3)
All Types
60 60 5.0 600 0.4 1.8 -65 to +200
Unit
Vdc Vdc Vdc mAdc W W
0
TO-18* (TO-206AA)
@ TA = +250C @ TC = +250C
Operating & Storage Junction Temperature Range TJ, Tstg 1) Derate linearly 2.28 mW/0C for TA > +250C. 2) Derate linearly 10.3 mW/0C for TC > +250C. 3) For UA and UB surface mount case outlines: PT = 1.16 W; derate linearly 6.6mW/0C for TC > +250C.
0
C
4 PIN* 2N2906AUA, 2N2907AUA
3 PIN* 2N2906AUB, 2N2907AUB
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
Characteristics Symbol V(BR)CEO ICBO ICES IEBO Min. 60 10 10 50 50 10 Max. Unit Vdc Adc Adc Adc Adc Adc
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 10 mAdc Collector-Base Cutoff Current VCE = 50 Vdc VCE = 60 Vdc Collector-Base Cutoff Current VCE = 50 Vdc Emitter-Base Cutoff Current VEB = 4.0 Vdc VEB = 5.0 Vdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N2906A, 2N2907A JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (4)
Forward-Current Transfer Ratio IC = 0.1 mAdc, VCE = 10 Vdc IC = 1.0 mAdc, VCE = 10 Vdc IC = 10 mAdc, VCE = 10 Vdc IC = 150 mAdc, VCE = 10 Vdc IC = 500 mAdc, VCE = 10 Vdc Collector-Emitter Saturation Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc Base-Emitter Saturation Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc 2N2906A. UA, UB 2N2907A, UA, UB 2N2906A. UA, UB 2N2907A, UA, UB 2N2906A. UA, UB 2N2907A, UA, UB 2N2906A. UA, UB 2N2907A, UA, UB 2N2906A. UA, UB 2N2907A, UA, UB 40 75 40 100 40 100 40 100 40 50
hFE
175 450
120 300
VCE(sat)
0.4 1.6 0.6 1.3 2.6
Vdc
VBE(sat)
Vdc
DYNAMIC CHARACTERISTICS
2N2906A,UA, UB 2N2907A,UA, UB Magnitude of Small-Signal Forward Current Transfer Ratio VCE = 20 Vdc, IC = 20 mAdc, f = 100 MHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz Input Capacitance VEB = 2.0 Vdc, IC = 0, 100 kHz f 1.0 MHz Forward Current Transfer Ratio VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz
h
fe
40 100 2.0 8.0 30 pF pF
hfe
Cobo Cibo
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 30 Vdc; IC = 150 mAdc; IB1= 50 mAdc Turn-Off Time VCC = 30 Vdc; IC = 150 mAdc; IB1 = -IB2 = 50 mAdc (4) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
t
on
45 300
s s
t
off
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of JANS2N2906A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X