Part Number Hot Search : 
LM2904W 2SD10 BAV99 S1M8831A USF520C 10016 MAX92 PSF21150
Product Description
Full Text Search
 

To Download GS551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Power, Class B Output Stage
GS551 DATA SHEET
FEATURES * adjustable gain to 48 dB * capable of driving low impedance receiver * low component count, 3 small capacitors and 1 resistor * gain trim can be used as vol. control for reduced noise * minimal start-up transient * no gain expansion STANDARD PACKAGING * 10 pin MICROpac * 10 pin PLID(R) * 10 pin SLT * Chip (68 x 60 mils)
CIRCUIT DESCRIPTION The GS551 is a 10 pin, low voltage, class B amplifier which operates over a battery range of 1.1 VDC to 3 VDC. The GS551 consists of three gain blocks. The first block is an inverting amplifier with the gain set by two external resistors. The gain trim feature can be used as a volume control in hearing aid applications. The second block is an inverting unity gain amplifier which serves as a phase splitter. The outputs from the first and second blocks drive the differential input of the third block. The third block has a fixed AC gain of 28 dB when driving a receiver. The amplifier has internal compensation eliminating the need for a capacitor across the receiver. Two ground pins are available for "Star" grounding to reduce any second order harmonic distortion introduced by ground line resistance.
VB 6
10 A IN 5 -A -B C
C OUT 2
A OUT
REFERENCE VOLTAGE 4 2 GND 1
U.S. Patent No. 4,719,430 Other Patents Pending
1 C OUT 1 83
9 GND 2
7
VREF DEC 2 DEC 1
BLOCK DIAGRAM
Revision Date: January 2001
Document No. 510 - 31 - 04
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996 Web Site: www.gennum.com E-mail: hipinfo@gennum.com
ABSOLUTE MAXIMUM RATINGS
PARAMETER VALUE/UNITS
PIN CONNECTION
Supply Voltage Operating Temperature Storage Temperature
CAUTION CLASS 1 ESD SENSITIVITY
5 VDC -10 to +40 C -20 to +70 C
A IN A OUT DEC 1 GND 1 C OUT 1
5
6
VB VREF DEC 2 GND 2
1
10
COUT 2
ELECTRICAL CHARACTERISTICS
Conditions: Frequency = 1 kHz, Temperature = 25C, Supply Voltage VB = 1.3 VDC
PARAMETER Gain Amplifier Current Transducer Current Input Referred Noise Total Harmonic Distortion
SYMBOL AV IAMP I TRANS IRN THD RSTAB IOUT
CONDITIONS VO=0.707 VRMS
MIN 46 120 120
TYP 48 220 250 1.3 0.25 0.3 >35
MAX 50 335 390 2.5 1.3 1.5 22 -
UNITS dB A A V % % mA
NFB 0.2 to 10 kHz at 12 dB/Oct VO=0.707 VRMS VO=1.3 VRMS
-
Stable with RB to Maximum Output Current
RB=22 V P8=0
All parameters remain as shown in Test Circuit unless otherwise stated in "Conditions" column
VB = 1.3VDC 6 10 CS 0.1 RS 10k 100k 1 kHz 4 2 9 7 83 0.047 0.047
REFERENCE VOLTAGE
RB = 4.7 IOUT VO
5 -A -B C
RL = 400 1
All resistors in ohms,all capacitors in farads unless otherwise stated
Fig. 1 Test Circuit
510 - 31 - 04
2
6
4 7
Base Current Compensation
2 5
6 1 10
8
3
2
9
Fig. 2 GS551 Functional Schematic
1.3 VDC 3 4.7 2 RS 3.9k 0.1 + _ RVC 100k REFERENCE VOLTAGE LC506 5 4 2 GS551 9 83 7 0.047 0.047
All resistors in ohms,all capacitors in farads unless otherwise stated
4
REGULATOR
6 10 0.1 10k 5 -A -B C CI2960
230 1 1.0 RGT 50k
30k
1
Fig. 3 Application Circuit
3
510 - 31 - 04
10 0 -10 RVC=47k RVC=100k
4 2 0 -2 CS=0.22 F CS=0.1 F CS=0.047 F CS=0.033F
RELATIVE OUTPUT (dB)
-20
OUTPUT (dBV)
-30 -40 -50 -60 -70 -80
RVC=22k RVC=10k
-4 -6 -8 -10 -12 -14 -16 -18 -20 20
RVC=3.3k
-90 -130 -120 -110 -100 -90
-80
-70
-60
-50 -40
-30
-20 -10
200
2k
20k
INPUT (dBV)
FREQUENCY (Hz)
Fig. 4 I/O Characteristics at Various Gain Settings (RS=3.92k)
14 13 12 11 10 5 0 -5
Fig. 5 Closed Loop Frequency Response at Various CS Values (RS=3.92k)
POWER OUTPUT (mW)
RELATIVE GAIN (dB)
0 100 200 300 400 500 600 700 800 900 1000
10 9 8 7 6 5 4 3 2 1 0
-10 -15 -20 -25 -30 -35 -40 -45 -50 .8 .9 1 1.1 1.2 1.3 1.4
LOAD RESISTANCE ()
SUPPLY VOLTAGE (VDC)
Fig. 6 Power Outout vs Load Resistance at 7% Distortion, RB=0, VB=1.35V
0.10 50
Fig. 7 Gain vs Supply Voltage
0.06
RELATIVE AMPLIFIER CURRENT (A)
0.08
40 30 20 10 0 -10 -20 -30 -40 -50 -60 -70 -20 -10 0 10 20 30 40 50
RELATIVE GAIN (dB)
0.04 0.02 0 -0.02 -0.04 -0.06 -0.08 -0.10 -20
-10
0
10
20
30
40
50
TEMPERATURE (C)
TEMPERATURE (C)
Fig. 8 Gain vs Temperature Fig. 9 Amplifier Current vs Temperature
GENNUM CORPORATION
MAILING ADDRESS: P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 Tel. +1 (905) 632-2996 Fax +1 (905) 632-2814 SHIPPING ADDRESS: 970 Fraser Drive, Burlington, Ontario, Canada L7L 5P5
DOCUMENT IDENTIFICATION: DATA SHEET The product is in production. Gennum reserves the right to make changes at any time to improve reliability, function or design, in order to provide the best product possible. REVISION NOTES:
Changes to standard packaging information.
GENNUM JAPAN CORPORATION
C-101, Miyamae Village, 2-10-42 Miyamae, Suginami-ku, Tokyo 168-0081, Japan Tel. +81 (3) 3334-7700 Fax: +81 (3) 3247-8839
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement. (c) Copyright August 1988 Gennum Corporation. All rights reserved.
Printed in Canada.
510 - 31 - 04
4


▲Up To Search▲   

 
Price & Availability of GS551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X