Part Number Hot Search : 
ADCMP671 RSR010 LS130A MP03531 V23990 2SC4153 33000 2J222J
Product Description
Full Text Search
 

To Download DS1821K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS1821K
Programmable Digital Thermostat Development Kit
www.dalsemi.com
The DS1821K Programmable Digital Thermostat Development Kit allows a potential user of the DS1821 to observe the operation of the DS1821 in an actual temperature measurement application. Temperature is measured and displayed in a text box, as well as on a graphical thermometer. Since the DS1821 is intended to be a stand-alone thermostat, a means of setting the thermostat trip points and setting up the part for stand-alone mode is necessary. The DS1821K development kit allows these functions to be performed. Thermostat trip points may be set by the user, and a graphical display of the status of each thermostat output is available on the screen at all times. Temperature may be displayed in Celsius or Fahrenheit. The DS1821K consists of a small printed circuit board with sockets for a DS1821 and DS1821T mounted on it. (Pads are provided for a socket for the DS1821S, but the socket is not provided. See the README file on the program disk for names of suppliers for suitable sockets.) A connector and cable is supplied to allow the user to connect the device to a PC parallel port. The development kit "steals" power from the PC's parallel port, so no additional power supplies are needed. Software is provided that runs under DOS.
1 of 1
112099


▲Up To Search▲   

 
Price & Availability of DS1821K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X