Part Number Hot Search : 
2406KL BUL52 BR6005G 1000A TDA5103 GROMMETS E11ED8AE ISL65
Product Description
Full Text Search
 

To Download BU4S71 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard ICs
Single OR gate
BU4S71
The BU4S71 is an ultra-compact IC with one circuit of the dual-input positive logic OR gate built into an SMP package.
*Features dissipation. 1) Low current
2) Super-mini mold package designed for surface mounting.
3) Wide range of operating power supply voltage. 4) Direct drive of 2 L-TTL inputs and 1 LS-TTL input.
*Absolute maximum ratings (Ta = 25C)
Parameter Power supply voltage Power dissipation Input current Operating temperature Storage temperature Input voltage Symbol VDD Pd IIN Topr Tstg VIN Limits VSS - 0.3 ~ VSS + 18 170 10 - 40 ~ + 85 - 55 ~ + 150 VSS - 0.3 ~ VDD + 0.3 Unit V mW mA C C V
Note 1: These values indicate the range limits of the voltage that can be applied to each pin without destroying it. Operation is not guaranteed at these values. Note 2: Reduced by 1.7mW for each increase in Ta of 1C over 25C.
*Recommended operating conditions (Ta = 25C, VSS = 0V)
Parameter Power supply voltage Input voltage Symbol VDD VIN Min. 3 0 Typ. -- -- Max. 16 VDD Unit V V
*Block diagram
VDD 5 Y 4
1 A
2 B
3 VSS
1
Standard ICs
BU4S71
*Electrical characteristics otherwise noted, VSS = 0V, Ta = 25C) DC characteristics (unless
Parameter Symbol Min. 3.5 Input high level voltage VIH 7.0 11.0 -- Input low level voltage VIL -- -- Input high level current Input low level current IIH IIL -- -- 4.95 Output high level voltage VOH 9.95 14.95 -- Output low level voltage VOL -- -- - 0.51 Output high level current IOH - 2.1 - 1.3 - 3.4 0.51 Output low level current IOL 1.3 3.4 -- Static current dissipation IDD -- -- Typ. 2.75 5.5 8.25 2.25 4.5 6.75 -- -- 5.0 10.0 15.0 -- -- -- - 1.0 - 4.0 - 2.2 - 9.0 1.2 3.2 12.0 0.001 0.001 0.002 Max. -- -- -- 1.5 3.0 4.0 0.3 - 0.3 -- -- -- 0.05 0.05 0.05 -- -- -- -- -- -- -- 0.25 0.5 1.0 Unit V V V V V V A A V V V V V V mA mA mA mA mA mA mA A A A VDD (V) 5 10 15 5 10 15 18 18 5 10 15 5 10 15 5 5 10 15 5 10 15 5 10 15 VIN = VSS or VDD VOH = 4.6V VOH = 2.5V VOH = 9.5V VOH = 13.5V VOL = 0.4V VOL = 0.5V VOL = 1.5V | IOUT | < 1A VIN = VSS | IOUT | < 1A VIN = VSS or VDD Fig.1 VIH = 18V VIL = 0V | IOUT | < 1A | IOUT | < 1A Conditions Measurement circuit
2
Standard ICs
Switching characteristics (unless otherwise noted, VSS = 0V, Ta = 25C, CL = 50pF)
Parameter Symbol Min. -- Output rise time tTLH -- -- -- Output fall time tTHL -- -- -- tPLH Propagation delay time tPHL -- -- -- -- -- Typ. 70 35 30 70 35 30 90 45 30 90 45 30 Max. 200 100 80 200 100 80 200 100 80 200 100 80 Unit ns ns ns ns ns ns ns ns ns ns ns ns VDD (V) 5 10 15 5 10 15 5 10 15 5 10 15 -- -- -- -- Conditions
BU4S71
Measurement circuit Fig.2
Fig.2
*Measurement circuits
VDD A V VSS
Fig. 1 DC characteristics measurement circuit
VDD
20ns
90% 50% 10%
20ns
Input waveform tPLH P.G
tPHL
90% 50% 10%
CL = 50pF VSS
Output waveform tTLH tTHL
Fig. 2 Switching characteristics measurement circuit
3
Standard ICs
BU4S71
*External dimensions (Units: mm)
2.9 0.2 (5) (4) 2.8 0.3 1.6 0.2 0.5 (1) (2) (3) 0.4 0.1
0.1 0.1 + 0.05 -
0.95 1.1 0.2 0.05
SMP5
4


▲Up To Search▲   

 
Price & Availability of BU4S71

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X