Part Number Hot Search : 
239007 C1506 035CT HX4N60C NTE1817 5LP01M 6KE350 D40F120
Product Description
Full Text Search
 

To Download BSS69 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
ISSUE 2 SEPTEMBER 1995 7 PARTMARKING DETAILS BSS69 BSS70 BSS69R BSS70R L2 L3 L6 L7 SYMBOL VCBO VCEO VEBO ICM IC IB PTOT t j:tstg MIN.
-40 -40 -5 -50 -0.25 -0.40 -0.65 30 40 50 30 15 60 80 100 60 30 200 250 4.5 10 Typ. 5 35 225 70 -0.85 -0.95
BSS69 BSS70
C B VALUE -40 -40 -5 -200 -100 -50 330 -55 to +150 UNIT V V V mA mA mA mW C E
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Base Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range PARAMETER SYMBOL
V(BR)CBO V(BR)EBO ICES VCE(sat) VBE(sat) hFE
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
Collector-Emitter Breakdown Voltage V(BR)CEO Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector- Emitter Cut-off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Static Forward Current Transfer Ratio BSS69
MAX. UNIT
V V V nA V V V V
CONDITIONS.
IC=-1mA IC=-10A IE=-10A VCES=-30V IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA* IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA* IC=-100A, IC=-1mA, IC=-10mA, VCE=-1V IC=-50mA*, IC=-100mA*, IC=-100A, IC=-1mA, IC=-10mA, VCE=-1V IC=-50mA*, IC=-100mA*,
150
Static Forward Current Transfer Ratio
BSS70
hFE
300
Transition Frequency Collector-Base Capacitance Emitter-Base Capacitance Noise Figure
BSS69 BSS70
fT Cobo Cibo N td; tf ts tf
MHz MHz pF pF dB ns ns ns
IC=-10mA, VCE=-20V f=100MHz VCB=-5V, f=100kHz VEB=-0.5V, f=100kHz IC=-100, VCE=-5V RS=1k, f=10Hz to15.7 kHz VCC=-3V, IC=-10mA IB1= IB2 =-1mA
Switching times: Delay; Rise Storage Time Fall Time
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% PAGE NUMBER


▲Up To Search▲   

 
Price & Availability of BSS69

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X