Part Number Hot Search : 
PIC656 MC68HC05 8E1116 5TRPBF 00144 BAV300 E007933 651AS
Product Description
Full Text Search
 

To Download BC81725 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
ISSUE 5 - MARCH 2001 PARTMARKING DETAILS BC81716 - 6AZ BC81725 - 6BZ BC81740 - 6CZ
BC817
C B
E
COMPLEMENTARY TYPE
- BC807
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Base Current Peak Base Current Power Dissipation at T amb=25C Operating and Storage Temperature Range SYMBOL V CBO V CEO V EBO I CM IC IB I BM P tot T j :T stg 50 45 5 1 500 100 200 330
SOT23
VALUE UNIT V V V A mA mA mA mW C
-55 to +150
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector Cut-Off Current SYMBOL I CBO MIN. TYP. MAX. UNIT CONDITIONS. 0.1 5 10 700 1.2
A A A
mV V
V CB=20V, I E=0 V CB=20V, I E=0, T amb=150C V EB=5V, I C=0 I C=500mA, I B=50mA* I C=500mA, V CE=1V*
Emitter Cut-Off Current I EBO Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Static Forward Current Transfer Ratio BC81716 BC81725 BC81740 All bands Transition Frequency Output Capacitance fT C obo V CE(sat) V BE(on) h FE 100 160 250 40 200 5.0
250 400 600
I C=100mA, V CE=1V* I C=100mA, V CE=1V* I C=100mA, V CE=1V* I C=500mA, V CE=1V* MHz pF I C=10mA, V CE=5V f=35MHz V CB=10V, f=1MHz
*Measured under pulsed conditions.
TBA


▲Up To Search▲   

 
Price & Availability of BC81725

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X