Part Number Hot Search : 
VBXXXXX 6F15TR 00AC15 SBC84622 3504F02 5T03H SK32LL RT8294
Product Description
Full Text Search
 

To Download BAX12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
M3D176
BAX12 Controlled avalanche diode
Product specification Supersedes data of April 1996 1996 Sep 17
Philips Semiconductors
Product specification
Controlled avalanche diode
FEATURES * Hermetically sealed leaded glass SOD27 (DO-35) package * Switching speed: max. 50 ns * General application * Continuous reverse voltage: max. 90 V * Repetitive peak reverse voltage: max. 90 V * Repetitive peak forward current: max. 800 mA * Repetitive peak reverse current: max. 600 mA * Capable of absorbing transients repetitively.
Marking code: BAX12.
handbook, halfpage k
BAX12
DESCRIPTION The BAX12 is a controlled avalanche diode fabricated in planar technology, and encapsulated in the hermetically sealed leaded glass SOD27 (DO-35) package.
a
MAM246
APPLICATIONS * Switching of inductive loads in semi-electronic telephone exchanges.
Fig.1 Simplified outline (SOD27; DO35) and symbol.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VRRM VR IF IFRM IFSM PARAMETER repetitive peak reverse voltage continuous reverse voltage continuous forward current repetitive peak forward current non-repetitive peak forward current square wave; Tj = 25 C prior to surge; see Fig.4 t = 1 s t = 100 s t = 10 ms Ptot IRRM ERRM Tstg Tj Notes 1. It is allowed to exceed this value; see Figs 8 and 9. Care should be taken not to exceed the IRRM rating. 2. Device mounted on an FR4 printed circuit-board; lead length 10 mm. total power dissipation repetitive peak reverse current repetitive peak reverse energy storage temperature junction temperature tp 50 s; f 20 Hz; Tj = 25 C Tamb = 25 C; note 2 - - - - - - -65 - 55 15 9 450 600 5.0 +200 200 A A A mW mA mJ C C note 1 note 1 see Fig.2; note 2 CONDITIONS MIN. - - - - MAX. 90 90 400 800 V V mA mA UNIT
1996 Sep 17
2
Philips Semiconductors
Product specification
Controlled avalanche diode
ELECTRICAL CHARACTERISTICS Tj = 25 C; unless otherwise specified. SYMBOL VF PARAMETER forward voltage CONDITIONS see Fig.3 IF = 10 mA IF = 50 mA IF = 100 mA IF = 200 mA IF = 400 mA IR reverse current see Fig.5 VR = 90 V VR = 90 V; Tj = 150 C V(BR)R Cd trr reverse avalanche breakdown voltage diode capacitance reverse recovery time IR = 1 mA f = 1 MHz; VR = 0; see Fig.6 when switched from IF = 30 mA to IR = 30 mA; RL = 100 ; measured at IR = 3 mA; see Fig.10 - - 120 - - 100 100 170 35 50 - - - - - 750 840 900 1.0 MIN. MAX.
BAX12
UNIT mV mV mV V V nA A V pF ns
1.25
THERMAL CHARACTERISTICS SYMBOL Rth j-tp Rth j-a Note 1. Device mounted on a printed circuit-board without metallization pad. PARAMETER thermal resistance from junction to tie-point thermal resistance from junction to ambient CONDITIONS lead length 10 mm lead length 10 mm; note 1 VALUE 240 375 UNIT K/W K/W
1996 Sep 17
3
Philips Semiconductors
Product specification
Controlled avalanche diode
GRAPHICAL DATA
BAX12
handbook, halfpage
500 IF (mA) 400
MBG455
handbook, halfpage
600
MBG463
IF (mA)
(1) (2) (3)
400 300
200 200 100
0 0 100 Tamb (oC) 200
0 0 (1) Tj = 175 C; typical values. (2) Tj = 25 C; typical values. (3) Tj = 25 C; maximum values. 1 VF (V) 2
Device mounted on an FR4 printed-circuit board; lead length 10 mm.
Fig.2
Maximum permissible continuous forward current as a function of ambient temperature.
Fig.3
Forward current as a function of forward voltage.
102 handbook, full pagewidth IFSM (A)
MBG702
10
1
10-1 1 Based on square wave currents. Tj = 25 C prior to surge. 10
102
103
tp (s)
104
Fig.4 Maximum permissible non-repetitive peak forward current as a function of pulse duration.
1996 Sep 17
4
Philips Semiconductors
Product specification
Controlled avalanche diode
BAX12
107
handbook, full pagewidth
MBG696
IR (nA) 106
105
104
103
102
10
0
100
Tj (oC)
200
VR = 90 V. Solid line; maximum values. Dotted line; typical values.
Fig.5 Reverse current as a function of junction temperature.
handbook, half age
MGD003
handbook, halfpage
40
103 PRRM (W) 102
(1)
MBG701
Cd (pF) 30
20
10 10
0 0 10 20 VR (V) 30
1 10-2
10-1
1
t (ms)
10
Solid line; rectangular waveform; 0.01. Dotted line; triangular waveform; 0.02. (1) Limited by IRMM = 600 mA. f = 1 MHz; Tj = 25 C.
Fig.7
Fig.6
Diode capacitance as a function of reverse voltage; typical values.
Maximum permissible repetitive peak reverse power as a function of the pulse duration T 50 ms; Tj = 25 C.
1996 Sep 17
5
Philips Semiconductors
Product specification
Controlled avalanche diode
BAX12
handbook, halfpage handbook, halfpage
MBG699
600
MBG698
VR
IR (mA) time 400
(1) (2) (3) (4)
IR
200 time
0 100
t (rectangular waveform) t t (triangular = T waveform) 150 VR (V) 200 T
Reverse voltages higher than the VR ratings are allowed, provided: a. The transient energy 7.5 mJ at PRRM 30 W; Tj = 25 C; the transient energy 5 mJ at PRRM = 120 W; Tj = 25 C (see Fig.7). b. T 50 ms; 0.01 (rectangular waveform) (see Fig.9). 0.02 (triangular waveform) (see Fig.9). With increasing temperature, the maximum permissible transient energy must be decreased by 0.03 mJ/K. (1) Tj = 25 C; minimum values. (2) Tj = 175 C; minimum values. (3) Tj = 25 C; maximum values. (4) Tj = 175 C; maximum values.
Fig.8
Reverse current as a function of continuous reverse voltage.
Fig.9
Peak reverse voltage and current test pulses.
1996 Sep 17
6
Philips Semiconductors
Product specification
Controlled avalanche diode
BAX12
handbook, full pagewidth
tr D.U.T. 10% SAMPLING OSCILLOSCOPE R i = 50 VR 90%
tp t
RS = 50 V = VR I F x R S
IF
IF
t rr t
(1)
MGA881
input signal
output signal
Input signal: reverse pulse rise time tr = 0.6 ns; reverse pulse duration tp = 100 ns; duty factor = 0.05. Oscilloscope: rise time tr = 0.35 ns. Circuit capacitance: C 1 pF (oscilloscope input capacitance + parasitic capacitance). (1) IR = 3 mA.
Fig.10 Reverse recovery voltage test circuit and waveforms.
1996 Sep 17
7
Philips Semiconductors
Product specification
Controlled avalanche diode
PACKAGE OUTLINE
BAX12
andbook, full pagewidth
0.56 max 1.85 max 25.4 min 4.25 max 25.4 min
MLA428 - 1
Dimensions in mm.
Fig.11 SOD27 (DO-35).
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
1996 Sep 17
8


▲Up To Search▲   

 
Price & Availability of BAX12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X