|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Audio ICs High-output dual power amplifier BA5417 The BA5417 is a 6 to 15V-compatible dual power amplifier developed for use radio cassette players. It is equipped with standby switching functions for excellent total harmonic distortion and other basic characteristics. FApplications Radio cassette players FFeatures 1) High output. POUT = 2.8W (VCC = 9V, RL 3, THD = 10%) POUT = 5.0W (VCC = 12V, RL 3, THD = 10%) 2) Excellent audio quality THD = 0.1% (f = 1kHz, PO = 0.5W) VNO = 0.3mVrms (Rg = 10k) RR = 55dB (fRR = 100Hz) 3) Wide supply voltage operating range (VCC = 6.0V to 15.0V). FAbsolute maximum ratings (Ta = 25_C) 4) Switching noise ("pop" noise) generated when the power is switched on and off is small. 5) Ripple mixing when motor starts has been prevented. 6) Built-in thermal shutdown circuit. 7) Built-in standby switch. Output is not influenced by the standby pin voltage. 8) Soft clipping. FRecommended operating conditions (Ta = 25_C) 802 Audio ICs FBlock diagram BA5417 803 Audio ICs BA5417 FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 9.0V, RL = 3, RF = 120, Rg = 600, f = 1kHz) FMeasurement circuit 804 Audio ICs FElectrical characteristic curves BA5417 805 Audio ICs BA5417 FExternal dimensions (Units: mm) 806 |
Price & Availability of BA5417 |