Part Number Hot Search : 
TB656 GBJ10005 TDA6060G 4HC54 0US60 KRC840U LX100 LN2003A
Product Description
Full Text Search
 

To Download B39389-K2955-M100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet K 2955 M
SAW Components IF Filter for Intercarrier Applications Data Sheet
Standard
s B/G s D/K
K 2955 M 38,90 MHz
Plastic package SIP5K
Features
s TV IF filter with Nyquist slope and sound shelf s Broad sound shelf for sound carriers at 32,40
MHz and 33,40 MHz
s Group delay predistortion
Terminals
s Tinned CuFe alloy
Dimensions in mm, approx. weight 1,0 g
Pin configuration 1 2 3 4 5 Input Input - ground Chip carrier - ground Output Output
Type K 2955 M
Ordering code B39389-K2955-M100
Marking and package according to C61157-A1-A15
Packing according to F61074-V8067-Z000
Maximum ratings Operable temperature range Storage temperature range DC voltage AC voltage
TA Tstg VDC Vpp
-25/+65 -40/+85 12 10
C C V V between any terminals between any terminals
2
May 08, 2001
SAW Components IF Filter for Intercarrier Applications Data Sheet
Characteristics Reference temperature: Terminating source impedance: Terminating load impedance:
K 2955 M 38,90 MHz
TA = 25 C ZS = 50 ZL = 2 k || 3 pF
min. typ. 17,2 max. 18,7 dB
Insertion attenuation Reference level for the following data Relative attenuation Picture carrier Color carrier Sound carrier Adjacent picture carrier Adjacent sound carrier Lower sidelobe Upper sidelobe
37,40 MHz 15,7
rel 38,90 34,47 32,40 33,40 30,90 40,40 41,40 25,00 ... 30,90 40,40 ... 45,00 MHz MHz MHz MHz MHz MHz MHz MHz MHz 4,7 2,6 18,5 19,4 48,0 43,0 42,0 43,0 38,0 5,7 3,6 20,0 20,4 66,0 58,0 53,0 52,0 44,0 6,7 4,6 21,5 -- -- -- -- -- -- dB dB dB dB dB dB dB dB dB
Reflected wave signal suppression 1,2 s ... 6,0 s after main pulse (test pulse 250 ns, carrier frequency 37,40 MHz) Feedthrough signal suppression 1,2 s ... 1,1 s before main pulse (test pulse 250 ns, carrier frequency 37,40 MHz) Group delay predistortion (reference frequency 38,90 MHz) 36,50 MHz 34,47 MHz Impedance at 37,40 MHz Input: ZIN = RIN || CIN Output: ZOUT = ROUT || COUT Temperature coefficient of frequency
42,0
54,0
--
dB
50,0
56,0
--
dB
-- -- -- --
-65 0 2,2 ||10,7 3,1 || 2,8 -72
-- -- -- -- --
ns ns k || pF k || pF ppm/K
TCf
--
3
May 08, 2001
SAW Components IF Filter for Intercarrier Applications Data Sheet
Frequency response
K 2955 M 38,90 MHz
4
May 08, 2001
SAW Components IF Filter for Intercarrier Applications Data Sheet
Frequency response
K 2955 M 38,90 MHz
Time domain response
5
May 08, 2001
SAW Components IF Filter for Intercarrier Applications Data Sheet
K 2955 M 38,90 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW CE MM PD P.O. Box 80 17 09, D-81617 Munchen (c) EPCOS AG 2001. All Rights Reserved. As far as patents or other rights of third parties are concerned, liability is only assumed for components per se, not for applications, processes and circuits implemented within components or assemblies. The information describes the type of component and shall not be considered as assured characteristics. Terms of delivery and rights to change design reserved. For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or the international representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our sales offices.
6
May 08, 2001


▲Up To Search▲   

 
Price & Availability of B39389-K2955-M100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X