Part Number Hot Search : 
FD400G4N DSS30 FD400G4N MAJ110 04N60 MC74LV IXFH4N UM3483E
Product Description
Full Text Search
 

To Download ASIC1810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  Shenzhen ASIC Micro-electronics Ltd.
ASIC1810
ASIC1810 ASIC1810 IC
RGB
December 2001 Version 1.0 Shenzhen ASIC Micro-electronics Ltd TEL: 0086-755-26690989 FAX: 0086-755-26815295
1 9
Shenzhen ASIC Micro-electronics Ltd.
ASIC1810
ASIC1810
RGB
ADC RGB 3CHANNEL CHANNEL 2 1K*8bit SRAM SRAM WRITE CYCLE TIME 64nSSRAM READ CYCLE TIME 32nS 1000 SRAM N SRAM, SRAM N-1 30uS 2uS 64uS RINGINBIN 15KHZ 53uS 11uS; ASIC ROUTGOUTBOUT 30KHZ 2uS
2 select 1 ROUT 1K*24bit GIN BIN clk 15Mhz N 3*8BIT RGB 1K*24bit ADD 10 nrd nwe mux2 clk SRAM B 24 30Mhz A/D C nrd nwe ADD 10 2 SELECT 1 & Data latch 24 T D/AC GOUT BOUT
RIN
N-1 24bit RGB
SRAM A
24
CLOCK 30Mhz CLOCK GENERATOR
15Mhz & 30Mhz
15k CONTROL LOGIC 30k
2 9
Shenzhen ASIC Micro-electronics Ltd.
ASIC1810
vi(5) vi(1k-3)
ANA IN ADC CLK
vi(2)
vi(3)
vi(4)
ADC OUT out(-1) SRAM STATE: sram A write 1k
64uS
out(0)
out(1)
out(2)
out(1k-1)
read 1k
30uS
read 1k
30uS 2uS 2uS
write 1k
read 1k
sram B
read 1k
read 1k
write 1k
2uS
read 1k
read 1k
write 1k
30uS 2uS
30uS
2 select 1 select B data
select A data
select B data
select A data
Timing Chart
RGB In 9uS PLL 15K Row 15K 32uS row(1) row(2)
11uS 1uS 2uS
30K
RGB Out
row(0)
row(0) 5uS
row(1)
row(1)
row(2)
Pin Configuration
3 9
Shenzhen ASIC Micro-electronics Ltd.
ASIC1810
AVDD
BRTS
AVDD BIN
AVSS
AVSS
BRBS
BRT
BRB 49
NC
NC
NC 48
7
6
5
3
4
2 1
51
CRB CRBS AVSS AVSS CIN AVDD CRT CRTS AVDD DVDD 15KB 30KB DVSS
8 9 10 11 12 13 14 15 16 17 18 19 26 30 31 22 23 24 25 27 28 29 21 32 33 20 PLCC 52
52
50
47 46 45 44 43 42 41 40 39 38 37 36 35 34
NC
AVDD ARTS ART AVDD AIN AVSS AVSS ARBS ARB DVDD NC NC DVSS
DVSS
COUT DVDD
BVSS
30M
DVDD
BVSS
BOUT
DVDD BVSS
AOUT DVDD
4 9
NC
Shenzhen ASIC Micro-electronics Ltd.
ASIC1810
0.045*45 G
0.010*45 0.180MAX 0.020MIN
E10.005 E10.003
f
G E3
0. 0 53
E D1 0.003
TYP
0.070 D0.005 H 2
0.070 DATUM PLANE
0.026-0.032TYP
C
0.007 MF-G S,D-E S
X
0.050TYP
SEATING PLANE
0.013-0.021TYP
D3
0.004
DETAIL
A
D20.020
SYMBOL 20L 28L
LEAD 44L
COUNT 52L
68L
84L
5 9
E20.020
Shenzhen ASIC Micro-electronics Ltd. D D1 D2 D3 E E1 E2 E3 C 0. 390 0. 353 0. 310 0. 200 0. 390 0. 353 0. 310 0. 200 0. 010 0. 490 0. 453 0. 410 0. 300 0. 490 0. 453 0. 410 0. 300 0. 010 0. 690 0. 653 0. 610 0. 500 0. 690 0. 653 0. 610 0. 500 0. 010 0. 790 0. 753 0. 710 0. 600 0. 790 0. 753 0. 710 0. 600 0. 010 0. 990 0. 953 0. 910 0. 800 0. 990 0. 953 0. 910 0. 800 0. 008 0. 190 1. 153 1. 110 1. 000 1. 190 1. 153 1. 110 1. 000 0. 008
ASIC1810
NOTES: 1 DATUMS D-E AND F-G TO BE DETERMNDE AHERE LEADS EXIT PLASTIC BODY AT DATUM PLANE H. 2 DATUM PLANE H LOCATED AT TOP OF MOLD PARTING LINE AND COINCIDENT WITH TOP OF LEAD . WHERE LEAD EXITS PLASTIC BODY.
ASE PACKAGE OJTUNE 20/28/44/52/68/84L PLCC
SCALE X DVG. ND 64-06-AOO0-PL02 SHEET 1 OF 2 PEVERENCH JEDEC SPEC
PROL REF A BTEE A4
UNIT INCH
TOLERANCE DIWENSION ANGLE
DOCUMENT WO-047,M-AF
Pin Description:
Pin No. 17, 24, 27, 30, 33, 37 20, 22, 34 2, 5, 13, 16, 43, 46 Name DVDD DVSS AVDD Function Digital Power Supply Digital Ground Analog Power Supply
6 9
Shenzhen ASIC Micro-electronics Ltd.
ASIC1810
10, 11, 40, 41, 51, 52 39 50 9 38 49 8 44 3 14 45 4 15 42 1 12 32 29 23 26 19 18
AVSS ARBS BRBS CRBS ARB BRB CRB ART BRT CRT ARTS BRTS CRTS AIN BIN CIN AOUT BOUT COUT 30M 30KB 15KB
Analog Ground Short with ARB generates 0.6V Short with BRB generates 0.6V Short with CRB generates 0.6V
Reference Voltage (bottom)
Reference Voltage ( top)
Short with ART generates 2.6V Short with BRT generates 2.6V Short with CRT generates 2.6V Analog Input
Analog Output
Clock Input Clock Output Clock Output
DC
Characteristics
Item
(OSCIN=30MHz, AVDD=3.3v, DVDD=3.3v, VRB=0.6v, Conditions Ramp wave input Fin=1MHz For every channel For every channel Shorts AVSS and ARBS, BRBS, CRBS Min. Typ. 99 90 9 7 300 0.6 Max. Unit mA mA
VRT=2.6v, TA=+25C ) Symbol IAD+IDD IAD IDD IREF RREF VRB
Supply Current Reference Current Reference Resistance Self-bias
7 9
Shenzhen ASIC Micro-electronics Ltd.
ASIC1810
2 V 15 2 326 0 0 0 25 ----4.39 -5.74 75 3.18 96.4 pF Vp-p mW C V uA mA
VRT-VRB
Analog Input Power Consumption Temperature Range Analog Output Logic output (15K, 30K)
Capacitance Voltage Range
ARBS, BRBS, CRBS Shorts AVDD and ARTS, BRTS, CRTS Ain Bin Cin
Voltage Current IOL IOH
Connecting 33K Resistance VOL=0.4v VOH=2.4v
APPLICATION
+3.3V +5V 330
VDD
VDD PLL
+5V
1K
+3.3V +3.3V 330 1K
VDD ADC
15K,30K
15kB,30kB c1815
30M
30M
15K30K c1815 +3.3V+5V
PLL OUTPUT 30M +5V+3.3V
8 9
Shenzhen ASIC Micro-electronics Ltd.
ASIC1810
VDD
+3.3V
+5V c1815 AOUT BOUT COUT 330
AOUT BOUT COUT
AOUT BOUT COUT
9 9


▲Up To Search▲   

 
Price & Availability of ASIC1810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X