Part Number Hot Search : 
L6302 AOZ6115 50120 C74HC3 PN412201 BD203 A7802 STP8NC60
Product Description
Full Text Search
 

To Download ADEX-10L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount
NE W!
Frequency Mixer
Level 4
(LO Power +4 dBm)
-40C to 85C -55C to 100C 50mW 40mA
ADEX-10L
10 to 1000 MHz
Maximum Ratings
Operating Temperature Storage Temperature RF Power IF Current
Features
* EXcellent L-R isolation, 60 dB typ. * low conversion loss, 7.2 dB typ. * flat conversion loss 0.2 dB typ. over entire band * good VSWR, 1.5:1 typ. for LO&RF, 1.8:1 typ. for IF * good performance to 1500 MHz * solder plated leads for excellent solderability * low profile package, US Patent 6133525
CASE STYLE: CD542 PRICE: $2.95 ea. QTY.: (10-49)
Pin Configuration
LO RF IF GROUND 6 3 2 1,4,5
Applications
* cellular * PCN
Electrical Specifications
FREQUENCY (MHz)
LO/RF f L - fU 10-1000 DC-800 IF
EVALUATION BOARD P/N: TB-03
CONVERSION LOSS* (dB) _ x
7.2
LO-RF ISOLATION (dB)
LO-IF ISOLATION (dB)
Outline Drawing
Mid-Band m Max.
0.1 8.2
Total Range L M U L M U Max. Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min. 8.8 75 55 60 40 47 37 40 26 33 20 24 13
IP3@ E center FACTOR band Typ. (dBm)
16 1.2
1dB Compr.: +1 dBm typ. E= [IP3(dBm)-LO Power(dBm)]/10 *Conversion loss increases 0.8 dB when IF is above 150 MHz.
L = low range [f L to 10 fL]
M = mid range [10 f L to fU/2] m= mid band [2fL to fU/2]
U = upper range [fU/2 to fU]
Typical Performance Data
Frequency RF MHz
10.00 25.00 55.00 70.00 100.00 172.00 244.00 316.00 352.00 424.00
LO MHz
40.00 55.00 85.00 100.00 130.00 202.00 274.00 346.00 382.00 454.00 490.00 562.00 634.00 670.00 742.00 778.00 850.00 886.00 958.00 1030.00
Conversion Loss (dB) LO +4dBm
7.30 7.23 7.27 7.31 7.37 7.31 7.21 7.20 7.13 7.19 7.21 7.21 7.46 7.49 7.58 7.46 7.38 7.34 7.43 7.65
Isolation L-R (dB) LO +4dBm
82.88 82.79 80.30 78.35 75.43 68.52 64.68 61.44 60.51 61.30 61.56 59.88 57.30 55.44 52.02 51.61 51.53 52.51 51.02 47.97
Isolation L-I (dB) LO +4dBm
58.83 51.06 44.57 42.47 39.36 34.38 31.33 29.83 29.38 28.92 28.63 28.24 27.79 27.54 26.70 25.74 23.84 22.81 21.76 21.23
VSWR LO port (:1) LO +4dBm
1.18 1.13 1.12 1.14 1.15 1.21 1.25 1.29 1.28 1.28 1.27 1.27 1.29 1.30 1.34 1.38 1.38 1.42 1.48 1.57
VSWR RF port (:1) LO +4dBm
1.54 1.54 1.53 1.53 1.51 1.48 1.46 1.44 1.43 1.43 1.42 1.39 1.40 1.40 1.40 1.40 1.39 1.39 1.35 1.27
Outline Dimensions ( inch ) mm
A .280 7.11 J -- -- B .310 7.87 K .065 1.65 C .220 5.58 L .300 7.62 D .100 2.54 E .112 2.84 wt. grams .40 F .055 1.40 G .100 2.54 H .030 0.76
460.00 532.00 604.00 640.00 712.00 748.00 820.00 856.00 928.00 1000.00
ADEX-10L CONVERSION LOSS
9.0 at IF Freq. of 30 MHz 90 at LO DRIVE of +1/+4/+7 dBm
ADEX-10L ISOLATION L-R
at LO DRIVE of +4 dBm 2.0 1.9
ADEX-10L VSWR
#LO VSWR
#RF VSWR
8.5 CONVERSION LOSS (dB)
80
1.8 1.7 VSWR LO +1dBm LO +4dBm 640 730 LO +7 dBm 820 910 1000 1.6 1.5 1.4
7.5
ISOLATION (dB)
8.0
70
60
7.0
50
1.3 1.2 1.1 1.0 10 100 190 280 370 460 550 10 100 190 280 370 460 550 640 730 820 910 1000 FREQUENCY (MHz) FREQUENCY (MHz)
6.5 LO +1dBm 6.0 10 100 190 280 370 460 550 640 730 820 910 1000 FREQUENCY (MHz) LO +4 dBm LO +7dBm
40
30
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
REV. OR M78421 ED-9623/2 ADEX-10L DJ/TD/CP 011011
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED


▲Up To Search▲   

 
Price & Availability of ADEX-10L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X