Part Number Hot Search : 
2KW16C CO2AV 448640 203406B 125NS140 HD64F3 MAX695 MCP6072T
Product Description
Full Text Search
 

To Download AD7716 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES 22-Bit Sigma-Delta ADC Dynamic Range of 105 dB (146 Hz Input) 0.003% Integral Nonlinearity On-Chip Low-Pass Digital Filter Cutoff Programmable from 584 Hz to 36.5 Hz Linear Phase Response Five Line Serial I/O Twos Complement Coding Easy Interface to DSPs and Microcomputers Software Control of Filter Cutoff 5 V Supply Low Power Operation: 50 mW APPLICATIONS Biomedical Data Acquisition ECG Machines EEG Machines Process Control High Accuracy Instrumentation Seismic Systems
LC2MOS 22-Bit Data Acquisition System AD7716
FUNCTIONAL BLOCK DIAGRAM
AVDD DVDD AVSS RESET A0 A1 A2 CLKIN CLKOUT
AD7716
AIN 1 ANALOG MODULATOR LOW PASS DIGITAL FILTER
CLOCK GENERATION MODE CONTROL LOGIC CASCIN CASCOUT RFS SDATA SCLK DRDY
AIN 2
ANALOG MODULATOR
LOW PASS DIGITAL FILTER
AIN 3
ANALOG MODULATOR
LOW PASS DIGITAL FILTER
OUTPUT SHIFT REGISTER
AIN 4
ANALOG MODULATOR
LOW PASS DIGITAL FILTER
CONTROL REGISTER TFS
VREF
AGND
DGND
DIN 1
DOUT 1
DOUT 2
GENERAL DESCRIPTION
The AD7716 is a signal processing block for data acquisition systems. It is capable of processing four channels with bandwidths of up to 584 Hz. Resolution is 22 bits and the usable dynamic range varies from 111 dB with an input bandwidth of 36.5 Hz to 99 dB with an input bandwidth of 584 Hz. The device consists of four separate A/D converter channels that are implemented using sigma-delta technology. Sigma-delta ADCs include on-chip digital filtering and, thus, the system filtering requirements are eased. Three address pins program the device address. This allows a data acquisition system with up to 32 channels to be set up in a simple fashion. The output word from the device contains 32 bits of data. One bit is determined by the state of the DIN1 input and may be used, for example, in an ECG system with an external pacemaker detect circuit to indicate that the output word is invalid because of the presence of a pacemaker pulse.
There are 22 bits of data corresponding to the analog input. Two bits contain the channel address and 3 bits are the device address. Thus, each channel in a 32-channel system would have a discrete 5-bit address. The device also has a CASCOUT pin and a CASCIN pin that allow simple networking of multiple devices. The on-chip control register is programmed using the SCLK, SDATA and TFS pins. Three bits of the Control Register set the digital filter cutoff frequency for the device. Selectable frequencies are 584 Hz, 292 Hz, 146 Hz, 73 Hz and 36.5 Hz. A further 2 bits appear as outputs DOUT1 and DOUT2 and can be used for controlling calibration at the front end. The device is available in a 44-pin PQFP (Plastic Quad Flatpack) and 44-pin PLCC.
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 Fax: 617/326-8703
2 (f = 8 MHz; MODE AV = +5 AD7716-SPECIFICATIONS1, V; Filter Cutoff = 146 Hz;Pin Is High (Slave Mode Operation);146 Hz;=ADVSource V 5%; AV = -5 V 5%; AGND = DGND = 0 V; V = 2.5 Noise Measurement Bandwidth =
CLKIN DD DD SS REF IN
Resistance = 750
Parameter
2
with 1 nF to AGND at each AIN. TA = TMIN to TMAX , unless otherwise noted.)
B Version Units Test Conditions/Comments
STATIC PERFORMANCE Resolution Integral Linearity Error Gain Error Gain Match Between Channels Gain TC Offset Error Offset Match Between Channels Offset TC Noise DYNAMIC PERFORMANCE Sampling Rate Output Update Rate Filter Cutoff Frequency Settling Time Usable Dynamic Range4 Total Harmonic Distortion Absolute Group Delay3 Differential Group Delay3 Channel-to-Channel Isolation ANALOG INPUT Input Range Input Capacitance Input Bias Current LOGIC INPUTS VINH, Input High Voltage VINL, Input Low Voltage IIN, Input Current SDATA, RFS TFS All Other Inputs CIN, Input Capacitance3 LOGIC OUTPUTS VOH, Output High Voltage VOL, Output Low Voltage POWER SUPPLIES Reference Input AV DD DVDD AV SS IDD ISS Power Consumption Power Supply Rejection5
22 0.003 0.006 1 0.5 30 0.2 0.1 4 11
Bits % FSR typ % FSR max % FSR max % FSR max V/C typ % FSR max % FSR max V/C typ V rms max
Guaranteed No Missed Codes to 21 Bits3
See Table I for Typical Noise Performance vs. Programmed Cutoff Frequency 570 kHz for fCLKIN = 8 MHz N Is Decimal Equivalent of FC2, FC1, FC0 in Control Register
fCLKIN/14 fCLKIN/(14 256 2N ) fCLKIN/(3.81 14 256 2N) (3 14 256 2N /fCLKIN ) See Table I -90 -100 (3 14 256 2N )/2fCLKIN 10 -85
dB typ dB typ ns typ dB typ
Input Frequency = 35 Hz AIN = 10 mV p-p
Feedthrough from Any One Channel to the Other Three, with 35 Hz Full-Scale Sine Wave Applied to that Channel
2.5 10 1 2.4 0.8 +10/-130 +10/-650 10 10 2.4 0.4
Volts pF typ nA typ V min V max A max A max A max pF max V min V max Internal 50 k Pull-Up Resistors Internal 10 k Pull-Up Resistor
|IOUT| 40 A |IOUT| 1.6 mA
2.4/2.6 4.75/5.25 4.75/5.25 -4.75/-5.25 7.5 2.5 50 -70
V min/V max V min/V max V min/V max V min/V max mA max mA max mW max dB typ
4.8 mA typ 1.8 mA typ 35 mW typ
NOTES 1 Operating temperature ranges as follows : B Version; -40C to +85C. 2 The AIN pins present a very high impedance dynamic load which varies with clock frequency. 3 Guaranteed by design and characterization. Digital filter has linear phase. 4 Usable dynamic range is guaranteed by measuring noise and relating this to the full-scale input range. 5 100 mV p-p, 120 Hz sine wave applied to each supply. Specifications subject to change without notice.
-2-
REV. A
AD7716
Table I. Typical Usable Dynamic Range, RMS Noise and Filter Settling Time vs. Filter Cutoff Frequency
N 0 1 2 3 4
Programmed Cutoff Frequency (Hz) 584 292 146 73 36.5
Output Update Rate (Hz) 2232 1116 558 279 140
Usable Dynamic Range (dB) 99 102 105 108 111
RMS Noise ( V) 21 14 10 7 5
Filter Settling Time to 0.0007% FS (ms) 1.35 2.7 5.4 10.8 21.6
Absolute Group Delay (ms) 0.675 1.35 2.7 5.4 10.8
NOTE Usable Dynamic Range is defined as the ratio of the rms full-scale reading (sine wave input) to the rms noise of the converter.
CONTROL REGISTER TIMING CHARACTERISTICS1, 2 (AV
Parameter t1 t2 t3 t4 t5 t6 Limit at TMIN, T MAX (B Version) 1/fCLKIN 77 30 20 10 20
DD = DV DD = +5 V DGND = 0 V; fCLKIN = 8 MHz; Input Levels: Logic 0 = 0 V, Logic 1 = DVDD; unless otherwise noted)
5%; AVSS = -5 V
5%; AGND =
Units ns min ns min ns min ns min ns min ns min
Conditions/Comments SCLK Period SCLK Width TFS Setup Time SDATA Setup Time SDATA Hold Time TFS Hold Time
NOTES 1 Sample tested at +25C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V. 2 See Figure 2. 3 CLKIN Duty Cycle range is 40% to 60%.
1.6mA
IOL
TO OUTPUT PIN
+2.1V CL 50pF 200A IOH
Figure 1. Load Circuit for Access Time and Bus Relinquish Time
t2
t1
SCLK (I)
t2
TFS (I)
t3 t4 t5
DB0 (DB8) DB1 (DB9) DB2 (DB10) DB3 (DB11) DB4 (DB12) DB5 (DB13) DB6 (DB14)
t6
SDATA (I)
DB7 (DB15)
Figure 2. Control Register Timing Diagram
REV. A
-3-
AD7716
DD = DVDD = +5 V fCLKIN = 8 MHz; Input Levels: Logic 0 = 0 V, Logic 1 = DVDD; unless otherwise noted)
MASTER MODE TIMING CHARACTERISTICS1, 2 (AV
Limit at TMIN, T MAX (B Version) 400 8 40 40 1/fCLKIN 1/fCLKIN 1/2fCLKIN + 30 50 40 50 1/fCLKIN 40 1/fCLKIN 45 1/2fCLKIN + 50 1/2fCLKIN + 10 1/2fCLKIN + 60 50 20 1/2fCLKIN + 50 2/fCLKIN Units kHz min MHz max ns max ns max ns min ns min ns max ns max ns max ns min ns ns max ns ns max ns max ns min ns max ns max ns min ns max ns
5%; AVSS = -5 V
5%; AGND = DGND = 0 V;
Parameter fCLKIN3, 4 tr 5 tf 5 t7 t8 t9 t10 t11 t12 t13 t14 t15 t166 t177 t18 t19 t20 t21
Conditions/Comments CLKIN Frequency Digital Output Rise Time. Typically 20 ns Digital Output Fall Time. Typically 20 ns CASCIN Pulse Width CASCIN to DRDY Setup Time DRDY Low to SCLK Low Delay CLKIN High to DRDY Low, SCLK Active, RFS Active CLKIN High to SCLK High Delay SCLK Width SCLK Period SCLK High to RFS High Delay RFS Pulse Width SCLK High to SDATA Valid Delay SCLK Low to SDATA High Impedance Delay CLKIN High to DRDY High Delay CLKIN High to RFS High Impedance, SCLK High Impedance SCLK Low to CASCOUT High Delay CASCOUT Pulse Width
NOTES 1 Sample tested at +25C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V. 2 See Figures 1 and 3. 3 CLKIN duty cycle range is 40% to 60%. 4 The AD7716 is production tested with f CLKIN at 8 MHz in the slave mode. It is guaranteed by characterization to operate at 400 kHz and 8 MHz in master mode. 5 Specified using 10% and 90% points on waveform of interest. 6 t16 is measured with the load circuit of Figure 1 and defined as the time required for an output to cross 0.8 V or 2.4 V. 7 t17 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated back to remove the effects of charging or discharging the 100 pF capacitor. This means that the time quoted in the timing characteristics is the true bus relinquish time of the part and as such is independent of external bus loading capacitances.
t7
CASCIN (I)
t8
CLKIN (I)
t9
DRDY (O)
t 11 t 12 t 13
t18 t19
t 10
SCLK (O)
t 12
RFS (O)
t 14
t 15 t17
t19
t 16
SDATA (O) DB31 CH1 DB30 CH1 DB29 CH1 DB25 CH1 DB24 CH1 DB23 CH1 DB2 CH4 DB1 CH4
DB0 CH4
t21
CASCOUT (O)
t20
Figure 3. Master Mode Timing Diagram
-4-
REV. A
AD7716
DD = DV DD = +5 V fCLKIN = 8 MHz; Input Levels: Logic 0 = 0 V, Logic 1 = DVDD; unless otherwise noted)
SLAVE MODE TIMING CHARACTERISTICS1, 2 (AV
Parameter fCLKIN3, 4 (B Version) 400 8 40 40 1/fCLKIN 50 125 1/fCLKIN +30 30 50 50 50 0 60 2/fCLKIN Units kHz min MHz max ns max ns max ns min ns min ns min ns min ns min ns max ns min ns max ns min ns max ns max
5%; AVSS = -5 V
5%; AGND = DGND = 0 V;
Conditions/Comments CLKIN Frequency Digital Output Rise Time. Typically 20 ns Digital Output Fall Time. Typically 20 ns CASCIN Pulse Width SCLK Width SCLK Period CASCIN High to RFS Setup Time RFS Low to SCLK High Setup Time SCLK High to SDATA Valid Delay RFS Hold Time After SCLK High SCLK High to SDATA High Impedance Delay SCLK High to CASCOUT High Delay. CASCOUT Pulse Width
tr 5 tf 5 t23 t24 t25 t26 t27 t286 t29 t307 t31 t32
NOTES 1 Sample tested at +25C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V. 2 See Figures 1 and 4. 3 CLKIN duty cycle range is 40% to 60%. 4 The AD7716 is production tested with f CLKIN at 8 MHz in the slave mode. It is guaranteed by characterization to operate at 400 kHz. 5 Specified using 10% and 90% points on waveform of interest. 6 t28 is measured with the load circuit of Figure 1 and defined as the time required for an output to cross 0.8 V or 2.4 V. 7 t30 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated back to remove the effects of charging or discharging the 100 pF capacitor. This means that the time quoted in the timing characteristics is the true bus relinquish time of the part and as such is independent of external bus loading capacitances.
t23
CASCIN (I)
t 24
SCLK (I)
t 25 t 24
t 26
RFS (I)
t 27 t 28
t29
t30
DB31 CH1 DB30 CH1 DB29 CH1 DB28 CH1 DB27 CH1 DB2 CH4 DB1 CH4 DB0 CH4
SDATA (O)
t31
CASCOUT (O)
t32
Figure 4. Slave Mode Timing Diagram
REV. A
-5-
AD7716
ABSOLUTE MAXIMUM RATINGS 1
(TA = +25C unless otherwise noted)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V AVSS to AGND . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to -7 V AGND to DGND . . . . . . . . . . . . . . . . . . . . . -0.3 V to +0.3 V AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +0.3 V Analog Inputs to AGND . . . . . . AVSS - 0.3 V to AV DD + 0.3 V VREF to AGND . . . . . . . . . . . . AVSS - 0.3 V to AVDD + 0.3 V Digital Inputs to DGND2 . . . . . . . . . . -0.3 V to DV DD + 0.3 V Digital Outputs to DGND . . . . . . . . . . -0.3 V to DV DD + 0.3 V Operating Temperature Range Commercial Plastic (B Versions) . . . . . . . . . . . -40C to +85C Storage Temperature Range . . . . . . . . . . . . . -65C to +150C
PQFP Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 95C/W Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220C PLCC Package, Power Dissipation . . . . . . . . . . . . . . . 500 mW JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 55C/W Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220C
NOTES 1 Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 Transient currents of up to 100 mA will not cause SCR latch-up.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although these devices feature proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. PQFP PINOUT
41 CLKOUT 40 D OUT 2 38 DGND 35 SDATA 43 CLKIN 36 DRDY 39 TFS
WARNING!
ESD SENSITIVE DEVICE
PLCC PINOUT
CLKOUT
DGND
44 NC
37 NC
42 NC
34 NC
DRDY
SDATA
CLKIN
DOUT 2
TFS
NC
NC
NC
6 NC NC 1 NC 2 D OUT 1 3 DGND 4 NC 5 RFS 6 SCLK 7 RESET 8 AGND 9 AVDD 10 AIN 1 11 33 MODE 32 NC 31 NC 30 DVDD 29 D IN 1 28 NC 27 CASCIN 26 CASCOUT 25 VREF 24 AVSS 23 AGND NC DOUT 1 7 8 9
5
4
3
2
1
44 43 42 41 40 39 MODE 38 NC 37 NC 36 DV DD
DGND 10 NC 11 RFS 12 SCLK 13 RESET 14 AGND 15 AV DD 16 AIN 1 17 18 19 20 21 22 23 24 25 26 27 28 AIN 2 AIN 3 AGND AGND AGND AGND AIN 4 A1 AGND
NC 35 DIN 1 34 NC 33 CASCIN 32 CASCOUT 31 VREF 30 AV SS 29 AGND A0
AD7716
TOP VIEW (Not to Scale)
AD7716
TOP VIEW (Not to Scale)
AGND 12
AGND 14
AGND 16
AGND 18
AGND 20
A2 13
AIN 2 15
AIN 3 17
A1 19
AIN4 21
A0 22
NC = NO CONNECT
NC = NO CONNECT
ORDERING GUIDE
Model AD7716BP AD7716BS
Temperature Range -40C to +85C -40C to +85C
Output Noise (Filter: 146 Hz) 11 V rms 11 V rms
A2
Package Option* P-44A S-44
*P = PLCC (Plastic Leaded Chip Carrier); S = PQFP (Plastic Quad Flatpack).
-6-
REV. A
AD7716
PIN DESCRIPTION
Pin AVDD DVDD AVSS RESET A0-A2 CLKIN CLKOUT MODE CASCIN CASCOUT RFS SDATA SCLK DRDY
Description Analog Positive Supply, +5 V Nominal. This supplies +ve power to the analog modulators. AVDD & DV DD must be tied together externally. Digital Positive Supply, +5 V Nominal. This supplies +ve power to the digital filter and input/output registers. Analog Negative Supply, -5 V nominal. This supplies -ve power to the analog modulators. A high pulse on this input pin synchronizes the sampling point on the four input channels. It can be used in a multichannel system to ensure simultaneous sampling. This also resets the digital interface to a known state. The three address input pins, A0, A1 and A2 give the device a unique address. This information is contained in the output data stream from the device. Clock Input for External Clock. Clock Output which is used to generate an internal master clock by connecting a crystal between CLKOUT and CLKIN. If an external clock is used then CLKOUT is not connected. This digital input determines the device interface mode. If it is hardwired low, then the Master Mode interface is enabled whereas if it is high, the Slave Mode interface is enabled. This is an active-high, level-triggered digital input which is used to enable the output data stream. This input may be used to cascade several devices in a multichannel system. Digital output which goes high at the end of a complete 4-channel data transfer. This can be connected to the CASCIN of the next device in a multichannel system to ensure proper control of the data transfer. Receive Frame Synchronization signal for the serial output data stream. This can be an input or output depending on the interface mode. Serial Data Input/Output Pin. Serial Clock Input/Output. The SCLK pin is configured as an input or output, depending on the state of the Mode pin. Data Ready Output. A falling edge indicates that a new word is available for transmission. It will return high when 4, 32-bit words have been transmitted. It also goes high for one clock cycle, when a new word is being loaded into the output register. Data should not be read during this period. Transmit Frame Sync input for programming the on-chip Control Register. Digital Data Input. This is contained in the digital data stream sent from the device. Digital Outputs. These two digital outputs can be programmed from the on-chip Control Register. They can be used to control calibration signals at the front end. Reference Input, Nominally 2.5 V. Analog Ground. Ground reference for analog circuitry. Digital Ground. Ground return for digital circuitry. Analog Input Pins. The analog input range is 2.5 V.
TFS DIN1 DOUT1, DOUT2 VREF AGND DGND AIN1-AIN4
REV. A
-7-
AD7716
TERMINOLOGY
LINEARITY ERROR OUTPUT UPDATE RATE
This is the maximum deviation of any code from a straight line passing through the endpoints of the transfer function. The endpoints of the transfer function are zero scale (not to be confused with Bipolar Zero), a point 0.5 LSB below the first code transition (000 . . . 000 to 000 . . . 001) and full scale, a point 0.5 LSB above the last code transition (111 . . . 110 to 111 . . . 111). The error is expressed as a percentage of full scale.
DIFFERENTIAL LINEARITY ERROR/NO MISSED CODES
This is the rate at which the digital filter updates the output shift register. It is a function of the master clock frequency and the programmed filter cutoff frequency.
FILTER CUTOFF FREQUENCY
The digital filter of the AD7716 can be programmed, in binary steps, to 5 discrete cutoff frequencies, ranging from 584 Hz to 36.5 Hz (for a CLKIN frequency of 8 MHz).
SETTLING TIME
This is the difference between any code's actual width and the ideal (1 LSB) width. Differential Linearity Error is expressed in LSBs. A differential linearity specification of 1 LSB or less guarantees no missed codes to the full resolution of the device. The AD7716 has no missed codes guaranteed to 21 bits with a cutoff frequency of 146 Hz.
GAIN ERROR
This is the settling time of the on-chip digital filter, to 0.0007% of FSR, in response to a full-scale step at the input of the ADC. It is proportional to the master clock frequency and the filter cutoff frequency.
USABLE DYNAMIC RANGE
Gain Error is the deviation of the last code transition (111 . . . 110 to 111 . . . 1) from the ideal (VREF -3/2 LSBs). It is expressed as a percentage of full scale.
GAIN TC
The usable dynamic range is the ratio of the rms full-scale reading (sine wave input) to the rms noise of the converter, expressed in dBs. It determines the level to which it is possible to resolve the input signal. For example, at a bandwidth of 146 Hz, the rms noise of the converter is 11 V. The full-scale rms is 1.77 volts. So, the usable dynamic range is 104 dB. Any signal below this level will be indistinguishable from noise unless extra post-filtering techniques are employed.
TOTAL HARMONIC DISTORTION
This is the variation of gain error with temperature and is expressed in V/C.
OFFSET ERROR
Offset Error is the deviation of the first code transition from the ideal (-VREF + 0.5 LSB). It is expressed as a percentage of full scale.
OFFSET TC
Total harmonic distortion (THD) is the ratio of the rms sum of the harmonics to the fundamental. For the AD7716, it is defined as: THD (dB) = 20 log V 2 +V 3 +V 4 +V 5 +V 6 V1
2 2 2 2 2
This is the variation of offset error with temperature and is expressed in V/C.
NOISE
where V1 is the rms amplitude of the fundamental and V2, V 3, V4, V5 and V6 are the rms amplitudes of the second through sixth harmonics.
ABSOLUTE GROUP DELAY
This is the converter rms noise expressed in V. Because of the digital filtering in the sigma delta converter, the noise performance is a function of the programmed filter cutoff.
SAMPLING RATE
Absolute group delay is the rate of change of phase versus frequency, d/df and is expressed in seconds. For the AD7716, it is dependent on master clock frequency and filter cutoff frequency.
DIFFERENTIAL GROUP DELAY
This is the modulator sampling rate. For the AD7716, it is fCLKIN/14.
Differential group delay is the total variation in absolute group delay in the specified bandwidth. Since the digital filter in the AD7716 has perfectly linear phase, the differential group delay is almost zero. This is important in many signal processing applications where excessive differential group delay can cause phase distortion.
-8-
REV. A
AD7716
GENERAL DESCRIPTION
The AD7716 is a 4-channel 22-bit A/D converter with on-chip digital filtering, intended for the measurement of wide dynamic range, low frequency signals such as those representing ECG, EEG, chemical, physical or biological processes. It contains four sigma delta ADCs, a clock oscillator and a serial communications port. Each of the analog input signals to the AD7716 is continuously sampled at a rate determined by the frequency of the master clock, CLKIN. Four sigma-delta modulators convert the sampled signals into digital pulse trains whose duty cycles contain the digital information. These are followed by low-pass filters to process the output of the modulators and update the output register at a maximum rate of 2.2 kHz. The output data can be read from the serial port at any rate up to this.
THEORY OF OPERATION
The output of the comparator provides the digital input for the 1-bit DAC, so the system functions as a negative feedback loop which minimizes the difference signal. The digital data that represents the analog input voltage is in the duty cycle of the pulse train appearing at the output of the comparator. It can be retrieved as a parallel binary data word using a digital filter.
C R AIN EN INTEGRATOR R +V REF -VREF 1-BIT DAC STROBED COMPARATOR TO DIGITAL FILTER CLOCK
The general block diagram of a delta-sigma ADC is shown in Figure 5. It contains the following elements: 1. Continuously Sampling Integrator 2. A Differential Amplifier or Subtracter 3. A 1-Bit A/D Converter (Comparator) 4. A 1-Bit DAC 5. A Digital Low-Pass Filter In operation, the sampled analog signal is fed to the subtracter, along with the output of the 1-bit DAC. The filtered difference signal is fed to the comparator, whose output samples the difference signal at a frequency many times that of the analog signal frequency (oversampling). Oversampling is fundamental to the operation of delta-sigma ADCs. Using the quantization noise formula for an ADC: SNR = (6.02 number of bits + 1.76) dB, a 1-bit ADC or comparator yields an SNR of 7.78 dB. When operating with a master clock of 8 MHz, the AD7716 samples the input signal at 570 kHz, which spreads the quantization noise from 0 kHz to 285 kHz. Since the specified analog input bandwidth of the AD7716 is only 584 Hz maximum (it can be programmed to be lower), the noise energy in this bandwidth would be only 1/488 of the total quantization noise, assuming that the noise energy was spread evenly throughout the spectrum. This very high sampling with respect to the input bandwidth is known as oversampling, and the ratio of 488:1 is called the oversampling ratio. The noise is reduced still further by analog filtering in the modulator loop, which shapes the quantization noise spectrum to move most of the noise energy to frequencies above 584 Hz. The SNR performance in the 0 Hz to 584 Hz range is conditioned to the 99 dB level in this fashion (see Table I). As the programmed bandwidth is reduced, the oversampling ratio increases and the usable dynamic range also increases. Thus, for example, with a programmed bandwidth of 73 Hz, the oversampling ratio is 3904:1, and the usable dynamic range is 108 dB which corresponds to greater than 17-bit resolution.
Figure 5. First Order Modulator
Sigma-delta ADCs are generally described by the order of the analog low-pass filter. A simple example of a first order sigmadelta ADC is shown in Figure 5. This contains only a firstorder low-pass filter or integrator. The AD7716 uses a second-order sigma-delta modulator and a digital filter that provides a rolling average of the sampled output. After power-up or if there is a step change in the input voltage, there is a settling time before valid data is obtained.
DIGITAL FILTERING
The AD7716's digital filter behaves like an analog filter, with a few minor differences. First, since digital filtering occurs after the A-to-D conversion process, it can remove noise injected during the conversion process. Analog filtering cannot do this. On the other hand, analog filtering can remove noise superimposed on the analog signal before it reaches the ADC. Digital filtering cannot do this and noise peaks riding on signals near full scale have the potential to saturate the analog modulator and digital filter, even though the average value of the signal is within limits. If noise signals cause the input signal to exceed the specified range, consideration should be given to analog input filtering, or to reducing the gain in the input channel to bring the combination of signal and noise spike within the specified input range.
Filter Characteristics
The cutoff frequency of the digital filter is determined by bits FC2, FC1 and FC0 in the control register (See Table IV). The cutoff frequency of the filter is fCLKIN /(3.81 14 256 2N), where N is the decimal equivalent of FC2, FC1, FC0. At the maximum clock frequency of 8 MHz, with all 0s loaded to FC2, FC1, FC0, the cutoff frequency of the filter is 584 Hz and the data update rate is 2232 Hz. Since the AD7716 contains low-pass filtering, there is a settling time associated with step function inputs, and data will be invalid after a step change until the settling time has elapsed. The
REV. A
-9-
AD7716
relationship between input bandwidth and settling is given in Table I. Because of this settling time, most sigma delta ADCs are unsuitable for high speed multiplexing, where channels are switched and converted sequentially at high rates, as switching between channels can cause a step change in the input. However, the AD7716 is a sigma-delta solution to multichannel applications, since it can process four channels simultaneously. In addition, it is easy to cascade several devices in order to increase the number of channels being processed.
0 -20 -40 -60 -80 GAIN - dB -100 -120 -140 -160 -180 -200 -220 -240 0 73 278 556 834 1112 FREQUENCY - Hz 1390 1668
Post Filtering
In the AD7716, the on-chip modulator provides the digital filter with samples at a rate of 570 kHz. The filter decimates these samples to provide data at an output rate which corresponds to the programmed first notch frequency of the filter. If the user wants to reduce the output noise from the device for bandwidths less than 36.5 Hz, then it is possible to employ extra filtering after the AD7716. This extra digital filtering is called post filtering. If a straight averaging filter is used, for example, a reduction in bandwidth by a factor of 2 results in 2 reduction in the rms noise. This additional filtering will also result in a longer settling time.
Antialias Considerations
The digital filter does not provide any rejection at integer multiples of the modulator sampling frequency (n 570 kHz, where n = 1, 2, 3, . . .). This means that there are frequency bands, f3dB wide (f3dB is the cutoff frequency selected by FC0 to FC2) where noise passes unattenuated to the output. However, due to the AD7716's high oversampling ratio, these bands occupy only a small fraction of the spectrum and most broadband noise is filtered. In spectral analysis applications, it is important to note that attenuation at half the output update rate is 16 dB. Extra frontend filtering or post filtering may be required to keep aliases in this frequency band at an acceptable level.
USING THE AD7716 SYSTEM DESIGN CONSIDERATIONS
Figure 6. Frequency Response of AD7716 Filter
Figure 6 shows the filter frequency response for a cutoff frequency of 73 Hz. This is a (sinx/x)3 response (also called sinc3) that provides greater than 100 dB rejection at the notch frequencies. The relationship between the programmed cutoff frequency and the first notch is constant (fNOTCH = 3.81 fCUTOFF). The first notch frequency is also the output data rate. The settling time to a full-scale step input is four times the output data period. Programming a different cutoff frequency via FC0-FC2 does not alter the profile of the filter response, it simply changes the frequency of the notches. In Figure 6, the first notch is at 278 Hz. This is also the output data rate. Settling time to a full-scale step input is 10.8 ms. The digital filter can be defined by the following equations. 1 1- Z - N H (z) = x -1 N 1- Z H(f)= sinf / f S ) f / f S )
3 3
The AD7716 operates differently from successive approximation ADCs or other integrating ADCs. Since it samples the signal continuously, like a tracking ADC, there is no need for a start convert command. The output register is updated at a rate dependent on the programmed cutoff frequency, and the output can be read at any time.
Input Signal Conditioning
The input range for the AD7716 is VREF, where VREF = 2.5 V 10%. Other input ranges can be accommodated by input signal conditioning. This may take the form of gain to increase a smaller signal range, or passive attenuation to reduce a larger input voltage range.
where N = Ratio of Modulator Sampling Frequency to Output Rate and fS = Output Rate.
-10-
REV. A
AD7716
Source Resistance
-0.125
If passive attenuators are used in front of the AD7716, care must be taken to ensure that the source impedance is sufficiently low. The dc input resistance for the AD7716 is greater than 1 G. In parallel with this there is a small sampling capacitor. The dynamic load presented by this varies with the clock frequency. The modulator sampling rate determines the amount of time available for the sampling capacitor to be charged. Any extra external impedances result in a longer overall charge time resulting in extra gain errors on the analog input. The AD7716 has a quite large gain error (1% FSR) due to the fact that there is no on-chip calibration. Thus, even an extra 10 k source resistance and 50 pF source capacitance will have no significant effect on this. Active signal conditioning circuits such as op amps generally do not suffer from problems of high source impedance. Their open-loop output resistance is normally only tens of ohms and, in any case, most modern general purpose op amps have sufficiently fast closed-loop settling time for this not to be a problem.
Accuracy
OFFSET VOLTAGE - mV
-0.25
-0.375
-0.500
-0.625
20
30
40
50 60 70 TEMPERATURE - C
80
90
Figure 7. Typical Offset Drift
Voltage Reference
The voltage applied to the VREF pin defines the analog input range. The specified reference voltage is 2.5 V 10%. The reference input presents exactly the same dynamic load as the analog input, but in the case of the reference input, source resistance and long settling time introduce gain errors rather than offset errors. Most precision references however have sufficiently low output impedance and wide enough bandwidth to settle to the required accuracy in the time allowed by the AD7716. The reference should be chosen to have minimal noise in the programmed passband. Recommended references are the AD780 or the REF43 from Analog Devices. These low noise references have typical noise spectral densities of 100 nV/Hz at 600 Hz. This corresponds to an rms noise of 2.5 V in this band and is more than adequate for the AD7716.
Clock Generation
Sigma-delta ADCs, like VFCs and other integrating ADCs, do not contain any source of nonmonotonicity and inherently offer no missing codes performance. The AD7716 achieves excellent linearity by the use of high quality, on-chip silicon dioxide capacitors, which have a very low capacitance/voltage coefficient.
Drift Considerations
The AD7716 uses autozeroing techniques to minimize input offset drift. Charge injection in the analog switches and leakage currents at the sampling node are the primary sources of offset voltage drift in the converter. Figure 7 indicates the typical offset due to temperature changes. Drift is relatively flat up to 85C. Above this temperature, leakage current becomes the main source of offset drift. Since leakage current doubles approximately every 10C, the offset drifts accordingly. The value of the voltage on the sample capacitor is updated at a rate determined by the master clock, therefore the amount of offset drift which occurs will be proportional to the elapsed time between samples. Gain drift within the converter depends mainly upon the temperature tracking of the internal capacitors. It is not affected by leakage currents.
The device operates from a master clock which must be provided either from a crystal source or an external clock source. If a crystal is used, it must be connected across the CLKIN and CLKOUT pins. Typical loading capacitors of 15 pF are required on CLKIN, CLKOUT. The crystal manufacturers data should be consulted for more information. An external clock can also be used to drive the CLKIN input directly with a CMOS compatible clock. In this case, CLKOUT is left unconnected. The nominal clock frequency for the device is 8 MHz.
REV. A
-11-
AD7716
CONTROL REGISTER DESCRIPTION
The 16-bit control register is programmed in two 8-bit bytes; the low byte is programmed first and the high byte second. The loading format is LSB first (DB0 for the Least Significant Byte; DB8 for the Most Significant Byte). Three control lines are used: TFS, SCLK and SDATA. On initial application of power to the AD7716, the control register will come up in an undetermined state. Programming the control register requires an SCLK input, a TFS input and an SDATA input. The MODE pin on the device determines whether it is in the master interface mode or the slave interface mode. In either mode, a falling edge on TFS causes the part to relinquish control of the SDATA and SCLK lines. When TFS goes low, data on the SDATA line is clocked into the control register on each succeeding falling edge of SCLK. When 8 bits have been clocked in, the transfer automatically stops. Only when another negative going edge is detected on TFS will new information be written into the control register. The control register programming model is shown in Table II. Bits DB8 and DB0 allow the control register to identify whether the MS Byte or the LS Byte has been programmed. Only when DB8 is a 1 and DB0 is a 0 will the register recognize that a complete valid word has been programmed.
Control register bit, DB15 (A3), acts as an extra address bit which must always be set to 1 to enable programming of the AD7716. If it is set to 0, then the programmed word is ignored. This allows the user to bypass the AD7716 control register and use the serial stream from the DSP or microcomputer to program other serial peripheral devices. When a valid word has been received, the device interrogates the M0 bit. If this is 0, then the digital filter cutoff frequencies are programmed to the appropriate value if the device address pins correspond to the A2, A1, A0 bits in the control register. If the device address pins do not correspond to the A2, A1, A0 bits then the FC2, FC1, FC0 bits are ignored. If M0 is 1, then the digital filter cutoff frequencies are programmed to the FC2, FC1, FC0 value irrespective of the address bits. In a multichannel system this allows the user to either program all AD7716s to have the same cutoff frequency or else to give each device a separate cutoff frequency. Control register bits FC2, FC1, FC0 program the digital filter cutoff frequency, see Table VI. Control register bits D2, D1 control the digital output pins D2 and D1. These are programmed in the same way as FC2, FC1, FC0.
Table II. Control Register Programming Model
Most Significant Byte
DB15 A3 DB14 A2 DB13 A1 DB12 DB11 DB10 A0 M0 FC2 DB9 FC1 DB8 1 DB7 FC0
Least Significant Byte
DB6 DB5 DOUT2 DOUT1 DB4 X DB3 X DB2 X DB1 X DB0 0
Table III. M0 Truth Table
Table IV. Cutoff Frequency Truth Table
M0 0 1
Programming Mode A2, A1, A0 determine which device is addressed and programmed with cutoff frequency and digital output. A2, A1, A0 ignored. All devices are addressed and programmed with common cutoff frequency and digital output.
FC2 0 0 0 0 1
FC1 0 0 1 1 0
FC0 0 1 0 1 0
Cutoff Frequency (Hz) 584 292 146 73 36.6
-12-
REV. A
AD7716
RESET Master Mode Interface
The AD7716 has a hardware reset which can be used to synchronize many devices. When the RESET pin goes low after being high for at least four CLKIN cycles, the modulator sampling points and digital filter starting points are all synchronized. This synchronizes all devices which receive the RESET pulse and gives simultaneous sampling of all channels. It does not affect the control register but restarts the interface. Also, it is necessary to wait the requisite settling time after applying Reset to get valid data from the device.
CASCADING DEVICES
The AD7716 provides a facility for connecting multiple devices in series. The CASCIN and CASCOUT pins allow this. Connecting CASCOUT to CASCIN of the succeeding device means that the SDATA output of the second device will be disabled until the output register of the first device is empty. In the case of the first device in the system, it is possible to drive CASCIN from CASCOUT of the last device or, alternatively, invert DRDY to drive it. If CASCIN is driven by CASCOUT, then a reset must be applied after every write to the control register. This also applies in single device systems that use CASCOUT to drive CASCIN
DATA OUTPUT INTERFACE MODES
The device may be placed in the Master Mode by tying the MODE pin low. In this mode, data is clocked out of the AD7716 by an internally generated serial clock and frame synchronization pulse. Two signals initiate the transfer. These are the input CASCIN and the internally generated DRDY signal. When a high level is detected on CASCIN, the device checks the state of DRDY. Note, that on initial power-up or after a reset has been applied, the CASCIN input is not necessary on device 000 for the first data transfer but is required thereafter. If DRDY is low, then the 3-state output, RFS goes high on the next rising edge of CLKIN and stays high for one CLKIN cycle before going low again. The 3-state SCLK output is also activated on the same rising edge. As RFS goes low, DB31 is clocked out on the rising edge of SCLK and is valid on the falling edge of SCLK. Data is transmitted in 8-bit bytes. For each AIN, there are 4, 8-bit bytes and 4 RFS pulses. When DB0 of AIN 4 has been clocked out, SCLK goes back into 3-state and the CASCOUT output goes high for one master clock cycle. DRDY also goes high at this point. Successive devices can be networked together by tying the CASCOUT of one device to the CASCIN on the next one. Note that on device 0 (A2, A1, A0 tied low), the CASCIN input should be driven by the inverse of the DRDY output. This is shown in the interface diagram of Figure 8. The Master Mode interface is very suitable for loading data into a serial-to-parallel shift register or for DSPs which can accept a continuous stream of 8-bit bytes.
Slave Mode Interface
When the control register has been programmed, the device begins conversion. There is an initial delay to allow the digital filters to settle. As already stated, these filters are Sinc3, and so the filter output update rate is directly related to the programmed cutoff frequency. The ratio between these is 3.81. So, for a filter cutoff frequency of 584 Hz, the output update is 2.22 kHz. The falling edge of the DRDY output indicates that the output shift register has been updated. There are two interface modes. One is the master mode, where the AD7716 is the master in the system and the processor to which it is communicating is the slave. The other mode is the slave mode, where the AD7716 is the slave and the processor is the system master. In both of these modes the data output stream contains 4 32 bits, corresponding to the four input channels. The output data format is given in Table V. The conversion result DB21-DB0 occupies location DB31-DB10 of the output register. DB21 is the MSB and is transmitted first as shown in the timing diagrams. The channel address is given by CA0 and CA1 which occupy DB9 and DB8 of the output register. The channel address format is given in Table VI.
The device may be placed in the slave interface mode by tying the MODE pin high. In this mode, the master processor controls the transfer of data from the signal processing block. It starts the transfer by sending a frame synchronizations pulse and serial clock to the AD7716. This could be in response to an interrupt generated by the DRDY output on the AD7716. If the device has detected a high level on CASCIN or is device 000 on its first transfer, it starts to send out data on the next rising edge of SCLK. This data is then valid on the falling edge of SCLK. When all the data bits have been clocked out, the CASCOUT pin goes high for one CLKIN cycle and DRDY also goes high. The slave mode interface is suited to both microcomputers like the 8051 and 68HC11 and also DSPs like the TMS320C25, ADSP-2101 family and the DSP56000 family.
Table V. Output Data Word Format
DB31 . . . DB10 DB21 . . . DB0 Conversion Result
DB9
DB8
DB7
DB6 DB5
DB4 DIN1 Pace Detect
DB3 OVFL Overflow
DB2
DB1
DB0
CA0 CA1 Channel Address
A0 A1 A2 Device Address
X X X Indeterminate
Table VI. Channel Address Format
Channel AIN 1 AIN 2 AIN 3 AIN 4
CA1 (DB8) 0 0 1 1
CA0 (DB9) 0 1 0 1
REV. A
-13-
AD7716
MICROPROCESSOR INTERFACING Interfacing the AD7716 to the ADSP-2100 Family
The ADSP-2100 family of microcomputers from Analog Devices are high speed, high performance digital signal processors. Many members of the family have serial ports (known as SPORTs) which are compatible with the AD7716. These include the ADSP-2101, ADSP-2105, ADSP-2111 and ADSP2115. Full details of these are available in the ADSP-2100 Family User's Manual available from Analog Devices. Figure 8 shows the hardware interface between two AD7716s and SPORT 0 of the ADSP-2101 DSP. This yields a very efficient 8-channel data acquisition system. The AD7716 is set up for slave interface mode by tying the MODE pin high. This means that the ADSP-2101 is the master in the system and supplies the necessary frame synchronization and SCLK Signals to the AD7716s when writing to and reading from the device. On power up, the user should write to the AD7716 control register in order to set the filter cutoff frequencies. The appropriate SPORT 0 Control Register (0 3FF6) setting is "7EC7." This sets the transmit section for alternate inverted framing with a word length of 8 bits. Two 8-bit words should then be written to each AD7716 to program the filter cutoff frequencies. The control register programming model is given in Table II. Note that the LSB (DB0) must be loaded first as in the timing diagram of Figure 2. When the write operation is complete, a reset pulse should be applied to both devices. This ensures that the sampling and interface timing of the device are synchronized. The reset can be under DSP control, in which case a flag output could be used. After reset, the processor should jump to the read routine. For this read routine, there are several registers that need to be set.
The SPORT0 Control Register setting is "7FCF." This sets the receive section for internal SCLK, continuous receive with alternate inverted framing. The SPORT0 SCLKDIV Register (0 3FF5) determines the SCLK frequency from the ADSP-2101. With "0000" loaded, the SCLK output is at its maximum (1/2 the master clock of 12.5 MHz). In normal operation, a SPORT generates an interrupt when it has received a data word. Autobuffering provides a mechanism for receiving or transmitting an entire block of serial data before an interrupt is generated. Service routines can operate on the entire block of data, rather than on a single word, reducing overhead significantly. This is ideal for use with a device like the AD7716 where there is a requirement to read many bits of data (256 in this case) for each sampling instant. The SPORT0 Autobuffer Control Register (0 3FF3) is loaded with "0001" to enable the Receive Autobuffering. The SPORT0 RFSDIV Register (0 3FF4) should be set to the minimum value of "000F." Finally the IRQ2 interrupt should be enabled. The DSP will now wait for an interrupt from the AD7716. This interrupt is generated by the AD7716 DRDY line going low. If the interrupt service routine is set for autobuffered mode with a length of 16 (16-bit) words, then the DSP will read in the 256 bits from the two AD7716s in one continuous stream and then stop. The data from the two devices will be contained in the designated data memory area and the DSP can now go and operate on this as is necessary. Note that, because of the ADSP2101 framing, a one-bit shift left will be necessary on the data in memory. For 16 data words, this will require 22 instruction cycles.
+5V
A0 A1 A2 CASCIN 4.7k 4.7k
ADSP-2101
IRQ2 (-VE EDGE TRIGGERED) RFS SCLK TFS DT DR
AD7716 #1
RESET
DRDY RFS SCLK TFS SDATA MODE
CASCOUT
+5V
+5V
CASCIN
A0 A1 A2 SCLK
AD7716 #2
RESET CONTROL RESET
TFS SDATA DRDY RFS
CASCOUT
MODE
+5V
Figure 8. 8-Channel Data Acquisition System Using the ADSP-2101 Digital Signal Processor
-14-
REV. A
AD7716
When the AD7716 is programmed for the maximum cutoff frequency of 584 Hz, the output data rate is 2.25 kHz. This means that there is 440 s available to read the data and do the necessary number crunching before the next sample must be read. Assuming that the ADSP-2101 is running from a master clock of 12.5 MHz means that the maximum SCLK available is 6.25 MHz (1/2 the master clock frequency). It will then take 40 s to transfer the 256 bits of data from the ADC to the DSP. This leaves 400 s for number crunching in the DSP. If the programmed cutoff frequency is lower then this allows even more time to the DSP.
MC68HC11 Interface The optimum setup for reading all four channels of the AD7716 into the DSP56001 is six 24-bit reads. This will provide 144 clock edges to shift out the 128 bits of data in the AD7716 output shift register. The first clock applied to the AD7716 will clock out DB21 of AIN1. DRDY from the AD7716 can be used as an interrupt input to the DSP56001 to control the data transfer. Either IRQA or IRQB of the DSP56001 can be used to detect the interrupt.
RESET CONTROL +5V MODE RESET CASCIN SC2 SC1 DSP56001 SCK SC0 STD SRD IRQ DRDY CASCOUT SDATA TFS RFS SCLK
The MC68HC11 microcomputer can be interfaced to the AD7716 using the slave mode interface. Figure 9 shows a typical setup. The MODE pin on the AD7716 is tied high for slave mode operation. The SPI port of the MC68HC11 is used. The microcomputer is in its single chip mode. DRDY from the AD7716 is connected to the IRQ input of the MC68HC11. MISO and MOSI on the MC68HC11 should be configured for wired-or operation. Depending on the interface configuration, it may be necessary to provide bidirectional buffers between these lines.
+5V SS PC0 PC1 PC2 IRQ PC2 PC3 SCK +5V MODE RFS TFS DRDY RESET SCLK SDATA CASCOUT CASCIN
AD7716
Figure 10. DSP56001 Interface
TMS320C25 Interface
MC68HC11
AD7716
MISO MOSI
Figure 11 shows the AD7716 interfaced to the TMS320C25 DSP using the master mode interface. For initial programming of the AD7716 control register, the external gated clock is required. FSX going low enables this. When the two 8-bit bytes have been sent to the AD7716, the FSX should go permanently high. The external gated clock will now be disabled and the AD7716 will take control of the SDATA line. It will begin transmitting data as soon as it becomes available. It also provides the clock and frame synchronization signals required by the DSP. Reset for the AD7716 is provided by one of the DSP flag outputs.
RESET CONTROL
Figure 9. MC68HC11 to AD7716 Interface
The MC68HC11 is configured in the master mode with its CPOL bit set to a logic zero and its CPHA bit set to a logic one. With an 8 MHz CLKIN input on the AD7716, the device will operate with all four serial clock rates of the MC68HC11. Sixteen, 8-bit read operations are necessary to read the 128 bits from the AD7716 output register. An extra read is necessary to reset the output register. This means a total of 17 read operations are needed from the MC68HC11.
DSP56001 Interface
FLAG OUTPUT
TMS320C25
FSR DR DT FSX CLKR CLKX GATED EN CLOCK
MODE RESET RFS SDATA TFS SCLK
CASCIN
AD7716
Figure 10 shows an interface to the DSP56001 digital signal processor. The AD7716 is set up for the slave interface mode. The DSP56001 is set up for asynchronous operation with gated clock and normal framing. Data must be written to the AD7716 control register in two 8-bit bytes. The first byte is written to the DSP56001 SSI transmit data register (TX) and this is automatically transferred to the transmit shift register when the frame sync occurs. Data is shifted out to the STD pin by the internal bit clock (SCK) when the associated frame sync output is asserted.
CASCOUT
Figure 11. TMS320C25 to AD7716 Interface
REV. A
-15-
AD7716
Multibandwidth System
0.048 (1.21) 0.042 (1.07)
6
0.056 (1.42) 0.042 (1.07)
40
0.025 (0.63) 0.015 (0.38)
CASCIN
7
#0 (292 Hz)
DRDY RESET RESET CASCOUT MODE
TFS RFS SCLK SDATA
0.048 (1.21) 0.042 (1.07)
PIN 1 IDENTIFIER
39
0.021 (0.53) 0.013 (0.33) 0.63 (16.00) 0.59 (14.99)
TOP VIEW
0.032 (0.81) 0.026 (0.66)
0.050 (1.27) BSC
17 18 28 29
CASCIN
0.020 (0.50) R
0.656 (16.66) SQ 0.650 (16.51) 0.695 (17.65) SQ 0.685 (17.40) 0.110 (2.79) 0.085 (2.16)
0.040 (1.01) 0.025 (0.64)
#1 (146 Hz)
DRDY RESET MODE
44-Lead Plastic Quad Flatpack (S-44)
0.557 (14.148) 0.537 (13.640) 0.398 (10.11) 0.390 (9.91) 8 0.8 34 33 23 22
0.096 (2.44) MAX
Figure 12. Multibandwidth System
0.037 (0.94) 0.025 (0.64)
The resultant output signals are also shown. Since Device #0 has a higher bandwidth it will also have a higher update rate. The receiving processor will be getting samples from this device at twice the rate of Device #1.
RESET
0.398 (10.11) 0.390 (9.91)
TOP VIEW
PIN 1 44 1 11 12
DRDY #0
0.040 (1.02) 0.032 (0.81) 0.083 (2.11) 0.077 (1.96)
0.040 (1.02) 0.032 (0.81)
DRDY #1
0.016 (0.41) 0.012 (0.30)
0.033 (0.84) 0.029 (0.74)
SDATA
#0
#0 #1
#0
#0 #1
#0
#0 #1
Figure 13. Output Signals for Figure 12
-16-
REV. A
PRINTED IN U.S.A.
C1920a-2-11/95
Some applications may require multiple AD7716's with different bandwidths programmed to each device. The best way to accomplish this is shown in Figure 12. The master mode interface is used for this example but the slave mode may also be used. The example shows an 8-channel system with Device #0 in the system programmed for a 292 Hz cutoff frequency and Device #1 programmed for a 146 Hz cutoff frequency.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
44-Lead PLCC (P-44A)
0.180 (4.57) 0.165 (4.19)


▲Up To Search▲   

 
Price & Availability of AD7716

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X