|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
a FEATURES Complete EIAJ CP-340 (CP-1201), IEC-958, AES/EBU, S/PDIF Compatible Digital Audio Receiver and Asynchronous Sample Rate Converter Status Pins and Microprocessor Interfaces for Stand-Alone and Microcontroller-Oriented Operation Integrated Channel Status Buffer and Q-Channel Subcode Buffer (Supports EIAJ CP-2401) 20-Bit SamplePort(R) Architecture Provides Superb Jitter Rejection on Input Port Sample Rate Conversion from 8 kHz to 48 kHz with 1:5 Upsampling Range 1:0.85 Downsampling Range 120 dB Dynamic Range -113 dB THD+N @ 1 kHz CRC Calculation on Q-Channel Subcode (Consumer Mode Only) and on Channel Status (Pro Mode Only) Four-Wire SPITM Compatible Serial Control Port Mute Input Pin Power-Down Mode Single +5 V Supply Flexible Three-Wire Serial Data Port with Left-Justified, Right-Justified and I2 S-Compatible Modes 28-Lead SOIC Package APPLICATIONS DVD, DAT, MD, DCC and CD-R Recorders and Players Computer Multimedia Products DAB Receivers, Automotive Digital Audio Networks Integrated Digital Receiver/Rate Converter AD1892 PRODUCT OVERVIEW The AD1892 combines a CP-1201, CP-340, IEC-958, AES/ EBU, S/PDIF compatible Digital Audio Receiver (DAR) with an asynchronous sample rate converter, allowing the user to specify the output sample rate of the received digital audio information. The DAR block features support for both Q-channel subcode information (to support CD, CD-R, MD and DAT digital audio formats) as well as Channel Status information. A microcontroller interface, with an SPI compatible serial port, allows full access to the 80-bit Q-Channel subcode buffer and to the 32-bit Channel Status buffer, as well as to the control and status registers. Additionally, key status information from the incoming subframes and the Channel Status buffer is reported on status output pins on the AD1892, so the AD1892 may be used in systems that do not include a microcontroller or microprocessor. The asynchronous sample rate converter block is based on market leading AD1890 family SamplePort rate conversion technology. The AD1892 offers a 1:5 upsampling range, and will downsample from 48 kHz to 44.1 kHz. Input audio word widths up to 20 bits are supported, and output audio word widths of 16 or 20 are supported, with 120 dB of dynamic range and -113 dB THD+N. The rate converter inherently rejects jitter on the recovered clocks from the incoming biphase-mark encoded stream. Indeed, sample rate conversion is highly synergistic with digital audio reception, allowing the use of a fully digital phase locked loop clock recovery scheme with highly robust clock recovery and jitter rejection. (continued on Page 4) FUNCTIONAL BLOCK DIAGRAM 512 x FSOUT POWER-DOWN/RESET MUTE CLOCK GENERATOR ASYNCH SAMPLE RATE CONVERTER DATA OUTPUT SERIAL INTERFACE BYPASS 3 BCLK LRCLK SDATA SYNC CA BIPHASE-MARK 2 INPUT BIPHASE-MARK RECEIVER COMPARATOR CONTROL CRC CHECK Q-CHANNEL SUBCODE BUFFER CRC CHECK CHANNEL STATUS BUFFER CB CC CD CE CON/PRO CSCLK AD1892 MICROCONTROLLER INTERFACE 4 NO SIGNAL ERROR INTERRUPT U/C BIT SFCLK QDFS CLOCK, LATCH, DATA IN, DATA OUT 2 DIGITAL SUPPLY SamplePort is a registered trademark of Analog Devices, Inc. SPI is a trademark of Motorola, Inc. REV. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 1998 AD1892-SPECIFICATIONS TEST CONDITIONS UNLESS OTHERWISE NOTED Supply Voltage +5.0 V Ambient Temperature 25 C 48.8 kHz Output Sample Frequency (FSOUT) MCLK 25 MHz (512 x FSOUT ) Input Word Width 20 Bits Load Capacitance 100 pF All minimums and maximums tested except as noted. PERFORMANCE1 Dynamic Range (20 Hz to 20 kHz, -60 dB Input) Total Harmonic Distortion + Noise (20 Hz to 20 kHz, Full-Scale Input) (1 kHz Full-Scale Input) (10 kHz Full-Scale Input) Interchannel Phase Deviation DIGITAL I/O1 VIH VIL IIH @ V IH = +5.0 V IIL @ V IL = 0 V VOH @ IOH = -0.5 mA VOL @ IOL = 0.5 mA Input Capacitance1 DIGITAL TIMING1 tMCP FMCLK tPDRP tBDM tLDM tDDP tDDS tDDH tSSU tCCH tCCL tCCP tCSU tCHD tCOH tSFPW tSFSU tCSPW tQDH tCLH tCLK tRS MCLK Duty Cycle MCLK Frequency (1/tMCP)1 PD/RST LO Pulsewidth BCLK Propagation Delay from MCLK (to Falling Edge) LRCLK Propagation Delay from MCLK Data Propagation Delay from MCLK Data Output Setup to BCLK Data Output Hold from BCLK SYNC Falling Setup to MCLK Rising CCLK HI Pulsewidth CCLK LO Pulsewidth CCLK Period SDI Setup SDI Hold SDO Propagation Delay from CCLK SFCLK HI Pulsewidth1 U/CBIT, INT, ERROR Setup to SFCLK CSCLK HI Pulsewidth1 QDFS HI Pulsewidth1 CS HI Pulsewidth CS Falling Edge to CCLK Rising PD/RST Rising to MCLK Rising Edge (Only Required for Synchronizing Multiple Parts) 1 Min 120 Typ Max Units dB dB dB dB Degrees -103 -113 -107 0 Min 2.4 Typ Max 0.8 10 10 DVDD - (0.5) 0.5 15 Units V V A A V V pF Min 40 Typ 10 x MCLK Period Max 60 25 30 30 30 1/2 BCLK Period 1/2 BCLK Period 5 20 20 8 x MCLK Period 15 10 30 100 100 100 1000 10 x MCLK Period 3 x MCLK Period 5 Units % MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns DIGITAL RS-422 RECEIVERS (RXP, RXN Pins Only) Min Input Resistance Min Differential AES/EBU or S/PDIF Input Input Hysteresis -2- 200 20 Typ 20 Max Units k mV p-p mV REV. 0 AD1892 POWER Min Supplies Voltage, DVDD Operational Current, IDD (DVDD = +5.0 V) Power-Down Current, IDD (DVDD = +5.0 V) (PD/RST LO) Dissipation1 Operational (DVDD = +5.0 V) Power-Down (DVDD = +5.0 V) (PD/RST LO) TEMPERATURE RANGE Typ Max 5.5 60 6 300 30 Units V mA mA mW mW 4.5 50 3 250 15 Min Specifications Guaranteed Storage ABSOLUTE MAXIMUM RATINGS 2 Max +85 +125 Units C C -40 -55 Min DVDD to DGND DC Input Voltage Soldering -0.3 -0.3 Max 7.0 DVDD + 0.3 +300 10 Units V V C sec DIGITAL FILTER CHARACTERISTICS1 Min Passband Ripple (0 kHz to 20 kHz) (FS = 44.1 kHz) Group Delay (LRCLK = 50 kHz) 700 Max 0.015 3000 Units dB s NOTES 1 Guaranteed, not tested. 2 Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Specifications subject to change without notice. ORDERING GUIDE Model Temperature Range Package Description Package Options 28-Lead SOIC 28-Lead SOIC R-28 R-28 on 13" Reels AD1892JR -40C to +85C AD1892JRRL -40C to +85C CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD1892 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE REV. 0 -3- AD1892 (continued from Page 1) PRODUCT OVERVIEW (Continued) In addition to the Q-channel subcode and Channel Status buffers, the AD1892 includes two 8-bit control registers and two 8bit status registers. The output data interface may be configured in left-justified, I2S-justified and right-justified modes. The AD1892 includes hardware power-down/reset and mute control inputs, and power-down/reset and mute may also be invoked through write to bits in the control registers. The AD1892 operates from a master clock that must be synchronous with the output sample rate at 512 x FS. Cyclic Redundancy Coding (CRC) error detection is performed over the full 80 bits of the received Q-channel subcode information in consumer mode, as well as the full 192 bits of the received Channel Status information in professional mode. The AD1892 includes a SYNC input (Pin 23) that allows multiple AD1892s in a system to be synchronized to a common LEFT/RIGHT clock. The AD1892 is offered in a 28-lead SOIC package. It operates over the industrial temperature range from -40C to +85C at a supply voltage from 4.5 V to 5.5 V. The only external components required to support the AD1892 are power supply decoupling capacitors. DEFINITIONS Dynamic Range The ratio of a full-scale input signal to the integrated noise in the passband (0 kHz to 20 kHz), expressed in decibels (dB). Dynamic range is measured with a -60 dB input signal and "60 dB" arithmetically added to the result. This measurement technique is consistent with the recommendations of the Audio Engineering Society (AES17-1991) and the Electronic Industries Association of Japan (EIAJ CP-307). Total Harmonic Distortion + Noise Total Harmonic Distortion plus Noise (THD+N) is defined as the ratio of the square root of the sum of the squares of the values of the harmonics and noise to the value of the fundamental input frequency. It is usually expressed in percent (%) or decibels. Interchannel Phase Deviation Difference in input sampling times between stereo channels, expressed as a phase difference in degrees between 1 kHz inputs. Group Delay The time interval required for the frequency components of an input pulse to appear at the converter's output, expressed in milliseconds (ms). More precisely, the derivative of radian phase with respect to radian frequency at a given frequency. AD1892 PIN LIST Biphase-Mark Serial Input Pin Name SOIC RXP RXN 13 14 I/O I I Description Positive differential biphase-mark serial digital audio receiver input. 20 mV hysteresis. Negative differential biphase-mark serial digital audio receiver input. 20 mV hysteresis. Serial Output Interface Pin Name SOIC SDATA 24 I/O O Description Serial output, MSB first, containing two channels of 16 to 20 bits (default) of twos-complement data per channel, depending on control register settings. The data can be configured in I2S-justified (default), left-justified, and right-justified orientations, depending on control register settings. See Figure 36 for timing. Bit clock output for output data. Frequency is either 32 x FS (packed mode) or 64 x FS (default), depending on control register settings. See Figure 36 for timing. LEFT/RIGHT clock output for output data. Runs continuously and is a synchronous divide-down from MCLK (MCLK/512). See Figure 36 for timing. The SYNC input allows multiple AD1892s in a system to be phase and group delay synchronized to the same LEFT/RIGHT clock. The SYNC signal resets internal AD1892 counters such that 512 MCLK cycles after the falling edge of SYNC, the AD1892 data will be valid, and the AD1892 LRCLK signal will change state. It is recommended that the SYNC input be used only when the AD1892 is in the 64 x FSOUT BCLK mode (default configuration). GND when not in use. Description In consumer or professional mode, CA is the inverse of Channel Status Bit 1, Byte 0 (C1, audio/ nonaudio). CA = 0 indicates nonaudio, CA = 1 indicates audio. CA = 0 can be used to indicate Dolby AC-3 encoded data. In consumer mode, CB is the inverse of Channel Status Bit 2, Byte 0 (C2, copy/copyright). CB = 0 indicates copy permitted/copyright not asserted; CB = 1 indicates copy inhibited/copyright asserted. In professional mode, CB is defined as EM0, the least significant bit of the two bits that encodes the emphasis status of the audio material. BCLK LRCLK SYNC 26 25 23 O O I Decoded Channel Status Outputs Pin Name SOIC CA 21 I/O O CB 20 O -4- REV. 0 AD1892 Decoded Channel Status Outputs (Continued) Pin Name SOIC CC 19 I/O O Description In consumer mode, CC is the inverse Channel Status Bit 3, Byte 0 (C3, pre-emphasis). CC = 0 indicates that the audio material has been pre-emphasized; CC = 1 indicates that the audio material has not been pre-emphasized. In professional mode, CC is the most significant bit of the two bits that encodes the emphasis status of the audio material. Table I illustrates the professional mode emphasis encoding. Table I. Professional Mode Emphasis Encoding AD1892 Output CC CB 1 1 0 0 CD 18 O 1 0 1 0 BYTE 0 Channel Status Bit C2 C3 C4 0 1 1 1 0 0 1 1 0 0 0 1 Status Emphasis not indicated. Receiver defaults to no emphasis with manual override enabled. None. Receiver manual override disabled. 50/15 s. Receiver manual override disabled. CCITT J. 17. Receiver manual override disabled. CE 17 O In consumer mode, CD indicates that the audio material is original over all category codes. The state of this bit is affected by both the generation status "L" bit (Channel Status Bit 15, Byte 1) and the category code (Channel Status Bits 8 through 14, Byte 1) since the definition of the L bit is reversed for three of the category codes (001XXXX, 0111XXX, and 100XXXX). CD = 0 indicates that the audio material is original. CD = 1 indicates that the audio material is a copy (first generation or higher). In professional mode, CD is the inverse of Channel Status Bit 9, Byte 1. CD provides some information about channel mode. See below for additional details. In consumer mode, CE indicates the so-called "ignorant" category codes of "general" (0000 000) and "A/D converter without copyright information" (0110 000). CE = 1 indicates that the audio material is not encoded using an ignorant category code. CE = 0 indicates that the audio material is encoded using an ignorant category code. This status output can be used in conjunction with the CD output (Pin 18) to implement SCMS copy protection. See below for additional details. In professional mode, CE indicates a Cyclic Redundancy Code (CRC) check error. CE = 0 indicates that the calculated CRC value does not match the received CRC value. CE = 1 indicates that the calculated CRC value does match the received CRC value. CE may be used to enable the display of the CA through CD states. If CE = 0, then CA through CD may be considered to be in error, and their display should not be updated. The Table II summarizes the function of the CA through CE pins, depending on the operating mode (professional or consumer). Table II. Decoded Channel Status Output Functions Pin CA CB CC CD CE CON/PRO 15 O Consumer 0 = Audio, 1 = Nonaudio 0 = Copy Permitted, 1 = Copy Inhibited 0 = Pre-emphasis, 1 = No Pre-emphasis 0 = Original, 1 = Copy 0 = Ignorant Category, 1 = Not Ignorant Professional 0 = Audio, 1 = Nonaudio Pre-emphasis Encoding Pre-emphasis Encoding Inverse of Channel Status Bit 9 0 = C.S. CRC Error, 1 = No C.S. CRC Error CSCLK 16 O CON/PRO is defined as the inverse Channel Status bit 0, byte 0 (C0, pro/consumer). CON/PRO = 0 indicates professional mode. CON/PRO = 1 indicates consumer mode. The state of this pin internally determines the consumer/pro mode of the CA, CB, CC, CD and CE pins. Channel Status Clock. Active HI (rising edge active). Outputs a pulse every 192 frames at the start of the Channel Status block. Use the falling edge of this clock to latch the CA through CE and CON/PRO output Channel Status signals. See Figure 38 for timing. REV. 0 -5- AD1892 Subframe Status Outputs Pin Name SOIC NOSIG 12 I/O O Description NOSIG (No Signal) is asserted HI when no biphase-mark input is applied to the AD1892 when either the input sample rate is too high for the applied master clock (MCLK) frequency or, equivalently, the master clock frequency is too low for the applied input sample rate. NOSIG is deasserted LO during normal operation. This signal is asynchronous and has no particular timing relationship with any of the clock signals associated with the AD1892. The ERROR pin is asserted HI when either a subframe parity error or a subframe validity error occurs. Logically, ERROR = PARITY ERROR or VALIDITY ERROR. The ERROR pin is deasserted LO when neither parity nor validity errors are detected. The state of this output pin is not directly reflected in the AD1892 status registers; rather, Status Register 0 has separate bits that indicate parity and validity errors. The ERROR output should be clocked using the SFCLK signal (Pin 8). The ERROR output signal is NOT sticky, so it can be used in applications that do not include a supporting microcontroller. INT (Interrupt) is asserted HI when any of the first 32 bits of Channel Status information changes from block to block or when the Q-Channel subcode track number (Q10 through Q17) changes from block to block (valid in consumer mode only). The Channel Status block spans 192 frames (or subframes, since either the left or right channel C bit is stored), and the Q-Channel subcode block spans 1176 subframes. INT is deasserted LO when neither the first 32 bits of Channel Status changes from block to block when the Q-Channel subcode track number changes from block to block. This output is mirrored in a status bit (Status Register 0, Bit 5). The INT output can be clocked using the SFCLK signal (Pin 8). The INT output signal is sticky and can only be cleared by reading Status Register 0. U/CBIT is either the subframe user bit or the Channel Status bit from the biphase-mark stream, fed out serially, valid on the rising edge of the SFCLK signal (Pin 8). The choice between user bit and Channel Status bit is determined by Bit 1 in Control Register 0 (0 user bit [default], 1 = Channel Status bit). Changes at the subframe rate (two times the incoming sample rate.) See Figure 39 for timing. This SFCLK signal is used to clock the ERROR, INT and U/CBIT output status signals. Active LO (rising edge active); see Figure 39 for timing. It is a LO pulse at the subframe rate (two times the sample rate). The pulsewidth is approximately 1/64th of the incoming sample (frame) period. ERROR 11 O INT 10 O U/CBIT 9 O SFCLK 8 O Q-Channel Subcode Clock Output Signal Pin Name SOIC QDFS 6 I/O O Description QDFS (Q-Channel Data Frame Sync) is a framing pulse indicating if the AD1892 has finished collecting a full Q-Channel subcode block of user bits, which has a period of 1176 subframes. Can be used as an interrupt signal to a microcontroller. The QDFS output is HI for one subframe period. The QDFS frequency is 75 Hz when the incoming input sample rate is 44.1 kHz. See Figure 40 for timing information. Serial Control Port Signals Pin Name SOIC CS 3 I/O I Description Chip Select/Latch signal for the serial control port. This input must be LO for any write or read operation using the serial control port to be valid. This input should be tied HI when using the AD1892 in a stand-alone (no external microcontroller) application. See the Serial Control Port Timing in Figure 37 and the text below for more information. Serial Control Port Clock. This rising edge active input samples the address and data associated with the serial control port. The frequency of CCLK signal must not exceed 1/8 the frequency of the MCLK (Pin 28) signal. See the Serial Control Port Timing in Figure 37 and the text below for more information. Serial Data Input. This input signal is used to convey the serial 6-bit address, the read/write indication and the 8-bit write data for the AD1892 serial control port. See the Serial Control Port Timing in Figure 37 and the text below for more information. Serial Data Output. This three-state output is used to convey the serial 8-bit read data for the AD1892 serial control port. It is a three-state output to allow multiple AD1892s to coexist on the same SPI serial bus. See the Serial Control Port Timing in Figure 37 and the text below for more information. CCLK 2 I SDI 4 I SDO 5 O -6- REV. 0 AD1892 Power Supply Connections Pin Name SOIC DVDD DGND 22 7 I/O Description Digital Supply. +5 V nominal supply voltage. Digital Ground. +0 V nominal supply connection. Miscellaneous Pin Name SOIC MCLK PD/RST MUTE 28 1 27 I/O I I I Description Master clock. Must be 512 x FSOUT, where FSOUT is the desired output sample rate. Active LO power-down/reset, which clears all on-chip registers on the AD1892 to their default state and stops the on-chip clocks. Bring HI for normal chip operation. Mute input. HI hardware mutes the serial digital audio output to zeros (midscale). All control functions on the AD1892 (Channel Status, Q-Channel subcode, etc.) continue to function while the AD1892 is muted. Should be LO for normal operation. PIN CONFIGURATION PD/RST 1 CCLK 2 CS 3 SDI 4 SDO 5 QDFS 6 28 MCLK 27 MUTE 26 BCLK 25 LRCLK AD1892 24 SDATA TOP VIEW 23 SYNC DGND 7 (Not to Scale) 22 DVDD SFCLK 8 U/CBIT 9 INT 10 ERROR 11 NOSIG 12 RXP 13 RXN 14 21 CA 20 CB 19 CC 18 CD 17 CE 16 CSCLK 15 CON/PRO REV. 0 -7- AD1892 SERIAL DIGITAL AUDIO TRANSMISSION STANDARDS PREAMBLES The AD1892 can receive S/PDIF (Sony/Philips Digital Interface Format), AES/EBU (Audio Engineering Society/European Broadcasting Union, also known as AES3-1992), IEC-958 (International Electrotechnical Commission) and CP-340 (EIAJ [Electronic Industry Association of Japan] CP-1201) serial streams. S/PDIF is a consumer audio standard, and AES/EBU is a professional audio standard; IEC-958 and CP-340 have both consumer and professional definitions. This data sheet is not intended to fully define or to provide a tutorial for these standards; please contact these international standards setting bodies for the full specifications. All of these digital audio serial communication schemes encode audio data and audio control information using the biphasemark method. This encoding method minimizes the dc content of the transmitted signal and allows the receiver to decode clock information from the transmitted signal. As can be seen from Figure 1, ones in the original data end up with midcell transitions in the biphase-mark encoded data, while zeros in the original data do not. Note that the biphase-mark encoded data always has a transition between bit boundaries. CLOCK (2 TIMES BIT RATE) 0 DATA 1 1 1 0 0 X LEFT CH Y RIGHT CH Z LEFT CH Y RIGHT CH X LEFT CH Y RIGHT CH X SUBFRAME FRAME 191 SUBFRAME FRAME 1 FRAME 0 START OF CHANNEL STATUS BLOCK Figure 3. Preambles, Frames and Subframes The biphase-mark encoding violations are shown in Figure 4. Note that all three preambles include encoding violations. Ordinarily, the biphase-mark encoding method results in a polarity transition between bit boundaries. 1 PREAMBLE X 1 1 0 0 0 1 0 1 PREAMBLE Y 1 1 0 0 1 0 0 1 PREAMBLE Z 1 1 0 1 0 0 0 Figure 4. Preambles BIPHASE-MARK DATA 1 1 0 1 0 1 0 1 0 0 1 1 Figure 1. Biphase-Mark Encoding Digital audio communication schemes use "preambles" to distinguish between channels (called "subframes") and between longer term control information blocks (called "frames"). Preambles are particular biphase-mark patterns, which contain encoding violations that allow the receiver to uniquely recognize them. These patterns, and their relationship to frames and subframes, are shown in Figures 2 and 3. BIPHASE PATTERNS X Y Z 11100010 OR 00011101 11100100 OR 00011011 11101000 OR 00010111 LEFT RIGHT LEFT AND C.S. BLOCK START CHANNEL As noted above, these serial digital audio communication schemes are organized using a frame and subframe construction. There are two subframes per frame (ordinarily the left and right channel). Each subframe includes the appropriate four bit preamble, four bits of "auxiliary" (aux) data, 20 bits of audio data (LSB first), a "validity" (V) bit, a "user" (U) data bit, a Channel Status (C) bit and an even parity (P) bit. The Channel Status bits and the user bits accumulate over many frames to convey control information. The Channel Status bits accumulate over a 192 frame period (called a Channel Status block). The user bits accumulate over 1176 frames when the interconnect is implementing the so-called "subcode" scheme (EIAJ CP-2401). The organization of the Channel Status block, frames and subframes is shown in Figure 5. Figure 2. Biphase-Mark Encoded Preambles -8- REV. 0 AD1892 CHANNEL STATUS BLOCK (384 AUDIO SAMPLES) 192 LEFT, 192 RIGHT A0 B0 A1 B1 A2 B2 A3 B3 A4 B4 A5 B5 A6 B6 A7 B7 A8 B8 A188 B188 A189 B189 A190 B190 A191 B191 (EXPANDED) FRAME A0 B0 A1 B1 A2 B2 A = LEFT CHANNEL B = RIGHT CHANNEL (EXPANDED) SUBFRAME 0 34 78 AUX DATA LSB AUDIO DATA 27 28 29 30 31 MSB VALIDITY USER DATA CHANNEL STATUS DATA EVEN PARITY BIT VUC P PREAMBLE Figure 5. Block, Frame and Subframe Organization As noted above, the Channel Status bit from each subframe accumulates over a 192 subframe period. The standards allow for the Channel Status bit in each subframe to be independent, but ordinarily the Channel Status bit in the two subframes of each frame are the same. The Channel Status bits are defined BIT 0 BYTE 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 191 RESERVED 1 2 COPY 3 4 EMPHASIS 5 6 MODE L CHANNEL NUMBER CLOCK ACCURACY differently for the consumer audio standards and the professional audio standards. The 192 Channel Status bits are organized into 24 bytes and have the interpretations shown in Figures 6 through 16. 7 PRO = 0 AUDIO BLOCK BIT 7 15 23 31 39 BIT 0 BYTE 0 1 2 3 4 5 6 7 1 2 3 EMPHASIS 4 5 LOCK 6 FS 7 PRO = 1 AUDIO BLOCK BIT 7 15 23 31 39 47 55 CATEGORY CODE SOURCE NUMBER FS CHANNEL MODE AUX USE USER BIT MANAGEMENT WORD LENGTH RESERVED RESERVED RESERVED REFERENCE RESERVED RESERVED ALPHANUMERIC CHANNEL ORIGIN DATA 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 RESERVED RELIABILITY FLAGS 183 191 TIME OF DAY CODE (32-BIT BINARY) 151 LOCAL SAMPLE ADDRESS CODE (32-BIT BINARY) 119 ALPHANUMERIC CHANNEL DESTINATION DATA 87 CYCLIC REDUNDANCY CHECK CHARACTER Figure 6. Consumer Channel Status Block Structure Figure 7. Professional Channel Status Block Structure REV. 0 -9- AD1892 BYTE 0 BIT 0 0 1 BIT 1 0 1 BIT 2 0 1 BITS 3 0 1 0 1 X BITS 3 0 X BITS 6 0 X 4 0 0 1 1 X 4 0 X 7 0 X 5 0 0 0 0 1 5 0 X PRO = 0 (CONSUMER) CONSUMER USE OF CHANNEL STATUS BLOCK. PROFESSIONAL USE OF CHANNEL STATUS BLOCK. AUDIO DIGITAL AUDIO. NON-AUDIO. CAN BE USED TO INDICATE AC-3 DATA. COPY/COPYRIGHT. COPY INHIBITED/COPYRIGHT ASSERTED. COPY PERMITTED/COPYRIGHT NOT ASSERTED. PRE-EMPHASIS - IF BIT 1 = 0 (DIGITAL AUDIO) NONE - 2 CHANNEL AUDIO. 50/15 s - 2 CHANNEL AUDIO. RESERVED - 2 CHANNEL AUDIO. RESERVED - 2 CHANNEL AUDIO. RESERVED - 4 CHANNEL AUDIO. IF BIT 1 = 1 (NON-AUDIO) DIGITAL DATA. ALL OTHER STATES OF BITS 3-5 ARE RESERVED. BYTE 1 BITS 0 0 1 0 2 0 3 0 4 0 0 5 0 0 6 CATEGORY CODE 0 GENERAL. "IGNORANT" CATEGORY CODE. RESERVED. SOLID STATE MEMORY. BROADCAST RECEPTION OF DIGITAL AUDIO. L BIT DEFINITION REVERSED. 0 0 1 0 0 0 0 0 0 1 0 0 0 JAPAN 1 UNITED STATES. 0 EUROPE. 1 ELECTRONIC SOFTWARE DELIVERY. 1 EXPERIMENTAL. XXX 0 0 0 0 0 1 1 XXX X X X X ALL OTHER STATES ARE RESERVED. 0 1 0 0 0 0 1 0 0 1 1 0 1 0 0 DIGITAL/DIGITAL CONVERTERS 0 PCM ENCODER/DECODER. 0 DIGITAL SOUND SAMPLER. 0 DIGITAL SIGNAL MIXER. 0 SAMPLE RATE CONVERTER. X X X X ALL OTHER STATES ARE RESERVED. 0 1 1 0 0 1 0 0 A/D CONVERTERS 0 A/D CONVERTER W/O COPY PROTECTION INFO "IGNORANT" CATEGORY CODE. 0 A/D CONVERTER W/COPY PROTECTION INFO (USING COPY AND L BITS). BROADCAST RECEPTION OF DIGITAL AUDIO. L BIT DEFINITION REVERSED. LASER OPTICAL. L BIT DEFINITION REVERSED. 0 0 0 0 0 0 0 0 CD - COMPATIBLE WITH IEC-908. 0 CD - NOT COMPATIBLE WITH IEC-908. (MAGNETO-OPTICAL). 1 MD - MINIDISC. MODE MODE 0 (DEFINES BYTES 1-3) ALL OTHER STATES OF BITS 6-7 ARE RESERVED. 0 1 1 0 1 0 1 XXX Figure 8. Consumer Channel Status Byte 0 1 1 X X X X ALL OTHER STATES ARE RESERVED. 1 0 1 0 1 0 0 0 0 MUSICAL INSTRUMENTS, MICS, ETC. 0 SYNTHESIZER. 0 MICROPHONE. X X X X ALL OTHER STATES ARE RESERVED. 1 1 0 0 1 0 0 0 0 0 0 0 MAGNETIC TAPE OR DISK 0 DAT - DIGITAL AUDIO TAPE. 0 VIDEO TAPE RECORDER WITH DIGITAL AUDIO. 1 DCC - DIGITAL COMPACT CASSETTE X X X X ALL OTHER STATES ARE RESERVED. 1 1 1XXXX RESERVED BIT 7 L: GENERATION STATUS ONLY CATEGORY CODES: 1 0 0 X X X X, 0 0 1 X X X X, 0 1 1 1 X X X 0 1 ORIGINAL/COMMERCIALLY PRE-RECORDED DATA. NO INDICATION /1ST GENERATION OR HIGHER. ALL OTHER CATEGORY CODES 0 1 NO INDICATION /1ST GENERATION OR HIGHER. ORIGINAL/COMMERCIALLY PRERECORDED DATA. Figure 9. Consumer Channel Status Byte 1 -10- REV. 0 AD1892 BYTE 2 BITS 0 0 1 0 1 0 0 1 BITS 4 0 1 0 1 0 1 1 0 0 1 1 0 1 1 5 0 0 1 1 1 1 2 0 0 0 0 1 1 1 6 0 0 0 0 1 1 3 0 0 0 0 0 1 1 7 0 0 0 0 1 1 SOURCE NUMBER UNSPECIFIED. 1 2 3 4 TO 14 (BINARY - BIT 0 IS LSB, BIT 3 IS MSB) 15 BYTE 0 BIT 0 0 1 BIT 1 0 1 BITS 2 0 3 0 0 1 1 X 4 0 0 0 0 X PRO = 1 (PROFESSIONAL) CONSUMER USE OF CHANNEL STATUS BLOCK. PROFESSIONAL USE OF CHANNEL STATUS BLOCK. AUDIO NORMAL AUDIO. NON-AUDIO. CAN BE USED TO INDICATE AC-3 DATA. ENCODED AUDIO SIGNAL EMPHASIS EMPHASIS NOT INDICATED. RECEIVER DEFAULTS TO NO EMPHASIS WITH MANUAL OVERRIDE ENABLED. NONE. RECEIVER MANUAL OVERRIDE DISABLED. 50/15 s. RECEIVER MANUAL OVERRIDE DISABLED. CCITT J.17. RECEIVER MANUAL OVERRIDE DISABLED. ALL OTHER STATES OF BITS 2-4 ARE RESERVED. LOCK: SOURCE SAMPLE FREQUENCY LOCKED-DEFAULT. UNLOCKED. 7 0 FS: SAMPLE FREQUENCY SAMPLE FREQUENCY NOT INDICATED. RECEIVER DEFAULTS TO 48 kHz AND MANUAL OVERRIDE OR AUTO SET ENABLED. 48 kHz. MANUAL OVERRIDE OR AUTO SET DISABLED. 44.1 kHz. MANUAL OVERRIDE OR AUTO SET DISABLED. 32 kHz. MANUAL OVERRIDE OR AUTO SET DISABLED. CHANNEL NUMBER UNSPECIFIED. A (LEFT IN 2 CHANNEL FORMAT) B (RIGHT IN 2 CHANNEL FORMAT) C TO N (BINARY - BIT 4 IS LSB, BIT 7 IS MSB) O 1 1 1 X BIT 5 0 1 Figure 10. Consumer Channel Status Byte 2 BYTE 3 BITS 0 0 0 1 1 0 1 1 2 0 0 0 3 0 0 0 FS: SAMPLE FREQUENCY 44.1 kHz. 48 kHz. 32 kHz. ALL OTHER STATES OF BITS 0-3 ARE RESERVED. CLOCK ACCURACY LEVEL II, 1000 ppm (DEFAULT). BITS 6 0 0 1 1 1 0 1 XXXX BITS 4 0 0 1 1 BITS 6 5 0 1 0 1 7 BYTE 1 BITS 0 0 0 0 0 1 0 0 0 0 1 1 1 1 2 0 0 1 1 0 0 1 1 3 0 1 0 1 0 1 0 1 CHANNEL MODE MODE NOT INDICATED. RECEIVER DEFAULTS TO 2-CHANNEL MODE. MANUAL OVERRIDE ENABLED. TWO CHANNELS. MANUAL OVERRIDE DISABLED. SINGLE CHANNEL. MANUAL OVERRIDE DISABLED. PRIMARY/SECONDARY (CH. A IS PRIMARY). MANUAL OVERRIDE DISABLED. STEREOPHONIC (CH. A IS LEFT). MANUAL OVERRIDE DISABLED. RESERVED FOR USED DEFINED APPLICATIONS. RESERVED FOR USED DEFINED APPLICATIONS. VECTOR TO BYTE 3. RESERVED. ALL OTHER STATES OF BITS 0-3 ARE RESERVED. USER BIT MANAGEMENT DEFAULT. NO USER INFORMATION INDICATED. 192 BIT BLOCK STRUCTURE. PREAMBLE 'Z' STARTS BLOCK. RESERVED. USER DEFINED APPLICATION. ALL OTHER STATES OF BITS 4-7 ARE RESERVED. LEVEL III, VARIABLE PITCH. LEVEL I, 50 ppm - HIGH ACCURACY. RESERVED. XX RESERVED. 0 0 BYTES 4-23 RESERVED 0 1 XXXX Figure 11. Consumer Channel Status Bytes 3 Through 23 BITS 4 0 0 0 0 5 0 0 0 0 6 0 0 1 1 7 0 1 0 1 XXXX Figure 12. Professional Channel Status Bytes 0 and 1 REV. 0 -11- AD1892 BYTE 2 BITS 0 0 0 0 0 X BITS 3 1 0 0 1 1 X 4 2 0 1 0 1 X 5 AUX: USE OF AUXILIARY SAMPLE BITS NOT DEFINED. MAXIMUM AUDIO WORD LENGTH IS 20 BITS. USED FOR MAIN AUDIO. MAXIMUM AUDIO WORD LENGTH IS 24 BITS. SINGLE COORDINATION SIGNAL. MAXIMUM AUDIO WORD LENGTH IS 20 BITS. USER DEFINED APPLICATION. ALL OTHER STATES OF BITS 0-2 ARE RESERVED. SOURCE WORD LENGTH MAX. AUDIO 24 BITS 0 0 0 0 1 1 X BITS 6 X 0 0 1 1 0 0 X 7 X RESERVED. 0 1 0 1 0 0 X NOT INDICATED 23 BITS 22 BITS 21 BITS 20 BITS 24 BITS MAX. AUDIO 20 BITS NOT INDICATED (DEFAULT) LOCAL SAMPLE ADDRESS CODE (32-BIT BINARY) 19 BITS 18 BITS 17 BITS 16 BITS 20 BITS TIME-OF-DAY SAMPLE ADDRESS CODE (32-BIT BINARY). ALL OTHER STATES OF BITS 3-5 ARE RESERVED. VALUE IS OF FIRST SAMPLE OF CURRENT BLOCK. LSBs ARE TRANSMITTED FIRST. VALUE IS OF FIRST SAMPLE OF CURRENT BLOCK. LSBs ARE TRANSMITTED FIRST. BYTES 6-9 ALPHANUMERIC CHANNEL ORIGIN DATA. 7-BIT ISO 646 (ASCII) DATA WITH ODD PARITY BIT. FIRST CHARACTER IN MESSAGE IS BYTE 6. LSBs ARE TRANSMITTED FIRST. BYTES 10-13 ALPHANUMERIC CHANNEL ORIGIN DATA. 7-BIT ISO 646 (ASCII) DATA WITH ODD PARITY BIT. FIRST CHARACTER IN MESSAGE IS BYTE 10. LSBs ARE TRANSMITTED FIRST. BYTES 14-17 BYTES 18-21 Figure 13. Professional Channel Status Byte 2 BYTE 3 BITS 0-7 XXXXXXXX VECTORED TARGET BYTE RESERVED. Figure 15. Professional Channel Status Bytes 6 Through 21 BYTE 22 BITS 0 1 2 3 RESERVED. CHANNEL STATUS BYTES 0 TO 5 RELIABLE. UNRELIABLE. CHANNEL STATUS BYTES 6 TO 13 RELIABLE. UNRELIABLE. CHANNEL STATUS BYTES 14 TO 17 RELIABLE. UNRELIABLE. CHANNEL STATUS BYTES 18 TO 21 RELIABLE. UNRELIABLE. XXXX BIT 4 BYTE 4 BITS 0 0 0 1 1 1 0 1 0 1 DIGITAL AUDIO REFERENCE SIGNAL PER AES11-1990 NOT REFERENCE SIGNAL (DEFAULT). GRADE 1 REFERENCE SIGNAL. GRADE 2 REFERENCE SIGNAL. RESERVED. 0 1 BIT 5 0 1 BIT 6 0 BITS 2-7 XXXXXX RESERVED. 1 BIT 7 BYTE 5 BITS 0-7 XXXXXXXX RESERVED. 0 1 BYTE 23 Figure 14. Professional Channel Status Bytes 3 Through 5 CRCC: CYCLIC REDUNDANCY CHECK CHARACTER. CRCC FOR CHANNEL STATUS DATA BLOCK THAT USES BYTES 0 TO 22 INCLUSIVE. GENERATING POLYNOMIAL IS: G(x) = x8 + x4 + x3 + x2 + 1 WITH AN INITIAL STATE OF ALL ONES. Figure 16. Professional Channel Status Bytes 22 and 23 -12- REV. 0 AD1892 SERIAL CONTROL PORT The serial control port on the AD1892 is a bidirectional interface that allows external microcontrollers and microprocessors to gain access to the two on-chip byte-wide control registers and to the sixteen on-chip byte-wide status registers. The serial control port is signal compatible with the Serial Peripheral Interface (SPI) standard, which has been popularized by Motorola's family of microcontroller and microprocessor products. The basic timing for the serial control port is shown in Figure 17. The CS signal is both a chip select and a latch enable. CS must be LO for the duration of the read or write cycle. The CCLK signal is the data clock signal for the serial control port. The frequency of the CCLK signal must not exceed 1/8 the frequency of the MCLK signal applied to the AD1892. The incoming address and write data must be valid on the rising edge of CCLK, and the outgoing read data is guaranteed to be valid on the ring edge of CCLK. The SDI signal carries the serial address and write data to the AD1892. The SDO signal carries the serial read data from the AD1892. The address and data information is MSB first. The serial control port write cycle is shown in Figure 18. In the first byte, the AD1892 defines a six bit write address field, a read/write bit (reset LO for a write cycle) and a reserved (res) bit. [The reserve (res) bit should be reset LO for both write and read cycles.] The data byte intended to be written to the specified write address follows immediately thereafter, MSB first. All information is carried on the SDI input, with the SDO output remaining in a high impedance (three-state) condition. The AD1892 defines only two valid write addresses, Control Register 1 and Control Register 2, which are defined below. The serial control port read cycle is shown in Figure 19. The address information is presented on the SDI input (6-bit address, read/write set HI and a reserved bit). The data byte output from the addressed location is transmitted on the SDO output, MSB first. The AD1892 defines sixteen valid read addresses, comprising Status Register 1, Status Register 2, four bytes of Channel Status information and ten bytes of Q-Channel subcode information. All of these read addresses are defined below. CS CCLK SDI/SDO MSB MSB-1 MSB-2 LSB+2 LSB+1 LSB Figure 17. Serial Control Port Basic Timing CS CCLK MSB ADDR5 LSB ADDR0 MSB D7 DATA HIGH Z LSB D0 SDI ADDR4 R/W RES D6 D1 ADDRESS SDO Figure 18. Serial Control Port Write Cycle CS CCLK MSB ADDR5 LSB ADDR0 SDI ADDR4 R/W RES MSB D7 D6 DATA D1 LSB D0 ADDRESS SDO HIGH Z Figure 19. Serial Control Port Read Cycle REV. 0 -13- AD1892 CONTROL/STATUS REGISTER ARCHITECTURE The AD1892 includes two byte-wide control registers, two byte-wide status registers, four Channel Status registers and ten Q-Channel subcode registers. The bit map of the Control Registers are shown below in Figures 20 through 23. CONTROL BUFFER - 2 BYTES ADDRESS 00 0000 00 0001 D7 RESERVED MUTE D6 RESERVED STEREO/ MONO D5 RESERVED OUTPUT DATA WIDTH D4 RESERVED OUTPUT DATA WIDTH D3 RESERVED OUTPUT DATA WIDTH D2 CHANNEL STATUS LEFT/RIGHT DITHER D1 USER/CHANNEL STATUS BIT BCLK FREQUENCY D0 POWER-DOWN/ RESET ASRC BYPASS CONTROL REGISTER 0 CONTROL REGISTER 1 Figure 20. Control Registers ADDRESS 00 0000 D7 RESERVED D6 RESERVED D5 RESERVED D4 RESERVED D3 RESERVED D2 D1 D0 POWER-DOWN/ RESET CHANNEL STATUS USER/CHANNEL STATUS BIT LEFT/RIGHT CONTROL REGISTER 0 1 = POWER DOWN (STOP CLOCKS) AND RESET 0 = NORMAL OPERATION (DEFAULT) 1 = OUTPUT CHANNEL STATUS BIT ON U/CBIT PIN 0 = OUTPUT USER BIT ON U/CBIT PIN (DEFAULT) 1 = CHANNEL STATUS INFORMATION FROM LEFT CHANNEL OUTPUT ON CA THROUGH CE AND CON/PRO 0 = CHANNEL STATUS INFORMATION FROM RIGHT CHANNEL OUTPUT ON CA THROUGH CE AND CON/PRO (DEFAULT) D7 00 0001 MUTE D6 STEREO/ MONO D5 OUTPUT DATA WIDTH D4 OUTPUT DATA FORMAT D3 OUTPUT DATA FORMAT D2 DITHER D1 BCLK FREQUENCY D0 ASRC BYPASS CONTROL REGISTER 1 1 = RATE CONVERSION BYPASS 0 = NO RATE CONVERSION BYPASS (DEFAULT) 1 = 32 TIMES FS 0 = 64 TIMES FS (DEFAULT) 1 = PROPERLY DITHER OUTPUT DATA TO SELECTED WIDTH 0 = NO DITHER (DEFAULT) 00 = I2S COMPATIBLE (DEFAULT) 01 = LEFT JUSTIFIED 10 = RIGHT JUSTIFIED 11 = RESERVED 1 = MONO ((L+ R)/2) ON BOTH LEFT AND RIGHT CHANNELS 0 = NORMAL STEREO OPERATION (DEFAULT) 1 = 16-BIT 0 = 20-BIT (DEFAULT) 1 = MUTE DIGITAL AUDIO OUTPUT 0 = NORMAL OPERATION (DEFAULT) Figure 21. Control Register Bit Definitions The bit map of the status registers in consumer mode are shown below in Figure 22. STATUS BUFFER - 16 BYTES ADDRESS 00 0000 00 0001 00 0010 00 0011 00 0100 00 0101 00 0110 00 0111 00 1000 00 1001 00 1010 00 1011 00 1100 00 1101 00 1110 00 1111 D7 NO PHASE LOCK DAT START ID MODE GENERATION STATUS CHANNEL NUMBER RESERVED ADDRESS TRACK NUMBER INDEX MINUTE SECOND FRAME ZERO ABSOLUTE MINUTE ABSOLUTE SECOND ABSOLUTE FRAME (Q97) D6 CH. STATUS CRC ERROR Q-CHANNEL CRC ERROR MODE CATEGORY CODE CHANNEL NUMBER RESERVED ADDRESS TRACK NUMBER INDEX MINUTE SECOND FRAME ZERO ABSOLUTE MINUTE ABSOLUTE SECOND ABSOLUTE FRAME D5 INTERRUPT (MIRRORS PIN) Q-CHANNEL BLOCK START PRE-EMPHASIS CATEGORY CODE CHANNEL NUMBER CLOCK ACCURACY ADDRESS TRACK NUMBER INDEX MINUTE SECOND FRAME ZERO ABSOLUTE MINUTE ABSOLUTE SECOND ABSOLUTE FRAME D4 D3 D2 VALIDITY ERROR RESERVED RESET TO 0 COPY/ COPYRIGHT CATEGORY CODE SOURCE NUMBER SAMPLE FREQUENCY CONTROL TRACK NUMBER INDEX MINUTE SECOND FRAME ZERO ABSOLUTE MINUTE ABSOLUTE SECOND ABSOLUTE FRAME D1 PARITY ERROR RESERVED RESET TO 0 AUDIO/ NON-AUDIO CATEGORY CODE SOURCE NUMBER SAMPLE FREQUENCY CONTROL TRACK NUMBER INDEX MINUTE SECOND FRAME ZERO ABSOLUTE MINUTE ABSOLUTE SECOND ABSOLUTE FRAME D0 CODING VIOLATION RESERVED RESET TO 0 PRO/CON CATEGORY CODE SOURCE NUMBER SAMPLE FREQUENCY CONTROL (Q2) TRACK NUMBER INDEX MINUTE SECOND FRAME ZERO ABSOLUTE MINUTE ABSOLUTE SECOND ABSOLUTE FRAME ERROR CHANNEL (MIRRORS PIN) STATUS CHANGE RESERVED RESET TO 0 PRE-EMPHASIS CATEGORY CODE CHANNEL NUMBER CLOCK ACCURACY ADDRESS TRACK NUMBER INDEX MINUTE SECOND FRAME ZERO ABSOLUTE MINUTE ABSOLUTE SECOND ABSOLUTE FRAME RESERVED RESET TO 0 PRE-EMPHASIS CATEGORY CODE SOURCE NUMBER SAMPLE FREQUENCY CONTROL TRACK NUMBER INDEX MINUTE SECOND FRAME ZERO ABSOLUTE MINUTE ABSOLUTE SECOND ABSOLUTE FRAME STATUS REGISTER 0 STATUS REGISTER 1 CHANNEL STATUS BYTE 0 CHANNEL STATUS BYTE 1 CHANNEL STATUS BYTE 2 CHANNEL STATUS BYTE 3 Q-CHANNEL SUBCODE BYTE 0 Q-CHANNEL SUBCODE BYTE 1 Q-CHANNEL SUBCODE BYTE 2 Q-CHANNEL SUBCODE BYTE 3 Q-CHANNEL SUBCODE BYTE 4 Q-CHANNEL SUBCODE BYTE 5 Q-CHANNEL SUBCODE BYTE 6 Q-CHANNEL SUBCODE BYTE 7 Q-CHANNEL SUBCODE BYTE 8 Q-CHANNEL SUBCODE BYTE 9 Figure 22. Status Registers--Consumer Mode -14- REV. 0 AD1892 STATUS BUFFER - 16 BYTES PRO MODE ADDRESS 00 0000 00 0001 00 0010 00 0011 00 0100 00 0101 00 0110 00 0111 00 1000 00 1001 00 1010 00 1011 00 1100 00 1101 00 1110 00 1111 D7 NO PHASE LOCK NOT DEFINED SAMPLE FREQUENCY USER BIT MANAGEMENT RESERVED RESERVED NOT DEFINED NOT DEFINED NOT DEFINED D6 CH. STATUS CRC ERROR NOT DEFINED SAMPLE FREQUENCY USER BIT MANAGEMENT RESERVED RESERVED NOT DEFINED NOT DEFINED NOT DEFINED D5 INTERRUPT (MIRRORS PIN) NOT DEFINED LOCKED/ UNLOCKED USER BIT MANAGEMENT WORD LENGTH RESERVED NOT DEFINED NOT DEFINED NOT DEFINED D4 ERROR (MIRRORS PIN) RESERVED RESET TO 0 PRE-EMPHASIS USER BIT MANAGEMENT WORD LENGTH RESERVED NOT DEFINED NOT DEFINED NOT DEFINED D3 CHANNEL STATUS CHANGE RESERVED RESET TO 0 PRE-EMPHASIS CHANNEL MODE WORD LENGTH RESERVED NOT DEFINED NOT DEFINED NOT DEFINED D2 VALIDITY ERROR RESERVED RESET TO 0 PRE-EMPHASIS CHANNEL MODE AUX USE RESERVED NOT DEFINED NOT DEFINED NOT DEFINED D1 PARITY ERROR RESERVED RESET TO 0 AUDIO/ NON-AUDIO CHANNEL MODE AUX USE RESERVED NOT DEFINED NOT DEFINED NOT DEFINED D0 CODING VIOLATION RESERVED RESET TO 0 CON/PRO CHANNEL MODE AUX USE RESERVED NOT DEFINED NOT DEFINED NOT DEFINED STATUS REGISTER 0 STATUS REGISTER 1 CHANNEL STATUS BYTE 0 CHANNEL STATUS BYTE 1 CHANNEL STATUS BYTE 2 CHANNEL STATUS BYTE 3 Q-CHANNEL SUBCODE BYTE 0 Q-CHANNEL SUBCODE BYTE 1 Q-CHANNEL SUBCODE BYTE 2 Q-CHANNEL SUBCODE BYTE 3 Q-CHANNEL SUBCODE BYTE 4 Q-CHANNEL SUBCODE BYTE 5 Q-CHANNEL SUBCODE BYTE 6 Q-CHANNEL SUBCODE BYTE 7 Q-CHANNEL SUBCODE BYTE 8 Q-CHANNEL SUBCODE BYTE 9 NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED NOT DEFINED Figure 23. Status Registers-Professional Mode A detailed description of Status Registers 0 and 1 is given in Figure 24. Note that the bits in Status Register 0 and 1 are sticky and are cleared following a read cycle. ADDRESS 00 0000 D7 NO PHASE LOCK D6 CH. STATUS CRC ERROR D5 INTERRUPT (MIRRORS PIN) D4 ERROR (MIRRORS PIN) D3 CH. STATUS CHANGE D2 VALIDITY ERROR D1 PARITY ERROR D0 CODING VIOLATION STATUS REGISTER 0 HI = BIPHASE-MARK CODING VIOLATION- NOT INCLUDING PREAMBLES LO = NO CODING VIOLATION STICKY, CLEARED ON READ HI = CRC ERROR LO = NO CRC ERROR STICKY, CLEARED ON READ PROFESSIONAL MODE ONLY HI = COMPUTED EVEN PARITY ERROR ON 32-BIT INCOMING WORD LO = NO COMPUTED EVEN PARITY ERROR STICKY, CLEARED ON READ HI = INCOMING V BIT HI LO = INCOMING V BIT LO STICKY, CLEARED ON READ HI = CS CHANGE BLOCK-TO-BLOCK LO = NO CS CHANGE BLOCK-TO-BLOCK STICKY, CLEARED ON READ HI = PARITY ERROR OR VALIDITY ERROR LO = NO PARITY ERROR OR VALIDITY ERROR STICKY, CLEARED ON READ HI = NO LOCK LO = LOCK STICKY, CLEARED ON READ HI = TRACK NUMBER CHANGE OR CHANNEL STATUS CHANGE LO = NO TRACK NUMBER CHANGE OR CHANNEL STATUS CHANGE STICKY, CLEARED ON READ ADDRESS 00 0001 D7 DAT START ID D6 Q-CHANNEL CRC ERROR D5 Q-CHANNEL BLOCK START D4 RESERVED RESET TO 0 D3 RESERVED RESET TO 0 D2 RESERVED RESET TO 0 D1 RESERVED RESET TO 0 D0 RESERVED RESET TO 0 STATUS REGISTER 1 HI = Q-CHANNEL SUBCODE BLOCK BOUNDARY ENCOUNTERED LO = NO Q-CHANNEL SUBCODE BLOCK BOUNDARY ENCOUNTERED STICKY, CLEARED ON READ CONSUMER MODE ONLY HI = CRC ERROR LO = NO CRC ERROR STICKY, CLEARED ON READ CONSUMER MODE ONLY HI = DAT START ID (WHEN CATEGORY CODE = 1100000 AND RIGHT CHANNEL SUBFRAME U BIT = 1) LO = NO DAT START ID STICKY, CLEARED ON READ CONSUMER MODE ONLY Figure 24. Status Register Bit Maps REV. 0 -15- AD1892 The AD1892 includes an on-chip 10 byte Q-channel subcode buffer that is defined in consumer mode only. MiniDisc and Compact Disc systems use the Q-channel subcode information to convey format, track, index and timing information. The Qchannel is one of eight subcode channels defined (others being P, R, S, T, U, V and W). The other subcode channels are not supported by the AD1892. The subcode channels are formed by accumulating user bits over a period of 1176 subframes. The user bits from both the left channel subframe and the right 1 S0 S1 98 12-BIT WORDS = 1176 BITS S2 S3 0 0 1 1 * * * S97 S0 S1 S2 S3 1 0 0 1 1 * * * 2 0 0 Q2 Q3 * * * Q97 0 0 Q2 Q3 * * * 3 0 0 R2 R3 * * * R97 0 0 R2 R3 * * * 4 0 0 S2 S3 * * * S97 0 0 S2 S3 * * * 5 0 0 T2 T3 * * * T97 0 0 T2 T3 * * * 6 0 0 U2 U3 * * * U97 0 0 U2 U3 * * * 7 0 0 V2 V3 * * * V97 0 0 V2 V3 * * * channel subframe are used to construct the subcode control information. The user bits are accumulated into 98 12-bit words, that form a matrix of sorts. The incoming user bits fill this matrix row by row. The first two rows (S0 and S1) consist of all zeros and form an easily identified subcode sync word. The P-Channel subcode bit is always "1," except during the subcode sync word. The Q-channel is the first valid column of user bits, designated Q2 through Q97 in Figure 25 below. 8 0 0 W2 W3 * * * W97 0 0 W2 W3 * * * 9 0 0 0 0 * * * 0 0 0 0 0 * * * 10 0 0 0 0 * * * 0 0 0 0 0 * * * 11 0 0 0 0 * * * 0 0 0 0 0 * * * 12 0 SUBCODE SYNC WORD 0 0 0 * * * 0 0 SUBCODE SYNC WORD 0 0 0 * * * ONLY Q-CHANNEL IS USED FOR CD AND MD SUBCODE Figure 25. Subcode User Bit Accumulation The AD1892 stores only the Q2 through Q97 user bits that comprise the Q-channel subcode information (96 bits); the remaining 1080 bits (1176-96) are ignored. These 96 bits of Qchannel subcode, organized in 12 bytes, are shown below in Figure 26. Q2 Q3 Q4 Q5 Q6 Q7 Q8 Q9 Q10 Q11 Q12 Q13 Q14 Q15 Q16 Q17 Q18 Q19 Q20 Q21 Q22 Q23 Q24 Q25 CTRL DATA10 ADRS TRACK NUMBER DATA9 INDEX DATA8 Q26 Q27 Q28 Q29 Q30 Q31 Q32 Q33 Q34 Q35 Q36 Q37 Q38 Q39 Q40 Q41 Q42 Q43 Q44 Q45 Q46 Q47 Q48 Q49 MINUTE DATA7 SECOND DATA6 FRAME DATA5 Q50 Q51 Q52 Q53 Q54 Q55 Q56 Q57 Q58 Q59 Q60 Q61 Q62 Q63 Q64 Q65 Q66 Q67 Q68 Q69 Q70 Q71 Q72 Q73 ZERO DATA4 ABSOLUTE MINUTE DATA3 ABSOLUTE SECOND DATA2 Q74 Q75 Q76 Q77 Q78 Q79 Q80 Q81 Q82 Q83 Q84 Q85 Q86 Q87 Q88 Q89 Q90 Q91 Q92 Q93 Q94 Q95 Q96 Q97 ABSOLUTE FRAME DATA1 16-BIT CRC WORD G(x) = x16 + x12 + x5 + 1 COMPUTED OVER Q2 TO Q81 Figure 26. Incoming Q-Channel Subcode -16- REV. 0 AD1892 The incoming 16-bit CRC Word (Q82 through Q97) is routed to the AD1892 CRC circuit block. The CRC block generates a 16-bit polynomial against the first 80 bits of the incoming Q-channel subcode and flags a CRC error if the generated CRC is different from the incoming CRC (Q82 through Q97). QChannel CRC errors are flagged in the AD1892 Status Register 1 in position D6. An external microcontroller or microprocessor can use the QDFS (Pin 6) output from the AD1892 as an interrupt to alert the microcontroller that a new Q-Channel block is ready. When the input sample rate is 44.1 kHz, the QDFS frequency is 75 Hz ([44,100 x 2]/1176 = 75). OPERATING ISSUES Serial Data Output Port Serial Output Port Modes The AD1892 uses two bits in Control Register 1 to control the mode configuration of the output data port. Bits D4 and D3 program the output data port mode as shown in Table III. Table III. Serial Output Port Mode Control Bits D4 D3 LO LO HI HI LO HI LO HI Serial Output Port Mode I2S-Justified (See Figure 28) Default Left-Justified (See Figure 29) Right-Justified (See Figure 27) Reserved The AD1892 uses the frequency of the master clock (MCLK, Pin 28) to determine the output sample rate. The LRCLK signal is divided down from the master clock by a factor of 512. The phase of this division can be adjusted by using the sync input pin. The AD1892 is a clock master device; the audio data clocks, bit clock (BCLK, Pin 26) and left/right clock are outputs only. LRCLK runs continuously and transitions twice per stereo sample period. BCLK also runs continuously and is used only to clock the audio data from the AD1892's serial data output port. The AD1892's flexible serial data output port transmits data in twos-complement, MSB-first format. The left channel data field always precedes the right channel data field. The output data consists of 16 or 20 bits as established by settings in Control Register 1 (Bit D5). The BCLK frequency can be set to either 32 x F SOUT or 64 x FSOUT (default) using Bit D1 in Control Register 1. Note that in all three modes, the AD1892 is a "master" device, i.e., the LRCLK, the BCLK and the SDATA signals are always outputs. This is also true in bypass mode. Figure 27 shows the right-justified mode. LRCLK is HI for the left channel and LO for the right channel. Data is valid on the rising edge of BCLK. The MSB is delayed 12-bit clock periods (in 20-bit output mode) or 16-bit clock periods (in 16-bit output mode) from an LRCLK transition, so that when there are 64 BCLK periods per LRCLK period, the LSB of the data will be right-justified to the next LRCLK transition. Figure 28 shows the default I2S-justified mode. When the AD1892 is used without a supporting microcontroller or microprocessor, it will default to the I2S-justified mode after reset. LRCLK is LO for the left channel and HI for the right channel. Data is valid on the rising edge of BCLK. The MSB is left-justified to an LRCLK transition but with a single BCLK period delay. The I2S-justified mode can be used in either the 16-bit or the 20-bit output mode. Figure 29 shows the left-justified mode. LRCLK is HI for the left channel and LO for the right channel. Data is valid on the rising edge of BCLK. The MSB is left-justified to an LRCLK transition with no MSB delay. The left-justified mode can be used in the 16-bit or 20-bit output mode. LRCLK OUTPUT BCLK OUTPUT SDATA OUTPUT LSB LEFT CHANNEL RIGHT CHANNEL MSB MSB-1 MSB-2 LSB+2 LSB+1 LSB MSB MSB-1 MSB-2 LSB+2 LSB+1 LSB Figure 27. Right-Justified Mode LRCLK OUTPUT BCLK OUTPUT SDATA OUTPUT MSB MSB-1 MSB-2 LSB+2 LSB+1 LSB MSB MSB-1 MSB-2 LSB+2 LSB+1 LSB MSB LEFT CHANNEL RIGHT CHANNEL Figure 28. I 2S-Justified Mode LRCLK OUTPUT BCLK OUTPUT SDATA OUTPUT MSB MSB-1 MSB-2 LSB+2 LSB+1 LSB MSB MSB-1 MSB-2 LSB+2 LSB+1 LSB MSB MSB+1 LEFT CHANNEL RIGHT CHANNEL Figure 29. Left-Justified Mode REV. 0 -17- AD1892 LRCLK OUTPUT BCLK OUTPUT SDATA OUTPUT LSB MSB MSB-1 MSB-2 LSB+2 LSB+1 LSB MSB MSB-1 MSB-2 LSB+2 LSB+1 LSB MSB MSB+1 LEFT CHANNEL RIGHT CHANNEL Figure 30. 32 x FS Packed Mode Note that in 16-bit output mode, the AD1892 is capable of a 32 x FSOUT BCLK frequency "packed mode" where the MSB is left-justified to an LRCLK transition, and the LSB is rightjustified to an LRCLK transition. LRCLK is HI for the left channel and LO for the right channel. Data is valid on the rising edge of BCLK. Packed mode can be used when the AD1892 is programmed in either right-justified or left-justified mode. Packed mode is shown in Figure 30. ASRC Bypass Mode Multiple AD1892 Synchronization Two methods can be used to synchronize the outputs of multiple AD1892s. It is possible to synchronize the outputs of multiple AD1892s in a system by issuing them PD/RST signals which are synchronous with the MCLK signal. This scheme is illustrated in Figure 31. AD1892 28 1 512 x FSOUT ASYNCHRONOUS RESET MCLK PD/RST By setting bit D0 HI in Control Register 1, the AD1892 will be placed in "bypass mode," where the received biphase-mark encoded data is transmitted out of serial output interface without any sample rate conversion applied. This mode may be useful in applications where the audio data is not simple PCM information; for example, the data may be compressed using the MPEG or Dolby AC-3 compression standards. In this mode, the output interface runs in master mode (LRCLK and BCLK are outputs), and all three output format modes are available (leftjustified, I2S-justified and right-justified). In bypass mode, without an external PLL, jitter may be as high as one MCLK period. In bypass mode, the output sample frequency (LRCLK frequency) is simply the incoming biphase-mark sample frequency. The BCLK frequency can be set to 32 x FSIN or 64 x FSIN (default) using Bit D1 in Control Register 1. Power-Down and Reset Q D AD1892 MCLK PD/RST 28 1 AD1892 MCLK PD/RST 28 1 Figure 31. Multiple AD1892 Synchronization The AD1892 offers two methods of initiating power-down/reset: through an input pin (PD/RST, Pin 1) and through a control register bit (Control Register 0, Bit D0). When the PD/RST pin is held low, the AD1892 is placed in a "hardware" low dissipation power-down state with the on-chip clocks stopped. When the PD/RST input is asserted HI, the AD1892 is reset. The two control registers in the serial control port are initialized to their default values. All other on-chip registers are zeroed, including those in the rate converter, the serial data output port, the status registers, the Channel Status, and Q-Channel subcode registers. The AD1892 enters the default mode and is ready for normal operation. The master clock (MCLK, Pin 28) must be running for a successful hardware reset or power-down operation to occur. The PD/RST signal must be LO for a minimum of four master clock periods (160 ns with a 24.576 MHz MCLK frequency). "Software" power-down is activated by writing 1 to bit D0 in Control Register 0. The effect is the same as hardware powerdown/reset, except the clocks to the SPI serial control port are not stopped, so that the AD1892 may be put back into normal operation. The second method involves using the SYNC input. A falling edge on the SYNC input resets output timing counters within the AD1892. See Figure 41 for timing. Note that the SYNC signal MUST be divided down from the 512 x FSOUT MCLK signal applied to the AD1892. If SYNC is properly set up to MCLK, the current LRCLK and BCLK timing will be interrupted, and the left/right channel sample pair will be invalid. However, the second and subsequent left/right sample pairs will have valid data and normally timed bit and left/right clocks. If the AD1892 is configured for a 64 x FSOUT bit clock frequency (default), the LRCLK output (on the second and subsequent output periods) will fall immediately after SYNC falls (i.e., on the next MCLK falling edge). The SYNC input to the AD1892 can be used externally as the system LRCLK clock (or word clock) when the AD1892 is configured in 64 x FSOUT bit clock mode. When the AD1892 is configured in 32 x FSOUT bit clock mode, LRCLK falls several MCLK falling edges later, and the SYNC input cannot be used as the external LRCLK signal directly. Note that Figure 41 shows the 64 x FSOUT bit clock mode only. Figure 32 shows several AD1892s synchronized using the SYNC input. SYNC input synchronization is not available when the AD1892 is used in bypass mode. -18- REV. 0 AD1892 AD1892 MCLK SYNC 28 512 x FSOUT 23 SYSTEM WORD CLOCK Mute AD1892 MCLK SYNC 28 23 512 The AD1892 offers two methods of muting the digital audio output. There is an external mute input (MUTE, Pin 27) that "hardware" mutes the AD1892 digital audio output when asserted HI. This input should be LO for normal operation. The AD1892 digital audio output can also be "software" muted through a write to Control Register 1, position D7. Writing a 1 mutes the digital audio output; writing a 0 (default) unmutes the output. The AD1892 mutes the digital audio output automatically when the digital audio receiver is not locked to the incoming biphase mark encoded stream, or when no biphase-mark signal is applied to the input of the AD1892 (i.e., NOSIG = 1). When NOSIG is deasserted (LO), the digital audio output from the AD1892 is immediately unmuted. The AD1892 automatically repeats the last valid sample when a parity error or validity error is encountered. APPLICATIONS CIRCUITS AD1892 MCLK SYNC 28 23 Figure 32. Multiple AD1892 Synchronization Using SYNC A typical microcontroller-oriented application circuit for the AD1892 is shown in Figure 33. A typical stand-alone application circuit for the AD1892 is shown in Figure 34. +5V CHANNEL STATUS REGISTER D TYPE REGISTER Q0 Q1 Q2 Q3 Q4 Q5 D0 D1 D2 D3 D4 D5 21 20 19 18 17 15 16 23 22 0.01 F 7 DGND BCLK SDATA LRCLK 3 2 4 5 28 MCLK 26 24 25 19 20 18 +2 1 MCLK SCLK 6 384/256 OUTL 13 8 TO LEDS, CONTROLLER, DSP, ETC. CA CB CC CD CE CON/PRO CSCLK SYNC DVDD AD1857 SDATA DAC OUTR LRCLK LEFT LINE OUTPUT RIGHT LINE OUTPUT FROM DSP, CONTROLLER, SWITCH, ETC. CE CLK CS CCLK SDI CS CCLK SDO SDI 512 x FSOUT CLOCK SYNCHRONIZATION INPUT AD1892 OPTIONAL SPI COMPATIBLE MICROCONTROLLER OR MICROPROCESSOR INTERRUPTS SDO 0.01 F CONSUMER S/PDIF INPUT 75 CONN RCA PHONE CONNECTOR 75 0.01 F 27 13 14 RXP RXN QDFS NOSIG ERROR INT U/CBIT SFCLK 6 12 11 10 9 8 MUTE PD/RST 1 ACTIVE HI MUTE ACTIVE LO POWER-DOWN/RESET Q-CHANNEL SUBCODE BLOCK START NO BIPHASE-MARK SIGNAL ON INPUT D TYPE REGISTER ERROR BIT = PARITY ERROR OR VALIDITY ERROR INTERRUPT = TRACK NUMBER CHANGE OR CHANNEL STATUS CHANGE DVDD 3 1 BAT54S OR BAS70-04 2 AES/EBU INPUT 3V-10V p-p 1 2 3 110 4 2 38R3 DVDD 3 1 BAT54S OR BAS70-04 2 1k DVDD 1k 38R3 1 1:1 16R5 16R5 10nF 10nF 13 RXP D0 D1 D2 Q0 Q1 Q2 USER/CHANNEL STATUS BIT CLK CE FROM DSP, CONTROLLER, SWITCH, ETC. SUB-FRAME STATUS REGISTER AD1892 14 RXN Figure 33. Microcontroller Application Circuit REV. 0 -19- AD1892 +5V 0.01 F 22 21 20 19 18 17 15 16 23 CA CB CC CD CE CON/PRO CSCLK SYNC DVDD 7 DGND SCLK SDATA LRCLK 26 24 25 19 20 18 +2 1 MCLK SCLK 6 384/256 OUTL 8 13 AD1857 DAC OUTR SDATA LRCLK LEFT LINE OUTPUT RIGHT LINE OUTPUT CS CCLK SDI 3 2 4 5 26 512 x FSOUT CLOCK 27 ACTIVE HI MUTE ACTIVE LO POWER-DOWN/RESET 1 AD1892 0.01 F CONSUMER S/PDIF INPUT 75 CONN RCA PHONE CONNECTOR 75 0.01 F 13 14 SDO MCLK RXP RXN MUTE PD/RST QDFS NOSIG ERROR INT U/CBIT SFCLK 6 12 11 10 9 8 NO BIPHASE-MARK SIGNAL ON INPUT DVDD 3 1 BAT54S OR BAS70-04 2 AES/EBU INPUT 3V-10V p-p 1 2 3 110 4 2 38R3 DVDD 3 1 BAT54S OR BAS70-04 2 R4 1k DVDD R3 1k 1 1:1 38R3 R5 16R5 R6 16R5 10nF 13 RXP 10nF AD1892 14 RXN Figure 34. Stand-Alone Application Circuit -20- REV. 0 AD1892 Dither The AD1892 can be programmed to add triangular Probability Distribution Function (PDF) dither to the digital audio samples. It is advisable to add dither when the input word width exceeds the output word width, e.g., the input word is 20 bits and the output word is 16 bits. Triangular PDF is generally considered to create the most favorable noise shaping of the residual quantization noise. The AD1892's dither function is always available, even when the part is configured in bypass mode. Asynchronous Sample Rate Converter This bit is sticky and will stay set until Status Register 1 is read. There is also an output signal QDFS (Pin 6) that is asserted when the subcode sync word has been received. QDFS goes HI for one subframe period. Word Width The AD1892 can use up to 20 bits of incoming audio data, i.e., all of the bits from Bit 8 through Bit 27 in each subframe. The serial digital audio standards allow the use of the so-called "Aux Data" bits to extend the audio data word length to 24 bits; however, the AD1892 does not support this word length extension. Mono Output Control Register Option The AD1892 uses a different Asynchronous Sample Rate Conversion (ASRC) algorithm than the AD1890/AD1891/ AD1893. The upsampling range is much wider (1:5, from 10 kHz to 48 kHz continuous), but the downsampling range is more constrained (48 kHz down to 44.1 kHz, without significant artifacts). Unlike the AD1890/AD1891/AD1893, the AD1892's rate converter does not include automatic input frequency bandlimiting, which places constraints on artifact-free downsampling. Program material sampled at 48 kHz can theoretically have frequency content up to 24 kHz; when this is downsampled to 44.1 kHz, there can be aliased spectral energy from 20.1 kHz to 24.1 kHz, which is not fully attenuated by the AD1892's digital filter. For example, a full-scale 24 kHz signal would be attenuated by -6 dB when resampled to 44.1 kHz. The AD1892 ASRC performs 128 times interpolation, low-pass filtering, and resampling (decimation) at the MCLK/512 (i.e., FSOUT) rate. The digital filter passband ripple is 0.015 dB, and the transition band extends from 20 kHz to 24.1 kHz. The stopband attenuation is 120 dB. DAT Start ID A monaural (mono) output can be provided by the AD1892 using the mono mode Bit D6 in Control Register 1. When this bit is set to 1, the AD1892 puts (Right Channel + Left Channel)/2 on both the left and right channel serial data output. Adding both channels together and dividing by 2 has the effect of lowering the perceived amplitude of resulting output for largely uncorrelated right and left channel input material, but also avoids the possibility of clipping with highly correlated right and left channel input material. Microcontroller Applications In many systems, the AD1892 will be used with an external microcontroller to enable the more sophisticated functions of which the device is capable. The microcontroller servicing the AD1892 should follow the following suggestions: 1. The microcontroller should read (and thereby clear) the status registers after initial start-up. The microcontroller should wait until the NOSIG pin is deasserted LO before clearing Status Register 0 and 1. This procedure will avoid the problems of invalid channel status and Q-Channel subcode CRC errors, invalid parity and validity errors, invalid coding violations errors, etc. All other status bits are invalid when No Phase Lock (Bit D7, Status Register 0) is 1 (no phase lock), so all errors should be ignored by the microcontroller until this bit is deasserted LO. 2. The Q-Channel subcode CRC error indication (Bit D6, Status Register 1) is not valid until subcode sync is achieved. Subcode sync is indicated when Q Channel Block Start (Bit D5, Status Register 1) is 1 or when the QDFS signal (Pin 6) is asserted HI. 3. The AD1892 updates its on-chip channel status buffer and Q Channel subcode buffer regardless of whether or not CRC errors are detected. The system engineer must decide if the microcontroller should update its information (i.e., read the AD1892 status buffers) when channel status CRC errors occur in professional mode or when Q Channel subcode CRC errors occur in consumer mode. The AD1892 status register provides a bit that is intended to be used in Digital Audio Tape (DAT) systems to facilitate the location of the beginning of tracks. In DAT systems, when the category code is set to DAT (i.e., 1100000) and the first right subframe user bit in a DAT frame (identified as "R0'' in the IEC-958 documents) is set to 1, this is an indication of the start of a new track. The AD1892 will set Bit D7 in Status Register 1 HI when the category code is 1100000 and any received right channel subframe user bit is 1. This bit is sticky and will stay set until Status Register 1 is read. Coding Violation Status Bit The AD1892 includes a bit (D0 in Status Register 0) that is set HI when the AD1892 encounters biphase-mark encoding error, other than X, Y or Z preambles, in the input serial stream. This bit is sticky and will stay set until Status Register 0 is read. This bit can be used to monitor the integrity of the biphase-mark interconnect feeding the AD1892. Q-Channel Block Start Status Bit and QDFS Signal The AD1892 provides two indications that a Q-Channel subcode block start has been encountered in consumer mode. There is a bit (D5 in Status Register 1) that is set HI after the subcode synchronization word (S0 + S1) has been received. REV. 0 -21- AD1892 TIMING DIAGRAMS t MCP MCLK t RS PD/RST tPDRP Figure 35. MCLK and Power-Down/Reset Timing MCLK INPUT (NOT TO SCALE) BCLK OUTPUT tBDM LRCLK OUTPUT tLDM tDDS SDATA OUTPUT LEFT-JUSTIFIED MODE MSB MSB-1 tDDP tDDH tDDS SDATA OUTPUT 12S-JUSTIFIED MODE SDATA OUTPUT RIGHT-JUSTIFIED MODE MSB tDDH tDDP tDDS MSB tDDH tDDS LSB tDDH tDDP Figure 36. Serial Data Output Port Timing tCLK CS tCLH tCCL CCLK tCCP tCCH tCSU SDI MSB LSB tCHD tCOH SDO LSB+1 LSB Figure 37. Serial Control Port Timing -22- REV. 0 AD1892 tCSPW CSCLK SFCLK tSFPW tSFSU ERROR CA tSFSU CB INT tSFSU CC U/CBIT CD Figure 39. Subframe Status and Clock Timing CE QDFS CON/PRO tQDH Figure 38. Channel Status and Clock Timing Figure 40. Q-Channel Subcode Clock Timing 64 x FS BIT CLOCK PERIOD MCLK INPUT SYNC INPUT tSSU BCLK OUTPUT LRCLK OUTPUT SDATA OUTPUT MSB VALID (LEFT-JUSTIFIED MODE) NOTE: THIS DIAGRAM SHOWS SECOND AND SUBSEQUENT SYNC INPUT SYNCHRONIZED OUTPUT CLOCK AND DATA TIMING PERIODS. THE CLOCKS AND DATA ASSOCIATED WITH THE FIRST SYNC INPUT SYNCHRONIZED PERIOD ARE NOT VALID. SEE TEXT FOR MORE DETAILS. Figure 41. SYNC Input Timing REV. 0 -23- AD1892 Typical Performance Plots -0.90 -0.92 -0.94 -0.96 -0.98 dBFS -1.00 -1.02 -1.04 -1.06 -1.08 -1.10 100 dBFS -80 -84 -88 -92 -96 -100 -104 -108 -112 -116 1k Hz 10k 20k -120 100 1k Hz 10k 20k Figure 42. Frequency Response, -1 dB Full-Scale Input -80 -84 -88 -92 -96 dBFS -100 -104 -108 -112 -116 -120 100 Figure 44. THD+N, 32 kHz Input, 48 kHz Output, -1 dB Full-Scale Input 1k Hz 10k 20k Figure 43. THD+N, 44.1 kHz Input, 48 kHz Output, -1 dB Full-Scale Input OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 28-Lead SOIC (R-28) 0.7125 (18.10) 0.6969 (17.70) 28 15 0.4193 (10.65) 1 14 PIN 1 0.1043 (2.65) 0.0926 (2.35) 0.3937 (10.00) 0.2992 (7.60) 0.2914 (7.40) 0.0291 (0.74) 0.0098 (0.25) x 45 0.0118 (0.30) 0.0040 (0.10) 0.0500 (1.27) BSC 8 SEATING 0.0125 (0.32) 0 0.0138 (0.35) PLANE 0.0091 (0.23) 0.0192 (0.49) 0.0500 (1.27) 0.0157 (0.40) -24- REV. 0 PRINTED IN U.S.A. C2931-8-7/98 |
Price & Availability of AD1892 |