Part Number Hot Search : 
MP402 AK2124 RL107 SEL4417G C4014A T491A47 VP5311C P1925012
Product Description
Full Text Search
 

To Download AD1836 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY TECHNICAL DATA
a
Preliminary Technical Data
FEATURES 5 V Multichannel Audio System Accepts 16-/18-/20-/24-Bit Data Supports 24 Bits and 96 kHz Sample Rate Multibit Sigma-Delta Modulators with Data Directed Scrambling Data-Directed Scrambling ADCs and DACs--Least Sensitive to Jitter Differential Output for Optimum Performance ADCs: -92 dB THD + N, 105 dB SNR and Dynamic Range DACs: -95 dB THD + N, 108 dB SNR and Dynamic Range On-Chip Volume Control with "Autoramp" Function Programmable Gain Amplifier for ADC Input Hardware and Software Controllable Clickless Mute Digital De-Emphasis Processing Supports 256 fS, 512 fS, or 768 fS Master Clock Power-Down Mode Plus Soft Power-Down Mode Flexible Serial Data Port with Right-Justified, LeftJustified, I2S-Compatible and DSP Serial Port Modes TDM Interface Mode Supports 8 In/8 Out Using a Single SHARC (R) SPORT 52-Lead MQFP (PQFP) Plastic Package
Multichannel 96 kHz Codec AD1836
APPLICATIONS Home Theatre Systems Automotive Audio Systems DVD Set-Top Boxes Digital Audio Effects Processors
GENERAL DESCRIPTION
The AD1836 is a high-performance, single-chip codec providing three stereo DACs and two stereo ADCs using ADI's patented multibit sigma-delta architecture. An SPI port is included, allowing a microcontroller to adjust volume and many other parameters. The AD1836 operates from a 5 V supply, with provision for a separate output supply to interface with low-voltage external circuitry. The AD1836 is available in a 52-lead MQFP (PQFP) package.
FUNCTIONAL BLOCK DIAGRAM
CCLK CDATA CLATCH COUT MCLK
DLRCLK DBCLK DSDATA1 DSDATA2 DSDATA3 ALRCLK ABCLK ASDATA1 ASDATA2 AIN1L
CONTROL PORT SERIAL DATA I/O PORT
CLOCK
VOLUME VOLUME
DIGITAL FILTER
AOUT1 DAC AOUT2
ADC1L 48/96kHz ADC1R 48/96kHz
DIGITAL FILTER 48/96kHz DIGITAL FILTER 48/96kHz DIGITAL FILTER 48kHz
VOLUME VOLUME
DIGITAL FILTER
AOUT3 DAC AOUT4
AIN1R CAPL1
MUX
VOLUME VOLUME
DIGITAL FILTER
AOUT5 DAC AOUT6 FILTD
AIN2L1 AIN2L2 CAPL2 CAPR1
PGA
ADC2L 48kHz
MUX
AIN2R1 AIN2R2 CAPR2
PGA
ADC2R 48kHz
DIGITAL FILTER 48kHz 2 PWRDWN/RESET AVDD 4 AGND 3 DVDD
VREF 2 DGND
FILTR
SHARC is a registered trademark of Analog Device, Inc.
REV. PrC
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2001
PRELIMINARY TECHNICAL DATA
AD1836-SPECIFICATIONS
TEST CONDITIONS UNLESS OTHERWISE NOTED
Supply Voltages (AVDD, DVDD) Ambient Temperature Master Clock Input Signal Input Sample Rate Measurement Bandwidth Word Width Load Capacitance Load Impedance Input Voltage HI Input Voltage LO
5.0 V 25C 12.288 MHz, (48 kHz fS, 256 x fS Mode) 1.000 kHz, 0 dBFS (Full Scale) 48 kHz 20 Hz to 20 kHz 20 Bits 100 pF 47 k 2.4 V 0.8 V
NOTE Performance of all channels are identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications).
ANALOG PERFORMANCE
Min ANALOG-TO-DIGITAL CONVERTERS ADC Resolution (all ADCs) Dynamic Range (20 Hz to 20 kHz, -60 dB Input) No Filter With A-Weighted Filter Total Harmonic Distortion + Noise Interchannel Isolation Interchannel Gain Mismatch Programmable Input Gain Gain Step Size Offset Error Full-Scale Input Voltage At Each Pin (Single-Ended) Gain Drift Input Resistance Input Capacitance Common-Mode Input Volts DIGITAL-TO-ANALOG CONVERTERS Dynamic Range (20 Hz to 20 kHz, -60 dB Input) No Filter With A-Weighted Filter Total Harmonic Distortion + Noise Interchannel Isolation Interchannel Gain Mismatch DC Accuracy Gain Error Interchannel Gain Mismatch Gain Drift Interchannel Crosstalk (EIAJ Method) Interchannel Phase Deviation Volume Control Step Size (1023 Linear Steps) Volume Control Range (Max Attenuation) Mute Attenuation De-Emphasis Gain Error Full-Scale Output Voltage At Each Pin (Single-Ended) Output Resistance At Each Pin Common-Mode Output
Typ 24 102 105 -92 100 0.01 12 3 1.0 (2.8) 100
Max
Unit Bits dB dB dB dB dB dB dB LSB V rms (V p-p) ppm/C k pF V
10 15 2.25
105 108 -95 100 0.01(0.12) 3.0 0.01 150 -120 0.1 0.098 60 -100 0.1 1.0 (2.8) 115 2.25
dB dB dB dB dB (%) % % dB ppm/C dB Degrees % dB dB dB V rms (V p-p) V
-2-
REV. PrC
PRELIMINARY TECHNICAL DATA AD1836
DIGITAL FILTERS at 44.1 kHz
Min ADC DECIMATION FILTER Pass Band Pass Band Ripple Transition Band Stop Band Stop Band Attenuation Group Delay DAC INTERPOLATION FILTER Pass Band Pass Band Ripple Transition Band Stop Band Stop Band Attenuation Group Delay
TIMING
Typ 20 0.0001 22 24 120 TBD 20 0.01 22 24 70 TBD
Max
Unit kHz dB kHz kHz dB s kHz dB kHz kHz dB s
Parameter MASTER CLOCK AND RESET MCLK High tMH tML tMCLK fMCLK tPDR SPI PORT tCCH tCCL tCCP tCDS tCDH tCLS tCLH tCODE tCOD tCOH tCOTS MCLK Low MCLK Period MCLK Freq PD/RST Low CCLK High CCLK Low CCLK Period CDATA Setup CDATA Hold CLATCH Setup CLATCH Hold COUT Enable COUT Delay COUT Hold COUT Three-State
Min min
Max max
Unit ns
Comments 256 x fS 512 x fS 768 x fS
min min min 4500 min min min min min min min
max max max
ns ns ns MCLK Periods ns ns ns ns ns ns ns ns ns ns ns
Reset to SPI Register Write
max max min max
To CCLK Rising From CCLK Rising To CCLK Rising From CCLK Falling From CCLK Falling From CCLK Falling From CCLK Falling From CCLK Falling
DAC SERIAL PORT Normal Modes tDBH DBCLK High DBCLK Low tDBL tDBP DBCLK Period fDB DBCLK Freq DLRCLK Setup tDLS tDLH DLRCLK Hold tDDS DSDATA Setup DSDATA Hold tDDH Packed 128, 256 Modes tDBH DBCLK High DBCLK Low tDBL tDBP DBCLK Period fDB DBCLK Freq DLRCLK Setup tDLS tDLH DLRCLK Hold tDDS DSDATA Setup tDDH DSDATA Hold REV. PrC
min min min max min min min min min min min max min min min min -3-
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
To DBCLK Rising From DBCLK Rising To DBCLK Rising From DBCLK Rising
To DBCLK Rising From DBCLK Rising To DBCLK Rising From DBCLK Rising
PRELIMINARY TECHNICAL DATA
AD1836-SPECIFICATIONS
TIMING (continued)
Parameter ADC Serial Port Normal Modes tABH
Min
Max
Unit
Comments
ABCLK Delay High
max
ns
tABL
ABCLK Delay Low
max
ns
tALS tABDD tALRDD
LRCLK Delay ASDATA Delay ASDATA Delay
max max max
ns ns ns
From MCLK Rising 256 x fS 512 x fS 768 x fS From MCLK Rising 256 x fS 512 x fS 768 x fS From ABCLK Falling From ABCLK Falling From ALRCLK Changing (Left-Justified) From MCLK Rising 256 x fS 512 x fS 768 x fS From MCLK Rising 256x fS 512 x fS 768 x fS From ABCLK Falling From ABCLK Falling From ALRCLK Changing (Left-Justified) From MCLK Rising 256 x fS 512 x fS 768 x fS From MCLK Rising 256 x fS 512 x fS 768 x fS From MCLK Rising 256 x fS 512 x fS 768 x fS From MCLK Rising 256 x fS 512 x fS 768 x fS From ABCLK Falling From ABCLK Falling From ABCLK Falling From ALRCLK Changing (Left-Justified) To AUXBCLK Rising From AUXBCLK Rising To DBCLK Rising From DBCLK Rising From AUXBCLK Falling From AUXLRCLK Changing (Left-Justified)
Packed 128, 256 Modes ABCLK Delay High tABH
max
ns
tABL
ABCLK Delay Low
max
ns
tALS tABDD tALRDD
LRCLK Delay ASDATA Delay ASDATA Delay
max max max
ns ns ns
TDM PACKED AUX, MASTER MODE ABCLK Delay High tABH
max
ns
tABL
ABCLK Delay Low
max
ns
tXBH
AUXBCLK Delay High
max
ns
tXBL
AUXBCLK Delay Low
max
ns
tALS tXLS tABDD tALRDD tDDS tDDH tDDS tDDH tDXDD tDXDD
LRCLK Delay AUXLRCLK Delay ASDATA Delay ASDATA Delay AAUXDATA Setup AAUXDATA Hold DSDATA Setup DSDATA Hold DAUXDATA Delay DAUXDATA Delay min min min min
max max max max
ns ns ns ns ns ns ns ns ns ns
max max
-4-
REV. PrC
PRELIMINARY TECHNICAL DATA AD1836
TIMING (continued)
Parameter TDM, PACKED AUX, SLAVE MODE ABCLK High tABH tABL ABCLK Low tABP ABCLK Period ABCLK Freq fAB tALS LRCLK Setup tALH LRCLK Hold ASDATA Delay tABDD tALRDD ASDATA Delay tAXDS tAXDH tDDS tDDH tDXDD tDXDD AAUXDATA Setup AAUXDATA Hold DSDATA Setup DSDATA Hold DAUXDATA Delay DAUXDATA Delay
Min min min min
Max
Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Comments
max min min max max min min min min max max
To ABCLK Rising To ABCLK Rising From ABCLK Falling From ALRCLK Changing (Left-Justified) To AUXBCLK Rising From AUXBCLK Rising To DBCLK Rising From DBCLK Rising From AUXBCLK Falling From AUXLRCLK Changing (Left-Justified)
POWER SUPPLIES
Parameter Supplies Voltage, Analog and Digital Analog Current Analog Current, Power-Down Digital Current Digital Current, Power-Down Dissipation Operation, Both Supplies Operation, Analog Supply Operation, Digital Supply Power-Down, Both Supplies Power Supply Rejection Ratio 1 kHz 300 mV p-p Signal at Analog Supply Pins 20 kHz 300 mV p-p Signal at Analog Supply Pins
TEMPERATURE RANGE
Min 4.5
Typ 5 108 47 78 1.5 930 540 390 243 -60 -50
Max 5.5
Unit V mA mA mA mA mW mW mW mW dB dB
Parameter Specifications Guaranteed Functionality Guaranteed Storage
Specifications subject to change without notice.
Min -40 -65
Typ 25
Max +85 +150
Unit C C C
REV. PrC
-5-
PRELIMINARY TECHNICAL DATA AD1836
ABSOLUTE MAXIMUM RATINGS* PIN CONFIGURATION 52-Lead MQFP
ASDATA2 ASDATA1 ODVDD ABCLK DSDATA3 DSDATA2 DVDD CCLK CLATCH ALRCLK DGND MCLK COUT
Parameter
Min
Max
Unit
Power Supplies Analog (AVDD) -0.3 6.0 V Digital (DVDD) -0.3 6.0 V Input Current 20 mA (Except Supply Pins) Analog Input Voltage -0.3 AVDD + 0.3 V (Signal Pins) Digital Input Voltage -0.3 DVDD + 0.3 V (Signal Pins) Ambient Temperature -40 +85 C (Operating) ESD Tolerance 1 kV (Human Body Model, Method 3015.2, MIL-STD-883B)
*Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
52 51 50 49 48 47 46 45 44 43 42 41 40
DVDD 1 CDATA 2 PD/RST 3 OUTLP3 4 OUTLN3 5 OUTLP2 6 OUTLN2 7 OUTLP1 8 OUTLN1 9 AVDD 10 AGND 11 FILTD 12 FILTR 13
PIN 1 IDENTIFIER
39 38 37 36 35
DGND DSDATA1 DBCLK DLRCLK OUTRP3 OUTRN3 OUTRP2 OUTRN2 OUTRP1 OUTRN1 AGND AGND CAPR2
AD1836
TOP VIEW (Not to Scale)
34 33 32 31 30 29 28 27
14 15 16 17 18 19 20 21 22 23 24 25 26
CAPL2 CAPL1
AVDD ADC1INLP
ADC1INLN ADC1INRP
ADC1INRN
ADC2INL1 ADC2INL2
ORDERING INFORMATION
Model AD1836AS
Temperature Range -40 to +85C
Package Description 52-Lead MQFP
Package Option S-52
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD1836 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ADC2INR2 ADC2INR1
CAPR1
AGND
-6-
REV. PrC
PRELIMINARY TECHNICAL DATA AD1836
PIN FUNCTION DESCRIPTIONS
PIN No. 1, 40 2 3 4 5 6 7 8 9 10, 15 11, 14, 28, 29 12 13 16 17 18 19 20 21 22 23 24 25 26 27 30 31 32 33 34 35 36 37 38 39, 52 41 42 43 44 45 46 47 48 49 50 51 52
Mnemonic DVDD CDATA PD/RST OUTLP3 OUTLN3 OUTLP2 OUTLN2 OUTLP1 OUTLN1 AVDD AGND FILTD FILTR ADC1INLP ADC1INLN ADC1INRP ADC1INRN ADC2INL+/CAPL2 ADC2INL-/CAPL1 ADC2INL1 ADC2INL2 ADC2INR2 ADC2INR1 ADC2INR-/CAPR1 ADC2INR+/CAPR2 OUTRN1 OUTRP1 OUTRN2 OUTRP2 OUTRN3 OUTRP3 DLRCLK DBCLK DSDATA1 DGND DSDATA2 DSDATA3 ABCLK ALRCLK MCLK ODVDD ASDATA1 ASDATA2 COUT CLATCH CCLK DGND
In/Out I I I O O O O O O I I I I I I I I I I I I I I I I O O O O O O I/O I/O I I I I O O I I O O O I I I
Description Digital Power Supply. Connect to digital 5 V supply. Serial Control Input Power-Down Reset DAC 3 (Left) Positive Output DAC 3 (Left) Negative Output DAC 2 (Left) Positive Output DAC 2 (Left) Negative Output DAC 1 (Left) Positive Output DAC 1 (Left) Negative Output Analog Power Supply. Connect to analog 5 V. Analog Ground Filter Capacitor Connection. Recommend 10 F//100 nF. Voltage Reference Filter Capacitor Connection. Recommend 10 F//100 nF. ADC1 Left Positive Input ADC1 Left Negative Input ADC1 Right Positive Input ADC1 Right Negative Input ADC2 Left Positive Input (Direct Mode)/ADC2 Left Decoupling Cap (MUX/PGA and PGA Differential Mode) ADC2 Left Negative Input (Direct Mode)/ADC2 Left Decoupling Cap (MUX/PGA and PGA Differential Mode) ADC2 Left Input 2 (MUX/PGA Mode)/Left Positive Input (PGA Differential Mode) ADC2 Left Input 1 (MUX/PGA Mode)/Left Negative Input (PGA Differential Mode) ADC2 Right Input 1 (MUX/PGA Mode)/Right Negative Input (PGA Differential Mode) ADC2 Right Input 2 (MUX/PGA Mode)/Right Positive Input (PGA Differential Mode) ADC2 Right Negative Input (Direct Mode)/ADC2 Right Decoupling Cap (MUX/PGA and PGA Differential Mode) ADC2 Right Positive Input (Direct Mode)/ADC2 Right Decoupling Cap (MUX/PGA and PGA Differential Mode) DAC 1 (Right) Negative Output DAC 1 (Right) Positive Output DAC 2 (Right) Negative Output DAC 2 (Right) Positive Output DAC 3 (Right) Negative Output DAC 3 (Right) Positive Output LR Clock for DACs Bit Clock for DACs DAC Input #1 (Input to DAC1 and DAC2) Digital Ground DAC Input #2 (Input to DAC3 and DAC4) DAC Input #3 (Input to DAC5 and DAC6) Bit Clock for ADCs LR Clock for ADCs Master Clock Input Digital Output Driver Power Supply ADC Serial Data Output #1 ADC Serial Data Output #2 Output for Control Data Latch Input for Control Data Control Clock Input for Control Data Digital Ground
REV. PrC
-7-
PRELIMINARY TECHNICAL DATA AD1836
AVDD 2 AIN1L AIN1R CAPL MUX AIN2L AIN2R CAPR OUTL1 OUTR1 OUTL2 OUTR2 OUTL3 OUTR3 DAC 1 L/R INTERPOLATION FILTER VOLUME CONTROL VOLUME CONTROL VOLUME CONTROL DAC SERIAL INTERFACE PGA L/R ADCI L/R 48/96kHz DVDD 2 DECIMATION FILTER 48/96kHz DECIMATION FILTER 48kHz (MAX) ODVDD 1 SDOUT1 ADC SERIAL INTERFACE SDOUT2 ABCLK ALRCLK
ADC2L/R 48/96kHz (MAX)
MCLK
DLRCLK DBCLK SDIN1 SDIN2 SDIN3 RESET CCLK
DAC 2 L/R DAC 3 L/R
INTERPOLATION FILTER INTERPOLATION FILTER
FILTR
VREF AGND 4
AD1836
FILTD DGND 2
SPI CONTROL PORT
CLATCH CDATA COUT
Figure 1.
FUNCTIONAL OVERVIEW ADCs
There are four ADC channels in the AD1836, configured as two independent stereo pairs. One stereo pair is the primary ADC and has fully differential inputs. The second pair can be programmed to operate in one of three possible input modes (programmed via SPI ADC Control Register 3). The ADC section may also operate at a sample rate of 96 kHz, with only the two primary channels active. The ADCs include an on-board digital decimation filter with 120 dB stopband attenuation and linear phase response, operating at an oversampling ratio of 128 (for 4-channel 48 kHz operation) or 64 (for two-channel 96 kHz operation). The primary ADC pair should be driven from a differential signal source for best performance. The input pins of the primary ADC connect directly to internal switched capacitors. To isolate the external driving op amp from the "glitches" caused by the internal switched-capacitors, each input pin should be isolated by using a series-connected external 100 resistor together with a 1 nF capacitor connected from each input to ground. This capacitor must be of high quality; for example, ceramic NPO or polypropylene film. The secondary input pair can be operated in one of the following three modes: 1. Direct differential inputs (driven the same as the primary ADC inputs described above). 2. PGA mode with differential inputs (Figure 13). In this mode, the PGA amplifier can be programmed using the SPI port to give an input gain of 0 to 12 dB in 3 dB steps. External capacitors are used after the PGA to supply filtering for the switched-capacitor inputs. 3. Single-ended MUX/PGA mode. In this mode, two singleended stereo inputs are provided that can be selected using the SPI port. Input gain can be programmed from 0 dB to 12 dB in steps of 3 dB External capacitors are used to supply filtering for the switched-capacitor inputs. -8-
ADC peak level information for each ADC may be read from the SPI port through Registers 12 through 15. The data is supplied as a 10-bit word with a maximum range of 0 dB to -60 dB and a resolution of 1 dB. The registers will hold peak information until read; after reading, the registers are reset so that new peak information can be acquired. Refer to the register description for details of the format. The voltage at the VREF pin, FILTR (~2.25 V) can be used to bias external op amps used to buffer the input signals. This source can be connected directly to op amp inputs but should be buffered if it is required to drive resistive networks.
DACs
The AD1836 has six DAC channels arranged as three independent stereo pairs, with six fully differential analog outputs for improved noise and distortion performance. Each channel has its own independently programmable attenuator, adjustable in 1024 linear steps. Digital inputs are supplied through three serial data input pins (one for each stereo pair) and a common frame (DLRCLK) and bit (DBLCK) clock. Alternatively, one of the "packed data" modes may be used to access all six channels on a single TDM data pin. Each set of differential output pins sits at a dc level of VREF, and swings 1.4 V for a 0 dB digital input signal. A single op amp third-order external low-pass filter is recommended to remove high-frequency noise present on the output pins, as well as to provide differential-to-single-ended conversion. A recommended circuit is shown in Figure 2. Note that the use of op amps with low slew rate or low bandwidth may cause high-frequency noise and tones to fold down into the audio band; care should be exercised in selecting these components. The FILTD pin should be connected to an external grounded capacitor. This pin is used to reduce the noise of the internal DAC bias circuitry, thereby reducing the DAC output noise. In some cases this capacitor may be eliminated with little effect on performance. The voltage at the VREF pin, FILTR (~2.25 V) can be used to bias external op amps used to buffer the output signals. REV. PrC
PRELIMINARY TECHNICAL DATA AD1836
CLATCH CCLK CDATA D15 D14 D0
COUT
D9
D8
D0
Figure 2. Format of SPI Signal
Clock Signals
The master clock frequency can be selected for 256, 512, or 768 times the sample rate. The default at power-up is 256 fS. For operation at 96 kHz, the master clock frequency should stay at the same absolute frequency. For example, if the AD1836 is programmed in 256 x fS mode and operated in the normal 48 kHz 4-channel mode, the frequency of the master-clock would be 256 x 48 kHz = 12.288 MHz. If the AD1836 is then switched to 96 kHz operation (via writing to the SPI port), the frequency of the master-clock should remain at 12.288 MHz (which is now 128 x fS). The internal clock used in the AD1836 is 512 x fS (48 kHz mode) or 512 x fS (96 kHz mode). Clock doublers are used to generate this internal master-clock from the external clocks. Since clock-doublers have a limited range of operation, it is recommended that the part be operated in 512 x fS mode if the desired sampling rates are not at all close to the common audio sampling rates for which the part was designed. To maintain the highest performance possible, it is recommended that the clock jitter of the master clock signal be limited to less than 300 ps rms, measured using the edge-to-edge technique. Even at these levels, extra noise or tones may appear in the DAC outputs if the jitter spectrum contains large spectral peaks. It is highly recommended that the master clock be generated by an independent crystal oscillator. In addition, it is especially important that the clock signal should not be passed through an FPGA or other large digital chip before being applied to the AD1836. In most cases this will induce clock jitter due to the fact that the clock signal is sharing common power and ground connections with other unrelated digital output signals. The six DAC channels use a common serial bit clock to clock in the serial data and a common left-right framing clock. The four ADC channels output a common serial bit clock and a left-right framing clock. The clock signals are all synchronous with the sample rate.
RESET and Power-Down
DACs and for reading the ADC signal level from the internal peak detectors. The DAC output levels may be independently programmed by means of an internal digital attenuator adjustable in 1024 linear steps. The SPI control port is a 4-wire serial control port. The format is similar to the Motorola SPI format except the input data word is 16-bits wide. Max serial bit clock frequency is 8 MHz and may be completely asynchronous to the sample rate of the ADCs and DACs. The following figure shows the format of the SPI signal. Note that the CCLK should be run continuously and not stop between SPI transactions.
Power Supply and Voltage Reference
The AD1836 is designed for 5 V supplies. Separate power supply pins are provided for the analog and digital sections. These pins should be bypassed with 100 nF ceramic chip capacitors, as close to the pins as possible, to minimize noise pickup. A bulk aluminum electrolytic capacitor of at least 22 F should also be provided on the same PC board as the codec. For critical applications, improved performance will be obtained with separate supplies for the analog and digital sections. If this is not possible, it is recommended that the analog and digital supplies be isolated by means of two ferrite beads in series with the bypass capacitor of each supply. It is important that the analog supply be as clean as possible. The internal voltage reference is brought out on Pin 13 (FILTR) and should be bypassed as close as possible to the chip, with a parallel combination of 10 F and 100 nF. The reference voltage may be used to bias external op amps to the common-mode voltage of the analog input and output signal pins. The current drawn from the VREF pin should be limited to less than 50 A.
Serial Data Ports--Data Format
RESET will power down the chip and set the control registers to their default settings. After reset is deasserted, an initialization routine will run inside the AD1836 to clear all memories to zero. This initialization lasts for approximately 20 LRCLK intervals. During this time it is recommended that no SPI writes occur.
Serial Control Port
The ADC serial data output mode defaults to the popular I2S format, where the data is delayed by 1 BCLK interval from the edge of the LRCLK. By changing Bits 8 and 9 in ADC Control Register 2, the serial mode can be changed to Right-Justified (RJ), Left-Justified DSP (DSP) or Left-Justified (LJ). In the RJ mode, it is necessary to set Bits 6 and 7 to define the width of the data word. The DAC serial data input mode defaults to I2S. By changing Bits 5, 6, and 7 in DAC Control Register 1, the mode can be changed to RJ, DSP, LJ, Packed Mode 1 or Packed Mode 2.
The AD1836 has an SPI-compatible control port to permit programming the internal control registers for the ADCs and
REV. PrC
-9-
PRELIMINARY TECHNICAL DATA AD1836
The word width defaults to 24 bits but can be changed by reprogramming Bits 3 and 4 in DAC Control Register 1. The packed modes accept six channels of data at the DSDATA1 input pin which is independently routed to each of the six internal DACs. A special "auxiliary mode" is provided to allow two external stereo ADCs and one external stereo DAC to be interfaced to the AD1836 to provide 8-in/8-out operation. In addition, this mode supports glueless interface to a single SHARC DSP serial port, allowing a SHARC DSP to access all eight channels of analog I/O. In this special mode, many pins are redefined; see Table I for a list of redefined pins. Two versions of this mode are available. In the "master" mode, the AD1836 provides the LRCLK and BCLK signals, and the external ADCs operate in slave mode. In the "slave" mode, the external ADCs provide the LRCLK and BCLK signals (which must be divided down properly from the external master clock), and the AD1836 will sync to these external clocks. See Figures 8 through 10 for details of this mode. Figure 11 shows the internal signal-flow diagram of the auxiliary mode. The following figures show the serial mode formats.
LRCLK BCLK SDATA MSB
LEFT CHANNEL
RIGHT CHANNEL
LSB
MSB
LSB
LEFT-JUSTIFIED MODE - 16 TO 24 BITS PER CHANNEL
LRCLK BCLK SDATA MSB
LEFT CHANNEL
RIGHT CHANNEL
LSB
MSB
LSB
12S MODE - 16 TO 24 BITS PER CHANNEL
LRCLK BCLK SDATA MSB
LEFT CHANNEL
RIGHT CHANNEL
LSB
MSB
LSB
RIGHT-JUSTIFIED MODE - SELECT NUMBER OF BITS PER CHANNEL
LRCLK BCLK SDATA MSB LSB MSB LSB
DSP MODE - 16 TO 24 BITS PER CHANNEL 1/fS NOTES 1. DSP MODE DOES NOT IDENTIFY CHANNEL 2. LRCLK NORMALLY OPERATES AT f S EXCEPT FOR DSP MODE WHICH IS 2 fS 3. BCLK FREQUENCY IS NORMALLY 64 LRCLK BUT MAY BE OPERATED IN BURST MODE
Figure 3. Stereo Serial Modes
-10-
REV. PrC
PRELIMINARY TECHNICAL DATA AD1836
LRCLK 128 BCLKs BCLK 32 BCLKs DATA SLOT 1 LEFT 0 SLOT 2 LEFT 1 SLOT 3 RIGHT 0 SLOT 4 RIGHT 1
MSB
MSB-1
MSB-2
Figure 4. ADC Packed Mode 128
LRCLK 256 BCLKs BCLK 32 BCLKs DATA SLOT 1 LEFT 0 SLOT 2 LEFT 1 SLOT 3 SLOT 5 SLOT 6 SLOT 4 RIGHT 0 RIGHT 1 SLOT 7 SLOT 8
MSB
MSB-1
MSB-2
Figure 5. ADC Packed Mode 256
LRCLK 128 BCLKs BCLK 20 BCLKs SLOT 1 LEFT 0 SLOT 2 LEFT 1 SLOT 3 LEFT 2 SLOT 4 RIGHT 0 SLOT 5 RIGHT 1 SLOT 6 RIGHT 2
DATA
LRCLK BCLK MSB MSB-1 MSB-2 DATA
Figure 6. DAC Packed Mode 128
LRCLK 256 BCLKs BCLK 32 BCLKs SLOT 1 LEFT 0 SLOT 2 LEFT 1 SLOT 3 LEFT 2 SLOT 4 RIGHT 0 SLOT 5 RIGHT 1 SLOT 6 RIGHT 2
DATA
LRCLK BCLK MSB MSB-1 MSB-2 DATA
Figure 7. DAC Packed Mode 256
REV. PrC
-11-
PRELIMINARY TECHNICAL DATA AD1836
FSTDM
BCLK TDM
MSB TDM MSB TDM
8TH CH
TDM INTERFACE
ASDATA1 TDM (OUT)
1ST CH
ASDATA1
INTERNAL ADC L0
INTERNAL ADC L1
AUX_ADC L0
AUX_ADC L1
INTERNAL ADC R0
INTERNAL ADC R1
AUX_ADC R0
AUX_ADC R1
32
MSB TDM MSB TDM
8TH CH
DSDATA1 TDM (IN)
1ST CH
DSDATA1
INTERNAL DAC L0
INTERNAL DAC L1
INTERNAL DAC L2
AUX_DAC L0
INTERNAL DAC R0
INTERNAL DAC R1
INTERNAL DAC R2
AUX_DAC R0
32
AUX LRCLK I2S (FROM AUX ADC#1) AUX BCLK I2S (FROM AUX ADC#1) AAUXDATA1 (IN) (FROM AUX ADC#1) AAUXDATA2 (IN) (FROM AUX ADC#2)
LEFT
RIGHT
AUX - I2S INTERFACE
I2S - MSB LEFT
I2S - MSB RIGHT
I2S - MSB LEFT
I2S - MSB RIGHT
DAUXDATA (OUT) (TO AUX DAC)
I2S - MSB LEFT NOTE: AUX BCLK FREQUENCY IS 64
I2S - MSB RIGHT
FRAME-RATE; TDM BCLK FREQUENCY IS 256
FRAME-RATE.
Figure 8. AUX-Mode Timing
-12-
REV. PrC
PRELIMINARY TECHNICAL DATA AD1836
FSYNC-TDM (RFS)
SHARC
SHARC IS ALWAYS RUNNING IN SLAVE MODE (INTERRUPT-DRIVEN)
30MHz
TFS (NC)
RxDATA
RxCLK
12.288MHz
LRCLK ADC #1 SLAVE BCLK DATA MCLK LRCLK DBCLK/AUXBCLK (64fS) DLRCLK/AUXLRCLK DSDATA2/AAUXDATA1 DSDATA3/AAUXDATA2 MCLK ASDATA2/DAUXDATA BCLK DATA MCLK DAC ASDATA1 ALRCLK ABCLK DSDATA1
LRCLK ADC #2 SLAVE BCLK DATA MCLK
AD1836+ MASTER
Figure 9. AUX-Mode Connection to SHARC (Master Mode)
TxDATA
TxCLK
30MHz
FSYNC-TDM (RFS)
SHARC
SHARC IS ALWAYS RUNNING IN SLAVE MODE (INTERRUPT-DRIVEN)
TFS (NC)
RxDATA
RxCLK
12.288MHz
LRCLK ADC #1 MASTER BCLK DATA MCLK LRCLK DBCLK/AUXBCLK (64fS) DLRCLK/AUXLRCLK DSDATA2/AAUXDATA1 DSDATA3/AAUXDATA2 MCLK ASDATA2/DAUXDATA BCLK DATA MCLK DAC ASDATA1 ALRCLK ABCLK DSDATA1
LRCLK ADC #2 SLAVE BCLK DATA MCLK
AD1836+ SLAVE
Figure 10. AUX-Mode Connection to SHARC (Slave Mode)
REV. PrC
-13-
TxDATA
TxCLK
PRELIMINARY TECHNICAL DATA AD1836
Table I. Pin Function Changes in AUX-Mode
Pin Name (I S/AUX-Mode) ASDATA1(O) ASDATA2(O)/DAUXDATA(O) DSDATA1(I) DSDATA2(I)/AAUXDATA(I) DSDATA3(I)/AAUXDATA2(I) ALRCLK(O) ABCLK(O) DLRCLK(I)/AUXLRCLK(I/O)
2
I2S-Mode I S Data Out, Internal ADC1 I2S Data Out, Internal ADC2 I2S Data In, Internal DAC1 I2S Data In, Internal DAC2 I2S Data in Internal DAC3 LRCLK for Internal ADC1, 2 BCLK for Internal ADC1, 2 LRCLK In/Out Internal DACs
2
AUX-Mode TDM Data Out, to SHARC AUX-I2S-Data Out (to Ext. DAC) TDM Data In, from SHARC AUX-I2S-Data in 1 (from Ext. ADC) AUX-I2S-Data in 2 (from Ext. ADC) TDM Frame Sync Out, to SHARC TDM BCLK Out, to SHARC AUX LRCLK IN/OUT, Driven by Ext. IRCLK from ADC (in Slave Mode). In Master Mode, Driven by Internal MCLK/512. AUX BCLK IN/OUT, Drive by Ext. BCLK from ADC (in Slave Mode). In Master Mode, Driven by Internal MCLK/8.
DBCLK(I)/AUXBCLK(I/O)
BCLK In/Out Internal DACs
ADC
SYNC SIGNAL DERIVED FROM AUXLRCLK USED TO RESET INTERNAL ADC COUNTER SYNC LRCLK ABCLK SPORT ASDATA1 4 ADCS ASDATA1 DATA TO SHARC ALRCLK ABCLK
AUXBCLK AUXLRCLK AUXDATA2 AUXDATA1 12S DECODE
ASDATA1 MCLK
12S TIMING GEN LRCLK BCLK AUXDATA
MUX
ASDATA2/DAUXDATA DATA TO EXT DAC BCLK AND LRCLK FOR EXT DAC COMES FROM ADC BCLK, LRCLK. MUST BE IN 12S MODE
FROM SHARC
DSDATA1
DSDATA1 DSDATA2 DSDATA3
12S FORMATTER
FROM EXT A/D DSDATA2/AUXDATA1 FROM EXT A/D DSDATA3/AUXDATA2
AUXLRCLK
AUXBCLK
2 AUX CHANNELS
DLRCLK/AUXLRCLK
LRCLK
MUX SPORT 6 MAIN CHANNELS 6-CH DAC
DBCLK/AUXBCLK
BCLK
MUX
DAC MASTER/SLAVE MODE, FROM ADC SPI PORT INDICATES MUX POSITION FOR AUX-TDM MODE
Figure 11. Extended TDM Mode Internal Flow Diagram
-14-
REV. PrC
PRELIMINARY TECHNICAL DATA AD1836
SPI CONTROL REGISTERS
Note: All control registers default to zero at power-up.
Serial SPI Word Format
Register Address 15..12 4 Bits
Read/Write 11 1 = Read 0 = Write
Reserved 10 0
Data Field 9..0 10 Bits
Register Addresses and Functions
Bit 15 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1
Register Address Bit 14 Bit 13 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
Bit 12 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
RD/WR Bit 11 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
RSVD Bit 10 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Function (Bits 9:0) DAC Control 1 DAC Control 2 DAC Volume 0 DAC Volume 1 DAC Volume 2 DAC Volume 3 DAC Volume 4 DAC Volume 5 ADC 0 - Peak Level (Read Only) ADC 1 - Peak Level (Read Only) ADC 2 - Peak Level (Read Only) ADC 3 - Peak Level (Read Only) ADC Control 1 ADC Control 2 ADC Control 3 Reserved
DAC Control Register 1 Function Data Word Power-Down Width Reset 4, 3
2
Address
RD/WR RSVD De-Emphasis Serial Mode 10 0 9, 8 00 = None 01 = 44.1 kHz 10 = 32.0 kHz 11 = 48.0 kHz 7, 6, 5 000 = I S 001 = RJ 010 = DSP 011 = LJ 100 = Pack Mode 256 101 = Pack Mode 128 110 = Reserved 111 = Reserved
Interpolator Mode 1
Reserved 0
15, 14, 13, 12 11 0000 0
2
00 = 24-Bits 0 = Normal 0 = 8 x (48 kHz) 0 01 = 20 Bits 1 = PWRDWN 1 = 4 x (96 kHz) 10 = 16 Bits 11 = Reserved
NOTES Packed Mode: Four channels are "packed" into DSDATA1 serial input. Packed Mode 128: Refer Figure 6. Packed Mode 256: Refer to Figure 7.
REV. PrC
-15-
PRELIMINARY TECHNICAL DATA AD1836
DAC Control Register 2 Address 15, 14, 13, 12 0001 RD/WR 11 0 Reserved 10, 9, 8, 7, 6 00000 5 0 = On 1 = Mute5 4 0 = On 1 = Mute4 3 0 = On 1 = Mute3 Function Mute DAC 2 0 = On 1 = Mute2 1 0 = On 1 = Mute1 0 0 = On 1 = Mute0
DAC Volume Registers Address 15, 14, 13, 12 0010: DAC 0 0011: DAC 1 0100: DAC 2 0101: DAC 3 0110: DAC 4 0111: DAC 5 RD/WR 11 0 Reserved 10 0 Function Volume 9:0 0 to 1023 in 1024 Linear Steps
ADC Control Register 1
Address 15, 14, 13, 12 1100
RD/WR 11 0
RSVD 9, 10 00
Filter 8 0 = DC 1 = High-Pass
Power-Down 7 0 = Normal 1 = PWRDWN
Function Sample Rate 6 0 = 48 kHz 1 = 96 kHz
Left Gain 5, 4, 3 000 = 0 dB 001 = 3 dB 010 = 6 dB 011 = 9 dB 100 = 12 dB 101 = Rsrvd 110 = Rsrvd 111 = Rsrvd
Right Gain 2, 1, 0 000 = 0 dB 001 = 3 dB 010 = 6 dB 011 = 9 dB 100 = 12 dB 101 = Rsrvd 110 = Rsrvd 111 = Rsrvd
NOTE High-Pass Filter: 3 Hz High-Pass Filter.
ADC Control Register 2
Address
RD/WR RSVD 10 0
Master/Slave SOUT AUX Mode Mode 9 0 = Slave 1 = Master 8, 7, 6 000 = I2S 001 = RJ 010 = DSP 011 = LJ 100 Packed 256 101 Packed 128 110 Packed AUX*
Word Width 5, 4
Right 3
ADC Mute Left Right 2 1
Left 0
15, 14, 13, 12 11 1101 0
00 = 24 Bits 0 = On 0 = On W/Gain W/Gain 01 = 20 Bits 1 = Mute3 1 = Mute2 0 = On 0 = On 10 = 16 Bits 1 = Mute1 1 = Mute0 11 = Invalid
NOTES *Note that Packed AUX mode affects the entire chip, including the DAC serial mode. Packed Mode: Four channels are packed into ASDATA1 serial output. Packed Mode 128: Refer Figure 4. Packed Mode 256: Refer to Figure 5. Packed AUX: Refer to Figures 8 to 11.
-16-
REV. PrC
PRELIMINARY TECHNICAL DATA AD1836
ADC Control Register 3
Left MUX/PGA Enable 3 Function Left Right MUX MUX/PGA I/P Select Enable 2 1 0 = Direct 1 = MUX/ PGA Right MUX I/P Select 0 0 = I/P 0 1 = I/P 1
Address 15, 14, 13, 12 1110
RD/WR 11 0
Reserved 10, 9, 8 000
Clock Mode 7, 6 00 = 256 x fS 01 = 512 x fS 10 = 768 x fS
Left Diff. I/P Select 5 0 = Differential PGA Mode. 1 = PGA/MUX
Right Diff. I/P Select 4 0 = Differential PGA Mode. 1 = PGA/MUX Mode (SingleEnded Input)
0 = Direct 0 = I/P 0 1 = MUX/ 1 = I/P 1 PGA Mode (SingleEnded Input)
*When changing clock doubler bypass mode, other SPI bits that are written during the same SPI transaction may be lost. It is therefore recommended that a separate transaction be used for setting CLKDBL Bypass Mode.
ADC Peak Level Data Registers
Address 15, 14, 13, 12 1000 = ADC0 1001 = ADC1 1010 = ADC2 1011 = ADC3
RD/WR 11 1
RSVD 10 0
Peak Level Data (10 Bits) 6-Data Bits 9..4 000000 = 0.0 dBFS 000001 = -1.0 dBFS 000010 = -2.0 dBFS 000011 = -3.0 dBFS . . . 111111 = -63 dBFS
4-Fixed Bits 3..0 0000
The four LSBs are always zero.
AD1836
C1 1nF CAP1L GAIN SELECT POWER-DOWN - LEFT INPUT #1 LEFT INPUT #2 - VREF CAP2L C2 1nF INPUT SELECT + PGA VREF + ADC2L 250 250
AD1836
C1 1nF CAP1L
LEFT + VE INPUT
- + VREF + -
250
MUX
ADC2L 250 GAIN SELECT POWER-DOWN
LEFT - VE INPUT
CAP2L C2 1nF
NOTE ADC2 SINGLE-ENDED MUX PGA INPUT MODE - LEFT CHANNEL ONLY SHOWN CONTROL REGISTER 3 CONTENTS: 6 LSBS: SELECT INPUT #1: 11 1010 SELECT INPUT #2: 11 1111
NOTE ADC2 DIFFERENTIAL PGA INPUT MODE - LEFT CHANNEL ONLY SHOWN CONTROL REGISTER 3 CONTENTS: 6 LSBS: 00 1010
Figure 12. Single-Ended MUX/PGA Mode
Figure 13. Differential Mode
REV. PrC
-17-
PRELIMINARY TECHNICAL DATA AD1836
52-Lead MQFP (S-52)
0.037 (0.95) 0.031 (0.80) 0.026 (0.65)
0.096 (2.45) MAX
0.557 (14.15) 0.547 (13.90) SQ 0.537 (13.65)
39 40 27 26
0.307 (7.80) REF
TOP VIEW
(PINS DOWN)
0.398 (10.11) 0.394 (10.00) SQ 0.390 (9.91)
PIN 1
0.010 (0.25) MIN 0.083 (2.10) 0.079 (2.00) 0.077 (1.95) 0.009 (0.23) 0.005 (0.13)
52 1 13
14
0.026 (0.65) BSC
0.015 (0.38) 0.009 (0.22)
7 0
SEATING PLANE DIMENSIONS PER JEDEC STANDARDS MO-112 CONTROLLING DIMENSIONS ARE IN MILLIMETERS
-18-
REV. PrC


▲Up To Search▲   

 
Price & Availability of AD1836

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X