Part Number Hot Search : 
A0101Y BZX85 00158 IRF830 10015 ZN424 10015 NTE24
Product Description
Full Text Search
 

To Download 2SC4615 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:EN3398A
2SA1772 : PNP Epitaxial Planar Silicon Transistor 2SC4615 : NPN Triple Diffused Planar Silicon Transistor
2SA1772/2SC4615
High-Voltage Driver Applications
Features
* Large current capacity (IC=1A). * High breakdown votlage (VCEO400V).
Package Dimensions
unit:mm 2045B
[2SA1772/2SC4615]
1 : Base 2 : Collector 3 : Emitter 4 : Collector SANYO : TP
unit:mm 2044B
[2SA1772/2SC4615]
1 : Base 2 : Collector 3 : Emitter 4 : Collector SANYO : TP-FA
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
83198HA (KT)/12894TH AX-8287/5300TA (KOTO) X-6468, 6469 No.3398-1/5
2SA1772/2SC4615
( ) : 2SA1772
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Colletor Current (Pulse) Collector Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP PC Conditions Ratings (-)400 (-)400 (-)5 (-)1 (-)2 1 Unit V V V A A W W
Tc=25C
Tj Tstg
15 150 -55 to +150
C C
Electrical Characteristics at Ta = 25C
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain-Bandwidth Product Output Capacitance Collector-to-Emitter Saturation Voltage Base-to-Emitter Saturation Voltage Collector-to-Base Breakdown Voltage Collector-to-Emitter Breakdown Voltage Emitter-to-Base Breakdown Voltage Turn-ON Time Storage Time Fall Time Symbol ICBO IEBO hFE fT Cob VCE(sat) VBE(sat) VCB=(-)300V, IE=0 VEB=(-)4V, IC=0 VCE=(-)10V, IC=(-)100mA VCE=(-)10V, IC=(-)50mA VCB=(-)30V, f=1MHz IC=(-)200mA, IB=(-)20mA IC=(-)200mA, IB=(-)20mA (-)400 (-)400 (-)5 (0.25) 0.11 tstg tf See specified Test Circuit See specified Test Circuit (3.0) 4.0 (0.3) 0.65 40* (50)70 (12)8 (-)1.0 (-)1.0 Conditions Ratings min typ max (-)1.0 (-)1.0 200* MHz pF V V V V V s s s s s s Unit A A
V(BR)CBO IC=(-)10A, IE=0 V(BR)CEO IC=(-)1mA, RBE= V(BR)EBO IE=(-)10A, IC=0 ton See specified Test Circuit
* : The 2SA1772/2SC4615 are classified by 100mA hFE as follows :
40 C 80 60 D 120 100 E 200
Switching Time Test Circuit
Unit (resistance : , capacitance : F)
No.3398-2/5
2SA1772/2SC4615
No.3398-3/5
2SA1772/2SC4615
No.3398-4/5
2SA1772/2SC4615
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any and all SANYO products described or contained herein fall under strategic products (including services) controlled under the Foreign Exchange and Foreign Trade Control Law of Japan, such products must not be exported without obtaining export license from the Ministry of International Trade and Industry in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co. , Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of August, 1998. Specifications and information herein are subject to change without notice.
PS No.3398-5/5


▲Up To Search▲   

 
Price & Availability of 2SC4615

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X