Part Number Hot Search : 
05001 MMBT200A ZX84C3V6 XXXJX CM600 MTN7002 MC130 2SA720
Product Description
Full Text Search
 

To Download 2SC2905 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC2905
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI 2SC2905 is designed for high power amplifier applications in UHF band.
FEATURES:
* Emitter Ballasted construction. * PG = 4.8 dB at 45 W/520 MHz * OmnigoldTM Metalization System * Common Emitter
PACKAGE STYLE .500 6L FLG
C A 2x ON FU LL R D
B G .725/18,42 F
E
MAXIMUM RATINGS
H
K J I L
M
IC VCBO VCEO VCES VEBO PDISS TJ TSTG JC
15 A 35 V 17 V 36 V 4.0 V 120 W @ TC = 25C -55 C to +175 C -55 C to +175 C 1.0 C/W
D IM A B C D E F G H I J K L M N
M IN IM U M
inche s / m m
M AX IM U M
inche s / m m
.150 / 3.43 .045 / 1.14 .210 / 5.33 .835 / 21.21 .200 / 5.08 .490 / 12.45 .003 / 0.08 .125 / 3.18 .725 / 18.42 .970 / 24.64 .090 / 2.29 .150 / 3.81 .120 / 3.05
.160 / 4.06 .220 / 5.59 .865 / 21.97 .210 / 5.33 .510 / 12.95 .007 / 0.18
.980 / 24.89 .105 / 2.67 .170 / 4.32 .285 / 7.24 .135 / 3.43
CHARACTERISTICS
SYMBOL
BVCEO BVCBO BVEBO ICBO IEBO hFE Cob PG C IC = 1.0 A IC = 10 mA IE = 10 mA VCB = 15 V VCE = 3.0 V VCE = 10 V
TC = 25 C
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
17 35 4.0 2.0 3.0
UNITS
V V mA mA --pF dB %
IC = 1.0 A f = 1.0 MHz POUT = 45 W f = 520 MHz
10
200 150
VCB = 12.5 V VCE = 12.5 V
4.8 60 65
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of 2SC2905

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X