Part Number Hot Search : 
LC72722 40195BD 5031MP STRLP C68HC EMH10 MCZ3397 BY8106
Product Description
Full Text Search
 

To Download 2SC1318 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SC1317, 2SC1318
Silicon NPN epitaxial planer type
For low-frequency power amplification and driver amplification Complementary to 2SA0719 (2SA719) and 2SA0720 (2SA720)
5.00.2
Unit: mm
4.00.2
G G
Low collector to emitter saturation voltage VCE(sat). Complementary pair with 2SA0719 and 2SA0720. (Ta=25C)
Ratings 30 60 25 50 7 1 500 625 150 -55 ~ +150 Unit V
I Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SC1317 2SC1318 2SC1317 Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
13.50.5
5.10.2
I Features
0.45 -0.1 1.27
+0.2
0.45 -0.1
1.27
+0.2
emitter voltage 2SC1318 Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
V V A mA mW C C
2.540.15 123
2.30.2
1:Emitter 2:Collector 3:Base JEDEC:TO-92 EIAJ:SC-43A
I Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage 2SC1317 2SC1318 2SC1317 2SC1318
(Ta=25C)
Symbol ICBO VCBO VCEO VEBO hFE1 hFE2 VCE(sat) VBE(sat) fT Cob
*1
Conditions VCB = 20V, IE = 0 IC = 10A, IE = 0 IC = 10mA, IB = 0 IE = 10A, IC = 0 VCE = 10V, IC = 150mA*2 VCE = 10V, IC = 500mA*2 IC = 300mA, IB = 30mA IC = 300mA, IB = 30mA VCB = 10V, IE = -50mA, f = 200MHz VCB = 10V, IE = 0, f = 1MHz
min
typ
max 0.1
Unit A V
30 60 25 50 7 85 40 160 90 0.35 1.1 200 6
*2
V V 340
Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance
0.6 1.5
V V MHz
15
pF
Pulse measurement
*1h FE1
Rank classification
Q 85 ~ 170 R 120 ~ 240 S 170 ~ 340 Note.) The Part numbers in the Parenthesis show conventional part number.
Rank hFE1
1
Transistor
PC -- Ta
800 800 700 600 500 400 300 200 100 0 0 20 40 60 80 100 120 140 160 0 4 8 12 16 20
2SC1317, 2SC1318
IC -- VCE
Ta=25C 800 VCE=10V Ta=25C 700
IC -- IB
Collector power dissipation PC (mW)
700 600 500 400 300 200 100 0
Collector current IC (mA)
Collector current IC (mA)
IB=10mA 9mA 8mA 7mA 6mA 5mA 4mA 3mA 2mA 1mA
600 500 400 300 200 100 0 0 2 4 6 8 10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base current IB (mA)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
100 30 10 3 1 Ta=75C 0.3 0.1 0.03 0.01 0.01 0.03 25C -25C
VBE(sat) -- IC
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=10 100 30 10 3 25C 1 -25C 0.3 0.1 0.03 0.01 0.01 0.03 Ta=75C IC/IB=10 300
hFE -- IC
VCE=10V
Forward current transfer ratio hFE
250 Ta=75C 200 25C -25C
150
100
50
0.1
0.3
1
3
10
0.1
0.3
1
3
10
0 0.01 0.03
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
fT -- I E
240 12
Cob -- VCB
Collector output capacitance Cob (pF)
VCER -- RBE
Collector to emitter voltage VCER (V)
IE=0 f=1MHz Ta=25C 120 IC=2mA Ta=25C 100
VCB=10V Ta=25C
Transition frequency fT (MHz)
200
10
160
8
80
120
6
60 2SC1318 40 2SC1317 20
80
4
40
2
0 -1
0 -3 -10 -30 -100 1 3 10 30 100
0 1 3 10 30 100 300 1000
Emitter current IE (mA)
Collector to base voltage VCB (V)
Base to emitter resistance RBE (k)
2
Transistor
ICEO -- Ta
104 VCE=10V 10 3 103
2SC1317, 2SC1318
Area of safe operation (ASO)
Single pulse Ta=25C
Collector current IC (A)
1 0.3 0.1 0.03 0.01 0.003
ICP IC t=1s DC t=10ms
ICEO (Ta) ICEO (Ta=25C)
102
10
1 0 40 80 120 160 200
0.001 0.1
0.3
1
3
10
30
100
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
3
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SC1318

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X