Part Number Hot Search : 
BNT25U B105K GCM188R7 PHD108 C350E M2587 K2601 A2000
Product Description
Full Text Search
 

To Download 2N6191 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. 2C6193
Chip Type 2C6193 Geometry 9700 Polarity PNP
Generic Packaged Parts: 2N6190, 2N6191, 2N6192, 2N6193
Chip type 2C6193 by Semicoa Semiconductors provides performance similar to these devices.
Part Numbers:
Product Summary: APPLICATIONS: Designed for medium power switching and wide band applications. Features: Medium power ratings
2N6190, 2N6191, 2N6192, 2N6193
Radiation graphs available
Mechanical Specifications
Metallization Bonding Pad Size Die Thickness Chip Area Top Surface Top Backside Emitter Base Al - 30.0 kA min. Au - 6.5 kA nom. 12.0 mils x 40.0 mils 12.0 mils x 30.0 mils 8 mils nominal 100 mils x 100 mils Silox Passivated
Electrical Characteristics
TA = 25oC
Parameter
BVCEO ICEO ICBO IEBO hFE
Test conditions
IC = 10.0 mA, IB = 0 VCE = 100 V, IB = 0 VCB = 100 V, IE = 0 VEB = 6.0 V, IC = 0 IC = 500 mA, VCE = 2.0 V
Min
100 ------60
Max
--100 10 100 ---
Unit
V dc A A A ---
Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less than 300 s, duty cycle less than 2%.


▲Up To Search▲   

 
Price & Availability of 2N6191

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X