Part Number Hot Search : 
STB3020L HD6473 MB91101A AQW614 TC7WB66 11KG4 MURA105 2SK1334
Product Description
Full Text Search
 

To Download 1N482 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Conductance
Use Advantages
1N482B thru 1N4150 1N486B
DO-35 Diodes
Used as a general purpose diode in power supplies, or in clipping and steering applications. Operation at temperatures up to 200 degrees C, no derating. Can be used in harsh environments where hermeticity and low cost are important. Compatible with all major automatic pick and place mounting equipment. May be used on ceramic boards along with high temperature IR solder reflow.
Features
Humidity proof glass Thermally matched system No thermal fatigue No applications restrictions Sigma BondTM plated contacts 100% guaranteed solderability Problem free assembly Six Sigma quality LL-35 MiniMELF types available
Absolute Maximum Ratings Average Forward Rectified Current at TAmbient = 25 o C Maximum Non-Repetitive Surge (8.3 mSecs. 1/2 sine) Junction Temperature Range Storage Temperature Range Max. Average Power Dissipation Characteristics at T = 25 oC
Peak Inverse Voltage (MIN.) (PIV) Maximum Average Rectified Current (IO) Maximum Forward Voltage Drop (VF) @ 0.1A
D O -35 G lass P ack age Lead Dia. 0.018-0.022" 0.458-0.558 mm
1.0" 25.4 m m (M in.)
Leng th
0.120-.200" 3.05-5.08- mm
Dia.
0.06-0.09"
1.53-2.28 mm
Symbol IAV IFSM Tj TS Pdiss
Value 0.65 2.0 -65 to +200 -55 to +200 250
Unit Amp Amps
o o
C C
mW
Maximum Leakage Current (IR) @ PIV 25 oC 10 oC 5
Minimum Saturation Voltage (@0.1 mA)
Type 1N482B 1N483B 1N484B 1N485B 1N486B
Volts 30 60 125 175 225
Amps 0.2 0.2 0.2 0.2 0.2
Volts 1.0 1.0 1.0 1.0 1.0
A 0.025 0.025 0.025 0.025 0.025
A 5 5 5 5 5
Volts 40 80 150 200 250
LL-35 Glass miniMELF package available, substitute an LL prefix instead of "1N"..
6 Lake Street - Lawrence, MA 01841 Tel: 978-681-0392 - Fax: 978-681-9135


▲Up To Search▲   

 
Price & Availability of 1N482

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X