|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
* 1N4150UR-1 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-19500/231 * SWITCHING DIODE * HERMETICALLY SEALED * METALLURGICALLY BONDED * DOUBLE PLUG CONSTRUCTION 1N4150UR-1 1N3600UR CDLL4150 CDLL3600 MAXIMUM RATINGS Junction Temperature: -65C to +175C Storage Temperature: -65C to +175C Operating Current: 300 mA @ TA = + 25C Derating: 3.1 mA dc/C Above TEC = + 110C Forward Surge Current: 4A, (tp = 1s); 0.5A (tp = 1s) ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified. Type V BR IR = 10 V RWM I R1 VR = 50 V dc TA = 25C V (pk) 50 50 A dc 0.1 0.1 1 R2 VR = 50 V dc TA = 150C A dc 100 100 C VR = 0; f = 1 Mhz; trr DIM D F G G1 S MILLIMETERS INCHES MIN MAX MIN MAX 1.60 1.70 0.063 0.067 0.41 0.55 0.016 0.022 3.30 3.70 .130 .146 2.54 REF. .100 REF. 0.03 MIN. .001 MIN. A IF = IR = 10 to 100 mAdc ac signals = 50 m V (p-p) R L = 100 ohms pF 2.5 2.5 ns 4 4 FIGURE 1 V dc CDLL3600 CDLL4150,-1 75 75 DESIGN DATA CASE: DO-213AA, Hermetically sealed glass case. (MELF, SOD-80; LL34) FORWARD VOLTAGE LIMITS - ALL TYPES V F1 Limits I F = 1 mA dc V F2 I F = 10 mA dc V F3 I F = 50 mA dc (Pulsed) V dc 0.780 0.860 V F4 I F = 100 mA dc (Pulsed) V dc 0.820 0.920 V F5 LEAD FINISH: Tin / Lead I F = 200 mA dc (Pulsed) V dc 0.870 1.000 V dc minimum maximum 0.540 0.620 V dc 0.680 0.740 THERMAL RESISTANCE (ROJEC): 100 C/W maximum AT L = 0 THERMAL IMPEDANCE: (ZOJX): 70 C/W maximum POLARITY: Cathode end is banded. MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) Of this Device is Approximately +6PPM/C. The COE of the Mounting Surface System Should Be Selected To Provide A Suitable Match With This Device. 22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com IN4150UR-1, IN3600UR-1, CDLL4150 and CDLL3600 1000 100 IF - Forward Current - (mA) 10 10 0C 15 0 C 1 25 C 0.1 .3 .4 .5 .6 .7 .8 .9 1.0 VF - Forward Voltage (V) FIGURE 2 Typical Forward Current vs Forward Voltage 1.1 1.2 1.3 1000 100 150C 10 IR - Reverse Current - (A) 100C 1 0.1 25C .01 -65C -65C NOTE : .001 20 40 60 80 100 120 140 Percent of Reverse Working Voltage (%) FIGURE 3 Typical Reverse Current vs Reverse Voltage All temperatures shown on graphs are junction temperatures |
Price & Availability of 1N3600UR |