Part Number Hot Search : 
IRF823 2C2907A 10N60 M2122PEW 2N3945 W005M 1N4007GP TSM2405S
Product Description
Full Text Search
 

To Download 150KSR60ANBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2037 rev. B 03/03
SERIES 45L(R), 150K/ KS(R)
STANDARD RECOVERY DIODES Stud Version
Features
Alloy diode High current carrying capability High surge current capabilities Stud cathode and stud anode version
150A
Typical Applications
Battery charges Welders Machine tool controls High power drives Medium traction applications Freewheeling diodes
Major Ratings and Characteristics
Parameters
IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz V RRM range TJ
45L /150K
150 150 235 3570 3740 64 58 100 to 600 - 40 to 200
Units
A C A A A KA2s KA2s V C
case style DO-205AA (DO-8)
www.irf.com
1
45L(R), 150K/ KS(R) Series
Bulletin I2037 rev. B 03/03
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code
10 45L(R) 150K(R) 150KS(R) 20 30 40 60
VRRM , maximum repetitive peak reverse voltage V
100 200 300 400 600
VRSM , maximum nonrepetitive peak rev. voltage V
200 300 400 500 720
IRRM max.
@ TJ = 175C
mA
35
Forward Conduction
Parameter
I F(AV) Max. average forward current @ Case temperature I F(RMS) Max. RMS forward current I FSM Max. peak, one-cycle forward, non-repetitive surge current
45L /150K
150 150 235 3570 3740 3000 3140
Units Conditions
A C A DC @ 142C case temperature t = 10ms t = 8.3ms A t = 10ms t = 8.3ms t = 10ms t = 8.3ms KA2s t = 10ms t = 8.3ms KA2s No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max. 180 conduction, half sine wave
I 2t
Maximum I2t for fusing
64 58 45 41
I 2 t
Maximum I2t for fusing voltage
640 0.67
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold V F(TO)2 High level value of threshold voltage r f1 r f2 V FM Low level value of forward slope resistance High level value of forward slope resistance Max. forward voltage drop
V 0.83 1.42 m 0.91 1.33 V (I > x x IF(AV)),TJ = TJ max. Ipk= 471A, TJ = 25C, tp = 10ms sinusoidal wave (I > x x IF(AV)),TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
2
www.irf.com
45L(R), 150K/ KS(R) Series
Bulletin I2037 rev. B 03/03
Thermal and Mechanical Specifications
Parameter
TJ Tstg RthJC RthCS T Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Mounting torque 45L Min. Max. Min. Max. 150K 150KS Min. Max. Min. Max. wt Approximate weight 45L Case style 150K-A 150KS
45L /150K
-40 to 200 -40 to 200 0.25 0.10 14.1 (125) 17.0 (150) 12.2 (108) 15.0 (132) 11.3 (100) 14.1 (125) 9.5 (85) 12.5 (110) 100 (3.5)
Units
C
Conditions
K/W
DC operation Mounting surface, smooth, flat and greased Not lubricated threads
Nm (lbf-in)
Lubricated threads Not lubricated threads
Nm (lbf-in) g (oz)
Lubricated threads
DO-205AC (DO-30) DO-205AA (DO-8) B-42 See Outline Table
RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction Rectangular conduction Units
0.031 0.038 0.048 0.071 0.120 0.023 0.040 0.053 0.075 0.121 K/W
Conditions
TJ = TJ max.
Ordering Information Table
Device Code
45
1 1 2 3 4 45 L R
L
2
R
3
60
4
= Standard version = Essential Part Number = Stud Reverse Polarity (Anode to Stud)
None = Stud Normal Polarity (Cathode to Stud) Voltage code: Code x 10 = VRRM (See Voltage Ratings table)
www.irf.com
3
45L(R), 150K/ KS(R) Series
Bulletin I2037 rev. B 03/03
Ordering Information Table
Device Code
15
1 1 2 3
0
2
K
3
R
4
60
5
A
6
- 15 = Essential Part Number -0 = Standard Device - Case Style K = DO205AA (DO-8) KS = B-42 - R = Stud Reverse Polarity (Anode to Stud) None = Stud Normal Polarity (Cathode to Stud) - Voltage code: Code x 10 = VRRM (See Voltage Ratings table) -A = Essential Part Number for 150K (Omitted for 150KS)
4 5 6
NOTE: For Metric Device M12 x 1.75 Contact Factory
Outline Table
45L Case Style DO-205AC (DO-30)
All dimensions in millimeters (inches)
4
www.irf.com
45L(R), 150K/ KS(R) Series
Bulletin I2037 rev. B 03/03
Outline Table
150K Case Style DO-205AA (DO-8)
* FOR METRIC DEVICE: M12 X 1.75 CONTACT FACTORY
All dimensions in millimeters (inches)
2.03 (0.080)
21.47 (0.843) 21.20 (0.835) DIA. 4.34 (0.171) 4.09 (0.161) 10.2 (0.401) 9.2 (0.362)
27.17 (1.070)
150KS Case Style B-42
26.22 (1.032)
4.08 (0.161) 3.70 (0.146)
37.13 (1.462)
33.83 (1.332)
1.27 (0.050)
9.50 (0.374) 7.50 (0.295) 6.76 (0.266) 6.25 (0.246)
11.70 (0.460)
12.50 (0.492)
3/8"24UNF-2A
www.irf.com
18.00 (0.708)
14.00 (0.551)
5
45L(R), 150K/ KS(R) Series
Bulletin I2037 rev. B 03/03
Maximum Allowable Cas T e emperature (C) Maximum Allowable Case T emperature (C) 200 190 180
Conduction Angle
200 190 180
45L...,150... S eries RthJC (DC) = 0.25 K/ W
45L..., 150... S eries RthJC (DC) = 0.25 K/ W
Conduction Period
170 160 30 150 140 0 20 40 60 60 90 120 180 80 100 120 140 160
170 160 30 150 140 0 50 100 60 90 120 180 150 DC 200 250
Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
Average Forward Current (A)
Fig. 2 - Current Ratings Characteristics
Maximum Average Forward Power Loss (W)
180 160 140 120
100 80 60
180 120 90 60 30 RMSLimit
R t hS
4 0.
0.3
0. 2
0. 8 K/ W 1K /W
1.5 K/ W
2K /W
6 0. W K/
W K/
W K/
K/ W
A
/W .1 K =0 e lt a -D R
Conduction Angle
3 K/
W
40 20 0 0 40 80
45L..., 150... S eries T = 200C J
120
160 25
50
75
100
125
150
175 200
Average Forward Current (A)
Maximum Allowable Ambient T emperature (C)
Fig. 3 - Forward Power Loss Characteristics
Maximum Average Forw ard Power Loss (W)
250 DC 180 120 90 60 30
R th
2 0.
3 0. W K/
4 0.
A S
W K/
200
W K/
W K/ .1 =0
0. 6
K/ W
e lt -D
150
0.8
1K /W
K/ W
a R
100
RMSLimit
Conduc tion Period
1.5 K/ W
2 K/ W
50
45L..., 150... S eries T = 200C J
3 K/ W
0 0 50 100 150 200 250 25 50 75 100 125 150 175 200 Average Forward Current (A) Maximum Allowable Ambient T emperature (C)
Fig. 4 - Forward Power Loss Characteristics
6
www.irf.com
45L(R), 150K/ KS(R) Series
Bulletin I2037 rev. B 03/03
Peak Half S Wave F ine orward Current (A)
Peak Half S Wave F ine orward Current (A)
3500 3000 2500 2000 1500 1000
At Any Rated Load Condition And With R ated V RRM Applied Following S urge.
4000 3500 3000 2500 2000 1500 1000 500 0.01
Initial T = 200C J @60 Hz 0.0083 s @50 Hz 0.0100 s
Maximum Non Repetitive S urge Current Versus Pulse T rain Dura tion. Initial T = 200C J No Voltage Reapplied Rated VRRM R eapplied
45L..., 150... S eries 500 1 10 100
Numb er Of Eq ual Amplitud e Half Cycle Current Pulses (N)
45L..., 150... S eries 0.1 Pulse T rain Duration (s) 1
Fig. 5 - Maximum Non-Repetitive Surge Current
10000 Ins tanta neous Forwa rd Current (A)
Fig. 6 - Maximum Non-Repetitive Surge Current
1000
T = 25C J 100 T = 200C J 45L...,150... S eries 10 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 Instantaneous Forward Voltage (V)
Fig. 7 - Forward Voltage Drop Characteristics
T ransient T hermal Impedance ZthJC (K/W) 1 S teady S tate Value RthJC = 0.25 K7W (DC Operation)
0.1
45L..., 150... S eries
0.01 0.001
0.01
0.1 S quare Wave Pulse Duration (s)
1
10
Fig. 8 - Thermal Impedance ZthJC Characteristic
www.irf.com
7
45L(R), 150K/ KS(R) Series
Bulletin I2037 rev. B 03/03
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03 /03
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 150KSR60ANBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X