Part Number Hot Search : 
13611489 MP201703 ADM10 MSC1150M 5ETTT 2SD17 LT1160IN BUP212
Product Description
Full Text Search
 

To Download VI-JWMCM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 12 1-800-735-6200
VI-J00 MiniMod
DC-DC Converters 25 to 100 Watts
Features
s s s s s s s s s s Up to 50W/Cubic Inch UL, CSA, TUV, VDE, BABT CE Marked Up to 90% Efficiency Size: 2.28" x 2.4" x 0.5" (57,9 x 61,0 x 12,7) Remote Sense and Current Limit Logic Disable Wide Range Output Adjust ZCS Power Architecture Low Noise FM Control Nominal
0= 1= W= 2= 3= N= 4= T= 5= 6= 7=
Rev 3 1 of 2
Converter Selection Chart
VI-J
Input Voltage Range Brownout / Transient*
22V 36V n/a 60V 72V n/a 110V n/a 215V 425V n/a 12V 10 - 20V(5) n/a 24V 21 - 32V(2) 18V 24V 18 - 36V(2) n/a 36V 21 - 56V(6) 18V 48V 42 - 60V(3) 36V 48V 36 - 76V(2) n/a 72V 55 - 100V(2) 45V 110V 66 - 160V(2) n/a 150V 100 - 200V(2) 85V 300V 200 - 400V(3) 170V 150/300V 100 - 375V(6) 90V
Output Voltage
Z= 2V Y = 3.3V 0= 5V X = 5.2V W = 5.5V V = 5.8V T = 6.5V R = 7.5V M = 10V 1 = 12V P = 13.8V 2 N 3 L J K 4 H F D B = 15V = 18.5V = 24V = 28V = 36V = 40V = 48V = 52V = 72V = 85V = 95V
Product Highlights
The VI-J00 MiniMod family establishes a new standard in component-level DC-DC converters. This "junior" size complement to the higher power VI-200 family offers up to 100W of isolated and regulated power in a board mounted package. At one-half the size and twice the power density of previous 100W modules, and with a maximum operating temperature rating of 100C, the MiniMod opens new horizons for board-mounted (distributed) power architectures. Utilizing Vicor's "zero-currentswitching" forward converter technology, proven by an installed base of over 8 million units, the MiniMod family combines state of the art power density with the efficiency, low noise and reliability required by next generation power systems.
Product Grade/ Operating Temp.
E= C= I= M= -10C -25C -40C -55C to to to to +100C +100C +100C +100C
Product Grade/ Storage Temp.
E C I M = = = = -20C -40C -55C -65C to +105C to +105C to +105C to +105C
Output Power/Current
VOUT 5V Z = 25W Y = 50W X = 75W W = 100W Z Y X W VOUT < 5V = 5A = 10A = 15A = 20A
Max. Output For 5V Outputs > 5V Outputs < 5V Outputs (1) 50W 50W 10A (2) 75W 100W 20A (3) 100W 100W 20A
*Brownout 75% of rated load; transient voltage for 1 second.
Max. Output For 5V Outputs > 5V Outputs < 5V Outputs (4) 75W 75W 15A (5) 50W 75W 15A (6) 50W 75W 10A
Mechanical Drawing
.49 (12,4)
.30.015 (7,6)(0,38)
.65 (16,5)
2.28 (57,9) 1.30 (33,0)
.080 Dia (2) places Solder plate over copper alloy
Pin # 1 4 3 2.10 (53,4) 2 9 8 2 3 1.40 1.00 (35,6) .70 (25,4) .40 (17,8) (10,2) .35 .015 (8,9)(0,38) 4 5 6 7 8 9 .15 (3,8) FULL R .15 (3,8) .040 (1,0) Dia (7) places Solder plate over copper alloy Product ID this surface .22 (5,6) Min. .30 (7,6) Min.
Function +In Gate In Gate Out -In +Out +Sense Trim -Sense -Out
VI-J00
7 6 5
Packaging Options
SlimModsTM, high power density, flangeless packages and FinModsTM, featuring integral finned heatsinks. SlimMod: Option suffix: - S Example: VI - JXX - XX - S FinMod: Option suffix: - F1 and - F2 Examples: VI - JXX - XX -F1, 0.75" height VI - JXX - XX -F2, 1.00" height
.12 (3,0)
1
2.40 (61,0) 1.75 (44,4) Max.
1.90 (48,3)
.50 (12,7)
+.030 (0,76) -.000 (0)
.01 Aluminum Base
For the latest Vicor Product Information: www.vicorpower.com
12 1-800-735-6200
Converter Specifications
(typical at TBP = 25C, nominal line and 75% load, unless otherwise specified)
VI-J00 E-Grade PARAMETER
s Input Characteristics Inrush charge Input reflected ripple current - pp Input ripple rejection
Rev 3 2 of 2
VI-J00 C-, I-, M-Grade MIN. TYP. MAX. UNITS TEST CONDITIONS
MIN.
TYP.
MAX.
60x10 -6 10% 25+20Log
60x10 -6 10%
100x10-6
Coulombs IIN dB dB
Nominal line Nominal line, full load 120 Hz, nominal line 2400 Hz, nominal line
()
Vin Vout 2
30+20Log Vin Vout 20+20Log Vin Vout 1.35
() ()
2 1.0% 0.2% 0.5% 0.02
No load power dissipation s Output Characteristics Setpoint accuracy Load/line regulation Load/line regulation Output temperature drift Long term drift Output ripple - pp: 2V, 3.3V 5V 10-48V Trim range1 Total remote sense compensation Current limit Short circuit current s Control Pin Characteristics Gate out impedance Gate in impedance Gate in high threshold Gate in low threshold Gate in low current s Dielectric Withstand Characteristics Input to output Output to baseplate Input to baseplate s Thermal Characteristics Efficiency Baseplate to sink s Mechanical Specifications Weight
110V,
1.35
Watts
1.0%
2.0% 0.5% 1.0%
0.5% 0.05% 0.2% 0.01 0.02 100 2% 0.75%
VNOM VNOM VNOM %/C %/1K hours mV
LL to HL, 10% to Full Load LL to HL, No Load to 10% Over rated temperature
0.02 0.02 200 5% 3% 50% 0.5 105% 105% 110% 135% 140% 50% 0.5 105% 105%
150 3% 1.5% 110% 125% 130%
20 MHz bandwidth 20 MHz bandwidth 20 MHz bandwidth 0.25V max. neg. leg Automatic restart
VNOM Volts INOM INOM
50 10 3 6 0.65 6 0.65
50 10 3 6 6
Ohms Ohms Volts Volts mA
Use open collector
3,000 500 1,500
3,000 500 1,500
VRMS VRMS VRMS
Baseplate earthed
78-88% 0.4
80-90% 0.4
C/Watt
With Vicor P/N 04308
3.0 (85)
3.0 (85)
Ounces (Grams)
12V and 15V outputs, standard trim range 10%. Consult factory for wider trim range.
For product compliance with agency standards please refer to pages 67 - 69.
For the latest Vicor Product Information: www.vicorpower.com
73


▲Up To Search▲   

 
Price & Availability of VI-JWMCM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X