Part Number Hot Search : 
20010 PKN020CA 3EVKI T74FCT SR330PT SDM15006 7004C 4804C
Product Description
Full Text Search
 

To Download SMP253 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMP253
* EMI suppressor, class Y2, metallized paper SMD * 0.001 - 0.0047 F, 250 VAC, +100 C
H B
TYPICAL APPLICATIONS
The capacitors are intended for use as interference suppressors in Y2 applications, line-to-earth.
CONSTRUCTION
Multi-layer metallized paper. Encapsulated and impregnated in self-extinguishing material meeting the requirements of UL 94V-0.
0.5
L 0.5
TECHNICAL DATA
Rated voltage Capacitance range Capacitance tolerance Temperature range Climatic category IEC Approvals Dissipation factor tan Insulation resistance
250 VAC 50/60 Hz 0.001 - 0.0047 F 20% -40 to +100C 40/100/56/B S, UL, CSA
Components may be vertically mounted for decreased footprint. See page 69.
1.3 % at 1 kHz 12000 M Measured at 500 VDC after 60 s, +23C The 100% screening factory test is carried out at 3000 VDC. The voltage level is selected to meet the requirements in applicable equipment standards. All electrical characteristics are checked after the test.
Test voltage between terminals
RECOMMENDED SOLDERING CONDITIONS
Electrode temperature, Reflow soldering Preheating temperature should be less than 160C. The time above 180C should be less than 1 minute. The peak temperature must not exceed 240C.
Temperature (C) 250 200 150 100 50 0 0 30 60 Max 160 C Max 60 s over 180 C Max 240 C
90 120 150 180 210 240 270 300 t(s)
Recommended reflow soldering profile
ENVIRONMENTAL TEST DATA
Vibration IEC 60068-2-6 Test Fc EN 132400 3 directions at 2 hour each 10 - 500 Hz at 0.75 mm or 98 m/s2 No visible damage No open or short circuit
Active flammability
Passive flammability
IEC 60384-14 (1993) EN 132400 IEC 60068-2-3 Test Ca +40C and 90 - 95% R.H.
Class B
Humidity
56 days
180
SMP253 ARTICLE TABLE
Capacitance F Dimensions in mm 0.2 mm B H L Quantity per package Bulk Reel Max dU/dt V/s Approvals
CSA UL S
Article code
CHIP LENGTH 12.7 MM CODE 5045
0.0010 0.0015 0.0022 0.0025 0.0033 0.0039 0.0047 11.5 11.5 11.5 11.5 11.5 11.5 11.5 6.5 6.5 6.5 6.5 6.5 6.5 6.5 12.7 12.7 12.7 12.7 12.7 12.7 12.7 1000 1000 1000 1000 1000 1000 1000 600 600 600 600 600 600 600 2000 2000 2000 2000 2000 2000 2000 SMP253 SMP253 SMP253 SMP253 SMP253 SMP253 SMP253 MA4100M MA4150M MA4220M MA4250M MA4330M MA4390M MA4470M
APPROVALS/REFERENCE DOCUMENTS
Certification Body S UL cUL recognition (CSA) Specification EN 132400 UL 1414 C 22.2 No. 1 Approval reference 9949069/01 E73869 E73869 * * * * * *
MARKING
RIFA Article code SMP Rated capacitance Rated voltage Y2 Manufacturing code (year, month)
ORDERING INFORMATION
See article table and pages 18 to 23 for options and article code construction. Tape packaging, see page 69.
181


▲Up To Search▲   

 
Price & Availability of SMP253

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X