Part Number Hot Search : 
76SD02 M304203 MICON 74LVC16 CC300 7014ACGZ ML12FAD AT25F
Product Description
Full Text Search
 

To Download SK59S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SK52S - SK5BS
PRV : 20 - 100 Volts IO : 5.0 Amperes
* * * * * * * High current capability High surge current capability High reliability High efficiency Low power loss Low cost Low forward voltage drop
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIERS
SMB (DO-214AA)
1.1 0.3
5.4 0.15
4.8 0.15
FEATURES :
2.0 0.1 3.6 0.15 2.3 0.2
0.22 0.07
MECHANICAL DATA :
* * * * * * Case : SMB (DO-214AA) Molded plastic Epoxy : UL94V-O rate flame retardant Lead : Lead Formed for Surface Mount Polarity : Color band denotes cathode end Mounting position : Any Weight : 0.093 gram
Dimensions in millimeter
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Peak Forward Surge Current, 8.3ms single half sine wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at IF = 5 Amps. (Note 1) Maximum Reverse Current at Rated DC Blocking Voltage (Note 1) Junction Temperature Range Storage Temperature Range Ta = 25 C Ta = 100 C See Fig.1
SYMBOL
VRRM VRMS VDC IF(AV)
SK 52S SK 53S SK 54S SK 55S SK 56S SK 57S SK 58S SK 59S SK 5BS
20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 5.0 70 49 70 80 56 80 90 63 90 100 70 100
UNIT
Volts Volts Volts Amps.
IFSM VF IR IR(H) TJ TSTG 50 - 65 to + 125 0.5
150 0.67 0.5 25 - 65 to + 150 - 65 to + 150 0.79
Amps. Volt. mA mA C C
Notes :
(1) Pulse Test : Pulse Width = 300 s, Duty Cycle = 2%.
UPDATE : MAY 10, 1999
RATING AND CHARACTERISTIC CURVES ( SK52S - SK5BS )
FIG.1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, AMPERES
5 SK55S THRU SK5BS
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
150
4 SK52S SK53S SK54S
PEAK FORWARD SURGE CURRENT, AMPERES
120
3
90
2
60
1
30
0 0
0
25 50 75 100 125 150 175
0
1
2
4
6
10
20
40
60
100
LEAD TEMPERATURE, (C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
20
FIG.4 - TYPICAL REVERSE CHARACTERISTICS REVERSE CURRENT, MILLIAMPERES
10 TJ= 100 C
FORWARD CURRENT, AMPERES
10
SK52S SK53S SK54S
SK58S SK59S SK5BS
1.0
1.0
SK55S SK56S SK57S
0.1
TJ = 25 C
TJ = 25 C PULSE WIDTH = 300s DUTY CYCLE = 2% 0.1 0.1
0.01 0 20 40 60 80 100 120 140
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
PERCENT OF RATED REVERSE VOLTAGE, (%)
FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of SK59S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X