Part Number Hot Search : 
HZK24L 6050117 BCM5650 HV3KVLCD BZX85 20100CT AN17813A KB200TXV
Product Description
Full Text Search
 

To Download S12ME1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S12ME1/S12ME1F
S12ME1/S12ME1F
s Features
1. Internal insulation distance : 0.4mm or more 2. Creepage distance : 8mm or more Space distance : 5mm or more ( S12ME1 ) 8mm or more ( S12ME1F ) 3. Recognized by UL file No. E64380 Approved by BSI ( BS415 : NO.7088, BS7002 : NO.7410)
European Safety Standard Approved, Long Creepage Distance Type Photothyristor Coupler
g Lead forming type ( I type ) and taping reel type ( P type ) of S12ME1/S12ME1F are also available. ( S12ME1I/S12ME1FI,S12ME1P/S12ME1FP ) g DIN-VDE0884 approved type is also available as an option.
s Outline Dimensions
S12ME1 2.54 0.25 6 5 4 6.5 0.5 Internal connection diagram 6 5 4
( Unit : mm )
S12ME1
1
2
3 1.2 0.3
1
2
3
s Applications
1. ON-OFF operation for low power load 2. For triggering medium or high power thyristor and triac 3. Over voltage detection of switching power supplies
Anode mark 9.22 0.5
7.62 0.3 3.5 0.5
1 2 3 4 5 6
Anode Cathode NC Cathode Anode Gate
3.4 0.3
3.7 0.5
0.5 0.1
0.5TYP.
0.26 0.1 : 0 to 13
S12ME1F 2.54 0.25 6 5 4 6.5 0.5 Internal connection diagram 6 5 4
S12ME1
1 Anode mark
2
3 1.2 0.3
1
2
3
9.22 0.5 3.5 0.5
7.62 0.3
1 2 3 4 5 6
Anode Cathode NC Cathode Anode Gate
3.4 0.5
0.26 0.1 0.5 0.1 10.16 0.5
" In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device."
S12ME1/S12ME1F s Absolute Maximum Ratings
Input Parameter Forward current Reverse voltage RMS ON-state current 1 Peak one cycle surge current 2 Repetitive peak OFF-state voltage 2 Repetitive peak OFF-state reverse voltage 3 Isolation voltage Operating temperature Storage temperature 4 Soldering temperature Symbol IF VR IT I surge VDRM VRRM Viso T opr T stg T sol Rating 50 6 0.2 2 400 400 4 000 - 30 to +100 - 55 to +125 260
( Ta = 25C )
Unit mA V Arms A V V Vrms C C C
Output
1 50Hz sine wave 2 R G = 20k 3 40 to 60% RH, AC for 1 minute, f = 60Hz 4 For 10 seconds
s Electro-optical Characteristics
Input Parameter Forward voltage Reverse current Repetitive peak OFF-state current Repetitive peak OFF-state reverse voltage ON-state voltage Holding current Critical rate of rise of OFF-state voltage Minimum trigger current Isolation resistance Turn-on time Symbol VF IR I DRM I RRM VT IH dV/dt I FT RISO t on Conditions IF = 20mA VR = 3V VDRM = Rated, R G = 20k VDRM = Rated, R G = 20k IT = 0.2A VD = 6V, R G = 20k VDRM = 1/ 2 * Rated, R G = 20k VD = 6V, R L = 100 , R G = 20k DC500V, 40 to 60% RH VD = 6V, RL = 100 , I F = 20mA RG = 20k MIN. 3 5 x 1010 TYP. 1.2 1.0 1011 -
( Ta = 25C )
MAX. 1.4 10 1 1 1.4 1.0 10 50 Unit V A A A V mA V/ s mA s
Output
Transfer characteristics
S12ME1/S12ME1F
Fig. 1 RMS ON-state Current vs. Ambient Temperature Fig. 2 Forward Current vs. Ambient Temperature
70 60 Forward current I F ( mA ) 0 20 40 60 80 Ambient temperature T a ( C ) 100 50 40 30 20 10 0 - 30 0 - 30
0.2 RMS ON-state current I T ( A rms )
0.1
0
25 50 75 100 Ambient temperature T a ( C )
125
Fig. 3 Forward Current vs. Forward Voltage
Fig. 4 Minimum Trigger Current vs. Ambient Temperature
14 12 10 8 6 4 2 0 - 30 20k V D = 6V R L = 100 R G = 10k
500 Forward current I F ( mA ) 200 100 50 20 10 5 2 1 0 0.5 1.0 1.5 2.0 Forward voltage V F ( V ) 2.5 3.0 T a = 75C 50C 25C Minimum trigger current I FT ( mA )
0C - 25C
50k
0 20 40 60 80 Ambient temperature T a ( C )
100
Fig. 5 Minimum Trigger Current vs. Gate Resistance
100 50 V D = 6V R L = 100 T a = 25C
Fig. 6 Break Over Voltage vs. Ambient Temperature
1000 R G = 10k
Minimum trigger current I FT ( mA )
Break over voltage V BO ( V )
800
20 10 5
50k 600
400
200 2 1 0 - 30
1
2
5 10 20 Gate resistance R G ( k )
50
100
0 20 40 60 80 Ambient temperature T a ( C )
100
S12ME1/S12ME1F
Fig. 7 Critical Rate of Rise of OFF-state Voltage vs. Ambient Temperature
100 R G = 20k Critical rate of rise of OFF-state voltage dV/dt ( V/ s ) 50 V DRM = 1/ 2 Rated Holding current I H ( mA ) 0.5 R G = 10k 0.2 0.1 0.05
Fig. 8 Holding Current vs. Ambient Temperature
1 V D = 6V
20 10 5
20k 50k
2 1
0.02 0.01 - 30
0
20 40 60 80 Ambient temperature T a ( C )
100
0 20 40 60 80 Ambient temperature T a ( C )
100
Fig. 9 Repetitive Peak OFF-state Current vs. Ambient temperature
10 - 5 Repetitive peak OFF-state current I DRM ( A ) V DRM = Rated R G = 20k
Fig.10 Turn-on Time vs. Forward Current
100 V D = 6V R L = 100 T a = 25C Turn-on time t on ( s ) 50 40 30
10 - 6
10 - 7
10 - 8
20
10 - 9 0
20 40 60 80 Ambient temperature T a ( C )
100
10 10
20 30 40 50 Forward current I F ( mA )
100
Fig.11 ON-state Current vs. ON-state Voltage
200 I F = 20mA T a = 25C 160 ON-state current I T ( mA )
120
80
40
0
0
0.2
0.4 0.6 0.8 1.0 1.2 ON-state voltage V T ( V )
1.4
1.6
S12ME1/S12ME1F s Basic Operation Circuit
Medium/High Power Thyristor Drive Circuit
1 2 VIN 3 6 Load CG 4 RG ZS ZS : Snubber circuit AC 100V
+ VCC
5
Medium/High Power Triac Drive Circuit ( Zero-cross Operation )
1 2 VIN 3 4 6 Load
+ VCC
5 RG CG
AC 100V
q
Please refer to the chapter " Precautions for Use" ( Page 78 to 93) .


▲Up To Search▲   

 
Price & Availability of S12ME1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X