Part Number Hot Search : 
2N6377 CIM039P1 4A000 EB13C3 MC100B SSD25 IRLR8711 EVB71112
Product Description
Full Text Search
 

To Download PTC28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P
SERIES P = .025" [.64 mm] Sq. Post Header CONTACT FINISH Head Z = .000010" Gold X = .000030" Gold G = .000010" Gold Y = .000030" Gold T = .000100" Tin CONTACT CENTERS C = .100" [2.54mm] NUMBER OF POSITIONS 01 Thru 36 (eg. 32 Dual = 64 Contacts) Tail .000100" Tin .000100" Tin .000005" Gold .000005" Gold .000100" Tin
Z
C
36
D
AA
N
-M#
MODIFICATIONS (Consult Factory) Omit for Standard
Underplate .000050" Nickel .000050" Nickel .000050" Nickel** .000050" Nickel** .000050" Nickel
MOUNTING STYLE N = No Mounting R = Retent Lead (Consult Factory) TERMINATION TYPE (Opposite Page) AA, AB, AC, AD, AE, AF, AG, AH FA, FB, FC, FD, FE, BA, BB, BC, BD, BE, BF, GA, GB, GC, GD, ZA, ZC, ZD READOUT (Opposite Page) S = Single D = Dual
Dimensions in [ ] are in millimeters, all others in inches.
.050, 2 PLS. [1.27]
.100 TYP. [2.54] HEAD
.050, 2 PLS. [1.27]
.100 TYP. [2.54]
TAIL .025 [.64] SQUARE POST FITS .040 MINIMUM A .025 [.64] SQUARE POST FITS .040 MINIMUM A
DUAL READOUT, STRAIGHT TAIL SHOWN
SINGLE READOUT, STRAIGHT TAIL SHOWN
PART NUMBER* PZC01 PZC02 PZC03 PZC04 PZC05 PZC06 PZC07 PZC08 PZC09 PZC10 PZC11 PZC12 PZC13 PZC14 PZC15 PZC16 PZC17 PZC18 _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ N N N N N N N N N N N N N N N N N N
NUMBER OF CONTACTS SINGLE/DUAL 1/2 2/4 3/6 4/8 5/10 6/12 7/14 8/16 9/18 10/20 11/22 12/24 13/26 14/28 15/30 16/32 17/34 18/36
OVERALL LENGTH A 0.100 0.200 0.300 0.400 0.500 0.600 0.700 0.800 0.900 1.000 1.100 1.200 1.300 1.400 1.500 1.600 1.700 1.800 [2.54] [5.08] [7.62] [10.16] [12.70] [15.24] [17.78] [20.32] [22.86] [25.40] [27.94] [30.48] [33.02] [35.56] [38.10] [40.64] [43.18] [45.72]
PART NUMBER* PZC19 PZC20 PZC21 PZC22 PZC23 PZC24 PZC25 PZC26 PZC27 PZC28 PZC29 PZC30 PZC31 PZC32 PZC33 PZC34 PZC35 PZC36 _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ N N N N N N N N N N N N N N N N N N
NUMBER OF CONTACTS SINGLE/DUAL 19/38 20/40 21/42 22/44 23/46 24/48 25/50 26/52 27/54 28/56 29/58 30/60 31/62 32/64 33/66 34/68 35/70 36/72
OVERALL LENGTH A 1.900 2.000 2.100 2.200 2.300 2.400 2.500 2.600 2.700 2.800 2.900 3.000 3.100 3.200 3.300 3.400 3.500 3.600 [48.26] [50.80] [53.34] [55.88] [58.42] [60.96] [63.50] [66.04] [68.58] [71.12] [73.66] [76.20] [78.74] [81.28] [83.82] [86.36] [88.90] [91.44]
* For complete par t number add readout and termination type from Par t Number Coding (e.g. PZC36DAAN). ** Consult Factor y
s''OE"TM
PHONE 760.744.0125
www.SullinsElectronics.com
FAX 760.744.6081
75


▲Up To Search▲   

 
Price & Availability of PTC28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X