Part Number Hot Search : 
LT346 LC83015 E003618 SMB119 20S100 LT346 170M2609 2662N
Product Description
Full Text Search
 

To Download PMB2332 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.1-GHz LNA + Mixer
PMB 2332 B6HF
General Description The PMB 2332 is a low noise amplifier (LNA) up to 1.1 GHz and double balanced mixer up to 3 GHz for use in mobile communication equipment. It is fabricated using Siemens B6HF silicon bipolar process. The amplified signal is external available for further use at output AO. The DC level at GC allows to switch the LNA gain (on/off: 20 dB). The mixer is a general purpose up- and downconversion Gilbert cell mixer. Differential signals and symmetrical circuits are used throughout the mixer. The mixer input can be used in balanced or unbalanced configuration. The mixer outputs are high impedance open collector outputs. The adjustable mixer current allows to improve the mixer performance. An internal bias driver generates supply voltage and temperature compensated reference voltages. The STB pin allows the mixer and bandgap part of the IC to be switched in power-down mode. Applications All analog and digital mobile communication systems as frontend-LNA and up-/ downconverter mixer.
Type PMB 2332-R Features * * * * * * * * * * * * *
Package P-TSSOP-16-1 (Shrink, SMD)
Low operating current Power-down mode LNA frequency range up to 1.1 GHz Switchable LNA gain High LNA gain (typ. 20 dB at 900 MHz) Low LNA noise figure (typ. 1.5 dB at 900 MHz) Double balanced mixer up to 3 GHz with high gain Excellent intercept performance High isolation values Few external components Operating voltage 2.7 V to 5.5 V P-TSSOP-16 package Temperature range - 30 C to 85 C
GC
AO
V CC LNA
STB
MI
MI
GND Mixer
LO
LNA
Bias
AREF
AI
GND GND LNA LNA
MO
MO
V CC
LO
ITB08474
Block Diagram
Siemens Aktiengesellschaft
1


▲Up To Search▲   

 
Price & Availability of PMB2332

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X