Part Number Hot Search : 
PST8436N LC72135M BTS771 HB02110 STK2240 M2015 PC236 HB02110
Product Description
Full Text Search
 

To Download PLS101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors Programmable Logic Devices
Product specification
Programmable logic arrays (16 x 48 x 8)
PLS100/PLS101
DESCRIPTION
The PLS100 (3-State) and PLS101 (Open Collector) are bipolar, fuse Programmable Logic Arrays (PLAs). Each device utilizes the standard AND/OR/Invert architecture to directly implement custom sum of product equations. Each device consists of 16 dedicated inputs and 8 dedicated outputs. Each output is capable of being actively controlled by any or all of the 48 product terms. The True, Complement, or Don't Care condition of each of the 16 inputs and be ANDed together to comprise one P-term. All 48 P-terms can be selectively ORed to each output. The PLS100 and PLS101 are fully TTL compatible, and chip enable control for expansion of input variables and output inhibit. They feature either Open Collector or 3-State outputs for ease of expansion of product terms and application in bus-organized systems. Order codes are listed in the Ordering Information Table.
FEATURES
* Field-programmable (Ni-Cr link) * Input variables: 16 * Output functions: 8 * Product terms: 48 * I/O propagation delay: 50ns (max.) * Power dissipation: 600mW (typ.) * Input loading: -100A (max.) * Chip Enable input * Output option:
- PLS100: 3-State - PLS101: Open-Collector
PIN CONFIGURATIONS
N Package
FE* 1 I7 2 I6 3 I5 4 I4 5 I3 6 I2 7 I1 8 I0 9 F7 10 F6 11 F5 12 F4 13 GND 14 28 VCC 27 I8 26 I9 25 I10 24 I11 23 I12 22 I13 21 I14 20 I15 19 CE 18 F0 17 F1 16 F2 15 F3
* Output disable function:
- 3-State: Hi-Z - Open-Collector: High *
APPLICATIONS
* CRT display systems * Code conversion * Peripheral controllers * Function generators * Look-up and decision tables * Microprogramming * Address mapping * Character generators * Data security encoders * Fault detectors * Frequency synthesizers * 16-bit to 8-bit bus interface * Random logic replacement
Fuse Enable Pin: It is recommended that this pin be left open or connected to ground during normal operation.
N = Plastic DIP (600mil-wide)
A Package
I5 4 I4 I3 I2 I1 I0 5 6 7 8 9 I6 3 I7 FE VCC I8 I9 2 1 28 27 26 25 I10 24 I11 23 I12 22 I13 21 I14 20 I15 19 CE 12 13 14 15 16 17 18
F7 10 F6 11
F5 F4 GND F3 F2 F1 F0 A = Plastic Leaded Chip Carrier
ORDERING INFORMATION
DESCRIPTION 28-Pin Plastic Dual In-Line 600mil-wide 28-Pin Plastic Leaded Chip Carrier 3-STATE PLS100N PLS100A OPEN COLLECTOR PLS101N PLS101A DRAWING NUMBER 0413D 0401F
October 22, 1993
49
853-0308 11164
Philips Semiconductors Programmable Logic Devices
Product specification
Programmable logic arrays (16 x 48 x 8)
PLS100/PLS101
LOGIC DIAGRAM
(LOGIC TERMS-P)
I0 I1 I2 I3 I4 I5 I6 I7 I8 I9 I10 I11 I12 I13 I14 I15
9 8 7 6 5 4 3 2 27 26 25 24 23 22 21 20
S0 X0 X1 X2 X3 X4 X5 X6 X7 47 40 39 32 31 24 23 1615 87 0 S1 S2 S3 S4 S5 S6 S7
18 17 16 15 13 12 11 10 19
F0 F1 F2 F3 F4 F5 F6 F7 CE
NOTES: 1. All AND gate inputs with a blown link float to a logic "1". 2. All OR gate inputs with a blown fuse float to logic "0". 3. Programmable connection.
October 22, 1993
50
Philips Semiconductors Programmable Logic Devices
Product specification
Programmable logic arrays (16 x 48 x 8)
PLS100/PLS101
FUNCTIONAL DIAGRAM
I0
TYPICAL CONNECTION
I1
I15
TYPICAL CONNECTION
S0 F0 S6 F6 S7 F7
P0
P1
P47
CE
ABSOLUTE MAXIMUM RATINGS1
SYMBOL VCC VIN VO IIN IOUT Tamb Tstg PARAMETER Supply voltage Input voltage Output voltage Input current Output current Operating temperature range Storage temperature range RATINGS +7.0 +5.5 +5.5 30 +100 0 to +75 -65 to +150 UNIT VDC VDC VDC mA mA C C
NOTE: 1. Stresses above those listed may cause malfunction or permanent damage to the device. This is a stress rating only. Functional operation at these or any other conditions above those indicated in the operational and programming specification of the device is not implied.
THERMAL RATINGS
TEMPERATURE Maximum junction Maximum ambient Allowable thermal rise ambient to junction 150C 75C 75C
The PLS100 device is also processed to military requirements for operation over the military temperature range. For specifications and ordering information consult the Philips Semiconductors Military Data Handbook.
October 22, 1993
51
Philips Semiconductors Programmable Logic Devices
Product specification
Programmable logic arrays (16 x 48 x 8)
PLS100/PLS101
DC ELECTRICAL CHARACTERISTICS
0C Tamb +75C, 4.75V VCC 5.25V LIMITS SYMBOL Input VIH VIL VIC Output PARAMETER TEST CONDITIONS MIN TYP1 MAX UNIT
voltage2 High Low Clamp3 voltage2 VCC = MIN VCC = MAX VCC = MIN VCC = MIN, IIN = -12mA -0.8 2.0 0.8 -1.2 V V V
VOH VOL
High Low5
(PLS100)4
IOH = -2mA IOL = 9.6mA
2.4 0.35 0.45
V V
Input current IIH IIL High Low VIN = 5.5V VIN = 0.45V <1 -10 25 -100 A A
Output current IO(OFF) Hi-Z state (PLS100) CE = High, VCC = MAX VOUT = 5.5V VOUT = 0.45V IOS ICC Capacitance CE = High, VCC = 5.0V CIN COUT Input Output VIN = 2.0V VOUT = 2.0V 8 17 pF pF Short circuit (PLS100) 3, 6 VCC supply current7 CE = Low, VOUT = 0V VCC = MAX -15 120 1 -1 40 -40 -70 170 A A mA mA
NOTES: 1. All typical values are at VCC = 5V, Tamb = +25C. 2. All voltage values are with respect to network ground terminal. 3. Test one pin at a time. 4. Measured with VIL applied to CE and a logic high stored. 5. Measured with a programmed logic condition for which the output test is at a low logic level. Output sink current is applied through a resistor to VCC. 6. Duration of short circuit should not exceed 1 second. 7. ICC is measured with the Chip Enable input grounded, all other inputs at 4.5V and the outputs open.
October 22, 1993
52
Philips Semiconductors Programmable Logic Devices
Product specification
Programmable logic arrays (16 x 48 x 8)
PLS100/PLS101
AC ELECTRICAL CHARACTERISTICS
0C < Tamb < +75C, 4.75 < VCC < 5.25V, R1 = 470, R2 = 1k LIMITS SYMBOL Propagation tPD tCE Disable time tCD Chip Disable3 Output Chip Enable 15 30 ns delay2 Input Chip Enable3 Output Output Input Chip Enable 35 15 50 30 ns ns PARAMETER TO FROM MIN TYP1 MAX UNIT
NOTES: 1. All typical values are at VCC = 5V. Tamb = +25C. 2. All propagation delays are measured and specified under worst case conditions. 3. For 3-State output; output enable times are tested with CL = 30pF to the 1.5V level, and S1 is open for high-impedance to High tests and closed for high-impedance to Low tests. Output disable times are tested with CL = 5pF. High-to-High impedance tests are made to an output voltage of VT = (VOH - 0.5V) with S1 open, and Low-to-High impedance tests are made to the VT = (VOL + 0.5V) level with S1 closed.
VOLTAGE WAVEFORMS
+3.0V 90%
TEST LOAD CIRCUIT
VCC 10% +5V S1
0V 5ns +3.0V 90% tR tF 5ns
C1
C2 I0 F0
R1
INPUTS 10% 0V 5ns 5ns
I15
DUT
R2
CL
CE GND
F7
OUTPUTS
MEASUREMENTS: All circuit delays are measured at the +1.5V level of inputs and outputs, unless otherwise specified.
Input Pulses
NOTE: C1 and C2 are to bypass VCC to GND.
TIMING DEFINITIONS
SYMBOL tCE PARAMETER Delay between beginning of Chip Enable Low (with Input valid) and when Data Output becomes valid. Delay between when Chip Enable becomes High and Data Output is in off state (Hi-Z or High). Delay between beginning of valid Input (with Chip Enable Low) and when Data Output becomes valid.
TIMING DIAGRAM
+3.0V INPUT 1.5V 0V
+3.0V
tCD
F0 - F7
tPD
October 22, 1993
53
EEE EEE EEE EEE
tCE tPD
CE
1.5V
1.5V 0V tCD VOH 1.5V 1.5V VOL
Read Cycle
Philips Semiconductors Programmable Logic Devices
Product specification
Programmable logic arrays (16 x 48 x 8)
PLS100/PLS101
LOGIC PROGRAMMING
PLS100/PLS101 is fully supported by industry standard (JEDEC compatible) PLD CAD tools, including Philips Semiconductors' SNAP, Data I/O Corporation's ABELTM and Logical Devices Inc.'s CUPLTM design software packages. All packages allow Boolean and state equation entry formats. SNAP, ABEL and CUPL also accept, as input, schematic capture format.
PLS100/PLS101 logic designs can also be generated using the program table entry format detailed on the following pages. This program table entry format is supported by the Philips Semiconductors' SNAP PLD design software package. To implement the desired logic functions, the state of each logic variable from logic equations (I, B, O, P, etc.) is assigned a symbol. The sumbols for TRUE,
COMPLEMENT, INACTIVE, PRESET, etc., are defined below.
PROGRAMMING AND SOFTWARE SUPPORT
Refer to Section 9 (Development Software) and Section 10 (Third-party Programmer/ Software Support) of this dat handbook for additional informational.
OUTPUT POLARITY - (F)
S F X S O, B
ACTIVE LEVEL LOW
CODE L
ACTIVE LEVEL HIGH1 (NON-INVERTING)
CODE H
(INVERTING)
"AND" ARRAY - (I)
I I I I I I I I I I I I
P STATE INACTIVE1,2 CODE O STATE I
P CODE H STATE I
P CODE L STATE DON'T CARE
P CODE -
"OR" ARRAY - (F)
P S P S
Pn STATUS ACTIVE1
CODE A
Pn STATUS INACTIVE
CODE
*
NOTES: 1. This is the initial unprogrammed state of all links. It is normally associated with all unused (inactive) AND gates Pn. 2. Any gate Pn will be unconditionally inhibited if any one of its (I) link pairs is left intact.
VIRGIN STATE
The PLS100/101 virgin devices are factory shipped in an unprogrammed state, with all fuses intact, such that: 1. All Pn terms are disabled (inactive) in the AND array. 2. All Pn terms are active in the OR array. 3. All outputs are Active-High.
ABEL is a trademark of Data I/O Corp. CUPL is a trademark of Logical Devices, Inc.
October 22, 1993
54
CUSTOMER NAME INPUT VARIABLE CF (XXXX) H A
NOTES 1. Entries independent of output polarity. 2. Enter (A) for unused outputs of used P-terms. 1. Polarity programmed once only. 2. Enter (H) for all unused outputs. NOTES
PROGRAM TABLE ENTRIES OUTPUT FUNCTION Prod. Term Present in Fp (period) H L Prod. Term Not Present in Fp Active High Active Low OUTPUT ACTIVE LEVEL
PURCHASE ORDER # Im L - (dash) Im Don't Care
October 22, 1993
NOTE Enter (-) for unused inputs of used P-terms.
PHILIPS DEVICE #
CUSTOMER SYMBOLIZED PART #
PROGRAM TABLE
TOTAL NUMBER OF PARTS REV
9 8 7 6 5 4 3 2 1 0 11 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 10 T E R M
PROGRAM TABLE #
DATE
46
45
44
43
42
41
47 PIN NO. 15 14 13 12 11 10 9 8
VARIABLE NAME
Programmable logic arrays (16 x 48 x 8)
Philips Semiconductors Programmable Logic Devices
20
21
22
23
24
25
26
AND
27
INPUT (Im)
55
2
7
3
6
4
5
5
4
6
3
7
2
8
1
9
0 7
10
6
PLS100/PLS101
11
5
12
4
POLARITY
OR OUTPUT (FP)
Product specification
13
3
15
2
16
1
17
0
18
Philips Semiconductors Programmable Logic Devices
Product specification
Programmable logic arrays (16 x 48 x 8)
PLS100/PLS101
SNAP RESOURCE SUMMARY DESIGNATIONS
DIN100 I0 NIN100 I1
I15
AND OR S0 F0 S6 F6 S7 F7 EXOR100 P0 P1 P47 NOE100 CE TOUT100
October 22, 1993
56


▲Up To Search▲   

 
Price & Availability of PLS101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X