Part Number Hot Search : 
2SC48 P30N20 1941123W SK3890 16C55 BZT52H P30N20 UPD78
Product Description
Full Text Search
 

To Download PH1214-80M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Radar Pulsed Power Transistor 80 Watts, 1.20-1.40 GHz, 150s Pulse, 10% Duty
PH1214-80M
PH1214-80M
Radar Pulsed Power Transistor - 80 Watts, 1.20-1.40 GHz, 150s Pulse, 10% Duty
Features
* * * * * * * * NPN Silicon Microwave Power Transistor Common Base Configuration Broadband Class C Operation High Efficiency Interdigitated Geometry Diffused Emitter Ballasting Resistors Gold Metalization System Internal Input and Output Impedance Matching Hermetic Metal/Ceramic Package
Outline Drawing
1
Description
M/A-COM's PH1214-80M is a silicon bipolar NPN power transistor designed for use in L-band, 1.2 - 1.4 GHz pulsed radars such as air traffic control and long-range weather radars. Designed for common-base, class C, broadband pulsed power applications, the PH1214-80M can produce 80 watts of output power with medium pulse length (150 S) at 10 percent duty cycle. The transistor is housed in a 2-lead, rectangular metalceramic flange package, with internal input and output impedance matching networks. Dissued emitter ballast resistors and gold metalization assure ruggedness and long-term reliability. In addition to L-band pulsed radars, this high performance power transistor can also be used in pulsed digital communications systems.
Notes: (unless otherwise specified) 1. Tolerances are: inches .005" (millimeters 0.13mm)
Broadband Test Fixture Impedance
F (GHz) 1.20 1.30 1.40
TEST FIXTURE INPUT CIRCUIT
Z IF () 9.4 - j4.5 8.3 - j2.8 7.9 - j1.3
Z OF () 7.0 - j2.8 4.5 - j3.2 3.0 - j2.1
TEST FIXTURE OUTPUT CIRCUIT
Absolute Maximum Rating at 25C
Parameter Collector-Emitter Voltage Emitter-Base Voltage Collector Current (Peak) Total Power Dissipation @ +25C Storage Temperature Junction Temperature Symbol VCES VEBO IC PTOT Tstg Tj Rating 70 3.0 6.4 185 -65 to +200 200 Units V V A W C C
50
ZIF
ZOF
50
Electrical Specifications at 25C
Symbol BVCES ICES RTH(JC) PO GP RL VSWR-T VSWR-S Parameter Collector-Emitter Breakdown Collector-Emitter Breakdown Thermal Resistance Output Power Power Gain Collector Efficiency Input Return Loss Load Mismatch Tolerance Load Mismatch Stability Test Conditions IC = 35 mA VCE = 40 V VCC = 40 V, Pin = 13 W, f = 1.2, 1.3, 1.4 GHz VCC = 40 V, Pin = 13 W, f = 1.2, 1.3, 1.4 GHz VCC = 40 V, Pin = 13 W, f = 1.2, 1.3, 1.4 GHz VCC = 40 V, Pin = 13 W, f = 1.2, 1.3, 1.4 GHz VCC = 40 V, Pin = 13 W, f = 1.2, 1.3, 1.4 GHz VCC = 40 V, Pin = 13 W, f = 1.2, 1.3, 1.4 GHz VCC = 40 V, Pin = 13 W, f = 1.2, 1.3, 1.4 GHz Min 70 80 7.5 50 9 Max 3.5 0.80 3:1 1.5:1 Units V mA C/W W dB % dB V2.00 M/A-COM Division of AMP Incorporated 3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.
Radar Pulsed Power Transistor 80 Watts, 1.20-1.40 GHz, 150s Pulse, 10% Duty
PH1214-80M
Test Fixture Electrical Schematic
Top View
1
Electrical Schematic Parts List
C1, C2 C3 Q1 Board Type 100 pF ATC size A 50 uF 50 Volts PH1214-80M Rogers 6010.5 .025" Thick, ER = 10.5
Note: 1. Dimensions are in mils.
V2.00 M/A-COM Division of AMP Incorporated 3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of PH1214-80M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X