Part Number Hot Search : 
FSJ260D MCB9112 BZX84C36 M5244B 53101 6714V7M 1550ABK 2SA854
Product Description
Full Text Search
 

To Download PG124S15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG124S15 (10A)
Fast recovery diode
O3
(1500V / 10A )
Outline drawings, mm
TO-3PF
_ 6.7+ 0.2
.2 + _
_ 15.5+ 0,3
0.3
_ 5.5 +0.3 _ 0.3 3.5 + 0 _ 11 + 0.3
_ 22 + 0.3
1.5max.
PG123S[ ][ ]
[ ][ ]
_ 3 +0.2
Features
Damper diode for high definition TV and high resolution display Insulated package by fully molding High voltage by mesa design High reliability
_ 2 + 0.3 _ 3 + 0.3 20min.
1
3
_ 0.2 1.1 + 0.1 _ 10.9 + 0.4
_ 11 + 0.3
_ 0.2 0.6 + 0 _ 3.5 + 0.2
Applications
High speed switching
Connection diagram
Maximum ratings and characteristics
Absolute maximum ratings
Item Repetitive peak reverse voltage Non-Repetitive peak reverse voltage Isolating voltage Average output current Non-repetitive surge current Operating junction temperature Storage temperature Symbol VRRM VRSM Viso Io IFSM Tj Tstg Terminals-to-Case, AC.1min Square wave, duty=1/2 Tc=95C Sine wave 10ms, 1shot Conditions
1
3
Rating 1500 1500 1500 10 100 +150 -40 to +150
Unit V V V A A C C
Electrical characteristics (Tc=25C Unless otherwise specified )
Item Forward voltage drop Reverse current Reverse recovery time Symbol VF IR trr Conditions IF=4A VR=VRRM IF=IR=0.1A,Irec=0.025A Max. 2.0 50.0 0.5 Unit V A s
Electrical characteristics (Tc=25C Unless otherwise specified )
Item Thermal resistance Symbol Rth(j-c) Condition Junction to case Max. 2.5 Unit C/W
(1500V / 10A )
Characteristics
Forward Characteristic (typ.)
10
3
PG124S15 (10A)
Reverse Characteristic (typ.)
Tj=150C 10 10
2
IF Forward Current (A)
Tj=125C
IR Reverse Current (A)
Tj=150C 1 Tj=125C Tj=100C Tj=25C
10
1
Tj=100C
10
0
Tj=25C
0.1
10
-1
0.01 0.0
10 0.5 1.0 1.5 2.0 2.5
-2
0
200
400
600
800
1000 1200 1400 1600 1800
VF Forward Voltage (V)
VR Reverse Voltage (V)
Forward Power Dissipation
50
Io
Reverse Power Dissipation
0.2
360
(W)
40
(W)
360
Forward Power Dissipation
VR
DC
30 Square wave =60 Square wave =120 20 Sine wave =180 Square wave =180 DC 10
Reverse Power Dissipation
0.1
=180
WF
Per 1element 0 0 5 10 0.0 0 200 400 600 800 1000 1200 1400 1600 1800 2000
Io
Average Forward Current
(A)
PR
VR
Reverse Voltage
(V)
Current Derating (Io-Tc)
160 150 140 130 1000
Junction Capacitance Characteristic(typ.)
(C)
DC
Junction Capacitance (pF) Cj
10
120 110 100 90 80 70 60 50 Square wave =180C Sine wave =180C Square wave =120C Square wave =60C
100
Case Temperature
10
Tc
40 30 20 0 5 1 0.1 1 10 100 1000
Io
Average Output Current
(A)
VR
Reverse Voltage (V)
:Conduction angle of forward current for each rectifier element Io:Output current of center-tap full wave connection
(1500V / 10A )
Surge Capability
1000
PG124S15 (10A)
Peak Half - Wave Current IFSM
(A)
100 10 1 1 10 100
Number of Cycles at 50Hz
Transient Thermal Impedance
10
2
(C/W) Transient Thermal Impedance
10
1
10
0
10
-1
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
t
Time
(sec)


▲Up To Search▲   

 
Price & Availability of PG124S15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X