Part Number Hot Search : 
X3241EA MPC9120 ACTR9001 S1021 00LVEL ZS4737A FDU85 12F67
Product Description
Full Text Search
 

To Download PCF87852 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCF87852
Bluetooth baseband controller
Rev. 01 -- 23 April 2004 Preliminary data
1. General description
The PCF87852 combines the BluetoothTM protocol stack, Link Controller (LC), Link Manager (LM), and Host Controller Interface (HCI) firmware of the Bluetooth system specification in a single IC with embedded software. Together with an RF module, a few external components and an antenna it forms a Bluetooth system. In most cases this module will be attached to a host, for example a GSM baseband controller or a PC processor. The PCF87852 may also be used for embedded Bluetooth applications by running the upper software layers also from the on-chip memory. Together with an external voice codec a Bluetooth headset application can be realized. The industry standard ARM7TDMITM microcontroller with low power consumption is integrated together with ROM memory and SRAM. There are no provisions for external controllers to directly access on-chip data memory. Communication with an external host, for example a PC, GSM or PDA, is handled via the HCI. Industry standard interfaces such as I2C-busTM, PCM and IOM(R) are supported by on-chip hardware. Additionally, a UART interface is available that can be used as the Bluetooth host controller interface. The Bluetooth controller consists of a number of functional blocks that operate under control of the embedded microcontroller. The microcontroller has access to these blocks via the AMBA System Bus (ASB) and the VLSI Peripheral Bus (VPB). The PCF87852 is designed to be used together with an RF IC as low-cost, low-power, radio-based cable replacement or wireless link. This link will be the basis for PCs, telephones, PDAs and peripherals to communicate together on an ad-hoc basis. It will replace cables and enables a wireless personal network. The PCF87852 is especially suited for applications without the need for analog voice input or output, e.g. cellular telephones or computing platforms.
2. Features
2.1 Baseband hardware
s s s s s s Embedded ARM7TDMI microprocessor 224 kbytes ROM memory 38 kbytes SRAM memory 8 kbytes internal data RAM (IRAM) for Bluetooth controller Watchdog timer Two 32-bit system timers
Philips Semiconductors
PCF87852
Bluetooth baseband controller
s Bluetooth controller including scrambling, CRC generation and checking, FEC encoding and decoding and ciphering according the "Specification of the Bluetooth System, Version 1.1" s Bluetooth connections supporting: x Maximum 3 active connections (ACL) x One voice connection (SCO). s CVSD transcoder s RF interface s RSSI measurement s On-chip 1.8 V voltage regulator s 8-bit D/A and A/D conversion for various purposes; e.g. PA control s Power-on reset s System clock crystal oscillator s Low-power crystal oscillator for a low-frequency clock input s System clock request signal for control of external clock source s Microprocessor interfaces including UART, I2C-bus, combined PCM/IOM and general purpose I/O-pins s Patch mechanism for code updates and corrections.
2.2 Firmware
s s s s s s s Interface drivers Bluetooth controller driver Link Controller (LC) Link Manager (LM) Host Controller Interface (HCI) L2CAP, RFCOMM and SDP Small profiles and application software (i.e Bluetooth headset).
2.3 General
s Core and interface supply: 1.8 V; RF interface supply: 2.7 V to 3.4 V s Operating temperature range: -40 C to +85 C s Package: LFBGA73 (7 x 7 mm2 and 0.5 mm pitch).
3. Applications
s Cell phones and smart phones s Computing applications (PC, notebook and PDA) s Cellular accessories (Bluetooth headsets).
9397 750 12161
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data
Rev. 01 -- 23 April 2004
2 of 12
Philips Semiconductors
PCF87852
Bluetooth baseband controller
4. Quick reference data
Table 1: Symbol Supplies VSS VDDCO1 VDDCO2 VDDIORF VDDIO18 VDDIOV VDDA VDDO Power IDD(on) ground voltage first core supply voltage second core supply voltage RF interface supply voltage 1.8 V I/O supply voltage variable I/O supply voltage analog supply voltage oscillator supply voltage consumption[6] operating supply current for an active ACL link and continuous DM1 and DH1 mode IDD = IDDC + IDDA; ARM active; VDDC = VDDA = 1.8 V VDDIORF = 3.0 V 13 mA
[1] [2] [2] [2][3][4] [2] [2] [2] [2][5]
Quick reference data Parameter Conditions Min 1.65 1.65 1.65 1.65 1.65 1.65 1.65 Typ 0 1.8 1.8 3.0 1.8 3.0 1.8 1.8 Max 1.95 1.95 3.6 1.95 3.6 1.95 1.95 Unit V V V V V V V V
IDDIORF(tx) RF interface supply current in transmit mode IDD(lp)
-
125 40
-
A A
low-power supply current in low IDD = IDDC + IDDA; ARM power mode off; DCXO off; LPO on (32.768 kHz) off mode supply current for lowest possible current IDD = IDDC + IDDA; ARM off; clocks off
[7]
IDD(off)
-
30
-
A
Digital I/O pins I/O pins at VDDIORF VIH VIL VOH VOL VIH VIL Vhys VOH VOL VIH VIL Vhys VOH VOL
[1] [2]
HIGH-level input voltage LOW-level input voltage HIGH-level output voltage LOW-level output voltage HIGH-level input voltage LOW-level input voltage hysteresis voltage HIGH-level output voltage LOW-level output voltage HIGH-level input voltage LOW-level input voltage hysteresis voltage HIGH-level output voltage LOW-level output voltage IOH = 3 mA IOL = 3 mA IOH = 4 mA IOL = 4 mA IOH = 4 mA IOL = 4 mA
2.0 0 0.7VDDIO18 0 0.7VDDIOV 0 VDDIOV - 0.4 -
-
VDDIORF 0.8 0.4 VDDIO18
V V V V V V V V V V V V V
VDDIORF - 0.4 -
I/O pins at VDDIO18 0.3VDDIO18 V 0.4 VDDIOV 0.3VDDIOV 0.4
0.3VDDIO18 0.3VDDIOV -
VDDIO18 - 0.4 -
I/O pins at VDDIOV
Applies to all 0 V ground reference pins: VSSIORF, VSSCO1, VSSCO2, VSSIO18, VSSIOV, VSSA and VSSO. It must be insured that the supply rise on each of the supply pins from 0 V to 1.1 V is shorter than 5 ms.
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9397 750 12161
Preliminary data
Rev. 01 -- 23 April 2004
3 of 12
Philips Semiconductors
PCF87852
Bluetooth baseband controller
[3] [4] [5] [6] [7]
VDDIORF is only tested at 2.7 V to 3.4 V. VDDIORF = VDDIOV. I2C-bus is only functional for voltages between 3.0 V and 3.6 V. The power consumptions are very dependent on the software settings and can vary a lot. CMOS leakage current. All blocks are disabled except the bias currents of the band gap reference and the power-on reset circuit.
Table 2: Symbol[1]
Typical power consumption figures of the PCF87852 in combination with BGB101 radio module Domain Typ
[2]
Unit mA mA mW mA mA mW mA mA mW mA mA mW mA mA mW mA mA mW mA mA mW mA mA mW
SCO and HV3 packet
1.80 V 2.85 V total P
13.0 12.0 57.6 12.6 10.0 51.2 12.6 26.0 96.8 12.6 32.0 113.9 0.32 0.40 1.71 0.65 0.40 2.31 0.23 0.42 1.61 0.55 0.42 2.19
ACL, DM1 or DH1 packets and bidirectional data
[2]
1.80 P 2.85 V total P
ACL, DM5 or DH5 packet transmit and NULL packet receive
[2]
1.80 V 2.85 V total P
ACL, DM5 or DH5 packet receive and NULL packet transmit
[2]
1.80 V 2.85 V total P
ACL, sniff mode and external 32 kHz (Tsniff = 500 ms)
[3]
1.80 V 2.85 V total P
ACL, sniff mode and internal 32 kHz (Tsniff = 500 ms)
[4]
1.80 V 2.85 V total P
Low power page/inquiry scan and external 32 kHz
[3]
1.80 V 2.85 V total P
Low power page/inquiry scan and internal 32 kHz
[4]
1.80 V 2.85 V total P
[1] [2] [3] [4]
All measurements performed on sampling basis with HCI firmware loaded in the PCF87852 internal ROM. Measurements are done with the 13 MHz oscillator in slave mode. Measurements are done with a 32.768 kHz crystal connected to generate the Bluetooth low power clock. Measurements are done with a 13 MHz crystal connected and the Bluetooth low power clock derived from the 13 MHz.
9397 750 12161
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data
Rev. 01 -- 23 April 2004
4 of 12
Philips Semiconductors
PCF87852
Bluetooth baseband controller
5. Ordering information
Table 3: Ordering information Package Name PCF87852E LFBGA73 Description plastic low profile fine-pitch ball grid array package; 73 balls; body 7 x 7 x 1.05 mm Version SOT751-1 Type number
9397 750 12161
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data
Rev. 01 -- 23 April 2004
5 of 12
Philips Semiconductors
PCF87852
Bluetooth baseband controller
6. Block diagram
ASB PATCH
RESET_N TDO_JTAG TDI_JTAG TCK_JTAG TMS_JTAG
JTAG
ARM7TDMI
ROM MEMORY
VPB 50 MHz OSCILLATOR
XTAL1_SYS XTAL2_SYS
SRAM RESET_N GP_CLK SYSTEM CONTROL UNIT ASB-to-VPB BRIDGE INTERRUPT CONTROL UNIT (ICU)
32 kHz OSCILLATOR
XTAL1_LPO XTAL2_LPO RXD_UART TXD_UART RTS_UART CTS_UART FSC_IP DCLK_IP DA_IP DB_IP
UART INTERFACE
CVSD CODEC
16 IOM/PCM INTERFACE
RXON_SIRI CDI_SIRI TXON_SIRI TXCLK_SIRI SIF_DATA SIF_CLK SIF_EN RF_SIG [4] RF_SIG [3] RF_SIG [2] SYS_CLK_REQ RF_SIG [4] RF_SIG [3] RF_SIG [2] R_DATA T_DATA SIF_DATA SIF_EN SIF_CLK
SIRI INTERFACE
8 PBC
GENERAL PURPOSE TIMERS
I2C-BUS INTERFACE
SCL_IIC SDA_IIC 22
WATCHDOG TIMER
GPIO INTERFACE
GPIO [X]
RFCU
AUXILIARY ADC/DAC RAM POWER SUPPLY MANAGEMENT
VANLI VANLO
VBGP VBAT POR_DISABLE
SIF
PCF87852
ANALOG RF INTERFACE T_GFSK RSSI REF_CLK
MCE655
Fig 1. Block diagram.
9397 750 12161
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data
Rev. 01 -- 23 April 2004
6 of 12
Philips Semiconductors
PCF87852
Bluetooth baseband controller
7. Functional description
The PCF87852 is designed to be used as a low-cost, low-power radio-based cable replacement, or wireless link. This link will be the basis for PCs, telephones, PDAs headsets and peripherals to communicate together on an ad-hoc basis. It is designed to handle the Bluetooth specification. The PCF87852 is intended to combine the Bluetooth protocol stack, link controller, link manager, HCI Firmware and radio of the Bluetooth system specification in one IC with embedded software. Figure 2 shows a typical example of the PCF87852 in its environment. Together with few external components and an antenna it forms a Bluetooth system. In most cases this system will be attached to a host, for example a GSM baseband controller or a PC processor. The industry standard ARM7TDMI microcontroller with low power consumption per MHz is integrated. There is a ROM memory and a static RAM on-chip. There are no provisions for external controllers to directly access on-chip data memories. Communication with an external host, for example a PC, GSM or PDA, is handled via the HCI. The PCF87852 is able to run the complete Bluetooth application up to HCI. A number of industry standard interfaces such as IOM/PCM, I2C-bus, and UART are supported by on-chip hardware to act as possible host interfaces. The Bluetooth link controller consists of a number of functional blocks that operate under control of the embedded microcontroller. The microcontroller has access to these blocks via the AMBA System Bus (ASB) and VLSI Peripheral Bus (VPB). Figure 1 shows the various blocks and their interconnections.
9397 750 12161
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data
Rev. 01 -- 23 April 2004
7 of 12
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Preliminary data Rev. 01 -- 23 April 2004
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved. 9397 750 12161
Philips Semiconductors
1.8 to 3.3 V
1.8 V to/from JTAG
SCL_IIC VDDIOV VSS TCK_JTAG TDI_JTAG SDA_IIC VDDIO18 TDO_JTAG TMS_JTAG VDDA NRESET SYS_CLK_REQ RXD_UART TXD_UART CTS_UART RTS_UART FSC_PCM DCLK_PCM DI_PCM DO_PCM 1.8 V RESET_N SYS_CLK_REQ TXD_UART RXD_UART RTS_UART CTS_UART FSC_IP DCLK_IP DA_IP DB_IP VDDO VSSO CLK_SYS 100 pF n.c. CLK_LOW_POWER HOST CONTROLLER n.c. XTAL2_SYS XTAL1_LPO XTAL2_LPO SIF_CLK SLCCTR VANLO VANLI VBAT VBGP POR_DISABLE 1.8 V VREG18 1.8 V n.c. XTAL1_SYS VSSA VDDCO3 VSSCO3 VDDCO2 VSSCO2 VDDIORF VSSIORF T_GFSK
1.8 V
1.8 V
1.8 V 2.7 V 2.7 V 2.7 V
2.7 V VS1 T_GFSK R_DATA RSSI REFCLK S_DATA S_EN S_CLK DCXCTR ANT PA_OUT PA_IN VS2 VS3
PCF87852
BASEBAND CONTROLLER
R_DATA RSSI REF_CLK SIF_DATA SIF_EN
BGB102
RADIO MODULE GND
Bluetooth baseband controller
MCE654
100 nF
PCF87852
Fig 2. Application example of hosted Bluetooth system with PCF87852 and BGB102 (or BGB101) RF module.
8 of 12
Philips Semiconductors
PCF87852
Bluetooth baseband controller
8. Limiting values
Table 4: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter VDDC VDDIO18 VDDIOV VDDA VDDO VI core supply voltage 1.8 V I/O supply voltage variable I/O supply voltage analog supply voltage oscillator supply voltage input voltage on any pin with respect to ground (VSS)
[1]
Conditions
Min -0.5 -0.5 -0.5 -0.5 -0.5 -0.5 -0.5
Max +2.5 +4.6 +2.5 +4.6 +2.5 +2.5
Unit V V V V V V
VDDIORF RF interface supply voltage
VDDX + 0.5 V
II Ptot Tamb Tstg
[1]
input DC current through any pin total power dissipation ambient temperature storage temperature
-40 -40
100 200 +85 +125
mA mW C C
VDDX represents the supply voltage of the functional block associated with the pin.
9397 750 12161
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data
Rev. 01 -- 23 April 2004
9 of 12
Philips Semiconductors
PCF87852
Bluetooth baseband controller
9. Revision history
Table 5: Rev Date 01 20040423 Revision history CPCN Description Preliminary data (9397 750 12161)
9397 750 12161
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data
Rev. 01 -- 23 April 2004
10 of 12
Philips Semiconductors
PCF87852
Bluetooth baseband controller
10. Data sheet status
Level I II Data sheet status[1] Objective data Preliminary data Product status[2][3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
11. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
13. Licenses
Purchase of Philips I2C components Purchase of Philips I2C components conveys a license under the Philips' I2C patent to use the components in the I2C system provided the system conforms to the I2C specification defined by Philips. This specification can be ordered using the code 9398 393 40011.
12. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or
14. Trademarks
Bluetooth -- is a trademark of the Bluetooth SIG, Inc, USA and used by Philips Semiconductors under license. ARM7TDMI -- is a trademark of ARM Ltd. I2C-bus -- is a trademark of Koninklijke Philips Electronics N.V. IOM -- is a registered trademark of Siemens AG and Infinion Technologies AG.
Contact information
For additional information, please visit http://www.semiconductors.philips.com. For sales office addresses, send e-mail to: sales.addresses@www.semiconductors.philips.com.
9397 750 12161
Fax: +31 40 27 24825
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data
Rev. 01 -- 23 April 2004
11 of 12


▲Up To Search▲   

 
Price & Availability of PCF87852

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X