Part Number Hot Search : 
LC75700 SAMSUNG FSC4NF SFF10 TRRPB IRF40B TRRPB 2E101
Product Description
Full Text Search
 

To Download PBYR1540CTF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Rectifier diodes Schottky barrier
FEATURES
* Low forward volt drop * Fast switching * Reverse surge capability * High thermal cycling performance * Isolated mounting tab
PBYR1545CTF, PBYR1545CTX series
SYMBOL
QUICK REFERENCE DATA VR = 40 V/ 45 V IO(AV) = 15 A VF 0.57V
a1 1 k2
a2 3
GENERAL DESCRIPTION
Dual, common cathode schottky rectifier diodes in a plastic envelope with electrically isolated mounting tab. Intended for use as output rectifiers in low voltage, high frequency switched mode power supplies. The PBYR1545CTF series is supplied in the SOT186 package. The PBYR1545CTX series is supplied in the SOT186A package.
PINNING
PIN 1 2 3 tab DESCRIPTION anode 1 (a) cathode (k) anode 2 (a) isolated
SOT186
case
SOT186A
case
123
123
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL PARAMETER CONDITIONS PBYR15 PBYR15 VRRM VRWM VR IO(AV) IFRM IFSM Peak repetitive reverse voltage Working peak reverse voltage Continuous reverse voltage Average rectified output current (both diodes conducting) Repetitive peak forward current per diode Non-repetitive peak forward current per diode Peak repetitive reverse surge current per diode Operating junction temperature Storage temperature Ths 89 C square wave; = 0.5; Ths 93 C square wave; = 0.5; Ths 93 C t = 10 ms t = 8.3 ms sinusoidal; Tj = 125 C prior to surge; with reapplied VRRM(max) pulse width and repetition rate limited by Tj max - 65 MIN. MAX. 40CTF 40CTX 40 40 40 15 15 100 110 1 150 175 45CTF 45CTX 45 45 45 UNIT
V V V A A A A A C C
IRRM Tj Tstg
October 1998
1
Rev 1.300
Philips Semiconductors
Product specification
Rectifier diodes Schottky barrier
PBYR1545CTF, PBYR1545CTX series
ISOLATION LIMITING VALUE & CHARACTERISTIC
Ths = 25 C unless otherwise specified SYMBOL PARAMETER Visol Peak isolation voltage from all terminals to external heatsink CONDITIONS SOT186 package; R.H. 65%; clean and dustfree MIN. TYP. MAX. UNIT 1500 V
Visol
R.M.S. isolation voltage from SOT186A package; f = 50-60 Hz; all terminals to external sinusoidal waveform; R.H. 65%; clean heatsink and dustfree Capacitance from pin 2 to external heatsink f = 1 MHz
-
-
2500
V
Cisol
-
10
-
pF
THERMAL RESISTANCES
SYMBOL PARAMETER Rth j-hs Rth j-a Thermal resistance junction to heatsink Thermal resistance junction to ambient CONDITIONS per diode both diodes (with heatsink compound) in free air MIN. TYP. MAX. UNIT 55 6 5.2 K/W K/W K/W
ELECTRICAL CHARACTERISTICS
Tj = 25 C unless otherwise specified SYMBOL PARAMETER VF IR Cd Forward voltage Reverse current Junction capacitance CONDITIONS IF = 7.5 A; Tj = 125C IF = 15 A; Tj = 125C IF = 15 A VR = VRWM VR = VRWM; Tj = 100C VR = 5 V; f = 1 MHz, Tj = 25C to 125C MIN. TYP. MAX. UNIT 0.44 0.63 0.62 0.22 18 270 0.57 0.72 0.84 1 25 V V V mA mA pF
October 1998
2
Rev 1.300
Philips Semiconductors
Product specification
Rectifier diodes Schottky barrier
PBYR1545CTF, PBYR1545CTX series
8 7 6 5
Forward dissipation, PF (W) Vo = 0.42 V Rs = 0.02 Ohms
PBYR745
Ths(max) (C) D = 1.0
102 108
100
Reverse current, IR (mA)
PBYR1545CT
125 C
0.5 0.2
114 120
10 100 C 1 75 C 50 C 0.1 Tj = 25 C
4 3
0.1
I tp D= tp T t
126 132 138 144 150 12
2 1 0 0 2
T
0.01 0 25 Reverse voltage, VR (V) 50
4 6 8 Average forward current, IF(AV) (A)
10
Fig.1. Maximum forward dissipation PF = f(IF(AV)) per diode; square current waveform where IF(AV) =IF(RMS) x D.
Forward dissipation, PF (W) PBYR745
Fig.4. Typical reverse leakage current per diode; IR = f(VR); parameter Tj
8
Ths(max) / C
102 108
Cd / pF 1000
PBYR1545CT
Vo = 0.42 V 7 Rs = 0.02 Ohms 6 5 4 3 2 1 0 0 1 2 3 4 5 6 Average forward current, IF(AV) (A) 7 2.8 4 2.2 1.9 a = 1.57
114 120 126 132 138 144 150 8
10 1 10 VR / V 100 100
Fig.2. Maximum forward dissipation PF = f(IF(AV)) per diode; sinusoidal current waveform where a = form factor = IF(RMS) / IF(AV).
Fig.5. Typical junction capacitance per diode; Cd = f(VR); f = 1 MHz; Tj = 25C to 125 C.
50
Forward current, IF (A) Tj = 25 C Tj = 125 C
PBYR1545CT
10
Transient thermal impedance, Zth j-hs (K/W)
40
1
30 typ 20
0.1
max 10
P D
tp
D=
tp T t
T
0
0.01
0
0.2
0.4
0.6 0.8 1 Forward voltage, VF (V)
1.2
1.4
1us
10us
100us
1ms 10ms 100ms 1s 10s pulse width, tp (s) PBYR1545CTX
Fig.3. Typical and maximum forward characteristic IF = f(VF); parameter Tj
Fig.6. Transient thermal impedance per diode; Zth j-hs = f(tp).
October 1998
3
Rev 1.300
Philips Semiconductors
Product specification
Rectifier diodes Schottky barrier
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
PBYR1545CTF, PBYR1545CTX series
10.2 max 5.7 max 3.2 3.0
0.9 0.5
4.4 max 2.9 max 4.4 4.0
7.9 7.5 17 max
seating plane
3.5 max not tinned
4.4
13.5 min 1 0.4 M 2 3 0.9 0.7 2.54 5.08 top view 1.3
0.55 max
Fig.7. SOT186; The seating plane is electrically isolated from all terminals.
Notes 1. Refer to mounting instructions for F-pack envelopes. 2. Epoxy meets UL94 V0 at 1/8".
October 1998
4
Rev 1.300
Philips Semiconductors
Product specification
Rectifier diodes Schottky barrier
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
10.3 max 3.2 3.0
PBYR1545CTF, PBYR1545CTX series
4.6 max 2.9 max
Recesses (2x) 2.5 0.8 max. depth
2.8 6.4 15.8 19 max. max. seating plane 15.8 max
3 max. not tinned 3 2.5 13.5 min. 1 0.4
M
2
3 1.0 (2x) 0.6 2.54 0.5 2.5 1.3 0.9 0.7
5.08
Fig.8. SOT186A; The seating plane is electrically isolated from all terminals.
Notes 1. Refer to mounting instructions for F-pack envelopes. 2. Epoxy meets UL94 V0 at 1/8".
October 1998
5
Rev 1.300
Philips Semiconductors
Product specification
Rectifier diodes Schottky barrier
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
PBYR1545CTF, PBYR1545CTX series
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1998 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
October 1998
6
Rev 1.300


▲Up To Search▲   

 
Price & Availability of PBYR1540CTF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X