Part Number Hot Search : 
FU024 1313TC 835KM C2012X7 F4606 NLAS6234 FR104 G936T82T
Product Description
Full Text Search
 

To Download P4KA30A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P4KA6.8 THRU P4KA43A
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Breakdown Voltage - 6.8 to 43 Volts
D * T E
DO-204AL
Peak Pulse Power - 400 Watts
FEATURES
1.0 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) DIA.
0.205 (5.2) 0.160 (4.1)
1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) DIA.
NOTE: Lead diameter is 0.026 (0.66)
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Designed for under the hood applications Exclusive patented PARTM oxide passivated chip construction 400W peak pulse power capability with a 10/1000s waveform, repetition rate (duty cycle): 0.01% Excellent clamping capability Low incremental surge resistance Fast response time: typically less than 1.0ps from 0 Volts to V(BR) For devices with V(BR)10V, ID are typically less than 1.0A High temperature soldering guaranteed: 300C/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
P A T E
N
0.023 (0.58)
for suffix "E" part numbers
Dimensions in inches and (millimeters) Patent #'s 4,980,315 5,166,769 5,278,094
MECHANICAL DATA
Case: JEDEC DO-204AL molded plastic body over passivated junction Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end (cathode) Mounting Position: Any Weight: 0.012 ounce, 0.3 gram
*
Available in unidirectional only
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
Peak pulse power dissipation with a 10/1000s waveform (NOTE 1, FIG. 1) Peak pulse current with a 10/1000s waveform
(NOTE 1, FIG. 3)
PPPM IPPM PM(AV)
Minimum 400
SEE TABLE 1
Watts Amps Watts
Steady state power dissipation at TL=75C lead lengths 0.375" (9.5mm) (NOTE 2) Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) (NOTE 3) Maximum instantaneous forward voltage at 25A Operating junction and storage temperature range
1.0
IFSM VF TJ, TSTG
40.0 3.5 -65 to +185
Amps Volts C
NOTES: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA=25C per Fig. 2 (2) Mounted on copper pad area of 1.6 x 1.6" (40 x 40mm) per Fig. 5
8/6/98
ELECTRICAL CHARACTERISTICS at (TA=25C unless otherwise noted) TABLE 1
Breakdown Voltage V(BR) Volts (NOTE 1) Test Current at IT (mA) Stand-off Voltage VWM (Volts) Maximum Reverse Leakage at VWM ID (A) Maximum Reverse Leakage at VWM, TJ=150C ID (A) Maximum Peak Pulse Current IPPM
(NOTE 2)
Device Type
MIN
MAX
(Amps)
Maximum Clamping Voltage at lPPM VC (Volts)
Maximum Temperature Coefficient of V(BR) (% / C)
P4KA6.8 P4KA6.8A P4KA7.5 P4KA7.5A P4KA8.2 P4KA8.2A P4KA9.1 P4KA9.1A P4KA10 P4KA10A P4KA11 P4KA11A P4KA12 P4KA12A P4KA13 P4KA13A P4KA15 P4KA15A P4KA16 P4KA16A P4KA18 P4KA18A P4KA20 P4KA20A
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.3 15.8 17.6 16.8 19.8 18.9 22.0 21.0
10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.0
300 300 150 150 50.0 50.0 10.0 10.0 5.0 5.0 2.0 2.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
1000 1000 500 500 200 200 50.0 50.0 20.0 20.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0
37.0 38.1 34.2 35.4 32.0 33.1 29.0 29.9 26.7 27.6 24.7 25.6 23.1 24.0 21.1 22.0 18.2 18.9 17.0 17.8 15.1 15.9 13.7 14.4
10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.5 29.1 27.7
0.057 0.057 0.060 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.076 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.0903
ELECTRICAL CHARACTERISTICS at (TA=25C unless otherwise noted) TABLE 1 (Cont'd)
Breakdown Voltage V(BR) Volts (NOTE 1) Device Type MIN MAX Test Current at IT (mA) Stand-off Voltage VWM (Volts) Maximum Reverse Leakage at VWM ID (A) Maximum Reverse Leakage at VWM, Tc=150C ID (A) Maximum Peak Pulse Current IPPM
(NOTE 2)
(Amps)
Maximum Clamping Voltage at lPPM VC (Volts)
Maximum Temperature Coefficient of V(BR) (% / C)
P4KA22 P4KA22A P4KA24 P4KA24A P4KA27 P4KA27A P4KA30 P4KA30A P4KA33 P4KA33A P4KA36 P4KA36A P4KA39 P4KA39A P4KA43 P4KA43A
19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9
24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0
12.5 13.1 11.5 12.0 10.2 10.7 9.2 9.7 8.4 8.8 7.7 8.0 7.1 7.4 6.5 6.7
31.9 30.6 34.2 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3
0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101
NOTES: (1) V(BR) measured after IT applied for 300s, IT=square wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derated per Fig. 2 (3) All terms and symbols are consistent with ANSI/IEEE C62.35
RATINGS AND CHARACTERISTIC CURVES P4KA6.8 THRU P4KA43A
FIG. 2 - PULSE DERATING CURVE PEAK PULSE POWER (PPP) or CURRENT (IPP) DERATING IN PERCENTAGE, % FIG. 1 - PEAK PULSE POWER RATING CURVE
100
PPPM, PEAK PULSE POWER, kW
100
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 TA=25C
10
75
50
1.0
25
0.1 0.1s
1.0s
10s
100s
1.0ms
10ms
td, PULSE WIDTH, sec.
0 0 25 50 75 100 125 150 175 200
TA, AMBIENT TEMPERATURE, C
FIG. 3 - PULSE WAVEFORM
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
150
CJ, JUNCTION CAPACITANCE, pF IPPM PEAK PULSE CURRENT, %
tr=10sec. PEAK VALUE IPPM PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPP
20,000 10,000
TJ=25C f=1.0 MHz Vsig=50mVp-p MEASURED at ZERO BIAS
100
HALF VALUE - Ipp 2
1,000
MEASURED at STAND-OFF VOLTAGE, VWM
50
10/1000sec. WAVEFORM as DEFINED by R.E.A.
td
0
100 0 1.0 2.0
t, TIME, ms
3.0
4.0
1.0
10
100 200
V(BR), BREAKDOWN VOLTAGE, VOLTS
PM(AV), STEADY STATE POWER DISSIPATION, WATTS
FIG. 5 - STEADY STATE POWER DERATING CURVE
1.00
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
FIG. 6 - MAXIMUM NON-REPETITIVE\PEAK FORWARD SURGE CURRENT
50
L =0.375" (9.5mm)
0.75
LEAD LENGTHS
40 30 20 10 0
0.50
1.58 x 1.58 x 0.040" (40 x 40 x 1mm) COPPER HEAT SINKS
0.25
TL=75C 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0
1
10
NUMBER OF CYCLES AT 60 HZ
100
0
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE,C


▲Up To Search▲   

 
Price & Availability of P4KA30A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X