Part Number Hot Search : 
RICHTEK BR204 TS20P06G TRC104 2725E NSR161 2010A RICHTEK
Product Description
Full Text Search
 

To Download MUR660CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MUR605CT THRU MUR660CT
6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
* * * *
Glass passivated chip Superfast switching time for hight efficiency Low reverse leakage current High surge capacity
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Microsemi Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 200V 400V 600V
TO-220AB
B F 4 A U 12 H K
PIN 1. PIN 2. PIN 3. PIN 4. ANODE CATHODE ANODE CATHODE
C S Q T
MUR605CT MUR610CT MUR620CT MUR640CT MUR660CT
MUR605CT MUR610CT MUR620CT MUR640CT MUR660CT
35V 70V 140V 280V 420V
3
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element 605CT-620CT
640CT- 660CT
IF(AV) IFSM
6A 75A
TC = 130C 8.3ms, half sine
L G N
V D
J R
VF
IFM = 3 A per .975V element; 1.25 V TA = 25C* 5.0uA 50uA TJ = 25C TJ = 100C IF=8.0A, Irr=0.25A 35ns 60ns 75ns
A B C D F G H J K L Q R S T U V
MM 14.48 9.66 4.06 0.64 3.61 2.42 2.80 0.46 12.70 1.14 2.54 2.04 1.14 5.97 ----1.15 15.75 10.28 4.82 0.89 3.73 2.66 3.93 0.64 14.27 1.52 3.04 2.79 1.39 6.48 1.27 ------
Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time 605CT- 620 640CT
IR
Trr
INCHES .570 .620 .380 .405 .160 .190 .025 .035 .142 .147 .095 .105 .110 .155 .018 .025 .500 .562 .045 .060 .100 .120 .080 .110 .045 .055 .235 -----.045 .255 .050 ------
660CT
*Pulse test: Pulse width 300 sec, Duty cycle 1%
www.mccsemi.com
MUR605CT thru MU660CT
Figure 1 Typical Forward Characteristics 100 60 40 605CT-620CT 20 10 6 4 2 Amps 1 .6 .4 .2 .1 .006 .06 .04 .02 .01 .001 20 .2 .4 .6 .8 1.0 1.2 1.4 40 60 .00 4 .002 640CT-660CT 25C 10 6 4 2 1 .6 .4 .2 TJ=25C mAmps .1 .06 .04 .02 .01
MCC
Figure 2 Typical Reverse Characteristics
100 Volts
120
140
160
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 16
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 4 Maximum Non-Repetitive Forward Surge Current 150
12
125 100 75 Amps 50 25
8
6 Amps 4
2 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 50 100 125 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 150 160 175
0
1
2
4
6
8 10 Cycles
20
40 00
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MUR660CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X