Part Number Hot Search : 
SP486E DA156 2SJ492 4S640 356HF6 EBSC100 P4SMAJ17 AO4802L
Product Description
Full Text Search
 

To Download MRSS31U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET MRSS31U Micro power Built-in IC ultra-minimum MR sensor
FEATURES *Micro power (15W(typ):Vcc=3V) and High-sensitivity(2mT(typ)) (suited for battery-operation) *Ultra-small size MR(Magneto-resistance)sensor * Volume and mounting area are 50% smaller than MRSS22L. * Height is about 4mm lower than MRSS22L. *Operating in one way magnetic field *Operating with independent pole (easily manufacture) *Superior Temperature stability *Lead free goods 2.Fundamental Operation 2-1.Direction of Magnetic Field 2-2.Circuit Block
SWITCH
q1 q2
2.0 * } 0.2 0.3
+0.1 -0.05
MR Sensor
1.Dimension (Unit:mm)
0.25 * } 0 .1
0.15
+0.1 -0.05
Gnd
2 .1 * } 0 .1
0 * 0 .05
1 .6
Vcc
Out
0.6 5
0.65
Ma x0.8
u
SAMPLING LOGIC LATCH
Op-Amp nts
MOS
Operation
q3
q4 fmc
R1 * R 4 * F MR Elements
2-3.Performance Characteristics (253C) Operating require Condition H = 0 mT(Magnetic Flux Density) [0 A/m (Magnetic Field Strength)] H 2.0(Typ)mT(Magnetic Flux Density) [1.6kA/m (Magnetic Field Strength)] H 0.5 mT (Magnetic Flux Density) [0.4kA/m(Magnetic Field Strength)] Output Voltage Hi-level Lo-level Hi-level
When power switch is ON When magnetic field is applied When magnetic field is applied
0.4 * } 0 .1
DATA SHEET MRSS31U
3.Performance 3-1.Operating Conditions Recommended (Ta = 253C unless otherwise specified) Item Supply Voltage Supply Current Ambient Temperature Output Voltage VOL Hi-level output Hon Lo-level output Hoff
*1) *2)
MR Sensor
Output VOH
Condition Vcc=3V Vcc=3V Iout=2mA VCC=3V Iout=-2mA
Min 2.5 -20 2.7 0.5 (0.4)
Std 3.0 5 25 2.0 (1.6) -
Max 3.7 80 0.3 2.5 (2.0) -
Unit V A
C
V V mT(*1 (kA/m)
(*2
Operating Magnetic Field
1 [mT](SI) = 10 [G] (CGS) ( )= [kA/m](SI)
3-2.Absolute Maximum Ratings (Ta = 253C unless otherwise specified) Item Supply Voltage Storage Temperature Condition Specifications 5.0 -40 ~ +125 Unit V
C
The products and product specifications described in this material are subject to change without notice for reasons of modification or improvement.
DATA SHEET MRSS31U
MR Sensor
4. Recommended Mount Pad
0.6
0.8
0.65 1.3
0.65
1.9
( Unit : mm)
The products and product specifications described in this material are subject to change without notice for reasons of modification or improvement.
NEC Corporation Fiber Optic Device Division (Shin Tamachi Building) 34-6, Shiba 5-chome, Minato-ku, Tokyo 108-0014, Japan Tel:+81-3-3798-5864 Fax:+81-3-3798-5857
http://www.sw.nec.co.jp/on/dd/en/ EWV-19-0087-01E, Feb., 2005 Copyright (c) 2005 NEC Corporation


▲Up To Search▲   

 
Price & Availability of MRSS31U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X