|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS MOC256-M DESCRIPTION The MOC256-M is an AC input phototransistor optocoupler. The device consists of two infrared emitters connected in anti-parallel and coupled to a silicon NPN phototransistor detector. It is designed for applications requiring the detection or monitoring of AC signals. The device is constructed with a standard SOIC-8 footprint. FEATURES * UL Recognized File (#E90700, Volume 2) * VDE recognized (File #136616) - Ordering option V (i.e. MOC256V-M) * Industry Standard SOIC-8 Surface Mountable Package, with 0.050" lead spacing * Available in Tape and Reel Option * Bidirectional AC Input (Protection Against Reversed DC Bias) * Guaranteed CTR Symmetry of 2:1 Maximum * High Input-Output Isolation of 2500 Vac (rms) Guaranteed AC IN 1 8 N/C AC IN 2 7 BASE N/C 3 6 COLLECTOR N/C 4 5 EMITTER ABSOLUTE MAXIMUM RATINGS (TA = 25C Unless otherwise specified) Rating EMITTER Forward Current - Continuous Forward Current - Peak (PW = 100 s, 120 pps) LED Power Dissipation @ TA = 25C Derate above 25C DETECTOR Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Detector Power Dissipation @ TA = 25C Derate above 25C TOTAL DEVICE Input-Output Isolation Voltage (f = 60 Hz, t = 1 min.) Total Device Power Dissipation @ TA = 25C Derate above 25C Ambient Operating Temperature Range Storage Temperature Range VISO PD TA Tstg 2500 250 2.94 -40 to +100 -40 to +150 Vac(rms) mW mW/C C C VCEO VECO IC PD 30 7.0 150 150 1.76 V V mA mW mW/C IF IF (pk) PD 60 1.0 90 0.8 mA A mW mW/C Symbol Value Unit (c) 2003 Fairchild Semiconductor Corporation Page 1 of 7 4/10/03 AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS MOC256-M ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise specified) Parameter EMITTER Input Forward Voltage Input Capacitance DETECTOR Collector-Emitter Dark Current Collector-Base Dark Current Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Capacitance Collector-Base Capacitance Emitter-Base Capacitance COUPLED Current Transfer Ratio(1) Output-Collector Current Symmetry Collector-Emitter Saturation Voltage Isolation Surge Voltage(2,3) Isolation Resistance(3) (IF = 10 mA, VCE = 10 V) CTR -- VCE (sat) VISO RISO CISO 20 0.5 -- 2500 1011 -- 0.1 -- -- 0.2 150 -- 2.0 0.4 -- -- -- % -- V Vac(rms) pF (VCE = 10 V, TA = 25C) (VCE = 10 V, TA = 100C) (VCB = 10V) (IC = 10 mA) (IC = 100 A) (IE = 100 A) (f = 1.0 MHz, VCE = 0) (f = 1.0 MHz, VCB = 0) (f = 1.0 MHz, VEB = 0) ICEO1 ICEO2 ICBO BVCEO BVCBO BVECO CCE CCB CEB -- -- -- 30 70 5 -- -- -- 1.0 1.0 0.2 100 120 10 7 20 10 100 -- -- -- -- -- -- -- -- nA A nA nA V V pF pF pF (IF = 10 mA) (V = 0 V, f = 1 MHz) VF CJ -- -- 1.2 20 1.5 -- V pF Test Conditions Symbol Min Typ* Max Unit ( (IC @ IF = +10 mA, VCE = 10V) (IC @ IF = -10 mA, VCE = 10V) ) (IC = 0.5 mA, IF = 10 mA) (f = 60 Hz AC Peak, t = min) (V = 500 V) (V = 0 V, f = 1 MHz) Isolation Capacitance(3) * Typical values at TA = 25C NOTE: 1. Current Transfer Ratio (CTR) = IC/IF x 100%. 2. Isolation Surge Voltage, VISO, is an internal device dielectric breakdown rating. 3. For this test, Pins 1 and 2 are common and Pins 5, 6 and 7 are common. (c) 2003 Fairchild Semiconductor Corporation Page 2 of 7 4/10/03 AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS MOC256-M Fig. 1 Input Voltage vs. Input Current 100 80 60 10 Fig. 2 Output Curent vs. Input Current I C - OUTPUT COLLECTOR CURRENT (NORMALIZED) I F - INPUT CURRENT (mA) 40 20 0 -20 -40 -60 -80 -100 -2.0 1 VCE = 5V NORMALIZED TO IF = 10mA 0.1 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 VF - INPUT VOLTAGE (V) 0.01 0.1 1 10 100 Fig. 3 Output Current vs. Ambient Temperature 10 IF - LED INPUT CURRENT (mA) Fig. 4 Output Current vs. Collector - Emitter Voltage I C - OUTPUT COLLECTOR CURRENT (NORMALIZED) 1.6 I C - OUTPUT COLLECTOR CURRENT (NORMALIZED) 1.4 1.2 1.0 1 0.8 0.6 0.4 0.2 I F = 10mA NORMALIZED TO VCE = 5V 0.0 0 1 2 3 4 5 6 7 8 9 10 NORMALIZED TO TA = 25 o C 0.1 -80 -60 -40 -20 0 20 40 60 o 80 100 120 TA - AMBIENT TEMPERATURE ( C) VCE - COLLECTOR -EMITTER VOLTAGE (V) Fig. 5 Dark Current vs. Ambient Temperature 10000 I CEO - COLLECTOR -EMITTER DARK CURRENT (nA) 1000 VCE=10V 100 10 1 0.1 0 20 40 60 o 80 100 TA - AMBIENT TEMPERATURE ( C) (c) 2003 Fairchild Semiconductor Corporation Page 3 of 7 4/10/03 AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS MOC256-M Package Dimensions (Surface Mount) 8-Pin Small Outline 0.024 (0.61) 0.164 (4.16) 0.144 (3.66) SEATING PLANE 0.060 (1.52) PIN1 0.202 (5.13) 0.182 (4.63) 0.275 (6.99) 0.155 (3.94) 0.010 (0.25) 0.006 (0.16) 0.143 (3.63) 0.123 (3.13) 0.021 (0.53) 0.011 (0.28) 0.008 (0.20) 0.003 (0.08) 0.050 (1.27) TYP 0.244 (6.19) 0.224 (5.69) 0.050 (1.27) Lead Coplanarity : 0.004 (0.10) MAX (c) 2003 Fairchild Semiconductor Corporation Page 4 of 7 4/10/03 AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS MOC256-M ORDERING INFORMATION Option V R1 R1V R2 R2V Order Entry Identifier V R1 R1V R2 R2V Description VDE 0884 Tape and reel (500 units per reel) VDE 0884, Tape and reel (500 units per reel) Tape and reel (2500 units per reel) VDE 0884, Tape and reel (2500 units per reel) MARKING INFORMATION 1 256 V X YY S 2 6 3 4 5 Definitions 1 2 3 4 5 6 Fairchild logo Device number VDE mark (Note: Only appears on parts ordered with VDE option - See order entry table) One digit year code, e.g., `3' Two digit work week ranging from `01' to `53' Assembly package code (c) 2003 Fairchild Semiconductor Corporation Page 5 of 7 4/10/03 AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS MOC256-M Carrier Tape Specifications 8.0 0.10 3.50 0.20 0.30 MAX 4.0 0.10 2.0 0.05 O1.5 MIN 1.75 0.10 5.5 0.05 8.3 0.10 12.0 0.3 5.20 0.20 0.1 MAX 6.40 0.20 O1.5 0.1/-0 User Direction of Feed Reflow Profile 300 Temperature (C) 250 200 150 100 50 0 0 0.5 1 1.5 2 2.5 245C peak 230C, 10-30 s Time above 183C, 120-180 sec Ramp up = 2-10C/sec * Peak reflow temperature: 245C (package surface temperature) * Time of temperature higher than 183C for 120-180 seconds * One time soldering reflow is recommended 3.5 4 4.5 3 Time (Minute) (c) 2003 Fairchild Semiconductor Corporation Page 6 of 7 4/10/03 AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS MOC256-M DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. (c) 2003 Fairchild Semiconductor Corporation Page 7 of 7 4/10/03 |
Price & Availability of MOC256-M |