Part Number Hot Search : 
TC74VH 2SC4126 48D05 RS232 VRE306L HP41C BAS170W 2SK27
Product Description
Full Text Search
 

To Download MI-J21-IA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MI-J00
Features
TM
Military DC-DC Converters 10 to 50W
Inputs: 28Vdc per MIL-STD-704D/E 155Vdc per MIL-STD-1399A 270Vdc per MIL-STD-704D/E Single output: 2 - 48Vdc Up to 23W/in3 MIL-STD-810 environments
Up to 90% efficiency Remote sense Current limit ZVS/ZCS power architecture Low noise FM control Size: 2.28" x 2.4" x 0.5" (57,9 x 61,0 x 12,7mm)
Product Highlights
The MI-J00 family of miniaturized DC-DC converters is designed for military applications utilizing distributed power architectures. Based on Vicor's 1st Generation family of zero-current/zero-voltage switching, component-level, DC-DC converters, the MI-J00 family offers state-of-the-art performance in terms of power density, efficiency, noise, ease of use, and reliability. The MI-J00 family is designed to exceed all steady-state, transient and under/overvoltage requirements of MIL-STD-704D/E for both 28Vdc input (MI-J20) and 270Vdc input (MI-J60), and the worst case envelope of DOD-STD1399A for 155Vdc input. The output voltage can be externally trimmed or programmed from 50% to 110% of nominal output. Current limiting, remote sense, and an inhibit pin all combine to offer a high degree of protection, versatility, and reliability for military power systems. All units are manufactured in ISO 9001-registered facilities. Full epoxy encapsulation in Vicor's industry standard package enables the MI-J00 family units to meet MIL-STD-810 environmental testing requirements for humidity, fungus, salt fog, explosive atmosphere, acceleration, vibration, and shock. (See page 32.)
Converter Specifications
(At TBP = 25C, nominal line and 75% load, unless otherwise specified)
PARAMETER Input Characteristics Input voltage range No load power dissipation Output Characteristics Set point accuracy Load/line regulation Output temperature drift Output noise - pp Output voltage trimming(1) Remote sense compensation OVP set point Current limit Short circuit current Control Pin Characteristics Gate-in high threshold Gate-in low threshold Gate-in low current Isolation Characteristics Isolation (input to output) Isolation (output to baseplate) Isolation (input to baseplate) Input/output capacitance Environmental (MIL-STD-810) Altitude - method 500.2 Humidity - method 507.2 Acceleration - method 513.3 Vibration - method 514.3 Shock - method 516.3 50 0.5 N/A 105 105 6 0.65 6 3,000 500 1,500 50 70,000 86/240 9 20 40 2,871,050 667,568 559,855 80-90 0.14 N/A +100 +125 3.0 (85) 75 125 130 % Inom % Inom Vdc Vdc mA Vrms Vrms Vrms pF feet % /hours g's g's g's hours hours hours % C/W C C ounces (grams) Procedure II Procedure 1, cycle 1 Procedure 2 Procedure 1, category 6 Procedure 1 Auto restart MIN TYP MAX UNITS TEST CONDITIONS
See input voltage chart 1.35 2.0 0.5 0.05 0.2 0.01 1.0 100 1.0 0.2 0.5 0.02 1.5 150 110
Watts % Vnom % Vnom % Vnom %/C % Vnom mV % Vnom Vdc
LL to HL, 10% to FL LL to HL, NL to 10%
}
Whichever is greater 20MHz BW
Reliability (MIL-HDBK-217F) 25C Ground Benign: G.B. 50C Naval Sheltered: N.S. 65C Airborne Inhabited Cargo: A.I.C. Thermal Characteristics Efficiency Baseplate to sink Thermal shutdown Baseplate operating temperature Storage temperature Mechanical Specifications Weight
With thermal pads See product grade See product grade
(1)
10V, 12V, and 15V outputs, standard trim range 10%. Consult factory for wider trim range.
MI-J00 10/02
1 of 2
Configuration Chart
MI - J
Nominal
2 5 6 7 = 28V = 155V = 270V = 165V
Semi-custom modules available: Consult factory.
(1) 16V operation at 75% load. (2) These units rated at 75% load from 125-150Vin: MI-J6Z-xY MI-J6Y-xY MI-J60-xY 28Vdc input per MIL-STD 704D/E 155Vdc input per DOD-STD-1399A 270Vdc input per MIL-STD-704D/E
Input Voltage Range
18 - 50V 100 - 210V (2) 125 - 400V 100 - 310V
(1)
Output Voltage Transient
60V 230V 475V Z = 2V Y = 3.3V 0 = 5V X = 5.2V W= 5.5V V = 5.8V T = 6.5V R = 7.5V M= 10V 1 = 12V P = 13.8V 2 = 15V N = 18.5V 3 = 24V L = 28V J = 36V K = 40V 4 = 48V
Product Grade
I M = =
Operating Temp.
-40C to +100C -55C to +100C
Output Power/Current 5V <5V
A Z Y = = = 10W 25W 50W --o 5A 10A
Product Grade Specifications
PARAMETER I - Grade Storage temperature Operating temperature (baseplate) Power cycling burn-in Temperature cycled with power off Test data supplied at these temperatures* Warranty Environmental compliance Derating -55C to +125C -40C to +100C 12 hours, 25 cycles 48 hours, 12-16 cycles -55C to +100C -40C, +80C 2 years MIL-STD-810 NAVMAT P-4855-1A PRODUCT GRADE M - Grade -65C to +125C -55C to +100C 96 hours, 200 cycles 48 hours, 12-16 cycles -65C to +100C -55C, +80C 2 years MIL-STD-810 NAVMAT P- 4855-1A
*Test data available for review or download from vicorpower.com
Mechanical Drawing
2.28 (57,9)
0.49 (12,4) 1.30 (33,0) 0.65 (16,5)
0.300.015 (7,6)(0,38)
0.080 Dia (2) places Solder plate over copper alloy
4 3 2.10 (53,4) 2 1
9 8
1.40 1.00 (35,6) 0.70 (25,4) 0.40 (17,8) (10,2)
0.35 0.015 (8,9)(0,38)
MI-J00
7 6 5
Pin # 1 2 3 4 5 6 7 8 9
Function +In Gate In Gate Out -In +Out +Sense Trim -Sense -Out
0.15 (3,8)
FULL R 0.15 (3,8)
0.040 (1,0) Dia (7) places Solder plate over copper alloy Product ID this surface 2.40 (61,0) 1.75 (44,4) Max.
1.90 (48,3)
0.22 (5,6) Min.
0.30 (7,6) Min.
0.50 (12,7) 0.12 (3,0)
+0.030 (0,76) -0.000 (0)
.01 Aluminum Base
MI-J00 10/02
1 of 2


▲Up To Search▲   

 
Price & Availability of MI-J21-IA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X