Part Number Hot Search : 
MC13224V IZ1215S TDA3420 DSP56401 5F35L2 5365A 25160LI 24C4PS0
Product Description
Full Text Search
 

To Download MC33164D-5R2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC34164, MC33164, NCV33164 Micropower Undervoltage Sensing Circuits
The MC34164 series are undervoltage sensing circuits specifically designed for use as reset controllers in portable microprocessor based systems where extended battery life is required. These devices offer the designer an economical solution for low voltage detection with a single external resistor. The MC34164 series features a bandgap reference, a comparator with precise thresholds and built-in hysteresis to prevent erratic reset operation, an open collector reset output capable of sinking in excess of 6.0 mA, and guaranteed operation down to 1.0 V input with extremely low standby current. The MC devices are packaged in 3-pin TO-226AA, micro size TSOP-5, 8-pin SOIC-8 and Micro8TM surface mount packages. The NCV device is packaged in SOIC-8. Applications include direct monitoring of the 3.0 V or 5.0 V MPU/logic power supply used in appliance, automotive, consumer, and industrial equipment. * Temperature Compensated Reference * Monitors 3.0 V (MC34164-3) or 5.0 V (MC34164-5) Power Supplies * Precise Comparator Thresholds Guaranteed Over Temperature * Comparator Hysteresis Prevents Erratic Reset * Reset Output Capable of Sinking in Excess of 6.0 mA * Internal Clamp Diode for Discharging Delay Capacitor * Guaranteed Reset Operation With 1.0 V Input * Extremely Low Standby Current: As Low as 9.0 mA * Economical TO-226AA, TSOP-5, SOIC-8 and Micro8 Surface Mount Packages * NCV Prefix for Automotive and Other Applications Requiring Site and Control Changes * Pb-Free Packages are Available
Input Reset
http://onsemi.com
8 1 1 2 3 SOIC-8 D SUFFIX CASE 751 5 8 1 Micro8 DM SUFFIX CASE 846A 1 TSOP-5 SN SUFFIX CASE 483
TO-226AA P SUFFIX CASE 29
PIN CONNECTIONS
Reset 1 Input 2 N.C. 3 Ground 4 (Top View) 8 N.C. 7 N.C. 6 N.C. 5 N.C.
TSOP-5 Pin 1. 2. 3. 4. 5. Ground Input Reset NC NC
TO-226AA Pin 1. Reset 2. Input 3. Ground
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 7 of this data sheet.
1.2 Vref
= Sink Only Positive True Logic
DEVICE MARKING INFORMATION
See general marking information in the device marking section on page 9 of this data sheet.
GND
Figure 1. Representative Block Diagram
This device contains 28 active transistors.
(c) Semiconductor Components Industries, LLC, 2005
1
August, 2005 - Rev. 16
Publication Order Number: MC34164/D
MC34164, MC33164, NCV33164
MAXIMUM RATINGS
Rating Power Input Supply Voltage Reset Output Voltage Reset Output Sink Current Clamp Diode Forward Current, Reset to Input Pin (Note 1) Power Dissipation and Thermal Characteristics P Suffix, Plastic Package Maximum Power Dissipation @ TA = 25C Thermal Resistance, Junction-to-Air D Suffix, Plastic Package Maximum Power Dissipation @ TA = 25C Thermal Resistance, Junction-to-Air DM Suffix, Plastic Package Maximum Power Dissipation @ TA = 25C Thermal Resistance, Junction-to-Air Operating Junction Temperature Operating Ambient Temperature Range MC34164 Series MC33164 Series, NCV33164 Storage Temperature Range Electrostatic Discharge Sensitivity (ESD) Human Body Model (HBM) Machine Model (MM) Symbol Vin VO ISink IF Value -1.0 to 12 -1.0 to 12 Internally Limited 100 Unit V V mA mA
PD RqJA PD RqJA PD RqJA TJ TA
700 178 700 178 520 240 +150 0 to +70 - 40 to +125
mW C/W mW C/W mW C/W C C
Tstg ESD
- 65 to +150 4000 200
C V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
MC34164-3, MC33164-3 SERIES, NCV33164-3 ELECTRICAL CHARACTERISTICS (For typical values TA = 25C, for min/max values TA is the operating ambient temperature
range that applies [Notes 2 & 3], unless otherwise noted.) Characteristic COMPARATOR Threshold Voltage High State Output (Vin Increasing) Low State Output (Vin Decreasing) Hysteresis (ISink = 100 mA) RESET OUTPUT Output Sink Saturation (Vin = 2.4 V, ISink = 1.0 mA) (Vin = 1.0 V, ISink = 0.25 mA) Output Sink Current (Vin, Reset = 2.4 V) Output Off-State Leakage (Vin, Reset = 3.0 V) (Vin, Reset = 10 V) Clamp Diode Forward Voltage, Reset to Input Pin (IF = 5.0 mA) TOTAL DEVICE Operating Input Voltage Range Quiescent Input Current Vin = 3.0 V Vin = 6.0 V Vin Iin - - 9.0 24 15 40 1.0 to 10 - - V mA VOL - - ISink
IR(leak)
Symbol
Min
Typ
Max
Unit
V VIH VIL VH 2.55 2.55 0.03 2.71 2.65 0.06 2.80 2.80 -
V 0.14 0.1 12 0.02 0.02 0.9 0.4 0.3 30 0.5 1.0 1.2 V mA mA - -
6.0
VF
0.6
1. Maximum package power dissipation limits must be observed. 2. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible. 3. Tlow = 0C for MC34164 Thigh = +70C for MC34164 = - 40C for MC33164, NCV33164 = +125C for MC33164, NCV33164
http://onsemi.com
2
MC34164, MC33164, NCV33164
MC34164-5, MC33164-5 SERIES, NCV33164-5 ELECTRICAL CHARACTERISTICS (For typical values TA = 25C, for min/max values TA is the operating ambient temperature
range that applies [Notes 5 & 6], unless otherwise noted.) Characteristic COMPARATOR Threshold Voltage High State Output (Vin Increasing) Low State Output (Vin Decreasing) Hysteresis (ISink = 100 mA) RESET OUTPUT Output Sink Saturation (Vin = 4.0 V, ISink = 1.0 mA) (Vin = 1.0 V, ISink = 0.25 mA) Output Sink Current (Vin, Reset = 4.0 V) Output Off-State Leakage (Vin, Reset = 5.0 V) (Vin, Reset = 10 V) Clamp Diode Forward Voltage, Reset to Input Pin (IF = 5.0 mA) TOTAL DEVICE Operating Input Voltage Range Quiescent Input Current Vin = 5.0 V Vin = 10 V Vin Iin - - 12 32 20 50 1.0 to 10 - - V mA VOL - - ISink
IR(leak)
Symbol
Min
Typ
Max
Unit
V VIH VIL VH 4.15 4.15 0.02 4.33 4.27 0.09 4.45 4.45 -
V 0.14 0.1 20 0.02 0.02 0.9 0.4 0.3 50 0.5 2.0 1.2 V mA mA - -
7.0
VF
0.6
4. Maximum package power dissipation limits must be observed. 5. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible. 6. Tlow = 0C for MC34164 Thigh = +70C for MC34164 = - 40C for MC33164, NCV33164 = +125C for MC33164, NCV33164 7. NCV prefix is for automotive and other applications requiring site and change control.
10 8.0 6.0 4.0 2.0 0 0 2.0 4.0 6.0 Vin, INPUT VOLTAGE (V) 8.0 10 RL = 82 k to Vin TA = 25C
10 8.0 6.0 4.0 2.0 0 0 2.0 4.0 6.0 Vin, INPUT VOLTAGE (V) 8.0 10 RL = 82 k to Vin TA = 25C
VO , OUTPUT VOLTAGE (V)
Figure 2. MC3X164-3 Reset Output Voltage versus Input Voltage
VO , OUTPUT VOLTAGE (V)
Figure 3. MC3X164-5 Reset Output Voltage versus Input Voltage
http://onsemi.com
3
MC34164, MC33164, NCV33164
5.0 V O , OUTPUT VOLTAGE (V) V O , OUTPUT VOLTAGE (V) 4.0 3.0 2.0 1.0 RL = 82 k to Vin TA = 25C 0 2.62 2.66 2.70 2.74 2.78 0 4.22 4.26 5.0 4.0 3.0 2.0 1.0 RL = 82 k to Vin TA = 25C 4.30 4.34 4.38
Vin, INPUT VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
Figure 4. MC3X164-3 Reset Output Voltage versus Input Voltage
Figure 5. MC3X164-5 Reset Output Voltage versus Input Voltage
2.76 V in , THRESHOLD VOLTAGE (V) V in , THRESHOLD VOLTAGE (V) Upper Threshold High State Output 2.72
4.36
4.32
Upper Threshold High State Output
2.68
4.28
2.64
Lower Threshold Low State Output
4.24
Lower Threshold Low State Output
2.60 - 50
- 25
0
25
50
75
100
125
4.20 - 50
- 25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (C)
TA, AMBIENT TEMPERATURE (C)
Figure 6. MC3X164-3 Comparator Threshold Voltage versus Temperature
Figure 7. MC3X164-5 Comparator Threshold Voltage versus Temperature
50 40 30 20 10 0 TA = 0C TA = 70C TA = 25C
50 40 30 20 10 0 TA = 25C
I in, INPUT CURRENT ( A)
I in, INPUT CURRENT ( A)
TA = 0C TA = 70C
0
2.0
4.0
6.0
8.0
10
0
2.0
4.0
6.0
8.0
10
Vin, INPUT VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
Figure 8. MC3X164-3 Input Current versus Input Voltage
Figure 9. MC3X164-5 Input Current versus Input Voltage
http://onsemi.com
4
MC34164, MC33164, NCV33164
4.0 V OL, OUTPUT SATURATION (V) V OL, OUTPUT SATURATION (V) Vin = 2.4 V 3.0 TA = 70C TA = 25C 2.0 TA = 25C TA = 0C 1.0 TA = 70C 0 0 4.0 8.0 12 16 20 VSink, SINK CURRENT (mA) TA = 0C 4.0 Vin, Reset = 4 V 3.0 TA = 25C TA = 25C TA = 70C TA = 0C
2.0
TA = 0C 1.0 TA = 70C 0 0 4.0 8.0 12 16 20 ISink, SINK CURRENT (mA)
Figure 10. MC3X164-3 Reset Output Saturation versus Sink Current
Figure 11. MC3X164-5 Reset Output Saturation versus Sink Current
32 I F , FORWARD CURRENT (mA) Reset 24 Vin = 0 V TA = 25C 90% Vin 16 5.0 V 4.0 V
Vin 43k Reset
Vin = 5.0 V to 4.0 V RL = 43 k TA = 25C
8.0
10 %
5.0V 4.0V
Ref
0
0
0.4
0.8 VF , FORWARD VOLTAGE (V)
1.2
1.6
5.0 ms/DIV
Figure 12. Clamp Diode Forward Current versus Voltage
Figure 13. Reset Delay Time (MC3X164-5 Shown)
Input Power Supply Reset
R Reset CDLY Microprocessor Circuit
1.2 Vref tDLY = RCDLY In GND
1-
1 Vth(MPU) Vin
A time delayed reset can be accomplished with the addition of CDLY. For systems with extremely fast power supply rise times (< 500 ns) it is recommended that the RCDLY time constant be greater than 5.0 ms. Vth(MPU) is the microprocessor reset input threshold.
Figure 14. Low Voltage Microprocessor Reset
http://onsemi.com
5
MC34164, MC33164, NCV33164
Test Data Vin RL Reset Microprocessor Circuit VH (mV) 60 103 123 160 155 199 280 262 306 357 421 530 DVth (mV) 0 1.0 1.0 1.0 2.2 2.2 2.2 4.7 4.7 4.7 4.7 4.7 RH (W) 0 100 100 100 220 220 220 470 470 470 470 470 RL (kW) 43 10 6.8 4.3 10 6.8 4.3 10 8.2 6.8 5.6 4.3
RH Iin Power Supply
1.2 Vref MC3X164-5 GND
VH
4.3 RH RL
+ 0.06
DVth(lower) 10 RH x 10 - 6 where: RH 1.0 kW 43 kW RL 4.3 kW
Comparator hysteresis can be increased with the addition of resistor RH. The hysteresis equation has been simplified and does not account for the change of input current Iin as Vin crosses the comparator threshold (Figure 8). An increase of the lower threshold DVth(lower) will be observed due to Iin which is typically 10 mA at 4.3 V. The equations are accurate to 10% with RH less than 1.0 kW and RL between 4.3 kW and 43 kW.
Figure 15. Low Voltage Microprocessor Reset With Additional Hysteresis (MC3X164-5 Shown)
1.0 k Input Power Supply Reset
Input
Reset Solar Cells 1.2 Vref 1.2 Vref GND GND
Figure 16. Voltage Monitor
Figure 17. Solar Powered Battery Charger
VCC RL MTP3055EL
4.3V Input
270
Reset Overheating of the logic level power MOSFET due to insufficient gate voltage can be prevented with the above circuit. When the input signal is below the 4.3 V threshold of the MC3X164-5, its output grounds the gate of the L2 MOSFET.
1.2 Vref GND MC3X164-5
Figure 18. MOSFET Low Voltage Gate Drive Protection Using the MC3X164-5
http://onsemi.com
6
MC34164, MC33164, NCV33164
ORDERING INFORMATION
Device MC33164D-3 MC33164D-3G MC33164D-3R2 MC33164D-3R2G NCV33164D-3R2* NCV33164D-3R2G* MC33164DM-3R2 MC33164DM-3R2G MC33164P-3 MC33164P-3G MC33164P-3RA MC33164P-3RAG MC33164P-3RP MC33164P-3RPG MC33164D-5 MC33164D-5G MC33164D-5R2 MC33164D-5R2G NCV33164D-5R2* NCV33164D-5R2G* MC33164DM-5R2 MC33164DM-5R2G MC33164P-5 MC33164P-5G MC33164P-5RA MC33164P-5RAG MC33164P-5RP MC33164P-5RPG MC34164D-3 MC34164D-3G MC34164D-3R2 MC34164D-3R2G Package SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) Micro8 Micro8 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) Micro8 Micro8 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) 2500 Units / Tape & Reel 98 Units / Rail 2000 Units / Pack 2000 Units / Tape & Reel 2000 Units / Box 4000 Units / Tape & Reel 2500 Units / Tape & Reel 98 Units / Rail 2000 Units / Pack 2000 Units / Tape & Reel 2000 Units / Box 4000 Units / Tape & Reel 2500 Units / Tape & Reel 98 Units / Rail Shipping
http://onsemi.com
7
MC34164, MC33164, NCV33164
ORDERING INFORMATION
Device MC34164DM-3R2 MC34164DM-3R2G MC34164P-3 MC34164P-3G MC34164P-3RP MC34164P-3RPG MC34164D-5 MC34164D-5G MC34164D-5R2 MC34164D-5R2G MC34164DM-5R2 MC34164DM-5R2G MC34164SN-5T1 MC34164SN-5T1G MC34164P-5 MC34164P-5G MC34164P-5RA MC34164P-5RAG MC34164P-5RP MC34164P-5RPG Package Micro8 Micro8 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) Micro8 Micro8 (Pb-Free) TSOP-5 TSOP-5 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) 2000 Units / Tape & Reel 2000 Units / Pack 2000 Units / Pack 3000 Units / Tape & Reel 2000 Units / Box 2000 Units / Box 98 Units / Rail 2500 Units / Tape & Reel 2500 Units / Tape & Reel 4000 Units / Tape & Reel 4000 Units / Tape & Reel 4000 Units / Tape & Reel 2000 Units / Box 2000 Units / Box 2000 Units / Pack 2000 Units / Pack Shipping
*NCV33164: Tlow = -40C, Thigh = +125C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and change control. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
8
MC34164, MC33164, NCV33164
PIN CONNECTIONS AND MARKING DIAGRAMS
TSOP-5 SN SUFFIX CASE 483 5 4 8 3x164 ALYWy G 1 1 1 123 SOIC-8 D SUFFIX CASE 751 Micro8 MC33164DM CASE 846A 8 MIy0 YWW AWL Micro8 MC34164DM CASE 846A 8 MCy0 YWW AWL TO-92 MC3x164P-yRA MC3x164P-yRP MC3x164P-y CASE 29 MC3x1 64P-y YWW
SRCYWG 1 23
SRC x y A WL, L YY, Y WW, W G
= Device Code = Device Number 3 or 4 = Suffix Number 3 or 5 = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free
http://onsemi.com
9
MC34164, MC33164, NCV33164
PACKAGE DIMENSIONS
TO-226AA P SUFFIX CASE 29-11 ISSUE AL
A R P L
SEATING PLANE
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. INCHES MIN MAX 0.175 0.205 0.170 0.210 0.125 0.165 0.016 0.021 0.045 0.055 0.095 0.105 0.015 0.020 0.500 --- 0.250 --- 0.080 0.105 --- 0.100 0.115 --- 0.135 --- MILLIMETERS MIN MAX 4.45 5.20 4.32 5.33 3.18 4.19 0.407 0.533 1.15 1.39 2.42 2.66 0.39 0.50 12.70 --- 6.35 --- 2.04 2.66 --- 2.54 2.93 --- 3.43 ---
K
XX G H V
1
D J C SECTION X-X N N
DIM A B C D G H J K L N P R V
http://onsemi.com
10
MC34164, MC33164, NCV33164
PACKAGE DIMENSIONS
TSOP-5 SN SUFFIX PLASTIC PACKAGE CASE 483-02 ISSUE D
D
5 1 2 4 3
S
B
L G A J C 0.05 (0.002) H K M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. A AND B DIMENSIONS DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. MILLIMETERS MIN MAX 2.90 3.10 1.30 1.70 0.90 1.10 0.25 0.50 0.85 1.05 0.013 0.100 0.10 0.26 0.20 0.60 1.25 1.55 0_ 10 _ 2.50 3.00 INCHES MIN MAX 0.1142 0.1220 0.0512 0.0669 0.0354 0.0433 0.0098 0.0197 0.0335 0.0413 0.0005 0.0040 0.0040 0.0102 0.0079 0.0236 0.0493 0.0610 0_ 10 _ 0.0985 0.1181
DIM A B C D G H J K L M S
SOLDERING FOOTPRINT*
1.9 0.074
0.95 0.037
2.4 0.094 1.0 0.039 0.7 0.028
SCALE 10:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
11
MC34164, MC33164, NCV33164
PACKAGE DIMENSIONS
SOIC-8 D SUFFIX CASE 751-07 ISSUE AG
-X- A
8 5 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
B
1 4
S
0.25 (0.010)
M
Y
M
-Y- G C -Z- H D 0.25 (0.010)
M SEATING PLANE
K
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
DIM A B C D G H J K M N S
SOLDERING FOOTPRINT*
1.52 0.060
7.0 0.275
4.0 0.155
0.6 0.024
1.270 0.050
SCALE 6:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
12
MC34164, MC33164, NCV33164
PACKAGE DIMENSIONS
Micro8 DM SUFFIX CASE 846A-02 ISSUE F
-A-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. 846A-01 OBSOLETE, NEW STANDARD 846A-02. DIM A B C D G H J K L MILLIMETERS MIN MAX 2.90 3.10 2.90 3.10 --- 1.10 0.25 0.40 0.65 BSC 0.05 0.15 0.13 0.23 4.75 5.05 0.40 0.70 INCHES MIN MAX 0.114 0.122 0.114 0.122 --- 0.043 0.010 0.016 0.026 BSC 0.002 0.006 0.005 0.009 0.187 0.199 0.016 0.028
K
-B-
PIN 1 ID
G D 8 PL 0.08 (0.003)
M
TB
S
A
S
-T- PLANE 0.038 (0.0015) H
SEATING
C J L
SOLDERING FOOTPRINT*
8X
1.04 0.041
0.38 0.015
8X
3.20 0.126
4.24 0.167
5.28 0.208
6X
0.65 0.0256
SCALE 8:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
13
MC34164, MC33164, NCV33164
Micro8 is a trademark of International Rectifier.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
14
MC34164/D


▲Up To Search▲   

 
Price & Availability of MC33164D-5R2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X