Part Number Hot Search : 
HN2C10FU 320240 ELM6241 106K0 CA9541 KE220 DMR09A 4082B
Product Description
Full Text Search
 

To Download MBRF1060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
MBRF1035 THRU MBRF1060
SCHOTTKY ISOLATED PLASTIC RECTIFIER
Reverse Voltage - 35 to 60 Volts
ITO-220AC
0.405 (10.27) 0.383 (9.72) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.140 (3.56) DIA. 0.130 (3.30) 0.131 (3.39) DIA. 0.122 (3.08)
Forward Current - 10.0 Amperes FEATURES
Isolated plastic package has Underwriters Laboratory Flammability Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case
0.600 (15.5) 0.580 (14.5) 0.676 (17.2) 0.646 (16.4)
2
0.350 (8.89) 0.330 (8.38)
PIN 1
0.191 (4.85) 0.171 (4.35) 0.560 (14.22) 0.530 (13.46) 0.060 (1.52) 0.110 (2.80) 0.100 (2.54)
MECHANICAL DATA
Case: JEDEC ITO-220AC fully overmolded plastic body Terminals: Leads solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 5 in. - lbs. max. Weight: 0.08 ounces, 1.81 grams
0.037 (0.94) 0.027 (0.69) 0.205 (5.20) 0.195 (4.95)
PIN 1 PIN 2
0.022 (0.55) 0.014 (0.36)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. SYMBOLS MBRF1035 MBRF1045 MBRF1050 MBRF1060 UNITS
Maximum repetitive peak reverse voltage Maximum working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current
(SEE FIG. 1)
VRRM VRWM VDC I(AV) IFRM
35 35 35
45 45 45 10.0 20.0
50 50 50
60 60 60
Volts Volts Volts Amps Amps
Peak repetitive forward current at TC=135C (square wave 20 KHZ) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Peak repetitive reverse surge current (NOTE 1) Voltage rate of change (rated VR) Maximum instantaneous forward voltage at (NOTE 2) IF=10A, TC=25C IF=10A, TC=125C IF=20A, TC=25C IF=20A, TC=125C
IFSM IRRM dv/dt 0.57 0.84 0.72 1.0
150.0 0.5 10,000 0.80 0.70 0.95 0.85 0.10 15.0 4.0 -65 to +150 -65 to +175 4500 (NOTE 3) 3500 (NOTE 4) 1500 (NOTE 5)
Amps Amps Vms Volts
VF
Maximum instantaneous reverse current at rated DC blocking voltage TC= 25C (NOTE 2) TC=125C Maximum thermal resistance, junction to case Operating junction temperature range Storage temperature range RMS Isolation voltage from terminals to heatsink with RH 30%
IR RQJC TJ TSTG VISOL
mA mA C/W C C Volts
NOTES: (1) 2.0ms pulse width, f=1.0 KHZ (2) Pulse test: 300ms pulse width, 1% duty cycle (3) Clip mounting (on case), where lead does not overlap heatsink with 0.110O offset. (4) Clip mounting (on case), where leads do overlap heatsink. (5) Screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19O).
2/18/99
RATINGS AND CHARACTERISTIC CURVES MBRF1035 THRU MBRF1060
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
175
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, AMPERES
12
RESISTIVE OR INDUCTIVE LOAD
150 125 100 75 50 25 0.1
AVERAGE FORWARD CURRENT, AMPERES
10 8 6 4 2 0
1
10
100
MBRF1035 - MBRF1045 MBRF1050 & MBRF1060
NUMBER OF CYCLES AT 60 HZ
0
50
100
150
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
CASE TEMPERATURE, C
20
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
10
MBRF1035 - MBRF1045 MBRF1050 & MBRF1060
50
INSTANTANEOUS FORWARD CURRENT, AMPERES
TJ=125C
1
10
TJ=125C
PULSE WIDTH=300ms 1% DUTY CYCLE
TJ=25C
1
0.1
TJ=75C
0.1
0.01
MBRF1035 - MBRF1045 MBRF1050 & MBRF1060
TJ=25C
0.01
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.001 0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
100
FIG. 5 - TYPICAL JUNCTION CAPACITANCE JUNCTION CAPACITANCE, pF
4,000
1,000
TJ=25C f=1.0 MHz Vsig=50mVp-p
TRANSIENT THERMAL IMPEDANCE, C/W
10.0
MBRF1035 - MBRF1045 MBRF1050 & MBRF1060
1
100 0.1
1
10
100
REVERSE VOLTAGE, VOLTS
0.1 0.01
0.1
1
t, PULSE DURATION, sec.
10
100


▲Up To Search▲   

 
Price & Availability of MBRF1060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X