Part Number Hot Search : 
18XXN 20PG0C EE08645 EE08645 LT161 03929 C1206 TE13A
Product Description
Full Text Search
 

To Download MBR05100-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Formosa MS MBR0520-M THRU MBR05100-M
Chip Schottky Barrier Diodes Silicon epitaxial planer type
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy Molding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current.
0.063(1.6) 0.055(1.4)
SOD-123
0.161(4.1) 0.146(3.7) 0.012(0.3) Typ.
0.071(1.8) 0.055(1.4)
0.126(3.2) 0.110(2.8)
0.035(0.9) Typ.
0.035(0.9) Typ.
Mechanical data
Case : Molded plastic, JEDEC SOD-123 / MINI SMA Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by c athode band Mounting P osition : Any Weight : 0.04 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PARAMETER Forward rectified current Forward surge current See Fig.1 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) VR = VRRM TA = 25o C CONDITIONS Symbol IO IFSM MIN. TYP. MAX. 0.5 15 0.5 10 Rq JC CJ TSTG -55 98 120 +150
o
UNIT A A mA mA C/w pF
o
Reverse current Thermal resistance Diode junction capacitance Storage temperature
VR = VRRM TA = 125o C Junction to ambient f=1MHz and applied 4vDC reverse voltage
IR
C
SYMBOLS
MARKING CODE 02 03 04 05 06 08 01
V RRM
*1
V RMS
*2
VR
*3
VF
*4
Operating temperature (o C)
(V) MBR0520-M MBR0530-M MBR0540-M MBR0550-M MBR0560-M MBR0580-M MBR05100-M 20 30 40 50 60 80 100
(V) 14 21 28 35 42 56 70
(V) 20 30 40 50 60 80 100
(V)
0.45
-55 to +125 *1 Repetitive peak reverse voltage
0.65 -55 to +150 0.80
*2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage
RATING AND CHARACTERISTIC CURVES (MBR0520-M THRU MBR05100-M)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CHARACTERISTICS
0.6 0.5
50
INSTANTANEOUS FORWARD CURRENT,(A)
BR 05 40 05 20 M ~M M BR M ~M BR 05 60 M M
0.4
R MB
R MB 05
0.3 0.2 0.1 0 0 20 40 60 80
10
1.0 0.5
M BR 05
50 -
AMBIENT TEMPERATURE,( C)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
15
05
50
100
20 BR ~M -M 05 40 -M
BR ~M -M 05 10 0M
120
140
160
180
200
BR M
05
80
0 BR ~M -M
51
00
-M
Tj=25 C Pulse Width 300us 1% Duty Cycle
0.1
PEAK FORWARD SURGE CURRENT,(A)
12
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
9
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
FORWARD VOLT AGE,(V)
6
3
FIG.5 - TYPICAL REVERSE
0 1 5 10 50 100
CHARACTERISTICS 100
NUMBER OF CYCLES AT 60Hz
FIG.4-TYPICAL JUNCTION CAPACITANCE
350 300 250 200 150 100 50 0
JUNCTION CAPACITANCE,(pF)
REVERSE LEAKAGE CURRENT, (mA)
10
1.0
Tj=75 C
.1
Tj=25 C
.01
.05
.1
.5
1
5
10
50
100
.01 0
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)


▲Up To Search▲   

 
Price & Availability of MBR05100-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X