Part Number Hot Search : 
02050 2N103D75 50100 SMAJ170A 1C5UM D222EI 4948B MAX1039
Product Description
Full Text Search
 

To Download MBI5026CP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Macroblock
Features
l l l 16 constant-current output channels
Preliminary Datasheet
MBI5026
16-bit Constant Current LED Sink Driver
MBI5026CN\CNS MBI5016CNS
MBI5016CNS
Constant output current invariant to load voltage change Excellent output current accuracy: between channels: <3% (max.), and between ICs: <6% (max.)
CN: P-DIP24-300-2.54 CNS: SP-DIP24-300-1.78
l l l l l l
Output current adjusted through an external resistor Constant output current range: 5-90 mA Fast response of output current, OE (min.): 200 ns 25MHz clock frequency Schmitt trigger input 5V supply voltage
MBI5016CF
MBI5026CD\CF MBI5016CF
CD: SOP24-300-1.27 CF: SOP24-300-1.00
MBI5026CP\CPA
MBI5016CP
Current Accuracy Between Channels < 3% Between ICs < 6%
CP\CPA: SSOP24-150-0.64
Conditions IOUT = 10 ~ 60 mA
Product Description
MBI5026 is designed for LED displays. As an enhancement of its predecessor, MBI5016, MBI5026 exploits PrecisionDriveTM technology to enhance its output characteristics. MBI5026 contains a serial buffer and data latches which convert serial input data into parallel output format. At MBI5026 output stage, sixteen regulated current ports are designed to provide uniform and constant current sinks for driving LEDs within a large range of Vf variations. MBI5026 provides users with great flexibility and device performance while using MBI5026 in their system design for LED display applications, e.g. LED panels. Users may adjust the output current from 5 mA to 90 mA through an external resistor, Rext, which gives users flexibility in controlling the light intensity of LEDs. MBI5026 guarantees to endure maximum 17V at the output port. The high clock frequency, 25 MHz, also satisfies the system requirements of high volume data transmission.
OMacroblock, Inc. 2003 Floor 6-4, No.18, Pu-Ting Rd., Hsinchu, Taiwan 30077, ROC. TEL: +886-3-579-0068, FAX: +886-3-579-7534 E-mail: info@mblock.com.tw -1-
MBI5026
Block Diagram
OUT0
16-bit Constant Current LED Sink Driver
OUT1
OUT14 OUT15
R-EXT
VDD
IO Regulator
OE
16-bit Output Driver 16
LE
GND
16-bit Output Latch 16 16-bit Shift Register SDO
SDI CLK
Terminal Description
Pin Name GND SDI CLK Function Ground terminal for control logic and current sink Serial-data input to the shift register Clock input terminal for data shift on rising edge Data strobe input terminal LE Serial data is transferred to the output latch when LE is high. The data is latched when LE goes low.
Pin Configuration
GND 1 SDI 2 CLK 3 LE 4 OUT0 5 OUT1 6 OUT2 7 OUT3 8 OUT4 9 OUT5 10 OUT6 11 OUT7 12 24 23 22 21 20 19 18 17 16 15 14 13 VDD R-EXT SDO OE OUT15 OUT14 OUT13 OUT12 OUT11 OUT10 OUT9 OUT8
MBI5026CN\CNS\CD\CF\CP
OUT0 ~ OUT15 Constant current output terminals Output enable terminal OE When OE (active) low, the output drivers are enabled; when OE high, all output drivers are turned OFF (blanked). Serial-data output to the following SDI of next driver IC Input terminal used to connect an external resistor for setting up output current for all output channels 5V supply voltage terminal
OUT14 1 OUT15 2 OE 3 SDO 4 R-EXT 5 VDD 6 GND 7 8 SDI CLK 9 LE 10 OUT0 11 OUT1 12 24 23 22 21 20 19 18 17 16 15 14 13 OUT13 OUT12 OUT11 OUT10 OUT9 OUT8 OUT7 OUT6 OUT5 OUT4 OUT3 OUT2
SDO
R-EXT VDD
MBI5026CPA
-2-
August 2003, V0.9
MBI5026
16-bit Constant Current LED Sink Driver
Equivalent Circuits of Inputs and Outputs
OE terminal
VDD
LE terminal
VDD
IN
IN
CLK, SDI terminal
VDD
SDO terminal
VDD
IN
OUT
-3-
August 2003, V0.9
MBI5026
Timing Diagram
N=0 1 2 3 4 5 6 7
16-bit Constant Current LED Sink Driver
8
9
10
11
12
13
14
15
CLK SDI
LE
OE
OUT0 OUT1 OUT2 OUT3
OFF ON OFF ON OFF ON OFF ON
OFF
OUT15
ON
SDO
: don't care
Truth Table
CLK LE H L H X X OE L L L L H SDI Dn Dn+1 Dn+2 Dn+3 Dn+3 OUT 0 ... OUT 7 ... OUT15 Dn ..... Dn - 7 .... Dn - 15 No Change Dn + 2 .... Dn - 5 .... Dn - 13 Dn + 2 .... Dn - 5 .... Dn - 13 Off SDO Dn-15 Dn-14 Dn-13 Dn-13 Dn-13
-4-
August 2003, V0.9
MBI5026
Maximum Ratings
Characteristic Supply Voltage Input Voltage Output Current Output Voltage Clock Frequency GND Terminal Current CN - type CNS - type Power Dissipation (On PCB, Ta=25C) CD - type CF - type CP - type CPA - type CN - type CNS - type Thermal Resistance (On PCB, Ta=25C) CD- type CF - type CP - type CPA - type Operating Temperature Storage Temperature
16-bit Constant Current LED Sink Driver
Symbol VDD VIN IOUT VDS FCLK IGND
Rating 0~7.0 -0.4~VDD + 0.4 +90 -0.5~+20.0 25 1440 2.32 1.87 2.51 2.12 1.73 1.73 53.82 66.74 49.81 59.01 72.43 72.43
Unit V V mA V MHz mA
PD
W
Rth(j-a)
C/W
Topr Tstg
-40~+85 -55~+150
C C
-5-
August 2003, V0.9
MBI5026
Electrical Characteristics
Characteristic Supply Voltage Output Voltage Symbol VDD VDS IOUT Output Current IOH IOL Input Voltage "H" level "L" level VIH VIL IOH VOL VOH IOUT1 dIOUT1 IOUT2 dIOUT2 %/dVDS %/dVDD RIN(up) RIN(down) IDD(off) 1 "OFF" Supply Current "ON" IDD(off) 2 IDD(off) 3 IDD(on) 1 IDD(on) 2
16-bit Constant Current LED Sink Driver
Condition OUT0 ~ OUT15 DC Test Circuit SDO SDO Ta = -40~85C Ta = -40~85C VOH=17.0V IOL=+1.0mA IOH=-1.0mA VDS=0.6V IOL=26.25mA VDS=0.6V VDS=0.8V IOL=52.5mA VDS=0.8V Rext=720 Rext=720 Rext=360 Rext=360
Min. 4.5 5 0.8VDD GND 4.6 250 250 =Off =Off =Off =On =On -
Typ. 5.0 26.25 1 52.5 1 0.1 1 500 500 7 10 12 10 12
Max. 5.5 17.0 90 -1.0 1.0 VDD 0.3VDD 0.5 0.4 3 3 800 800 12 12 15 18 20
Unit V V mA mA mA V V A V V mA % mA % %/V %/V K K
Output Leakage Current Output Voltage Output Current 1
Current Skew SDO
Output Current 2
Current Skew
Output Current vs. Output Voltage Regulation Output Current vs. Supply Voltage Regulation Pull-up Resistor Pull-down Resistor
VDS within 1.0V and 3.0V VDD within 4.5V and 5.5V OE LE Rext=Open, Rext=720 , Rext=360 , Rext=720 , Rext=360 ,
OUT0 ~ OUT15 OUT0 ~ OUT15 OUT0 ~ OUT15 OUT0 ~ OUT15 OUT0 ~ OUT15
mA
Test Circuit for Electrical Characteristics
IDD
VDD OE
IOUT
OUT0
IIH,IIL
CLK LE SDI R - EXT GND
. . . .
OUT15 SDO
VIH, VIL
Iref
-6-
August 2003, V0.9
MBI5026
Switching Characteristics
Characteristic CLK - OUTn Propagation Delay Time ("L" to "H") LE - OUTn OE - OUTn CLK - SDO CLK - OUTn Propagation Delay Time ("H" to "L") LE - OUTn OE - OUTn CLK - SDO CLK Pulse Width LE OE Hold Time for LE Setup Time for LE Hold Time for SDI Setup Time for SDI Clock Frequency Maximum CLK Rise Time Maximum CLK Fall Time Output Rise Time of Vout (turn off) Output Fall Time of Vout (turn on)
16-bit Constant Current LED Sink Driver
Symbol tpLH1 tpLH2 tpLH3 tpLH tpHL1 tpHL2 tpHL3 tpHL tw(CLK) tw(L) tw(OE) th(L) tsu(L) th(D) tsu(D) FCLK tr** tf** tor tof
Condition
Min. 15
Typ. 50 50 20 20 100 100 50 20 40 70
Max. 100 100 100 150 150 150 25.0 500 500 120 200
Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns MHz ns ns ns ns
VDD=5.0 V VDS=0.8 V VIH=VDD VIL=GND Rext=300 VL=4.0 V RL=52 CL=10 pF
15 20 20 200 5 5 10 5
Cascade Operation
-
**If the devices are connected in cascade and tr or tf is large, it may be critical to achieve the timing required for data transfer between two cascaded devices.
Test Circuit for Switching Characteristics
IDD
VIH, VIL
VDD OE CLK LE SDI R - EXT GND
IOUT
OUT0
Function Generator
. . .
OUT15
RL
SDO
CL
VL
Logic input waveform VIH = 5V VIL = 0V tr = tf = 10 ns
Iref
CL
-7-
August 2003, V0.9
MBI5026
Timing Waveform
tW(CLK)
16-bit Constant Current LED Sink Driver
CLK
50%
50%
50%
tsu(D)
th(D)
50%
SDI
50%
SDO
tpLH, tpHL
50%
tW(L)
50% 50%
LE
th(L) OE
tsu(L)
LOW = OUTPUTS ENABLED HIGH = OUTPUT OFF
OUTn tpLH1, tpHL1
50%
LOW = OUTPUT ON
tpLH2, tpHL2
tW(OE) OE
50% 50%
tpHL3
tpLH3
90% 50% 10% 90% 50% 10%
OUTn
tof
tor
-8-
August 2003, V0.9
MBI5026
Application Information Constant Current
16-bit Constant Current LED Sink Driver
In LED display application, MBI5026 provides nearly no variations in current from channel to channel and from IC to IC. This can be achieved by: 1) The maximum current variation between channels is less than 3%, and that between ICs is less than 6%. 2) In addition, the current characteristic of output stage is flat and users can refer to the figure as shown below. The output current can be kept constant regardless of the variations of LED forward voltages (Vf). This performs as a perfection of load regulation.
100.00 90.00 80.00 70.00
Iout (mA)
60.00 50.00 40.00 30.00 20.00 10.00 0.00 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 2 2.5
VDS (V)
Adjusting Output Current
The output current of each channel (IOUT) is set by an external resistor, Rext. The relationship between Iout and Rext is shown in the following figure.
100 90 80 70 60 50 40 30 20 10 0 0 500 1000 1500 Rext 2000
IOUT (mA)
VDS = 1.0V
2500
3000
3500
Resistance of the external resistor, Rext, in Also, the output current can be calculated from the equation: VR-EXT = 1.26VIOUT = (VR-EXT / Rext ) x 15 where Rext is the resistance of the external resistor connected to R-EXT terminal and VR-EXT is the voltage of R-EXT terminal. The magnitude of current (as a function of Rext) is around 52.5mA at 360 and 26.25mA at 720. August 2003, V0.9
-9-
MBI5026
16-bit Constant Current LED Sink Driver
Package Power Dissipation (PD)
The maximum allowable package power dissipation is determined as PD(max) = (Tj - Ta) / Rth(j-a). When 16 output channels are turned on simultaneously, the actual package power dissipation is PD(act) = (IDD x VDD) + (IOUT x Duty x VDS x 16). Therefore, to keep PD(act) PD(max), the allowable maximum output current as a function of duty cycle is: IOUT = { [ (Tj - Ta) / Rth(j-a) ] - (IDD x VDD) } / VDS / Duty / 16, where Tj = 150C.
Iout vs. Duty Cycle at Rth = 53.82 (C/W) 100 90 80 70
100 90 80 Iout vs. Duty Cycle at Rth = 59.01 ( C/W)
Iout(mA)
60 50 40 30 20 10 0
5% 10% 15% 20% 25% 30% 35% 40% 45% 50% 55% 60% 65% 70% 75% 80% 85% 90% 95% 100%
Iout(mA)
70 60 50 40 30 20 10 5% 10% 15% 20% 25% 30% 35% 40% 45% 50% 55% 60% 65% 70% 75% 80% 85% 90% 95% 100% 0
Duty Cycle
Duty Cycle
CN type package
CF type package
Iout vs. Duty Cycle at Rth = 66.74 (C/W) 100 90 80 70
Iout vs. Duty Cycle at Rth = 72.43 (C/W)
60 50 40 30 20 10 0 5% 10% 15% 20% 25% 30% 35% 40% 45% 50% 55% 60% 65% 70% 75% 80% 85% 90% 95% 100%
Duty Cycle
CNS type package
Iout vs. Duty Cycle at Rth = 49.81 (C/W)
100 90 80
Iout(mA)
70 60 50 40 30 20 10 0 5% 10% 15% 20% 25% 30% 35% 40% 45% 50% 55% 60% 65% 70% 75% 80% 85% 90% 95% 100%
ConditionIout = 90mAVDS = 1.0V16 output channels active Device Type Rth(j-a)(C/W) Note CN 53.82 CNS 66.74 Ta = 25 Ta = 55 CD 49.81 Ta = 85 CF 59.01 CP\CPA 72.43
Duty Cycle
CD type package - 10 August 2003, V0.9
5% 10% 15% 20% 25% 30% 35% 40% 45% 50% 55% 60% 65% 70% 75% 80% 85% 90% 95% 100% Duty Cycle
100 90 80 70 60 50 40 30 20 10 0
Iout(mA)
Iout(mA)
CP\CPA type package
MBI5026
16-bit Constant Current LED Sink Driver
The maximum power dissipation, PD(max) = (Tj - Ta) / Rth(j-a), decreases as the ambient temperature increases.
Max. Power Dissipation at Various Ambient Temperature 2.50 2.25 Power Dissipation 2.00
CN T ype: Rth= 53.82
1.75 1.50 1.25 1.00 0.75 0.50 10 20 30 40 50 60 70 80 90 Ambient Temperature
CNS Type: Rth= 66.74 CD T ype: Rth= 49.81 CF Type: Rth= 59.01 CP T ype: Rth= 72.43 CPA Type: Rth= 72.43
Load Supply Voltage (VLED)
MBI5026 are designed to operate with VDS ranging from 0.4V to 1.0V considering the package power dissipating limits. VDS may be higher enough to make PD(act) > PD(max) when VLED = 5V and VDS = VLED - Vf, in which VLED is the load supply voltage. In this case, it is recommended to use the lowest possible supply voltage or to set an external voltage reducer, VDROP. A voltage reducer lets VDS = (VLED - Vf) - VDROP. Resistors or Zener diode can be used in the applications as shown in the following figures.
VLED VDROP
VLED VDROP
Vf VDS
Vf
VDS
MBI5026
MBI5026
- 11 -
August 2003, V0.9
MBI5026
Package Outline
16-bit Constant Current LED Sink Driver
MBI5026CN Outline Drawing
MBI5026CNS Outline Drawing
- 12 -
August 2003, V0.9
MBI5026
16-bit Constant Current LED Sink Driver
MBI5026CD Outline Drawing
MBI5026CF Outline Drawing
- 13 -
August 2003, V0.9
MBI5026
16-bit Constant Current LED Sink Driver
MBI5026CP\CPA Outline Drawing
MBI5026 Package Information
Device Type CN CNS CD CF CP\CPA Package Type P-DIP24-300-2.54 SP-DIP24-300-1.78 SOP24-300-1.27 SOP24-300-1.00 SSOP24-150-0.64 Weight(g) 1.628 1.11 0.617 0.28 0.11
Note: The unit for the outline drawing is mm.
- 14 -
August 2003, V0.9


▲Up To Search▲   

 
Price & Availability of MBI5026CP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X