Part Number Hot Search : 
TDA73 6W083T 74AS64 MMC351 SJ5306 B1370 EMK13H LRIS2K
Product Description
Full Text Search
 

To Download LT6555 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT6555 650MHz Gain of 2 Triple 2:1Video Multiplexer
FEATURES

DESCRIPTIO
650MHz -3dB Small Signal Bandwidth 450MHz -3dB 2VP-P Large-Signal Bandwidth 120MHz 0.1dB Bandwidth High Slew Rate: 2200V/s Fixed Gain of 2; No External Resistors Required 72dB Channel Separation at 10MHz 50dB Channel Separation at 100MHz -80dBc 2nd Harmonic Distortion at 10MHz, 2VP-P -70dBc 3rd Harmonic Distortion at 10MHz, 2VP-P Low Supply Current: 9mA per Amplifier 6.5ns 0.1% Settling Time for 2V Step ISS 500A per Amplifier when Disabled Differential Gain of 0.033%, Differential Phase of 0.022 Wide Supply Range: 2.25V (4.5V) to 6V (12V) Available in 24-Lead SSOP and 24-Lead QFN Packages
The LT(R)6555 is a high speed triple 2:1 video multiplexer with an internally fixed gain of 2. The individual amplifiers are optimized for performance with a double terminated 75 video load and feature a -3dB 2VP-P bandwidth of 450MHz, making them ideal for driving very high resolution video signals. Separate power supply pins for each amplifier boost channel separation to 72dB, allowing the LT6555 to excel in many high speed applications. While the performance of the LT6555 is optimized for dual supply operation, it can also be operated with a single supply as low as 4.5V. Using dual 5V supplies, each amplifier draws only 9mA. When disabled, the amplifiers draw less than 500A and the outputs become high impedance. The LT6555 is manufactured on Linear Technology's proprietary low voltage complementary bipolar process and is available in 24-lead SSOP and ultra-compact 24-lead QFN packages.
, LTC and LT are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners.
APPLICATIO S

RGB Amplifiers UXGA Video Multiplexing LCD Projectors
TYPICAL APPLICATIO
RINA GINA BINA LT6555 75 x2 75
RGB Multiplexer and Line Driver
V+
75 ROUT 75
Video Amplitude Transient Response
1.8 1.6 1.4 1.2
75 AGND x2 RINB GINB BINB
GOUT 75
OUTPUT (V)
75
1.0 0.8 0.6 0.4 0.2 0 VIN = 0V TO 700mV VS = 5V RL = 150 TA = 25C 0 2 4 6 8 10 12 14 16 18 20 TIME (ns)
6555 G21
75
75
x2
75 BOUT 75 SELECT A/B
-0.2 -0.4
75
ENABLE DGND V-
6555 TA01a
U
6555f
U
U
1
LT6555
ABSOLUTE
AXI U RATI GS
Total Supply Voltage (V+ to V-) ............................ 12.6V Input Current (Note 2) ........................................ 10mA Output Current (Continuous) ............................. 70mA EN to DGND Voltage (Note 2) ................................. 5.5V SEL to DGND Voltage (Note 2) .................................. 8V Output Short-Circuit Duration (Note 3) ............ Indefinite Operating Temperature Range (Note 4) ... -40C to 85C Specified Temperature Range (Note 5) .... -40C to 85C
PACKAGE/ORDER I FOR ATIO
TOP VIEW IN1A DGND IN2A VREF IN3A AGND1 IN1B AGND2 IN2B 1 2 3 4 5 6 7 8 9
G = +2 G = +2 G = +2
23 EN 22 SEL A/B 21 V+ 20 OUT1 19 V- 18 OUT2 17 V+
LT6555CGN LT6555IGN
EN
V+
24
V+
SEL A/B
DGND
IN2A
IN1A
ORDER PART NUMBER
VREF 1 IN3A 2 AGND1 3 V- 4 IN1B 5 AGND2 6
16 OUT3 15 V- 14 V+ 13 V+
V+
IN2B
AGND3
IN3B
V-
V
AGND3 10 IN3B 11 V- 12 GN PACKAGE 24-LEAD PLASTIC SSOP
+
TJMAX = 150C, JA = 90C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VS = 5V, RL = 150, CL = 1.5pF, VEN = 0.4V, VAGND, VDGND, VVREF = 0V.
SYMBOL VOS IIN RIN CIN PSRR IPSRR AV ERR AV MATCH VOUT PARAMETER Input Referred Offset Voltage Input Current Input Resistance Input Capacitance Power Supply Rejection Ratio Input Current Power Supply Rejection Gain Error Gain Matching Output Voltage Swing VIN = 1V f = 100kHz VS = 2.25V to 6V (Note 6) VS = 2.25V to 6V (Note 6) VOUT = 2V, Nominal Gain 2V/V Any One Channel to Another (Note 7)

ELECTRICAL CHARACTERISTICS
CONDITIONS VIN = 0V, VOS = VOUT/2

2
U
U
W
WW U
W
(Note 1)
Junction Temperature SSOP ................................................................ 150C QFN .................................................................. 125C Storage Temperature Range SSOP ................................................. -65C to 150C QFN ................................................... -65C to 125C Lead Temperature (Soldering, 10 sec) SSOP ................................................................ 300C
TOP VIEW
ORDER PART NUMBER
18 V+ 17 OUT1 16 V- 15 OUT2 14 V+ 13 OUT3
24 23 22 21 20 19
LT6555CUF LT6555IUF
25
7
8
9 10 11 12
UF PART* MARKING 6555
UF PACKAGE 24-LEAD (4mm x 4mm) PLASTIC QFN TJMAX = 125C, JA = 37C/W, JC = 2.6C/W EXPOSED PAD (PIN 25) IS V - MUST BE SOLDERED TO PCB
MIN
TYP 5 -17
MAX 16 24 45
UNITS mV mV A k pF dB
100 56
400 1 62 1 0.33 4 2.5
A/V % % V V
6555f
3.15 3.0
3.4
LT6555
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VS = 5V, RL = 150, CL = 1.5pF, VEN = 0.4V, VAGND, VDGND, VVREF = 0V.
SYMBOL IS PARAMETER Supply Current, Per Amplifier Supply Current, Disabled, Per Amplifier IEN ISEL ISC SR -3dB BW 0.1dB BW FPBW Enable Pin Current Select Pin Current Output Short-Circuit Current Slew Rate Small-Signal -3dB Bandwidth Gain Flatness 0.1dB Bandwidth Full Power Bandwidth 2V Full Power Bandwidth 4V All-Hostile Crosstalk Selected Channel to Unselected Channel Crosstalk Channel Select Output Transient Channel-to-Channel Select Time tS tR, tF dG dP HD2 HD3 Settling Time Small-Signal Rise and Fall Time Differential Gain Differential Phase 2nd Harmonic Distortion 3rd Harmonic Distortion CONDITIONS RL =
ELECTRICAL CHARACTERISTICS
MIN
TYP 9
MAX 12 14 500 500
UNITS mA mA A A A A A A mA V/s MHz MHz MHz MHz dB dB dB dB mVP-P ns ns ps % Deg dBc dBc
VEN = 4V, RL = VEN = Open, RL = VEN = 0.4V VEN = 4V VSEL = 0.4V VSEL = 4V RL = 0, VIN = 1V 1V on 2.5V Output Step (Note 8) VOUT = 200mVP-P VOUT = 200mVP-P VOUT = 2VP-P (Note 9) VOUT = 4VP-P (Note 9) f = 10MHz, VIN = 1VP-P f = 100MHz, VIN = 1VP-P f = 10MHz, VIN = 1VP-P f = 100MHz, VIN = 1VP-P INA = INB = 0V INA = -1V, INB = 1V from 50% SEL to VOUT = 0V 0.1% of VFINAL, VSTEP = 2V 10% to 90%, VOUT = 400mVP-P (Note 10) (Note 10) f = 10MHz, VOUT = 2VP-P f = 10MHz, VOUT = 2VP-P

47 42 -200 -75 -50 -50 50 1600 -95 -21 -5 -1 105 2200 650 120 250 350 175 -72 -50 -80 -55 200 8 6.5 520 0.033 0.022 -80 -70
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: This parameter is guaranteed to meet specified performance through design and characterization. It is not production tested. Note 3: As long as output current and junction temperature are kept below the Absolute Maximum Ratings, no damage to the part will occur. Depending on the supply voltage, a heat sink may be required. Note 4: The LT6555C is guaranteed functional over the operating temperature range of -40C to 85C. Note 5: The LT6555C is guaranteed to meet specified performance from 0C to 70C. The LT6555C is designed, characterized and expected to meet specified performance from -40C and 85C but is not tested or QA sampled at these temperatures. The LT6555I is guaranteed to meet specified performance from -40C to 85C.
Note 6: In order to follow the constraints for 4.5V operation for PSRR and IPSRR testing at 2.25V, the DGND pin is set to V-, the EN pin is set to V- + 0.4V, and the SEL pin is set to either V- + 0.4V or V- + 4V. At 6V and all other cases, DGND is set to ground and the EN and SEL pins are referenced from it. Note 7: The VREF pin is set to 1V when testing positive swing and -1V when testing negative swing to ensure that the internal input clamps do not limit the output swing. Note 8: Slew rate is 100% production tested using both inputs of channel 2. Slew rates of channels 1 and 3 are guaranteed through design and characterization. Note 9: Full power bandwidth is calculated from the slew rate: FPBW = SR/( * VP-P) Note 10: Differential gain and phase are measured using a Tektronix TSG120YC/NTSC signal generator and a Tektronix 1780R video measurement set. The resolution of this equipment is better than 0.05% and 0.05. Nine identical amplifier stages were cascaded giving an effective resolution of better than 0.0056% and 0.0056%.
6555f
3
LT6555 TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current per Amplifier vs Temperature
12 10
SUPPLY CURRENT (mA)
SUPPLY CURRENT (mA)
SUPPLY CURRENT (mA)
VEN = 0V VEN = 0.4V
8 6 4 2
VEN = 4V 0 -55 -35 -15 5 25 45 65 85 105 125 TEMPERATURE (C)
6555 G01
Input Referred Offset Voltage vs Temperature
15 10 VS = 5V VIN = 0V
INPUT BIAS CURRENT (A)
OFFSET VOLTAGE (mV)
EN PIN CURRENT (A)
5 0 -5 -10 -15 -55 -35 -15
5 25 45 65 85 105 125 TEMPERATURE (C)
6555 G04
Maximum Output Voltage Swing vs VREF Pin Voltage
4 3 TA = -55C HIGH SWING OUTPUT VOLTAGE (V) TA = 25C TA = 125C
4 5
OUTPUT VOLTAGE (V)
OUTPUT VOLTAGE (V)
2 1 0 -1 -2 -3 LOW SWING -4 VS = 5V RL = 150
TA = 125C TA = 25C
TA = -55C -2 -1.5 -1 -0.5 0 0.5 1 VREF PIN VOLTAGE (V) 1.5 2
0 0 10 20 30 40 50 60 70 80 90 100 SOURCE CURRENT (mA)
6555 G08
4
UW
VS = 5V RL = VIN = 0V
6555 G07
Supply Current per Amplifier vs Supply Voltage
12 10 8 6 4 2 0 VEN, VIN, VDGND, VSEL = 0V TA = 25C 12 10
Supply Current per Amplifier vs EN Pin Voltage
VS = 5V RL = VIN = 0V TA = -55C 8 TA = 25C 6 TA = 125C 4 2 0
0
1
2
3 4 5 6 7 8 9 10 11 12 TOTAL SUPPLY VOLTAGE (V)
6555 G02
0
0.5
1.0 1.5 2.0 2.5 3.0 EN PIN VOLTAGE (V)
3.5
4.0
6555 G03
Input Bias Current vs Temperature
0 -5 -10 -15 -20 VIN = -1.5V -25 -30 -35 -40 -55 -35 -15 5 25 45 65 85 105 125 TEMPERATURE (C)
6555 G05
EN Pin Current vs EN Pin Voltage
0 -20 VS = 5V VDGND = 0V
VS = 5V VIN = 0V VIN = 1.5V
-40 -60 -80 TA = 25C -100 -120 -140 0 1 3 2 EN PIN VOLTAGE (V) 4 5
6555 G06
TA = 125C TA = -55C
Output Voltage Swing vs ILOAD (Output High)
VREF INPUT CLAMPING VS = 5V VIN = 2V VVREF = 0V
Output Voltage Swing vs ILOAD (Output Low)
0 VS = 5V VIN = -2V VVREF = 0V TA = 125C TA = 25C TA = -55C -2
-1
3
2 TA = 125C 1 TA = 25C TA = -55C
-3
-4
VREF INPUT CLAMPING
-5
0
10 20 30 40 50 60 70 80 90 100 SINK CURRENT (mA)
6555 G09
6555f
LT6555 TYPICAL PERFOR A CE CHARACTERISTICS
Input Noise Spectral Density
INPUT NOISE VOLTAGE (nV/Hz OR pA/Hz) 1000 VS = 5V TA = 25C 1000
POWER SUPPLY REJECTION RATIO (dB)
INPUT IMPEDANCE (k)
100
in 10
en
1 0.001
0.01
0.1 1 FREQUENCY (kHz)
Frequency Response vs Output Amplitude
9 8 7 6 VS = 5V RL = 150 TA = 25C
NORMALIZED GAIN (dB)
GAIN (dB)
GAIN (dB)
5 4 3 2 1 0 0.1 1 10 100 FREQUENCY (MHz) 1000
6555 G13
VOUT = 200mVP-P VOUT = 2VP-P VOUT = 4VP-P
Crosstalk vs Frequency
VS = 5V VOUT = 2VP-P -20 RL = 150 TA = 25C AMPLITUDE (dB) AMPLITUDE (dB) -40 -60 -80 0 0
-40 -60 -80 DRIVE IN A, SELECT IN B DRIVE IN B, SELECT IN A
DISTORTION (dBc)
WORST ADJACENT ALL CHANNELS DRIVEN
-100 -120 0.1
1
10 100 FREQUENCY (MHz)
UW
10
6555 G10 6555 G16
Input Impedance vs Frequency
VS = 5V VIN = 0V TA = 25C 70 60
Input Referred PSRR vs Frequency
PSRR +PSRR 50 40 30 20 10 0 0.001 -PSRR VS = 5V TA = 25C
100
10
1
100
0.1 0.01
0.1
1 10 FREQUENCY (MHz)
100
1000
6555 G11
0.01
0.1 1 FREQUENCY (MHz)
10
100
6555 G12
Gain Flatness vs Frequency
6.20 6.15 IN1A 6.10 IN3A 6.05 IN1B 6.00 5.95 IN2B VS = 5V VOUT = 200mVP-P RL = 150 TA = 25C 1 10 100 FREQUENCY (MHz) 1000
6555 G14
Frequency Response with Capacitive Loads
18 16 14 12 10 8 6 4 2 0 -2 -4 -6 0.1 1 10 100 FREQUENCY (MHz) 1000
6555 G15
VS = 5V VOUT = 2VP-P RL = 150 TA = 25C CL = 10pF CL = 4.7pF CL = 0pF
IN3B
IN2A
5.90 0.1
Crosstalk vs Frequency
VS = 5V VIN = 1VP-P -20 RL = 150 TA = 25C
Harmonic Distortion vs Frequency
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 0.01 HD3 HD2 VS = 5V VOUT = 2VP-P RL = 150 TA = 25C
-100 -120 0.1
1000
1
10 100 FREQUENCY (MHz)
1000
6555 G17
0.1
1 10 FREQUENCY (MHz)
100
6555 G18
6555f
5
LT6555 TYPICAL PERFOR A CE CHARACTERISTICS
Output Impedance vs Frequency
1000 DISABLED VEN = 4V 0.4 0.3 0.2
OUTPUT IMPEDANCE ()
100
OUTPUT (V)
OUTPUT (V)
10
1
ENABLED VEN = O.4V
0.1 0.01
VS = 5V RL = 150 TA = 25C 100 1000
6555 G19
0.1
1 10 FREQUENCY (MHz)
Large-Signal Transient Response
1.5 1.0 0.5 VIN = 1VP-P VS = 5V RL = 150 TA = 25C
OUTPUT (V)
0 -0.5 -1.0 -1.5 0 2 4 6 8 10 12 14 16 18 20 TIME (ns)
6555 G22
OUTPUT (V)
1 0 -1 -2 -3 -4 0 2 4 6 8 10 12 14 16 18 20 TIME (ns)
6555 G23
PERCENT OF UNITS (%)
Gain Matching Distribution
40 35 VS = 5V VOUT = 2V RL = 150 TA = 25C
PERCENT OF UNITS (%)
30 25 20
15
SEL A/B (V)
10 5 0 0 -1.5 -1.0 -0.5 1.5 0.5 1.0 GAIN MATCHING-BETWEEN CHANNELS (%)
6555 G25
SEL A/B (V)
6
UW
Small-Signal Transient Response
1.8 VIN = 200mVP-P VS = 5V RL = 150 TA = 25C 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -0.3 -0.4 0 2 4 6 8 10 12 14 16 18 20 TIME (ns)
6555 G20
Video Amplitude Transient Response
0.1 0 -0.1 -0.2
-0.2 -0.4 0 2
VIN = 0V TO 700mV VS = 5V RL = 150 TA = 25C 4 6 8 10 12 14 16 18 20 TIME (ns)
6555 G21
Large-Signal Transient Response
4 3 2 VIN = 2.5VP-P VS = 5V RL = 150 TA = 25C
40 35 30 25 20 15 10 5
Gain Error Distribution
VS = 5V VOUT = 2V RL = 150 TA = 25C
0 -1.5
0 1.5 -1.0 -0.5 0.5 1.0 GAIN ERROR--INDIVIDUAL CHANNEL (%)
6555 G24
Channel Switching Transient
VS = 5V RL = 150 INA = 0V TA = 25C INB = 0V 0.2 0.1 0
Channel Switching Transient
1.5 1.0 0.5 0 -0.5 -1.0 -1.5
OUT (V)
-0.1 5 4 2 0 0 10 20 30 40 50 60 70 80 90 100 TIME (ns)
6555 G26
OUT (V)
5 4 3 2 1 0 0 INB = 300MHz, 1VP-P SINE VS = 5V RL = 150 TA = 25C INA = 0V
6555 G27
10 20 30 40 50 60 70 80 90 100 TIME (ns)
6555f
LT6555
PI FU CTIO S (GN24 Package)
IN1A (Pin 1): Channel 1 Input A. This pin has a nominal impedance of 400k and does not have any internal termination resistor. DGND (Pin 2): Digital Ground Reference for Enable Pin. This pin is normally connected to ground. IN2A (Pin 3): Channel 2 Input A. This pin has a nominal impedance of 400k and does not have any internal termination resistor. VREF (Pin 4): Voltage Reference for Input Clamping. This is the tap to an internal voltage divider that defines midsupply. It is normally connected to ground in dual supply, DC coupled applications. IN3A (Pin 5): Channel 3 Input A. This pin has a nominal impedance of 400k and does not have any internal termination resistor. AGND1 (Pin 6): Analog Ground for the 360 Gain Resistor of Channel 1. IN1B (Pin 7): Channel 1 Input B. This pin has a nominal impedance of 400k and does not have any internal termination resistor. AGND2 (Pin 8): Analog Ground for the 360 Gain Resistor of Channel 2. IN2B (Pin 9): Channel 2 Input B. This pin has a nominal impedance of 400k and does not have any internal termination resistor. AGND3 (Pin 10): Analog Ground for the 360 Gain Resistor of Channel 3. IN3B (Pin 11): Channel 3 Input B. This pin has a nominal impedance of 400k and does not have any internal termination resistor. V - (Pin 12): Negative Supply Voltage. V - pins are not internally connected to each other and must all be connected externally. Proper supply bypassing is necessary for best performance. See the Applications Information section. V + (Pins 13, 14, 24): Positive Supply Voltage. V+ pins are not internally connected to each other and must all be connected externally. Proper supply bypassing is necessary for best performance. See the Applications Information section. V - (Pin 15): Negative Supply Voltage for Channel 3 Output Stage. V - pins are not internally connected to each other and must all be connected externally. Proper supply bypassing is necessary for best performance. See the Applications Information section. OUT3 (Pin 16): Channel 3 Output. It is twice the selected channel 3 input and performs optimally with a 150 load (a double terminated 75 cable). V + (Pin 17): Positive Supply Voltage for Channels 2 and 3 Output Stages. V+ pins are not internally connected to each other and must all be connected externally. Proper supply bypassing is necessary for best performance. See the Applications Information section. OUT2 (Pin 18): Channel 2 Output. It is twice the selected channel 2 input and performs optimally with a 150 load (a double terminated 75 cable). V - (Pin 19): Negative Supply Voltage for Channels 1 and 2 Output Stages. V - pins are not internally connected to each other and must all be connected externally. Proper supply bypassing is necessary for best performance. See the Applications Information section. OUT1 (Pin 20): Channel 1 Output. It is twice the selected channel 1 input and performs optimally with a 150 load (a double terminated 75 cable). V + (Pin 21): Positive Supply Voltage for Channel 1 Output Stage. V+ pins are not internally connected to each other and must all be connected externally. Proper supply bypassing is necessary for best performance. See the Applications Information section. SEL (Pin 22): Select Pin. This high impedance pin selects which set of inputs are sent to the output pins. When the pin is pulled low, the A inputs are selected. When the pin is pulled high, the B inputs are selected. EN (Pin 23): Enable Control Pin. An internal pull-up resistor of 46k defines the pin's impedance and will turn the part off if the pin is unconnected. When the pin is pulled low, the amplifiers are enabled. Exposed Pad (Pin 25, QFN Only): The Exposed Pad is V- and must be soldered to the PCB. It is internally connected to the QFN Pin 4, V-.
6555f
U
U
U
7
LT6555
APPLICATIO S I FOR ATIO
Power Supplies The LT6555 is optimized for 5V supplies but can be operated on as little as 2.25V or a single 4.5V supply and as much as 6V or a single 12V supply. Internally, each supply is independent to improve channel isolation. Do not leave any supply pins disconnected or the part may not function correctly! Enable/Shutdown The LT6555 has a shutdown mode controlled by the EN pin and referenced to the DGND pin. If the amplifier will be enabled at all times, the EN pin can be connected directly to DGND. If the enable function is desired, either driving the pin above 2V or allowing the internal 46k pullup resistor to pull the EN pin to the top rail will disable the amplifier. When disabled, the DC output impedance will rise to approximately 360 through the internal feedback and gain resistors. Supply current into the amplifier in the disabled state will be: V + - VEN V + - V - IS = + 46k 80k It is important that the following constraints on the DGND, EN and SEL pins are always followed: V+ - VDGND 4.5V VEN - VDGND 5.5V VSEL - VDGND 8V In dual supply cases where V+ is less than 4.5V, DGND should be connected to a potential below ground, such as V-. Since the EN and SEL pins are referenced to DGND, they may need to be pulled below ground in those cases. In single supply applications above 5.5V, an additional resistor may be needed from the EN pin to DGND if the pin is ever allowed to float. For example, on a 12V single supply, a 33k resistor would protect the pin from floating too high while still allowing the internal pull-up resistor to disable the part. On dual 2.25V supplies, connecting the DGND pin to V- is the only way of ensuring that V+ - VDGND 4.5V.
8
U
The DGND pin should not be pulled above the EN pin since doing so will turn on an ESD protection diode. If the EN pin voltage is forced a diode drop below the DGND pin, current should be limited to 10mA or less. The enable/disable times of the LT6555 are fast when driven with a logic input. Turn on (from 50% EN input to 50% output) typically occurs in less than 50ns. Turn off is slower, but is typically below 500ns. Channel Select The SEL pin uses the same internal threshold as the EN pin and is also referenced to DGND. When the pin is logic low, the channel A inputs are passed to the output. When the pin is logic high, the channel B inputs are passed to the output. The pin should not be floated but can be tied to DGND to force the outputs to always be channel A or to V+ (when less than 8V) to force the outputs to always be channel B.
Truth Table
SEL A/B 0 1 X EN 0 0 1 OUT 2 x IN A 2 x IN B OFF
W
U
U
Input Considerations The LT6555 uses input clamps referenced to the VREF pin to prevent damage to the input stage on the unselected channel. Three transistors in series limit the input voltage to within three diode drops () from VREF. VREF is nominally set to half of the sum of the supplies by the 40k resistors. A simplified schematic is shown in Figure 1. To improve clamping, the pin's DC impedance should be minimized by connecting the VREF pin directly to ground in the symmetric dual supply case with a common mode voltage of 0V. While loaded output swing limits the useful input voltage range in that case, if the common mode voltage is not centered at ground or the input voltage exceeds plus or minus three diodes from ground, an external resistor to either supply can be added to shift the
6555f
LT6555
APPLICATIO S I FOR ATIO
V+
IN
V-
Figure 1. Simplified Schematic of VREF Pin and Input Clamping
VREF voltage to the desired level. The only way to cover the full common mode voltage range of V- + 1V to V+ - 1V is to shift VREF up or down. Note that on a single supply, the unclamped input range limits the output low swing to 2V (1V multiplied by the internal gain of 2). The VREF pin can also be directly driven with a DC source. Bypassing the VREF pin is not necessary. The inputs can be driven beyond the point at which the output clips so long as input currents are limited to less than 10mA. Continuing to drive the input beyond the output limit can result in increased current drive and slightly increased swing, but will also increase supply current and may result in delays in transient response at larger levels of overdrive. Layout and Grounding It is imperative that care is taken in PCB layout in order to benefit from the very high speed and very low crosstalk of the LT6555. Separate power and ground planes are highly recommended and trace lengths should be kept as short as possible. If input or output traces must be run over a distance of several centimeters, they should use a controlled impedance with matching series and shunt resistances (nominally 75) to maintain signal fidelity.
U
40k VREF 40k
6555 F01
W
UU
Series termination resistors should be placed as close to the output pins as possible to minimize output capacitance. See the Typical Performance Characteristics section for a plot of frequency response with various output capacitors--only 10pF of parasitic output capacitance before the series termination resistor causes 6dB of peaking in the frequency response! Low ESL/ESR bypass capacitors should be placed as close to the positive and negative supply pins as possible. One 4700pF ceramic capacitor is recommended for both V+ and V- supply busses. Additional 470pF ceramic capacitors with minimal trace length on each supply pin will further improve AC and transient response as well as channel isolation. For high current drive and large-signal transient applications, additional 1F to 10F tantalums should be added on each supply. The smallest value capacitors should be placed closest to the package. If the AGND pins are not connected to ground, they must be carefully bypassed to maintain minimal impedance over frequency. Although crosstalk will vary depending upon board layout, a recommended starting point for bypass capacitors would be 470pF as close as possible to each AGND pin with a single 4700pF capacitor in parallel.
6555f
9
LT6555
APPLICATIO S I FOR ATIO
To maintain the LT6555's channel isolation, it is beneficial to shield parallel input and parallel output traces using a ground plane or power supply traces. Vias between topside and backside metal may be required to maintain a low inductance ground near the part where numerous traces converge. See Figures 6 and 7 for photos of an optimized layout. Input Expansion In applications with more than two inputs per channel, multiple LT6555s can be connected by several different methods. The simplest method is to connect the outputs after the 75 series termination, as shown in Figure 2. The compromise of this approach is that the internal gain setting resistors cause a 435 shunt across the 75 cable termination, resulting in increased gain error.
IN1A
AV = 2 75
IN1B EN LT6555 #1
IN1C
AV = +2 75 OUT
IN1D EN LT6555 #2 CHIP SELECT 74HC04
6555 F02
Figure 2. Two LT6555s Build a 4-Input Router
10
U
Figure 3 illustrates the loading effect of expanding the number of inputs. The resultant gain error can be calculated by the following formula using n as the number of LT6555s: 435 75 Gain Error (dB) = 6dB + 20log n - 1 dB 435 75 + 75 n-1 For example, two LT6555s would result in a gain error of -0.74dB per channel. Three LT6555s (i.e., six red inputs, six green inputs and six blue inputs), would have a gain error of -1.4dB.
1/3 LT6555 #1 IN1A 360 75 OFF 360 IN1B
W
UU
75 435 n-1 R2 75
360
OFF 360
n = NUMBER OF LT6555s IN PARALLEL 1/3 LT6555 #2 IN1C 75 360 OFF 360 75 CABLE
IN1D
360
75
ON 360
. . . n
6555 F03
Figure 3. Disabled Amplifiers Load the Cable Termination with 435 Each
6555f
LT6555
APPLICATIO S I FOR ATIO
MULTIPLEXED OUTPUT (V)
This systematic gain error can be significantly reduced by lowering the value of the 75 series termination resistors. The compromise of this approach is an increased dependence on the accuracy of the 75 shunt termination at the receiving end of the line. A table of values for 1% series termination resistors from n = 2 to n = 4 is shown below.
NUMBER OF DEVICES (n) 2 3 4 SERIES RT 63.9 56.2 49.9
Another approach that does not compromise gain accuracy is to connect the outputs directly together before the series termination. In this case, there will be slightly increased output glitching and supply current spiking during the EN pin switching, but the additional output loading will not increase the gain error, and the series termination resistors remain at their ideal value for AC response. See Figure 4 for a scope photo showing the result of the outputs connected both before and after the series terminations, and Figure 8 for a full schematic of a 4:1 RGB multiplexer with the output pins directly connected together. It is imperative that the output traces be as short as possible before the series termination in order to reduce capacitance and minimize AC peaking.
TYPICAL APPLICATIO
RGB Multiplexer Demo Board
The DC858A Demo Board illustrates optimal routing, bypassing and termination using the LT6555 as an RGB video multiplexer. The schematic is shown in Figure 5. All inputs and outputs are routed to have a characteristic impedance of 75 and 75 input shunt and output series terminations are connected as close to the part as
U
1.5 1.0 0.5 0 -0.5 -1.0 OUTPUTS DIRECTLY CONNECTED IS- IS+ 150 100 50 0 0 0.5 1 1.5 2 2.5 TIME (s) 3 3.5 4 SERIES 63.9 AT EACH OUTPUT VS = 5V VIN(AMP1) = -0.5V VIN(AMP2) = 0.5V RL = 150
W
U
UU
SUPPLY CURRENT (mA)
6555 F04
Figure 4. 4-Input Router Switching with Outputs Directly Connected and with Outputs Connected After 63.9 Series Termination
ESD Protection The LT6555 has reverse-biased ESD protection diodes on all pins. If any pins are forced a diode drop above the positive supply or a diode drop below the negative supply, large currents may flow through these diodes. If the current is kept below 10mA, no damage to the devices will occur.
possible. The board is fabricated with four layers with internal ground and power planes. For ideal operation, a 75 load termination should be connected at the output. The LT6555's gain of 2 will compensate for the resulting divider between the series and load termination resistors. Figures 6 and 7 show the topside and bottom side board layout and placement.
6555f
11
LT6555
TYPICAL APPLICATIO
E1 EN J1 50 BNC 1 EN JP1 3 CONTROL 1 2 EXT ENABLE JP2 3 DGND 1 2 FLOAT AGND JP5 VREF E5 VREF
E2 DGND
5 4 3 2 DGND
3 BNC x 6 5 JP12 1 L1 Z = 75 4 3 2 5 JP13 1 L1 Z = 75 4 3 2 5 JP14 1 L1 Z = 75 4 3 2 5 JP5 1 L1 Z = 75 4 3 2 5 JP6 1 L1 Z = 75 4 3 2 5 JP7 1 L1 Z = 75 4 3 2
1 C1 4700pF U1 LT6555CGN 1 24 V+ IN1A DGND 2 3 VREF 4 5 6 7 8 9 10 11 DGND IN2A VREF IN3A AGND1 IN1B AGND2 IN2B AGND3 IN3B V- EN SEL V
+
2 EXT
GND
IN1A
IN2A
IN3A
IN1B
IN2B
IN3B
R10 75
R11 75
R12 75
R4 75 E3 AGND
J3 BANANA JACK AGND
Figure 6. Demo Board Topside (IC Removed for Clarity)
12
U
E4 SEL A/B Z = 50 R8 50 OPT Z = 50 R9 50 OPT 2 3A R7 B 1 20k J8 50 BNC 1 SEL A/B VCC DGND 5432 JP4 SEL C2 470pF C3 470pF C10 4700pF C4 10F 16V 1206 C11 0.33F 16V V J2 BANANA JACK VCC 3.3V TO 5V
CC
23 EN 22 21 20 19 18 17 16 15 14 13 J4 BANANA JACK VEE -3.3V TO -5V
6555 F05
SEL R1 75 R2 75 R3 75 BNC x 3 5 J9 4 3 2 J10 5 1 4 3 2 J11 5 1 4 3 2 1
OUT1 V- OUT2 V
+
Z = 75
L2
OUT1
Z = 75
L2
OUT2
OUT3 V- V+ V+
Z = 75
L2
OUT3
R5 75
R6 75
12
C5 4700pF SINGLE DUAL 2 1 JP3 3 SUPPLY NOTE: 470pF BYPASS CAPACITORS LOCATED AS CLOSE TO PINS AS POSSIBLE
C6 470pF
C7 470pF
C9 10F 16V 1206
C8 0.33F
VEE
Figure 5. Demo Board Schematic
Figure 7. Demo Board Bottom Side
6555f
SI PLIFIED SCHE ATIC W
V+ OUT 360 360
V+
40k V REF 40k V- VREF 770 INA 100 100 INB V+ V+ SEL
BIAS
TO OTHER OUTPUT STAGES
V+
(One channel shown)
EN
1k
46k
V- V-
DGND VREF SELECT TO OTHER INPUT STAGES V-
6555 SS
360 VREF
360 AGND
V-
W
LT6555
13
6555f
LT6555
PACKAGE DESCRIPTIO
.254 MIN
.0165 .0015 RECOMMENDED SOLDER PAD LAYOUT
.015 .004 x 45 (0.38 0.10)
.0075 - .0098 (0.19 - 0.25) 0 - 8 TYP
.016 - .050 (0.406 - 1.270)
NOTE: 1. CONTROLLING DIMENSION: INCHES INCHES 2. DIMENSIONS ARE IN (MILLIMETERS) 3. DRAWING NOT TO SCALE *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
14
U
GN Package 24-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)
.337 - .344* (8.560 - 8.738) 24 23 22 21 20 19 18 17 16 15 1413
.045 .005 .033 (0.838) REF
.229 - .244 (5.817 - 6.198)
.150 - .165
.150 - .157** (3.810 - 3.988)
1
.0250 BSC
23
4
56
7
8
9 10 11 12
.0532 - .0688 (1.35 - 1.75)
.004 - .0098 (0.102 - 0.249)
.008 - .012 (0.203 - 0.305) TYP
.0250 (0.635) BSC
GN24 (SSOP) 0204
6555f
LT6555
PACKAGE DESCRIPTIO U
UF Package 24-Lead Plastic QFN (4mm x 4mm)
(Reference LTC DWG # 05-08-1697)
0.70 0.05 PACKAGE OUTLINE 0.25 0.05 0.50 BSC RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS 0.75 0.05 BOTTOM VIEW--EXPOSED PAD R = 0.115 TYP PIN 1 NOTCH R = 0.20 TYP OR 0.35 x 45 CHAMFER 23 24 0.40 0.10 1 2 2.45 0.10 (4-SIDES)
(UF24) QFN 0105
4.50 0.05 2.45 0.05 3.10 0.05 (4 SIDES)
4.00 0.10 (4 SIDES) PIN 1 TOP MARK (NOTE 6)
0.200 REF 0.00 - 0.05 NOTE: 1. DRAWING PROPOSED TO BE MADE A JEDEC PACKAGE OUTLINE MO-220 VARIATION (WGGD-X)--TO BE APPROVED 2. DRAWING NOT TO SCALE 3. ALL DIMENSIONS ARE IN MILLIMETERS 4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE, IF PRESENT 5. EXPOSED PAD SHALL BE SOLDER PLATED 6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
0.25 0.05 0.50 BSC
6555f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
15
LT6555
TYPICAL APPLICATIO
RED 1 GREEN 1 BLUE 1
RED 2 GREEN 2 BLUE 2
RED 3 GREEN 3 BLUE 3
RED 4 GREEN 4 BLUE 4
SEL0 NC75Z14 SEL1
RELATED PARTS
PART NUMBER LT1203 LT1399 LT1675 LT6550/LT6551 LT6553 LT6554 DESCRIPTION 150MHz Single 2:1 Multiplexer 300MHz Triple Current Feedback Amplifier 250MHz Triple RGB Multiplexer 3.3V Triple and Quad Video Buffers 650MHz Gain of 2 Triple Video Amplifier 650MHz Gain of 1 Triple Video Amplifier COMMENTS Single SPDT Video Switch 0.1dB Gain Flatness to 150MHz, Shutdown 100MHz Pixel Switching, 1100V/s Slew Rate, 16-Lead SSOP 110MHz Gain of 2 Buffers in MS Package Performance Similar to the LT6555 with One Set of Inputs, 16-Lead SSOP Same Pinout as the LT6553 but Optimized for High Impedance Loads
6555f
16
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507
U
LT6555 #1 75 IN1A IN1B 75 x2 V+ 5V OUT1 75 IN2A IN2B 75 x2 OUT2 75 IN3A IN3B 75 SEL EN x2 OUT3 AGND DGND VREF V- -2V 5V LT6555 #2 75 IN1A IN1B 75 x2 OUT1 V+ 75 BOUT 75 75 GOUT 75 75 75 ROUT 75 IN2A IN2B 75 x2 OUT2 75 IN3A IN3B 75 SEL EN x2 OUT3 AGND DGND VREF V-
6555 F08
SEL1 SEL0 OUTPUT 0 0 1 0 1 2 1 0 3 1 1 4
-2V
Figure 8. 4:1 RGB Multiplexer
LT/TP 0405 500 * PRINTED IN USA
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2005


▲Up To Search▲   

 
Price & Availability of LT6555

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X