Part Number Hot Search : 
3638A 2220A FH22NJ CMZ5342 5310F STLC5465 MPC83 KSZ8995X
Product Description
Full Text Search
 

To Download LSM770 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Mini TOPLED(R) RG
LS M770, LO M770, LY M770 LG M770, LP M770
Besondere Merkmale
q q q q q q
Gehausefarbe: wei als optischer Indikator einsetzbar zur Hinterleuchtung, Lichtleiter- und Linseneinkopplung fur alle SMT-Bestuck- und Lottechniken geeignet gegurtet (12-mm-Filmgurt) Storimpulsfest nach DIN 40839
VPL06926
Features
q q q q q q
color of package: white for use as optical indicator for backlighting, optical coupling into light pipes and lenses suitable for all SMT assembly and soldering methods available taped on reel (12 mm tape) load dump resistant acc. to DIN 40839
Semiconductor Group
1
11.96
LS M770, LO M770, LY M770 LG M770, LP M770
Typ
Emissionsfarbe Color of Emission
Type
Farbe der Lichtaustrittsflache Color of the Light Emitting Area colorless clear
Lichtstarke
Lichtstrom
Bestellnummer
Luminous Intensity IF = 10 mA I V (mcd) 2.5 ... 12.5 4.0 ... 8.0 6.3 ... 12.5 4.0 ... 32.0 2.5 ... 12.5 4.0 ... 8.0 6.3 ... 12.5 4.0 ... 32.0 2.5 ... 12.5 4.0 ... 8.0 6.3 ... 12.5 4.0 ... 32.0 2.5 ... 12.5 4.0 ... 8.0 6.3 ... 12.5 4.0 ... 32.0 1.0 ... 8.0 1.6 ... 3.2 2.5 ... 5.0 1.6 ... 12.5
Luminous Flux IF = 10 mA V (mlm) 18 (typ.) 30 (typ.) 18 (typ.) 30 (typ.) 18 (typ.) 30 (typ.) 18 (typ.) 30 (typ.) 8 (typ.) 12 (typ.) -
Ordering Code
LS M770-HK LS M770-J LS M770-K LS M770-JM LO M770-HK LO M770-J LO M770-K LO M770-JM LY M770-HK LY M770-J LY M770-K LY M770-JM LG M770-HK LG M770-J LG M770-K LG M770-JM LP M770-FJ LP M770-G LP M770-H LP M770-GK
super-red
Q62703-Q3326 Q62703-Q3327 Q62703-Q3328 Q62703-Q3329 Q62703-Q3330 Q62703-Q3331 Q62703-Q3332 Q62703-Q3333 Q62703-Q3334 Q62703-Q3336 Q62703-Q3335 Q62703-Q3337 Q62703-Q3338 Q62703-Q3339 Q62703-Q3340 Q62703-Q3341 Q62703-Q3342 Q62703-Q3343 Q62703-Q3344 Q62703-Q3345
orange
colorless clear
yellow
colorless clear
green
colorless clear
pure green
colorless clear
Streuung der Lichtstarke in einer Verpackungseinheit I V max / I V min 2.0. Luminous intensity ratio in one packaging unit I V max / I V min 2.0.
Semiconductor Group
2
LS M770, LO M770, LY M770 LG M770, LP M770
Grenzwerte Maximum Ratings Bezeichnung Parameter Betriebstemperatur Operating temperature range Lagertemperatur Storage temperature range Sperrschichttemperatur Junction temperature Durchlastrom Forward current Stostrom Surge current t 10 s, D = 0.005 Sperrspanung Reverse voltage Verlustleistung Power dissipation Warmewiderstand Thermal resistance Sperrschicht / Umgebung Junction / air Montage auf PC-board*) (Padgroe 16 mm2) mounted on PC board*) (pad size 16 mm2) *) PC-board: FR4 Symbol Symbol Werte Values - 55 ... + 100 - 55 ... + 100 + 100 30 0.5 Einheit Unit C C C mA A
Top Tstg Tj IF IFM
VR Ptot Rth JA
5 100 530
V mW K/W
Semiconductor Group
3
LS M770, LO M770, LY M770 LG M770, LP M770
Kennwerte (TA = 25 C) Characteristics Bezeichnung Parameter Wellenlange des emittierten Lichtes Wavelength at peak emission IF = 10 mA Dominantwellenlange Dominant wavelength IF = 10 mA Spektrale Bandbreite bei 50 % Irel max Spectral bandwidth at 50 % Irel max IF = 10 mA Abstrahlwinkel bei 50 % Iv (Vollwinkel) Viewing angle at 50 % Iv Durchlaspannung Forward voltage IF = 10 mA Sperrstrom Reverse current VR = 5 V Kapazitat Capacitance VR = 0 V, f = 1 MHz Schaltzeiten: Switching times: IV from 10 % to 90 % IV from 90 % to 10 % IF = 100 mA, tp = 10 s, RL = 50 (typ.) (max.) (typ.) (max.) (typ.) (typ.) (typ.) (typ.) (typ.) (typ.) (typ.) Symbol Symbol LS LO 610 Werte Values LY 586 LG 565 LP 557 nm 635 Einheit Unit
peak
dom
628
605
590
570
560
nm
45
40
45
25
22
nm
2
120 2.0 2.6
120 2.0 2.6
120 2.0 2.6
120 2.0 2.6
120 2.0 2.6
Grad deg. V V
VF VF IR IR C0
0.01 0.01 0.01 0.01 0.01 A 10 10 10 10 10 A 12 8 10 15 15 pF
(typ.) (typ.)
tr tf
300 150
300 150
300 150
450 200
450 200
ns ns
Semiconductor Group
4
LS M770, LO M770, LY M770 LG M770, LP M770
Relative spektrale Emission Irel = f (), TA = 25 C, IF = 10 mA Relative spectral emission V() = spektrale Augenempfindlichkeit Standard eye response curve
Abstrahlcharakteristik Irel = f () Radiation characteristic
Semiconductor Group
5
LS M770, LO M770, LY M770 LG M770, LP M770
Durchlastrom IF = f (VF) Forward current TA = 25 C
Relative Lichtstarke IV/IV(10 mA) = f (IF) Relative luminous intensity TA = 25 C
Zulassige Impulsbelastbarkeit IF = f (tp) Permissible pulse handling capability Duty cycle D = parameter, TA = 25 C
Maximal zulassiger Durchlastrom Max. permissible forward current IF = f (TA)
Semiconductor Group
6
LS M770, LO M770, LY M770 LG M770, LP M770
Wellenlange der Strahlung peak = f (TA) Wavelength at peak emission IF = 10 mA
Dominantwellenlange dom = f (TA) Dominant wavelength IF = 10 mA
Durchlaspannung VF = f (TA) Forward voltage IF = 10 mA
Relative Lichtstarke IV / IV(25 C ) = f (TA) Relative luminous intensity IF = 10 mA
Semiconductor Group
7
LS M770, LO M770, LY M770 LG M770, LP M770
Mazeichnung Package Outlines
(Mae in mm, wenn nicht anders angegeben) (Dimensions in mm, unless otherwise specified)
Kathodenkennung: abgeschragte Ecke Cathode mark: bevelled edge
Semiconductor Group
8
GPL06926


▲Up To Search▲   

 
Price & Availability of LSM770

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X