Part Number Hot Search : 
TSL2580 AD7520TN CMPWR161 Z5225 L9UG9553 H2320 PJSD15TS STD7NS20
Product Description
Full Text Search
 

To Download LSC4110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1 mW 14 Pin DIL Cooled Laser Modules Technical Data
LSCX110
Features
* 1 Milliwatt Optical Output at 25 mA above Threshold, 25C * Center Wavelength between 1280 nm and 1330 nm * Wide Modulation Bandwidth: LSC2110 - 800 MHz LSC4110 - 1.2 GHz * Wide Operating Temperature Range: -40C to +85C * Alternative Package Styles: LSC2110 - 14 Pin DIL LSC4110 - 14 Pin"Butterfly"
Description
LSCX110 laser modules are highly reliable fiber optic light sources operating in the 1300 nanometer band. The internal semiconductor lasers are based upon InGaAsP buried heterostructure (BH) technology and fabricated by the Metal Organic Vapor Phase Epitaxy (MOVPE) process, resulting in long lifetimes and modest threshold currents. LSCX110 packages include a photodiode for monitoring the laser output, a thermistor for monitoring laser heatsink temperature and a Peltier effect thermoelectric cooler (TEC). A heatsink mounting flange is incorporated into the base of the 14 pin "butterfly" package and a "bullhorn" type flange is used on the 14 pin DIL package.
Applications
* Telecommunications * Local Area and Metropolitan Area Networks * Point-to-Point Data Communications * Fiber Optic Sensors * Cable Television * Military Communications and Control Systems * Instrumentation
Laser Safety Warning This device is a Class IIIb (3b) Laser Product. It may emit invisible laser radiation if operated with the fiber pigtail disconnected. To avoid possible eye damage do not look into an unconnected fiber pigtail during laser operation. Do not exceed specified operating limits.
460
5963-5308E (1/95)
Pin Connections LSC2110 Top View
TEC ANODE (+ve SUPPLY TO COOL) 1 NOT CONNECTED 2 NOT CONNECTED 3 RESERVED - DO NOT CONNECT 4 CASE GROUND 5 RESERVED - DO NOT CONNECT 6 MONITOR PHOTODIODE CATHODE (+ve SUPPLY) 7
TEC
14 TEC CATHODE (-ve SUPPLY TO COOL) 13 NOT CONNECTED 12 THERMISTOR 11 THERMISTOR 10 LASER ANODE (+ve SUPPLY) CASE GROUND 9 LASER CATHODE (-ve SUPPLY) 8 MONITOR PHOTODIODE ANODE (-ve SUPPLY)
LSC4110 Top View
TEC ANODE (+ve SUPPLY TO COOL) 1 THERMISTOR 2 MONITOR PHOTODIODE ANODE (-ve SUPPLY) 3 MONITOR PHOTODIODE CATHODE (+ve SUPPLY) 4 CASE GROUND 5 NOT CONNECTED 6 NOT CONNECTED 7
TEC
14 TEC CATHODE (-ve SUPPLY TO COOL) 13 LASER ANODE (+ve SUPPLY) CASE GROUND 12 NOT CONNECTED 11 LASER CATHODE (-ve SUPPLY) 10 CASE GROUND 9 NOT CONNECTED 8 NOT CONNECTED
461
LSCX110 Laser Diode Typical Operating Characteristics
1.5
LASER FORWARD VOLTAGE vs. FORWARD CURRENT
100
SPECTRAL CONTENT
FORWARD VOLTAGE (V)
80
1.0
RELATIVE POWER
60
40
0.5
20
0
0
10
20
30
40
50
60
70
80
0 1290
1300
1310
1320
FORWARD CURRENT (mA)
WAVELENGTH (nm)
MONITOR DIODE PHOTOCURRENT (A)
2.0
OUTPUT POWER vs. FORWARD CURRENT
800 700 600 500 400 300 200 100 0 0
MONITOR PHOTOCURRENT vs. OUTPUT POWER
FIBER POWER (mW)
1.5
1.0
0.5
0
0
20
40
60
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 OUTPUT POWER (mW)
FORWARD CURRENT (mA)
462
Absolute Maximum Ratings
Absolute maximum limits mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods, provided each limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be assumed that limiting values of more than one parameter can be applied to the product at the same time.
Parameter Laser Forward Current Laser Reverse Current Laser Reverse Voltage Photodiode Reverse Voltage Photodiode Forward Current Operating Temperature (Case) Storage Temperature Relative Humidity RH Fiber Pull Strength Mechanical Shock Vibration
Symbol If Ir VIr Vr Ipf C Ts
Conditions DC DC DC DC DC Pf = 1 mW
Limits Min. -40 -40 0-0 Max. Units
150 mA 100 A 2 V 10 V 1 mA +85 C +85 C non%RH condensing 10 N
Mil Std 883, Method 2002, Test Condition A Mil Std 883, Method 2007, Test Condition A
Performance Specifications
Parameter LASER Threshold Current Ith Change with Temperature Peak Optical Output Optical Output Power Slope Efficiency Forward Voltage Differential Resistance Center Wavelength c Change with Temperature Linewidth Rise Time Fall Time Small Signal Frequency Response LSC2110 LSC4110
Note: 1. Modulated measurements also available.
Symbol
Test Conditions CW, Rt = 10 k, Tc = ~25C unless otherwise specified
Test Limits Min. Max. Units Units
Ith Ith/T Pf Pth Vf Rd c c/T r f Bw Bw
Tc = 65C to 85C Pf = Pf @ Ith + 25 mA Pth = Pf @ Ith - 2 mA
dV/dl Note 1 Tc = 65C to 85C, T = -40C FWHM (2.35 ), Note 1 10% to 90%: Ith to Pf = 1 mW 90% to 10%: Pf = 1 mW to Ith m = 0.8 m = 0.8
5 1 0.04 1280 800 1.2
25 2.5 2.5 50 0.1 1.8 10 1330 0.4 5 0.5 0.5 -
mA %/C mW W mW/mA V nm nm/C nm ns ns MHz GHz
463
Performance Specifications (cont'd.)
Parameter Symbol Test Conditions Rt = 10 k, Tc = ~25C, CW, Pf = 1 mW, Vr = 5 V (Note 2) unless otherwise specified Im R Id R 80 0.08 800 0.8 20 0.5 0.5 A A/W nA dB dB Test Limits Min. Max. Units
MONITOR PHOTODIODE Photocurrent Responsivity Dark Current Tracking Error
Pf = 0 mW Im = Im @ (Pf = 1 mW, Tc = 25C) T = -40C, Tc = 85C T = +65C, Tc = -40C
Note: 2. Monitor Photodiode will also operate under zero bias conditions.
Parameter THERMISTOR Resistance Temperature Coefficient of Rt Constant
Symbol
Test Conditions Tc = 25C, Pf = 0 mW unless otherwise specified
Test Limits Min. Max.
Units
Rt Rt/T
9.5 0C to 50C
10.5 Typ -4.4 Typ 3900
k %dR/K K
Parameter TEC TEC Cooling Current TEC Heating Current Voltage
Symbol
Test Conditions Tc = 25C, Pf = 1 mW unless otherwise specified T = -40C, Tc = 85C T = 65C, Tc = -40C T = -40C to +65C
Test Limits Min. Max.
Units
Ic Ih Vc
-
1.0 1.0 2.0
A A V
Fiber Pigtail: Tight jacketed, self-mode stripping, single mode fiber
Parameter Length Spot Size (mode radius) Cladding Diameter Core/Cladding Concentricity Secondary Jacket Diameter Effective Cut-off Wavelength Minimum 1.0 4.5 122 0.8 1150 Maximum 5.5 128 1.0 1.0 1240 Units m m m m mm nm
Hewlett-Packard can offer a ruggedized fiber pigtail for this product range if extreme mechanical strength is required. The pigtail length can be customized to your specific length, with a connector, to a tolerance of 25 mm. 464
LSC2110 Mechanical Outline
S
U
B
A
FIBER PIGTAIL N
F
C
KL T M
J
P
D E G H
R
DIM. A B C D E F G H J
MIN. MAX. 20.98 20.68 1.10 0.90 13.00 12.55 9.60 8.51 6.60 6.10 7.62 NOM. 2.54 NOM. 0.457 NOM. 7.21 7.01
DIM. K L M N P R S T U
MIN. MAX. 19.05 NOM. 25.70 25.10 30.00 NOM. 4.20 - - 1000 6.20 5.80 6.00 NOM. - 6.00 3.17 NOM.
ALL DIMENSIONS IN MILLIMETERS
465
LSC4110 Mechanical Outline
A S B
T
FIBER PIGTAIL
C
R
F I H M L K N
J
D
G
P
E
DIM. A B C D E F G H I
MIN. MAX. 30.15 29.85 20.95 20.65 12.75 12.45 9.35 9.05 1.60 1.40 6.10 4.90 5.75 5.45 2.54 NOM. 0.38 NOM.
DIM. J K L M N P R S T
MIN. MAX. 0.25 NOM. 19.05 NOM. 30.00 NOM. - 1000 4.35 4.05 5.55 5.25 9.15 8.85 26.15 25.85 2.10 1.90
ALL DIMENSIONS IN MILLIMETERS
466
Ordering Information
LSCX110 - XX Connector Type: FP = FC/PC ST = ST(R) SC = SC DN = DIN BI = Biconic D4 = D4 SF = Super Polish FC/PC Package Style: 2 = 14 PIN DIL 4 = 14 PIN "Butterfly"
Handling Precautions
1. The LSCX110 can be damaged by current surges or overvoltage. 2. Power supply transient precautions should be taken. 3. Normal handling precautions for electrostatic sensitive devices should be taken.
CDRH Certification
Hewlett-Packard Ltd Whitehouse Road Ipswich, Suffolk IP1 5PB England Manufactured: ____ Serial No. ____ Model No. ____________ This product conforms to the applicable requirements of 21 CFR 1040 at the date of manufacture.
Laser Warning
ST(R) is a Registered Trademark of AT&T.
467


▲Up To Search▲   

 
Price & Availability of LSC4110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X