Part Number Hot Search : 
SM6135W 80N60 SJ2258 SG17311 AFX31 SFM3110 TLP627 SJ2258
Product Description
Full Text Search
 

To Download LC86P6548 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN*6690
CMOS IC
LC86P6548
8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Preliminary Overview
The LC86P6548 is a CMOS 8-bit single chip microcontroller with one-time PROM for the LC866500 series. This microcontroller has the function and the pin description of the LC866500 series mask ROM version, and 48K-byte PROM.
Features
(1) Option switching by PROM data The option function of the LC866500 series can be specified by the PROM data. LC86P6548 can be checked the function of the trial pieces using the mass production board. (2) Internal one-time PROM capacity : 49408 bytes (3) Internal RAM capacity : 1152 bytes Used PROM or RAM capacity are equal ROM or RAM capacity of mask ROM version which applies LC86P6548.
Mask ROM version LC866548 LC866540 LC866532 LC866528 LC866524 PROM capacity 49152 bytes 40960 bytes 32768 bytes 28672 bytes 24576 bytes RAM capacity 1152 bytes 1152 bytes 1152 bytes 896 bytes 896 bytes
Programming service
We offers various services at nominal charges. These include the ROM writing, the ROM reading, the package stamping and the screening. Contact our representative for further information.
Ver.1.03 80696
91400 RM (IM) SK No.6690-1/22
LC86P6548 (4) Operating supply voltage : 4.5V to 6.0V (5) Instruction cycle time : 1.0s to 366s (6) Operating temperature : -30C to +70C (7) The pin and the package compatible with the LC866500 series mask ROM devices (8) Applicable mask ROM version : LC866548/LC866540//LC866532/LC866528/LC866524
Notice for use
LC86P6548 is provided for the first release and small shipping of the LC866500 series. At using, take notice of the followings. (1) A point of difference LC86P6548 and LC866500 series
Item Operation after reset releasing LC86P6548 The option is specified until 3ms after going to a `H' level to the reset terminal by dgrees. The program is executed from 00H of the program counter. Pull-down resistor provided/not provided Not provided Provided (fixed) Provided (fixed) Not provided Not provided LC866548/40/32/28/24 The program is executed from 00H of the program counter immediately after going to a `H' level to reset terminal. Pull-down resistor provided/not provided Specified by the option Provided (fixed) Specified by the option Specified by the option Not provided
Pull-down resistor of the following pins *S0/T0 - S6/T6 *S7/T7 - S15/T15 *S16 - S31 *S32 - S47 *S48 - S51 Power dissipation
Refer to `electrical characteristics' on the semiconductor news.
LC86P6548 uses 256 bytes that is addressed on FF00H to FFFFH in the program memory as the option configuration data area. This option configuration cannot execute all options which LC866500 series have. Next tables show the options that correspond and not correspond to LC86P6548. * A kind of the option corresponding of the LC86P6548
A kind of option Input/output form of Input/output ports Port 0 Pins, Circuits Contents of the option 1. N-channel open drain output 2. CMOS output 3. Pull-up MOS Tr. proveded 4. Pull-up MOS Tr. not provided Port 1 1. Input Output 2. Input Output 1. Input Output 2. Input Output : Programmable pull-up MOS Tr. : N-channel open drain : Programmable pull-up MOS Tr. : CMOS : No Programmable pull-up MOS Tr. : N-channel open drain : Programmable pull-up MOS Tr. : CMOS *1 *2
*1 Port 3
*1
*1) Specified in a bit *2) Specified in nibble unit.
The port of N-channel open drain output does not have the Pull-up MOS Tr..
No.6690-2/22
LC86P6548 * A kind of the option not corresponding of the LC86P6548
A kind of option Pull-down resistor of the high voltage Withstand output terminals Pins, Circuits *S0/T0 to S6/T6 *S16 to S31 *S32 to S47 LC86P6548 Not provided Provided (fixed) Not provided LC866548/40/32/28/24 Specified by the option Specified by the option Specified by the option
(2) Option The option data is created by the option specified program "SU86K.EXE". program area by linkage loader "L86K.EXE".
The created option data is linked to the
(3) ROM space LC86P6548 and LC866500 series use 256 bytes that is addressed on 0FF00H to 0FFFFH in the program memory as the option specified data area. These program memory capacity are 49152 bytes that is addressed on 0000H to BFFFH.
0FFFFH 0FF00H 0EFFFH 0DFFFH 0CFFFH 0BFFFH 0AFFFH 9FFFH 8FFFH 7FFFH 6FFFH 5FFFH 4FFFH 3FFFH 2FFFH 1FFFH 0FFFH 0000H
The option specified area 256 bytes
The option specified area
The option specified area
The option specified area
The option specified area
Program area 48K bytes
Program area 40K bytes
Program area 32K bytes
Program area 28K bytes
Program area 24K bytes
LC866548
LC866540
LC866532
LC866528
LC866524
(4) Ordering information 1. When ordering the identical mask ROM and PROM devices simultaneously. Provide an EPROM containing the target memory contents together with the separate order forms for each of the mask ROM and PROM versions. 2. When ordering a PROM device. Provide an EPROM containing the target memory contents together with an order form.
No.6690-3/22
LC86P6548
How to use
(1) Specification of option Programming data for PROM of the LC86P6548 is required. Debugged evaluation file (EVA file) must be converted to an INTEL-HEX formatted file (HEX file) with file converter program, EVA2HEX.EXE. The HEX file is used as the programming data for the LC86P6548. (2) How to program for the PROM LC86P6548 can be programmed by the EPROM programmer with attachment ; W86EP6548Q. * Recommended EPROM programmer
Productor Advantest Andou AVAL Minato electronics EPROM programmer R4945, R4944, R4943 AF-9704 PKW-1100, PKW-3000 MODEL 1890A
* "27512 (Vpp=12.5V) Intel high speed programming" mode available. The address must be set to "0 to 0FFFFH" and a jumper (DASEC) must be set to `OFF' at programming. (3) How to use the data security function "Data security" is the disabled function to read the data of the PROM. The following is the process in order to execute the data security. 1. Set `ON' the jumper of attachment. 2. Program again. Then EPROM programmer displays the error. The error means normally activity of the data security. It is not a trouble of the EPROM programmer or the LSI. Notes * Data security is not executed when the data of all address have `FFH' at the sequence 2 above. * The programming by a sequential operation "BLANKPROGRAMVERIFY" cannot be executed data security at the sequence 2 above. * Set to `OFF' the jumper after executing the data security.
Data security
1 pin mark of LSI
Not data security 1 pin
W86EP6548Q
No.6690-4/22
3151
S48/PG0 S49/PG1 S50/PG2 S51/PG3 P00 P01 P02 P03 VSS2 VDD2 P04 P05 P06 P07 P10/SO0 P11/SI0/SB0 P12/SCK0 P13/SO1 P14/SI1/SB1 P15/SCK1 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 P16/BUZZ P17/PWM0 P30 P31 P32 P33 P34 P35 P36 P37 P70/INT0 RES XT1/P74 XT2/P75 VSS1 CF1 CF2 VDD1 P80/AN0 P81/AN1 P82/AN2 P83/AN3 P84/AN4 P85/AN5 P86/AN6 P87/AN7 P71/INT1 P72/INT2/T0IN P72/INT3/T0IN S0/T0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 S47/PF7 S46/PF6 S45/PF5 S44/PF4 S43/PF3 S42/PF2 S41/PF1 S40/PF0 VDD4 S39/PE7 S38/PE6 S37/PE5 S36/PE4 S35/PE3 S34/PE2 S33/PE1 S32/PE0 S31/PD7 S30/PD6 S29/PD5 S28/PD4 S27/PD3 S26/PD2 S25/PD1 S24/PD0 S23/PC7 S22/PC6 S21/PC5 S20/PC4 VP S19/PC3 S18/PC2 S17/PC1 S16/PC0 VDD3 S15/T15 S14/T14 S13/T13 S12/T12 S11/T11 S10/T10 S9/T9 S8/T8 S7/T7 S6/T6 S5/T5 S4/T4 S3/T3 S2/T2 S1/T1
Pin Assignment
Package Dimension (unit : mm)
LC86P6548
SANYO : QIP-100E
No.6690-5/22
LC86P6548
System Block Diagram
Interrupt Control
IR
PLA
A15-A0 D7-D0 TA CE OE DASEC
Standby Control
PROM Control
Clock Generator
CF RC X'tal
PROM(48KB)
PC Base Timer
Bus Interface
ACC
SIO0
Port 1
B Register
SIO1
Port 3
C Register
Timer 0
Port 7 ALU
Timer 1
Port 8
ADC
PSW
INT0-3 Noise Filter SIO Automatic transmission
RAR
RAM
RAM 128 bytes
Stack Pointer
Port 0 VFD Controller Watchdog Timer High voltage Output
No.6690-6/22
LC86P6548
LC86P6548 Pin Description
Pin name VSS1,2 VDD1,2,3,4 VP PORT0 P00 to P07 I/O I/O Power pin (-) Power pin (+) *8-bit input/output port *Input for port 0 interrupt *Input/output in nibble units *Input for HOLD release *15V withstand at N-channel open drain output *8-bit input/output port *Input/output can be specified in a bit unit *Other pin functions P10 SIO0 data output P11 SIO0 data input/bus input/output P12 SIO0 clock input/output P13 SIO1 data output P14 SIO1 data input/bus input/output P15 SIO1 clock input/output P16 Buzzer output P17 Timer 1 output (PWM0 output) *8-bit input/output port *Input/output in bit unit *15V withstand at N-channel open drain output *4-bit input/output port *Input/output in bit unit *2-bit input port *Other pin functions P70 : INT0 input/HOLD release/N-channel Tr. output for watchdog timer P71 : INT1 input/HOLD release input P72 : INT2 input/timer 0 event input P73 : INT3 input with noise filter/timer 0 event input P74 : 32.768kHz crystal oscillation terminal XT1 P75 : 32.768kHz crystal oscillation terminal XT2 *Interrupt received forms, the vector addresses rising falling rising high level & falling low vector level Function description *4 *4 *Pull-up resistor : Provided/Not provided (each nibble) *Output form : CMOS/N-channel open drain (each bit) *Output form : CMOS/N-channel open drain (each bit) Option PROM mode
Power pin (+) for the VFD output pull-down resist
PORT1 P10 to P17
I/O
Data line D0 to D7
PORT3 P30 to P37
I/O
*Output form : CMOS/N-channel open drain (each bit)
-
PORT7
P70 to P73
P74 to P75
I/O I
PROM control signals DASEC (*1) OE (*2) CE bE (*3)
INT0 enable enable disable enable enable 03H INT1 enable enable disable enable enable 0BH INT2 enable enable enable disable disable 13H INT3 enable enable enable disable disable 1BH
Continue.
No.6690-7/22
LC86P6548
Pin name PORT8 P80 to 83 P84 to 87 I/O I I/O Function description *4-bit input port *Input/output in bit unit *4-bit input port *Other function AD input port (8 port pins) Output for VFD display controller segment/timing in common *Output for VFD display controller segment/timing with internal pull-down resistor in common *Internal pull-down resistor output *Output for VFD display controller Segment output *Other function S16 : High voltage input port PC0 S17 : High voltage input port PC1 S18 : High voltage input port PC2 S19 : High voltage input port PC3 S20 : High voltage input port PC4 S21 : High voltage input port PC5 S22 : High voltage input port PC6 S23 : High voltage input port PC7 S24 : High voltage input port PD0 S25 : High voltage input port PD1 S26 : High voltage input port PD2 S27 : High voltage input port PD3 S28 : High voltage input port PD4 S29 : High voltage input port PD5 S30 : High voltage input port PD6 S31 : High voltage input port PD7 S32 to S47 *9 I/O *Output for VFD display controller Segment *Other function S32 : High voltage input port PE0 S33 : High voltage input port PE1 S34 : High voltage input port PE2 S35 : High voltage input port PE3 S36 : High voltage input port PE4 S37 : High voltage input port PE5 S38 : High voltage input port PE6 S39 : High voltage input port PE7 S40 : High voltage I/O port PF0 S41 : High voltage I/O port PF1 S42 : High voltage I/O port PF2 S43 : High voltage I/O port PF3 S44 : High voltage I/O port PF4 S45 : High voltage I/O port PF5 S46 : High voltage I/O port PF6 S47 : High voltage I/O port PF7 Option PROM mode
S0/T0 to S6/T6 *6 S7/T7 to S15/T15 *7 S16 to S31 *8
O O
-
TA (*5)
I/O
-
*Address input A15 to A0
Continue.
No.6690-8/22
LC86P6548
Pin name S48 to S51 *9 I/O I/O Function description *Output for VFD display controller Segment *Other function S48 : High voltage I/O port PG0 S49 : High voltage I/O port PG1 S50 : High voltage I/O port PG2 S51 : High voltage I/O port PG3 Reset pin *Input pin for 32.768kHz crystal oscillation *Other function XT1 : Input port P74 In case of non use, connect to VDD1. XT2/P75 O *Output pin for 32.768kHz crystal oscillation *Other function XT2 : Input port P75 In case of non use, connect to VDD1 at using as port or unconnect at using as oscillation. Input pin for the ceramic resonator oscillation Output pin for the ceramic resonator oscillation Option PROM mode
RES
I I
-
-
XT1/ P74
CF1 CF2
I O
-
-
All of port options (except pull-up resistor of port 0) can be specified in bit unit. *1 *2 *3 *4 *5 *6 *7 *8 *9 Memory select input for data security Output enable input Chip enable input Connect like the following figure to reduce noise into a VDD1 terminal. Shorted the VSS1 terminal to the VSS2 terminal and to make the back-up time long. TA ! PROM control signal input S0/T0 to S6/T6 : not provided the pull-down resistor S7/T7 to S15/T15 : provided the pull-down resistor (fixed) S16 to S31 : provided the pull-down resistor (fixed) S32 to S51 : not provided the pull-down resistor
LSI VDD1 Power Supply
Back-up capacitor VDD2
VDD3 VFD powers VDD4 VSS1 VSS2
No.6690-9/22
LC86P6548 1. Absolute Maximum Ratings at VSS1=VSS2=0V and Ta=25C
Ratings VDD[V] min. -0.3 -0.3 typ. max. +7.0 VDD+ 0.3
Parameter Supply voltage Input voltage
Symbol
Pins
Conditions VDD1=VDD2 =VDD3=VDD4
unit V
VDDMAX VDD1, VDD2
VI(1)
VI(2) Output voltage Input/Output voltage VO(1) VIO(1)
VDD3, VDD4 *Ports 74 ,75 *Ports 80,81,82,83 *Port 8 * RES VP S0/T0 to S15/T15 *Port 1 *Ports 70,71,72,73 *Ports 84,85,86,87 *Ports 0, 3 at CMOS output option Ports 0, 3 at N-ch open drain output option S16 to S51 Ports 0, 1, 3
VDD-45 VDD-45 -0.3
VDD+ 0.3 VDD+ 0.3 VDD+ 0.3
VIO(2) VIO(3) High Peak level output output current current Total output current IOPH(1) IOPH(2) IOPH(3) IOAH(1) IOAH(2) IOAH(3) IOAH(4) IOAH(5) IOAH(6) IOPL(1) IOPL(2)
-0.3 VDD-45 *CMOS output *At each pins At each pins At each pins The total of all pins The total of all pins The total of all pins The total of all pins The total of all pins The total of all pins At each pins At each pins The total of all pins The total of all pins The total of all pins Ta=-30 to+70C -10 -30 -15 -30 -30 -55 -60 -60 -60
15 VDD+ 0.3 mA
Low level output current
Peak output current Total output current
Maximum power dissipation Operating temperature range Storage temperature range
S0/T0 to S15/T15 S16 to S51 Port 0 Ports 1, 3 S0/T0 to S15/T15 S16 to S27 S28to S39 S40 to S51 Ports 0,1,3 *Ports 70,71,72,73 *Ports 84,85,86,87 IOAL(1) Port 0 IOAL(2) Ports 1,3,70 IOAL(3) *Ports 71,72,73 *Ports 84,85,86,87 Pdmax QFP100E
20 15 60 50 20 500 mW
Topr
-30
70
C
Tstg
-55
125
No.6690-10/22
LC86P6548 2. Recommended Operating Range at Ta=-30C to +70C, VSS1=VSS2=0V
Ratings VDD[V] min. 4.5 2.0 typ. max. 6.0 6.0
Parameter
Symbol
Pins VDD1=VDD2 =VVDD3=VDD4 VDD1=VDD2
Conditions 0.98s tCYC tCYC 400s RAMs and the registers hold voltage at HOLD mode.
unit V
Operating VDD(1) Supply voltage Hold voltage VHD
Pull-down Voltage Input high voltage
VP VIH(1) VIH(2) VIH(3)
VP Port 0 at CMOS output Port 0 at N-ch open drain output *Port 1 *Ports 72,73 *Port 3 at CMOS output *Port 3 at N-ch open drain output *Port 70 Port input/interrupt *Port 71 * RES Port 70 Watchdog timer *Port 8 *Ports 74 ,75 S16 to S51 Port 0 at CMOS output option Port 0 at N-ch open drain output *Ports 1,3 *Ports 72,73 *Port 70 Port input/interrupt *Port 71 * RES Port 70 Watchdog timer *Port 8 *Ports 74 ,75 S16 to S51 Output disable Output disable Output disable
4.5 to 6.0
-35
VDD VDD 13.5 VDD
4.5 to 6.0 0.33VDD +1.0 4.5 to 6.0 0.75VDD 4.5 to 6.0 0.75VDD
VIH(4) VIH(5)
Output disable Tr. OFF Output disable
4.5 to 6.0 0.75VDD 4.5 to 6.0 0.75VDD
13.5 VDD
VIH(6) VIH(7) VIH(8) Input low voltage VIL(1) VIL(2) VIL(3) VIL(4)
Output disable Output disable Output P-channel Tr. OFF Output disable Output disable Output disable Output disable
4.5 to 6.0 0.9VDD 4.5 to 6.0 0.75VDD 4.5 to 6.0 0.33VDD +1.0 4.5 to 6.0 VSS 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 VSS VSS VSS
VDD VDD VDD 0.2VDD 0.25VDD 0.25VDD 0.25VDD
VIL(5) VIL(6) VIL(7) Operation cycle time tCYC
Output disable Output disable Output P-channel Tr. OFF
4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0
VSS VSS VP 0.98
0.8VDD -1.0 0.25VDD 0.2VDD 400 s
Continue.
No.6690-11/22
LC86P6548
Parameter
Symbol
Pins CF1, CF2
Conditions *6MHz (ceramic resonator oscillation) *Refer to figure 1 *3MHz (ceramic resonator oscillation) *Refer to figure 1 RC oscillation *32.768kHz (crystal oscillation) *Refer to figure 2 *6MHz (ceramic resonator oscillation) *Refer to figure 3 *3MHz (ceramic resonator oscillation) *Refer to figure 3 *32.768kHz (crystal oscillation) *Refer to figure 3
Ratings VDD[V] 4.5 to 6.0 min. typ. 6 max.
unit MHz
Oscillation FmCF(1) frequency range (Note 1) FmCF(2)
CF1, CF2
4.5 to 6.0
3
FmRC FsXtal
XT1, XT2
4.5 to 6.0 4.5 to 6.0
0.3
0.8 32.768
3.0 kHz
Oscillation stabilizing time period (Note 1)
tmsCF(1)
CF1, CF2
4.5 to 6.0
ms
tmsCF(2)
CF1, CF2
4.5 to 6.0
tssXtal
XT1, XT2
4.5 to 6.0
s
(Note 1) The oscillation constant is shown on table 1.
No.6690-12/22
LC86P6548 3. Electrical Characteristics at Ta=-30C to +70C, VSS1=VSS2=0V
Ratings typ.
Parameter Input high current
Symbol IIH(1)
Pins Ports 0,3 at open drain output
Conditions *Output disable *VIN=13.5V (including off-leakage current of the output Tr.) *Output disable *Pull-up MOS Tr. OFF. *VIN=VDD (including off-leakage current of the output Tr.) *Output disable *VIN=VDD (including off-leakage current of the output Tr.) VIN=VDD VIN=VDD *Output P-channel Tr. OFF. *VIN=VDD *Output disable *Pull-up MOS Tr. OFF. *VIN=VSS (including off-leakage current of the output Tr.) *Output disable *VIN=VSS (including off-leakage current of the output Tr.) VIN=VSS VIN=VSS IOH=-1.0mA IOH=-0.1mA IOH=-20mA *IOH=-1.0mA *The current of any unmeasurement pin is not over 1mA. IOH=-5mA *IOH=-1.0mA *The current of any unmeasurement pins is not over 1mA. IOL=10mA IOL=1.6mA IOL=1mA IOL=1.6mA VOH=0.9VDD
VDD[V] 4.5 to 6.0
min.
max. 5
unit A
IIH(2)
*Ports 1,3 *Port 0 without pull-up MOS Tr.
4.5 to 6.0
1
IIH(3)
*Ports 70,71,72,73 *Port 8
4.5 to 6.0
1
IIH(4) IIH(5) IIH(6) Input low current IIL(1)
RES Ports 74 ,75 *S32 to S51 without pull-down resistor *Ports 1,3 *Port 0 without pull-up MOS Tr.
4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 -1
1 1 1
IIL(2)
*Ports 70,71,72,73 *Port 8
4.5 to 6.0
-1
Output high voltage
IIL(3) IIL(4) VOH(1) VOH(2) VOH(3) VOH(4)
RES Ports 74 ,75 Ports 0,1,3 of CMOS output S0/T0 to S15/T15
4.5 to 6.0 -1 4.5 to 6.0 -1 4.5 to 6.0 VDD-1 4.5 to 6.0 VDD-0.5 4.5 to 6.0 VDD-1.8 4.5 to 6.0 VDD-1
V
VOH(5) S16 to S51 VOH(6)
4.5 to 6.0 VDD-1.8 4.5 to 6.0 VDD-1
Output low voltage
VOL(1) Ports 0,1,3 VOL(2) VOL(3) Port 70 VOL(4) *Ports 71,72,73 *Ports 84,85,86,87 Pull-up MOS Rpu Ports 0,1,3 Tr. resistor
4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 15 40
1.5 0.4 0.4 0.4 70 K
Continue.
No.6690-13/22
LC86P6548
Parameter Output offleakage current
Symbol
Pins
Conditions *Output P-channel Tr. OFF *VOUT=VSS *Output P-channel Tr. OFF *VOUT=VDD-40V *Output P-channel Tr. OFF *Using as input ports *Output P-channel Tr. OFF *VOUT=3V *Vp=-30V *VSS=GND *Vp=-30V Output disable
Ratings VDD[V] 4.5 to 6.0 min. -1 typ. max.
unit A
IOFF(1) *S0/T0 to S6/T6 *S32 to S51 (without pull-down IOFF(2) resistor)
4.5 to 6.0
-30
Resistance of The low level Hold Tr. High voltage Pull-down resistor VP pull-down resistor Hysteresis voltage Pin capacitance
Rinpd
S16 to S51
4.5 to 6.0
200
K
Rpd
*S7/T7 to S15/T15 *S16 to S31
5.0
60
100
200
Rvppd VHIS
Vp
5.0 4.5 to 6.0
60
100 0.1VDD
200 V
CP
*Port 1 *Ports 70,71,72,73,75 * RES All pins *f=1MHz *VIN=VSS for all unmeasured terminals. *Ta=25C
4.5 to 6.0
10
pF
4. Serial Input/Output Characteristics at Ta=-30C to +70C, VSS1=VSS2=0V
Parameter Cycle Low Level pulse width High Level pulse width Cycle Low Level pulse width High Level pulse width Data set-up time Input clock Symbol tCKCY(1) tCKL(1) tCKH(1) tCKCY(2) tCKL(2) tCKH(2) tICK *SI0,SI1 *SB0,SB1 SCK0,SCK1 *Use pull-up resistor (1k) in the open drain output. *Refer to figure 5 *Data set-up to SCK0,1 *Data hold from SCK0,1 *Refer to figure 5 *Use pull-up resistor (1k) in the open drain output. *Data hold from SCK0,1 *Refer to figure 5 4.5 to 6.0 Pins SCK0,SCK1 Conditions Refer to figure 5 Ratings VDD[V] 4.5 to 6.0 min. 2 1 1 2 1/2tCKCY 1/2tCKCY 4.5 to 6.0 0.1 s typ. max. unit tCYC
Serial clock Serial input
Output clock
Data hold time Output delay time (External clock using for serial transfer clock) Output delay time (Internal clock using for serial transfer clock)
tCKI tCKO(1) *SO0,SO1 *SB0,SB1
0.1 4.5 to 6.0 7/12 tCYC
+0.2
Serial output
tCKO(2)
1/3 tCYC
+0.2
No.6690-14/22
LC86P6548 5. Pulse Input Conditions at Ta=-30C to +70C, VSS1=VSS2=0V
Parameter High/low level pulse width Symbol tPIH(1) tPIL(1) tPIH(2) tPIL(2) tPIH(3) tPIL(3) tPIH(4) tPIL(4) tPIL(5) Pins *INT0, INT1 *INT2/T0IN INT3/T0IN (The noise rejection clock selected to 1/1.) INT3/T0IN (The noise rejection clock selected to 1/16.) INT3/T0IN (The noise rejection clock selected to 1/64.)
RES
Conditions *Interrupt acceptable *Timer0-countable *Interrupt acceptable *Timer0-countable *Interrupt acceptable *Timer0-countable *Interrupt acceptable *Timer0-countable Reset acceptable
Ratings VDD[V] 4.5 to 6.0 4.5 to 6.0 min. 1 2 typ. max.
unit tCYC
4.5 to 6.0
32
4.5 to 6.0
128
4.5 to 6.0
200
s
6. AD Converter Characteristics at Ta=-30C to + 70C, VSS1=VSS2=0V
Parameter Resolution Absolute precision (Note 2) Conversion time Symbol N ET tCAD AD conversion time = 16 x tCYC (ADCR2=0) (Note 3) AD conversion time = 32 x tCYC (ADCR2=1) (Note 3) AN0 to AN7 VAIN=VDD VAIN=VSS Pins Conditions Ratings VDD[V] 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 15.68 (tCYC= 0.98s) 31.36 (tCYC= 0.98 s) 4.5 to 6.0 4.5 to 6.0 4.5 to 6.0 VSS min. typ. 8 1.5 65.28 (tCYC= 4.08s) 130.56 (tCYC= 4.08s) VDD 1 -1 V A max. unit bit LSB s
Analog input voltage range Analog port input current
VAIN IAINH IAINL
(Note 2) Absolute precision excepts the quantizing error (1/2 LSB). (Note 3) The conversion time means the time from executing the AD conversion instruction to setting the complete digital conversion value to the register.
No.6690-15/22
LC86P6548 7. Current Dissipation Characteristics at Ta=-30C to +70C, VSS1=VSS2=0V
Parameter Current dissipation during basic operation (Note 4) Symbol IDDOP(1) Pins Conditions *FmCF=6MHz Ceramic resonator oscillation *FsXtal=32.768kHz crystal oscillation *System clock : CF oscillation *Internal RC oscillation stops *1/1 divided *FmCF=3MHz Ceramic resonator oscillation *FsXtal=32.768kHz crystal oscillation *System clock : CF oscillation *Internal RC oscillation stops *1/2 divided *FmCF=0Hz (The oscillation stops) *FsXtal=32.768kHz crystal oscillation *System clock : RC oscillation *1/2 divided *FmCF=0Hz (The oscillation stops) *FsXtal=32.768kHz crystal oscillation *System clock : 32.768kHz *Internal RC oscillation stops *1/2 divided Ratings VDD[V] 4.5 to 6.0 min. typ. 14 max. 33 unit mA
IDDOP(2)
4.5 to 6.0
6
18
IDDOP(3)
4.5 to 6.0
4
13
IDDOP(4)
4.5 to 6.0
3
10
Continue.
No.6690-16/22
LC86P6548
Ratings VDD[V] 4.5 to 6.0 min. typ. 5 max. 14
Parameter
Symbol
Pins
Conditions *HALT mode *FmCF=6MHz Ceramic resonator oscillation *FsXtal=32.768kHz crystal oscillation *System clock : CF oscillation *Internal RC oscillation stops *1/1 divided *HALT mode *FmCF=3MHz Ceramic resonator oscillation *FsXtal=32.768kHz crystal oscillation *System clock : CF oscillation *Internal RC oscillation stops *1/2 divided *HALT mode FmCF=0Hz (The oscillation stops) *FsXtal=32.768kHz crystal oscillation *System clock : RC oscillation *1/2 divided *HALT mode FmCF=0Hz (The oscillation stops) *FsXtal=32.768kHz crystal oscillation *System clock : crystal oscillation *Internal RC oscillation stops *1/2 divided HOLD mode
unit mA
Current dissipation IDDHALT(1) in HALT mode (Note 4)
IDDHALT(2)
4.5 to 6.0
2.2
7
IDDHALT(3)
4.5 to 6.0
400
1600
A
IDDHALT(4)
4.5 to 6.0
25
100
Current dissipation IDDHOLD(1) in HOLD mode (Note 4)
4.5 to 6.0
0.05
30
(Note 4) The currents of the output transistors and the pull-up MOS transistors are ignored.
No.6690-17/22
LC86P6548 Table 1. Ceramic resonator oscillation recommended constant (main-clock)
Oscillation type 6MHz ceramic resonator oscillation 3MHz ceramic resonator oscillation Maker Murata Kyocera Murata Kyocera Oscillator C1 C2
* Both C1 and C2 must be use K rank (10%) and SL characteristics.
Table 2. Crystal oscillation guaranteed constant (sub-clock)
Oscillation type 32.768kHz crystal oscillation Maker Oscillator C3 C4 Rd Rf
* Both C3 and C4 must be use J rank (5%) and CH characteristics. (Not in need of high precision, use K rank (10%) and SL characteristics.)
(Notes)
* Please place the oscillation-related parts as close to the oscillation pins as possible with the shortest possible pattern length since the circuit pattern affects the oscillation frequency. * If you use other oscillators herein, we provide no guarantee for the characteristics.
CF1
CF2
XT1
XT2
Rf
Rd
CF C1 C2 C3 X'tal C4
Figure 1
Main-clock circuit Ceramic resonator oscillation
Figure 2
Sub-clock circuit Crystal oscillation
No.6690-18/22
LC86P6548
Power supply
Reset time
VDD VDD limit 0V
RES Internal RC resonator oscillation
tmsCF
CF1, CF2
tssXtal
XT1, XT2
Instruction execution mode OCR6=1
Operation mode
Unfixed
Reset
Instruction execution mode

HOLD release signal Internal RC resonator oscillation
Valid
tmsCF
CF1, CF2
tssXtal
XT1, XT2
Operation mode
HOLD
Instruction execution mode

Figure 3
Oscillation stable time
No.6690-19/22
LC86P6548
VDD
RRES
RES CRES
(Note) Fix the value of CRES, RRES that is sure to reset until 200s, after Power supply has been over inferior limit of supply voltage.
Figure 4
Reset circuit
0.5VDD
tCKCY tCKL SCK0 SCK1 tICK SI0 SI1 tCKO SO0, SO1 SB0, SB1 50pF tCKI tCKH
VDD
1K
Figure 5
Serial input / output test condition
tPIL
tPIH
Figure 6
Pulse input timing condition
No.6690-20/22
LC86P6548
Notice For Use
* The construction of the one-time programmable microcomputer with a blank built-in PROM makes it impossible for Sanyo to completely factory-test it before shipping. To probe reliability of the programmed devices, the screening procedure shown in the following figure should always be followed. * It is not possible to perform a writing test on the blank PROM. 100% yield, therefore, cannot be guaranteed.
* Keeping the dry packing The environment must be held at a temperature of 30C or less and a humidity level of 70% or less. * After opening the packing The preparation procedures shown in the following figure should always be followed prior to mounting the packages on the substrate. After opening the packing, a controlled environment must be maintained until soldering. The environment must be held at a temperature of 30C or less and a humidity level of 70% or less. Please solder within 96 hours. Unused devices should be kept in the dry atmosphere such as inside of desiccator or dry these up before assembling on the board.
a. Shipping with a blank PROM (Programming the data by yourself)
b. Shipping with a programmed PROM (Programming the data by Sanyo)
QFP
QFP
Writing data for program/Verifying
Mounting
Recommended process of screening
Heat-soak 1505C,24 +1 Hr -0
Reading ascertain of program VDD=50.5V
Mounting
No.6690-21/22
LC86P6548 memo:
PS No.6690-22/22


▲Up To Search▲   

 
Price & Availability of LC86P6548

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X