Part Number Hot Search : 
IRC111 SVC203CP CD4050 ACT25 1N5384B B1001 68HC70 EC2C33
Product Description
Full Text Search
 

To Download LC863416A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN*6846
CMOS IC
LC863432A/28A/24A/20A/16A
8-Bit Single-Chip Microcontroller
Preliminary Overview
The LC863432/28/24/20/16A are 8-bit single chip microcontrollers with the following on-chip functional blocks: - CPU : Operable at a minimum bus cycle time of 0.424s - On-chip ROM capacity Program ROM : 32K/28K/24K/20K/16K bytes CGROM : 16K bytes - On-chip RAM capacity : 512 bytes - OSD RAM : 352 x 9 bits - Closed-Caption TV controller and the on-screen display controller - Closed-Caption data slicer - Four channels x 6-bit AD Converter - Three channels x 7-bit PWM - 16-bit timer/counter, 14-bit base timer - IIC-bus compliant serial interface circuit (Multi-master type) - ROM correction function - 11-source 8-vectored interrupt system - Integrated system clock generator and display clock generator Only one X'tal oscillator (32.768kHz) for PLL reference is used for both generators TV control and the Closed Caption function All of the above functions are fabricated on a single chip.
Note : This product includes the IIC bus interface circuit. If you intend to use the IIC bus interface, please notify us of this in advance of our receiving your program ROM code order. Purchase of SANYO IIC components conveys a license under the Philips IIC Patents Rights to use these components in an IIC system, provided that the system conforms to the IIC Standard Specification as defined by Philips. Trademarks IIC is a trademark of Philips Corporation.
Ver.1.01 00000
D2700 RM (IM) Shindo No.6846-1/19
LC863432A/28A/24A/20A/16A
Features
(1) Read-Only Memory (ROM) :
32768 x 8 bits / 28672 x 8 bits / 24576 x 8 bits 20486 x 8 bits / 16384 x 8 bits for program 16128 x 8 bits for CGROM 384 x 8 bits (working area) 128 x 8 bits (working or ROM correction function) 352 x 9 bits (for CRT display)
(2) Random Access Memory (RAM) :
(3) OSD functions - Screen display : 36 characters x 16 lines (by software) - RAM : 352 words (9 bits per word) Display area : 36 words x 8 lines Control area : 8 words x 8 lines - Characters Up to 252 kinds of 16 x 32 dot character fonts (4 characters including 1 test character are not programmable) Each font can be divided into two parts and used as two fonts (Ex. 16 x 16 dot character font x 2) At least 111 characters need to be divide between a 16 x 18 dot and 8 x 9 dot character font to display the caption fonts. - Various character attributes Character colors : 16 colors (analog mode: lvp-p output) / 8 colors (digital/mode) Character background colors : 16 colors (analog mode: lvp-p output) / 8 colors (digital/mode) Fringe / shadow colors : 16 colors (analog mode: lvp-p output) / 8 colors (digital/mode) Full screen colors : 16 colors (analog mode: lvp-p output) / 8 colors (digital/mode) Rounding Underline Italic character (slanting) - Attribute can be changed without spacing - Vertical display start line number can be set for each row independently (Rows can be overlapped) - Horizontal display start position can be set for each row independently - Horizontal pitch (bit 9 - 16)*1 and vertical pitch (bit-32) can be set for each row independently - Different display modes can be set for each row independently Caption * Text mode / OSD mode 1 / OSD mode 2 (Quarter size) / Simplifed graphic mode - Ten character sizes *1 Horez. x Vert. = (1 x 1), (1 x 2), (2 x 2), (2 x 4), (0.5 x 0.5) (1.5 x 1), (1.5 x 2), (3 x 2), (3 x 4), (0.75 x 0.5) - Shuttering and scrolling on each row - Simplified Graphic Display *1 Note : range depends on display mode : refer to the manual for details. (4) Data Slicer (closed caption format) - Closed caption data and XDS data extraction - NTSC/PAL, and extracted line can be specified (5) Bus Cycle Time / Instruction-Cycle Time
Bus cycle time Instruction cycle time Clock divider 0.424s 0.848s 1/2 7.5s 91.55s 183.1s 15.0s 183.1s 366.2s 1/2 1/1 1/2 System clock oscillation Internal VCO (Ref : X'tal 32.768kHz) Internal RC Crystal Crystal Oscillation Frequency 14.156MHz 800kHz 32.768kHz 32.768kHz Voltage 4.5V to 5.5V 4.5V to 5.5V 4.5V to 5.5V 4.5V to 5.5V
No.6846-2/19
LC863432A/28A/24A/20A/16A (6) Ports - Input / Output Ports : 4 ports (23 terminals) Data direction programmable in nibble units : 1 port (8 terminals) (If the N-ch open drain output is selected by option, the corresponding port data can be read in output mode.) Data direction programmable for each bit individually : 3 ports (15 terminals) (7) AD converter - 4 channels x 6-bit AD converters (8) Serial interfaces - IIC-bus compliant serial interface (Multi-master type) Consists of a single built-in circuit with two I/O channels. internally. (9) PWM output - 3 channels x 7-bit PWM (10) Timer - Timer 0 : 16-bit timer/counter With 2-bit prescaler + 8-bit programmable prescaler Mode 0 : Two 8-bit timers with a programmable prescaler Mode 1 : 8-bit timer with a programmable prescaler + 8-bit counter Mode 2 : 16-bit timer with a programmable prescaler Mode 3 : 16-bit counter The resolution of timer is 1 tCYC. - Base timer Generate every 500ms overflow for a clock application (using 32.768kHz crystal oscillation for the base timer clock) Generate every 976s, 3.9ms, 15.6ms, 62.5ms overflow (using 32.768kHz crystal oscillation for the base timer clock) Clock for the base timer is selectable from 32.768kHz crystal oscillation, system clock or programmable prescaler output of Timer 0 (11) Remote control receiver circuit (connected to the P73/INT3/T0IN terminal) - Noise rejection function - Polarity switching (12) Watchdog timer External RC circuit is required Interrupt or system reset is activated when the timer overflows (13) ROM correction function Max 128 bytes / 2 addresses (14) Interrupts - 11 sources 8 vectored interrupts 1. External Interrupt INT0 2. External Interrupt INT1 3. External Interrupt INT2, Timer/counter T0L (Lower 8 bits) 4. External Interrupt INT3, base timer 5. Timer/counter T0H (Upper 8 bits) 6. Data slicer 7. Vertical synchronous signal interrupt ( VS ), horizontal line ( HS ) 8. IIC - Interrupt priority control Three interrupt priorities are supported (low, high and highest) and multi-level nesting is possible. Low or high priority can be assigned to the interrupts from 3 to 8 listed above. For the external interrupt INT0 and INT1, low or highest priority can be set.
No.6846-3/19
The two data lines and two clock lines can be connected
LC863432A/28A/24A/20A/16A (15) Sub-routine stack level - A maximum of 128 levels (stack is built in the internal RAM) (16) Multiplication/division instruction - 16 bits x 8 bits (7 instruction cycle times) - 16 bits / 8 bits (7 instruction cycle times) (17) 3 oscillation circuits - Built-in RC oscillation circuit used for the system clock - Built-in VCO circuit used for the system clock and OSD - X'tal oscillation circuit used for base timer, system clock and PLL reference (18) Standby function - HALT mode The HALT mode is used to reduce the power dissipation. In this operation mode, the program execution is stopped. This mode can be released by the interrupt request or the system reset. - HOLD mode The HOLD mode is used to stop the oscillations; RC (internal), VCO, and X'tal oscillations. This mode can be released by the following conditions. * Pull the reset terminal ( RES ) to low level. * Feed the selected level to either P70/INT0 or P71/INT1. (19) Package - MFP36S - DIP36S (20) Development tools - Flash EEPROM: - Evaluation chip: - Emulator:
LC86F3448A LC863096 EVA86000 (main) + ECB863400 (evaluation chip board) + POD36-CABLE (cable) + POD36-DIP (for DIP36S) or POD36-MFP (for MFP36S)
No.6846-4/19
LC863432A/28A/24A/20A/16A
System Block Diagram
Interrupt Control
IR
PLA
Standby Control
ROM
RC VCO
Clock Generator
X'tal
PC PLL
IIC
ROM Correct Control
ACC
XRAM
B Register
Timer 0
Bus Interface
C Register
Port 1 ALU Base Timer Port 3
ADC
Port 7
PSW
INT0-3 Noise Rejection Filter
RAR
PWM CGROM Data Slicer OSD Control Circuit
RAM
Stack Pointer VRAM Port 0
Watch Dog Timer
No.6846-5/19
LC863432A/28A/24A/20A/16A
Pin Assignment
P10/SDA0 P11/SCLK0 P12/SDA1 P13/SCLK1 VSS XT1 XT2 VDD P04/AN4 P05/AN5 P06/AN6 P07/AN7 RES FILT CVIN P30 VS HS
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19
P03 P02 P01 P00 P17 P16/PWM3 P15/PWM2 P14/PWM1 P73/INT3/T0IN P72/INT2/T0IN P71/INT1 P70/INT0 P32 P31 BL B G R
Package Dimension (unit : mm)
3129
SANYO : MFP-36S
No.6846-6/19
LC863432A/28A/24A/20A/16A
Pin Description
Pin Description Table
Terminal VSS XT1 XT2 VDD
RES FILT CVIN VS HS R G B BL
I/O I O I O I I I O O O O
Function Description Negative power supply Input terminal for crystal oscillator Output terminal for crystal oscillator Positive power supply Reset terminal Filter terminal for PLL Video signal input terminal Vertical synchronization signal input terminal Horizontal synchronization signal input terminal Red (R) output terminal of RGB image output Green (G) output terminal of RGB image output Blue (B) output terminal of RGB image output Fast blanking control signal Switch TV image signal and caption/OSD image signal *8-bit input/output port, Input/output can be specified in nibble unit (If the N-ch open drain output is selected by option, the corresponding port data can be read in output mode.) *Other functions AD converter input port (P04 to P07: 4 channels) *8-bit input/output port Input/output can be specified for each bit (programmable pull-up resister provided) *Other functions P10 IIC0 data I/O P11 IIC0 clock output P12 IIC1 data I/O P13 IIC1 clock output P14 PWM1 output P15 PWM2 output P16 PWM3 output *3-bit input/output port Input/output can be specified for each bit (CMOS output/input with programmable pull-up resister)
Option
Port 0 P00 to P07
I/O
Pull-up resistor provided/not provided Output Format CMOS/Nch-OD
Port 1 P10 to P17
I/O
Output Format CMOS/Nch-OD
Port 3 P30 to P32
I/O
No.6846-7/19
LC863432A/28A/24A/20A/16A
Terminal Port 7 P70 P71 to P73 I/O I/O Function Description *4-bit input/output port Input or output can be specified for each bit P70: I/O with programmable pull-up resister P71 to P73: CMOS output/input with programmable pull-up resister *Other function P70 INT0 input/HOLD release input/ Nch-Tr. output for wachdog timer P71 INT1 input/HOLD release input P72 INT2 input/Timer 0 event input P73 INT3 input (noise rejection filter connected)/ Timer 0 event input Interrupt receiver format, vector addresses rising falling rising/ H level L level vector falling INT0 enable enable disable enable enable 03H INT1 enable enable disable enable enable 0BH INT2 enable enable enable disable disable 13H INT3 enable enable enable disable disable 1BH Option
Note: A capacitor of at least 10F must be inserted between VDD and VSS when using this IC.
* Output form and existance of pull-up resistor for all ports can be specified for each bit. * Programmable pull-up resistor is always connected regardless of port option, CMOS or N-ch open drain output in port 1. * Port status in reset
Terminal Port 0 Port 1 I/O I I Pull-up resistor status at selecting CMOS output option Pull-up resistor OFF, ON after reset release Programmable pull-up resistor OFF
No.6846-8/19
LC863432A/28A/24A/20A/16A 1. Absolute Maximum Ratings at VSS=0V and Ta=25C
Parameter Supply voltage Input voltage Output voltage Input/output voltage High Peak level output output current current Total output current Symbol VDDMAX VI(1) VO(1) VIO IOPH(1) IOPH(2) IOAH(1) IOAH(2) IOAH(3) Low level output current Peak output current Total output current IOPL(1) IOPL(2) IOPL(3) IOAL(1) IOAL(2) IOAL(3) Maximum power dissipation Operating temperature range Storage temperature range Pdmax Topg VDD * RES , HS , VS , CVIN R, G, B, BL, FILT *Ports 0, 1, 3, 7 *Ports 0, 1, 3, 7 R, G, B, BL Ports 0, 1 Ports 3, 7 R, G, B, BL Ports 0, 1, 3 Port 7 R, G, B, BL Ports 0, 1 Ports 3, 7 R, G, B, BL MFP36S DIP36S *CMOS output *For each pin. *CMOS output *For each pin. The total of all pins. The total of all pins. The total of all pins. For each pin. For each pin. For each pin. The total of all pins. The total of all pins. The total of all pins. Ta=-10 to +70C Pins Conditions Ratings typ. unit V
VDD[V]
min. -0.3 -0.3 -0.3 -0.3 -4 -5 -20 -10 -12
max. +7.0
VDD+0.3 VDD+0.3 VDD+0.3
mA
20 15 5 40 20 12 340 550 +70 mW C
-10
Tstg
-55
+125
No.6846-9/19
LC863432A/28A/24A/20A/16A 2. Recommended Operating Range at Ta=-10C to +70C, VSS=0V
Parameter Operating supply voltage range Hold voltage Symbol VDD(1) VDD(2) VHD VDD VDD Pins Conditions 0.844s tCYC 0.852s 4s tCYC 400s RAMs and the registers data are kept in HOLD mode. Output disable Output disable Ratings typ. unit V
VDD[V]
min. 4.5 4.5 2.0
max. 5.5 5.5 5.5
High level input voltage
VIH(1) VIH(2)
Port 0 *Ports 1,3 (Schumitt) *Port 7 (Schumitt) port input/interrupt * HS , VS , RES (Schumitt) Port 70 Watchdog timer input Port 0 *Ports 1,3 (Schumitt) *Port 7 (Schumitt) port input/interrupt * HS , VS , RES (Schumitt) Port 70 Watchdog timer input CVIN
4.5 to 5.5 0.6VDD 4.5 to 5.5 0.75VDD
VDD VDD
VIH(3) Low level input voltage VIL(1) VIL(2)
Output disable Output disable Output disable
4.5 to 5.5 VDD-0.5 4.5 to 5.5 4.5 to 5.5 VSS VSS
VDD 0.2VDD
0.25VDD
VIL(3) CVIN Operation cycle time VCVIN tCYC(1) tCYC(2)
Output disable
4.5 to 5.5 5.0
VSS
0.6VDD
0.7Vp-p 1Vp-p 1.4Vp-p Vp-p
*
tCYC(3)
Oscillation frequency range
FmRC
*All functions operating *AD converter operating *OSD and Data slicer are not operating *OSD, AD converter and Data slicer are not operating Internal RC oscillation
4.5 to 5.5 4.5 to 5.5
0.844 0.844
0.848
0.852 30
s
4.5 to 5.5
0.844
400
4.5 to 5.5
0.4
0.8
3.0
MHz
* Vp-p : Peak-to-peak voltage
No.6846-10/19
LC863432A/28A/24A/20A/16A 3. Electrical Characteristics at Ta=-10C to +70C, VSS=0V
Parameter High level input current Symbol IIH(1) Pins Ports 0, 1, 3, 7 Conditions *Output disable *Pull-up MOS Tr. OFF *VIN=VDD (including the offleak current of the output Tr.) *VIN=VDD *Output disable *Pull-up MOS Tr. OFF *VIN=VSS (including the offleak current of the output Tr.) VIN=VSS IOH=-1.0mA IOH=-0.1mA R.G.B: digital mode IOL=10mA IOL=1.6mA IOL=3.0mA R.G.B: digital mode IOL=1mA VOH=0.9VDD Ratings typ. unit A
VDD[V] 4.5 to 5.5
min.
max. 1
IIH(2) Low level input current IIL(1)
* RES * HS , VS Ports 0, 1, 3, 7
4.5 to 5.5 4.5 to 5.5 -1
1
IIL(2) High level output voltage VOH(1) VOH(2) Low level output voltage VOL(1) VOL(2) VOL(3) VOL(4) Rpu RBS
* RES * HS , VS *CMOS output of ports 0,1,3,71-73 R, G, B, BL Ports 0,1,3,71-73 Ports 0,3,71-73 *R, G, B, BL *Port 1 Port 70 *Ports 0, 1, 3, 7 *P10-P12 *P11-P13
4.5 to 5.5 4.5 to 5.5
-1 VDD-1 V
4.5 to 5.5 VDD-0.5 4.5 to 5.5 4.5 to 5.5 4.5 to 5.5 4.5 to 5.5 4.5 to 5.5 4.5 to 5.5 1.5 0.4 0.4 0.4 80 130
Pull-up MOS Tr. resistance Bus terminal short circuit resistance (SCL0-SCL1, SDA0-SDA1) Hysteresis voltage Input clump votage Pin capacitance
13
38
k
VHIS
*Ports 1, 3, 7 * RES * HS , VS CVIN All pins
Output disable
4.5 to 5.5
0.1VDD
V
VCLMP CP
5.0 *f=1MHz *Every other terminals are connected to VSS. *Ta=25C 4.5 to 5.5
2.3
2.5 10
2.7 pF
No.6846-11/19
LC863432A/28A/24A/20A/16A 4. IIC Input/Output Conditions at Ta=-10C to +70C, VSS=0V
Parameter SCL Frequency BUS free time between stop - start HOLD time of start, restart condition L time of SCL H time of SCL Set-up time of restart condition HOLD time of SDA Set-up time of SDA Rising time of SDA, SCL Falling time of SDA, SCL Set-up time of stop condition Symbol fSCL tBUF tHD;STA tLOW tHIGH tSU;STA tHD;DAT tSU;DAT tR tF tSU;STO Standard min. max. 0 100 4.7 4.0 4.7 4.0 4.7 0 250 1000 300 4.0 High speed min. max. 0 400 1.3 0.6 1.3 0.6 0.6 0 0.9 100 20+0.1Cb 300 20+0.1Cb 300 0.6 unit kHz s s s s s s ns ns ns s
(Note)
Refer to figure 8 Cb : Total capacitance of all BUS (unit : pF)
5. Pulse Input Conditions at Ta=-10C to +70C, VSS=0V
Parameter High/low level pulse width Symbol tPIH(1) tPIL(1) tPIH(2) tPIL(2) Pins *INT0, INT1 *INT2/T0IN INT3/T0IN (1 tCYC is selected for noise rejection clock.) INT3/T0IN (16 tCYC is selected for noise rejection clock.) INT3/T0IN (64 tCYC is selected for noise rejection clock.)
RES HS , VS
Conditions *Interrupt acceptable *Timer0-countable *Interrupt acceptable *Timer0-countable
VDD[V] 4.5 to 5.5 4.5 to 5.5
min. 1 2
Ratings typ.
max.
unit tCYC
tPIH(3) tPIL(3)
*Interrupt acceptable *Timer0-countable
4.5 to 5.5
32
tPIH(4) tPIL(4)
*Interrupt acceptable *Timer0-countable
4.5 to 5.5
128
tPIL(5) tPIH(6) tPIL(6)
Reset acceptable *Display position controllable (Note) *The active edge of HS and VS must be apart at least 1 tCYC. *Refer to figure 6. Refer to figure 6.
4.5 to 5.5 4.5 to 5.5
200 8
s
Rising/falling time
tTHL tTLH
HS
4.5 to 5.5
500
ns
No.6846-12/19
LC863432A/28A/24A/20A/16A 6. AD Converter Characteristics at Ta=-10C to + 70C, VSS=0V
Parameter Resolution Absolute precision Conversion time Analog input voltage range Analog port input current Symbol N ET tCAD VAIN IAINH IAINL Vref selection to conversion finish AN4 - AN7 VAIN=VDD VAIN=VSS Pins Conditions (Note) 1 bit conversion time = 2 x Tcyc VSS 1.69 VDD 1 -1 Ratings typ. 6 unit bit LSB s V A
VDD[V] 4.5 to 5.5
min.
max. 1
(Note)
Absolute precision does not include quantizing error (1/2LSB).
7. Analog Mode RGB Characteristics at Ta=-10C to +70C, VSS=0V
Parameter Analog output voltage Time setting Symbol Pins R.G.B Analog output mode R.G.B Conditions Low level output Intensity output Hi lebel output 70% 10pf load Ratings typ. 0.5 1.0 1.5 unit V
VDD[V] 5.0
min. 0.45 0.90 1.35
max. 0.55 1.10 1.65 50
ns
No.6846-13/19
LC863432A/28A/24A/20A/16A 8. Sample Current Dissipation Characteristics at Ta=-10C to +70C, VSS=0V The sample current dissipation characteristics is the measurement result of Sanyo provided evaluation board when the recommended circuit parameters shown in the sample oscillation circuit characteristics are used externally. The currents through the output transistors and the pull-up MOS transistors are ignored.
Parameter Current dissipation during basic operation (Note 3) Symbol IDDOP(1) Pins VDD Conditions *FmX'tal=32.768kHz X'tal oscillation *System clock : VCO *VCO for OSD operating *OSD is Digital mode *Internal RC oscillation stops *FmX'tal=32.768kHz X'tal oscillation *System clock : VCO *VCO for OSD operating *OSD is Analog mode *Internal RC oscillation stops *FmX'tal=32.768kHz X'tal oscillation *System clock : X'tal *VCO for system VCO for OSD, internal RC oscillation stop *Data slicer, AD converters stop *HALT mode *FmX'tal=32.768kHz X'tal oscillation *System clock : VCO *VCO for OSD stops *Internal RC oscillation stops *HALT mode *FmX'tal=32.768kHz X'tal oscillation *VCO for system stops *VCO for OSD stops *System clock : Internal RC *HALT mode *FmX'tal=32.768kHz X'tal oscillation *VCO for system stops *VCO for OSD stops *System clock : X'tal *HOLD mode *All oscillation stops. Ratings typ. 17 unit mA
VDD[V] 4.5 to 5.5
min.
max. 28
IDDOP(2)
VDD
4.5 to 5.5
26
40
IDDOP(3)
VDD
4.5 to 5.5
120
300
A
Current dissipation in HALT mode (Note 3)
IDDHALT(1) VDD
4.5 to 5.5
5
10
mA
IDDHALT(2) VDD
4.5 to 5.5
350
1000
A
IDDHALT(3) VDD
4.5 to 5.5
40
200
Current dissipation in HOLD mode (Note 3)
IDDHOLD
VDD
4.5 to 5.5
0.05
20
A
(Note 3) The currents through the output transistors and the pull-up MOS transistors are ignored.
No.6846-14/19
LC863432A/28A/24A/20A/16A Recommended Oscillation Circuit and Sample Characteristics The sample oscillation circuit characteristics in the table below is based on the following conditions: * Recommended circuit parameters are verified by an oscillator manufacturer using a Sanyo provided oscillation evaluation board. * Sample characteristics are the result of the evaluation with the recommended circuit parameters connected externally. Recommended oscillation circuit and sample characteristics (Ta = -10 to +70C)
Frequency 32.768kHz Manufacturer Seiko Epson Oscillator C-002RX Recommended circuit parameters C1 18pF C2 18pF Rf Rd OPEN 390k Operating supply voltage range 4.5 to 5.5V Oscillation stabilizing time typ. max 1.00S 1.50S Notes
Notes
The oscillation stabilizing time period is the time until the VCO oscillation for the internal system becomes stable after the following conditions. (Refer to Figure 2.) 1. The VDD becomes higher than the minimum operating voltage after the power is supplied. 2. The HOLD mode is released.
The sample oscillation circuit characteristics may differ applications. For further assistance, please contact with oscillator manufacturer with the following notes in your mind. * Since the oscillation frequency precision is affected by wiring capacity of the application board, etc., adjust the oscillation frequency on the production board. * The above oscillation frequency and the operating supply voltage range are based on the operating temperature of -10C to +70C. For the use with the temperature outside of the range herein, or in the applications requiring high reliability such as car products, please consult with oscillator manufacturer. * When using the oscillator which is not shown in the sample oscillation circuit characteristics, please consult with Sanyo sales personnel. Since the oscillation circuit characteristics are affected by the noise or wiring capacity because the circuit is designed with low gain in order to reduce the power dissipation, refer to the following notices. * The distance between the clock I/O terminal (XT1 terminal XT2 terminal) and external parts should be as short as possible. * The capacitors' VSS should be allocated close to the microcontroller's GND terminal and be away from other GND. * The signal lines with rapid state changes or with large current should be allocated away from the oscillation circuit.
XT1
XT2
Rf Rd C1 X'tal
C2
Figure 1
Recommended oscillation circuit.
No.6846-15/19
LC863432A/28A/24A/20A/16A
Power supply
VDD VDD limit 0V Reset time
RES
Internal RC Resonator Oscillation
XT1,XT2 tmsVCO VCO for system stable
Operation mode
Unfixed
Reset
Instruction execution mode

HOLD release signal
Valid
Internal RC Resonator Oscillation
XT1,XT2 tmsVCO VCO for system stable
Operation mode
HOLD
Instruction execution mode

Figure 2
Oscillation stabilizing time
No.6846-16/19
LC863432A/28A/24A/20A/16A
tPIL (1)-(5)
tPIH (1)-(4)
Figure 3
Pulse input timing condition - 1
tPIL(6) HS 0.75VDD 0.25VDD tTLH VS tPIL(6)
more than 1tCYC
Figure 4
Pulse input timing condition - 2
LC863432A 10k HS HS C536
Figure 5
Recommended Interface circuit
No.6846-17/19
LC863432A/28A/24A/20A/16A
Noise filter 1F C-Video 200 1000pF Coupling capacitor CVIN
Output impedance of C-Video before Noise filter should be less then 100. Figure 6 CVIN recommended circuit
100 FILT + 2.2F -
1M
33000pF
Figure 7 (Note)
FILT recommended circuit
Place FILT parts on board as close to the microcontroller as possible.
P
S
Sr
P
SDA
tBUF tHD;STA tR tF tHD;STA tsp
SCL
tLOW tHD;DAT
tHIGH tSU;DAT tSU;STA tSU;STO
S : start condition P : stop condition Sr : restart condition
tsp : Spike suppression
Standard mode : not exist High speed mode : less than 50ns
Figure 8
IIC timing
No.6846-18/19
LC863432A/28A/24A/20A/16A
I1mA
I
I
PAD R500
Figure 9 memo :
R.G.B. analog output equivalent circuit
PS No.6846-19/19


▲Up To Search▲   

 
Price & Availability of LC863416A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X